cmoz2v4c thru cmoz43vc surface mount silicon zener diode 2.4 volts thru 43 volts 2% tolerance description: the central semiconductor cmoz2v4c series zener diode is a high quality voltage regulator in an epoxy-molded ultramini? package, designed for applications requiring low leakage. marking code: consult factory type zener voltage v z @ i zt test current i zt maximum zener impedance z zt @ i zt maximum reverse current i r @ v r min v nom v max v ma a v cmoz2v4c 2.35 2.4 2.45 5.0 100 25 1.0 cmoz2v6c 2.55 2.6 2.65 5.0 100 25 1.0 cmoz2v7c 2.65 2.7 2.75 5.0 100 10 1.0 cmoz3v0c 2.94 3.0 3.06 5.0 95 5.0 1.0 cmoz3v3c 3.23 3.3 3.37 5.0 95 2.0 1.0 cmoz3v6c 3.53 3.6 3.67 5.0 90 2.0 1.0 cmoz3v9c 3.82 3.9 3.98 5.0 90 2.0 1.0 cmoz4v3c 4.21 4.3 4.39 5.0 90 1.0 1.0 cmoz4v7c 4.61 4.7 4.79 5.0 80 3.0 2.0 CMOZ5V1C 5.00 5.1 5.20 5.0 60 2.0 2.0 cmoz5v6c 5.49 5.6 5.71 5.0 40 1.0 2.0 cmoz6v2c 6.08 6.2 6.32 5.0 10 3.0 4.0 cmoz6v8c 6.66 6.8 6.94 5.0 15 2.0 4.0 cmoz7v5c 7.35 7.5 7.65 5.0 15 1.0 5.0 cmoz8v2c 8.04 8.2 8.36 5.0 15 0.7 5.0 cmoz9v1c 8.92 9.1 9.28 5.0 15 0.5 6.0 cmoz10vc 9.80 10 10.20 5.0 20 0.2 7.0 maximum ratings: (t a =25c unless otherwise noted) symbol units power dissipation (note 1) (t a =50c) p d 350 mw power dissipation (note 2) p d 300 mw power dissipation (note 3) p d 250 mw operating and storage junction temperature t j , t stg -65 to +150 c thermal resistance (p d =300mw) ja 417 c/w electrical characteristics: (t a =25c), v f =0.9 max @ i f =10ma (for all types) notes: (1) ceramic or aluminum core pc board with copper mounting pad area of 4.0mm 2 (2) fr-4 epoxy pc board with copper mounting pad area of 4.0mm 2 (3) fr-4 epoxy pc board with copper mounting pad area of 1.4mm 2 sod-523 case r3 (15-april 2011) www.centralsemi.com
cmoz2v4c thru cmoz43vc surface mount silicon zener diode 2.4 volts thru 43 volts 2% tolerance type zener voltage v z @ i zt test current i zt maximum zener impedance z zt @ i zt maximum reverse current i r @ v r min v nom v max v ma a v cmoz11vc 10.78 11 11.22 5.0 20 0.1 8.0 cmoz12vc 11.76 12 12.24 5.0 25 0.1 8.0 cmoz13vc 12.74 13 13.26 5.0 30 0.1 8.0 cmoz15vc 14.70 15 15.30 5.0 30 0.05 10.5 cmoz16vc 15.68 16 16.32 5.0 40 0.05 11.2 cmoz18vc 17.64 18 18.36 5.0 45 0.05 12.6 cmoz20vc 19.60 20 20.40 5.0 55 0.05 14.0 cmoz22vc 21.56 22 22.44 5.0 55 0.05 15.4 cmoz24vc 23.52 24 24.48 5.0 70 0.05 16.8 cmoz27vc 26.46 27 27.54 5.0 80 0.05 18.9 cmoz30vc 29.40 30 30.60 5.0 80 0.05 21.0 cmoz33vc 32.34 33 33.66 5.0 80 0.05 23.1 cmoz36vc 35.28 36 36.72 5.0 90 0.05 25.2 cmoz39vc 38.22 39 39.78 5.0 130 0.05 27.3 cmoz43vc 42.14 43 43.86 5.0 150 0.05 30.1 electrical characteristics - continued: (t a =25c), v f =0.9 max @ i f =10ma (for all types) sod-523 case - mechanical outline lead code: 1) cathode 2) anode www.centralsemi.com r3 (15-april 2011)
|