Part Number Hot Search : 
TDA8137 EM6K1T2R NTE8149 EM91810B AN4140 BYV29 HT68F SBL3045C
Product Description
Full Text Search
 

To Download B2100AF-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sbr is a registered trademark of diodes incorporated. b 2100 af document number: ds 37678 rev. 3 - 2 1 of 5 www.diodes.com march 2015 ? diodes incorporated b 2100 af new product advanced information advance information new product 2.0a schottky barrier rectifier product summary v rrm (v) i o (a) v f (max) (v) @ +25 c i r (max) ( a) @ +25 c 100 2 0.79 10 description and applications the b 2100 a f is a 2 a 10 0 v single rectifier packaged in the low pr ofi le sma f package. providing low v f and excellent reverse leakage stability at high temperatures , this device is ideal for use in general rectification applications such as : ? boost diode ? blocking diode ? recirculating diode features and benefits ? reduced low forward voltage drop ( v f ) ; b etter efficiency and cooler operation. ? reduced high - temperature reverse leakage; increased reliability against thermal runaway failure in high temperature operation . ? lead - free finish; rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3 ) mechanical data ? case: sma f ? case material: m olded plastic, green molding c ompound. ul flammability classification rating 94v - 0 ? moisture sensitivity: level 1 per j - std - 020 ? terminals: finish - matte tin a nnealed over copper l eadframe. solderable per mil - std - 202, method 208 ? polarity: cathode band ? weight: 0.0 36 grams ( a pproximate) ordering information (note 4 ) part number case packaging b 2100 a f - 13 sma f 10 , 000 /tape & reel note s: 1 . eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) compliant. all applicable rohs exemptions applied. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of hal ogen - and antimony - free, "green" and lead - f ree . 3. halogen - and antimony - free "green products are defined as those which contain <900 ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4 . for packaging details, go to our website at http : //www.diodes.com/products/packages.html . marking information sma f b2100af = product type marking code yww = date code marking y = last d igit of y ear (ex: 5 for 20 1 5 ) ww = week c ode ( 01 to 5 3 ) top view smaf green
sbr is a registered trademark of diodes incorporated. b 2100 af document number: ds 37678 rev. 3 - 2 2 of 5 www.diodes.com march 2015 ? diodes incorporated b 2100 af new product advanced information advance information new product maximum ratings (@ t a = +25c, unless otherwise specified.) single phase, half wave, 60hz, resistive or inductive load. for capacitance load, derate current by 20%. characteristic symbol value unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v rm 100 v average rectified output current i o 2 a non - repetitive peak forward surge current 8.3ms single half sine - wave superimposed on rated load i fsm 75 a thermal characteristics characteristic symbol value unit typical thermal resistance junction to ambient (note 5 ) r ja 90 c/w typical thermal resistance junction to case (note 5 ) r j c 23 c/w operating and storage temperature range t j , t stg - 5 5 to + 150 c electrical characteristics (@ t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition forward voltage drop v f f = 2 a, t j = + 25 c i f = 2 a, t j = + 1 25 c leakage current (note 6 ) i r r = 10 0 v, t j = + 25 c v r = 10 0 v, t j = + 1 25 c notes: 5 . device mounted on fr - 4 subst r ate, 0.4" x 0.5", 2oz, single - sided, pc boards with 0.2" x 0.25" copper pad. 6 . short duration pulse test used to minimize self - heating effect.
sbr is a registered trademark of diodes incorporated. b 2100 af document number: ds 37678 rev. 3 - 2 3 of 5 www.diodes.com march 2015 ? diodes incorporated b 2100 af new product advanced information advance information new product 0.01 0.1 1 10 0.0 0.2 0.4 0.6 0.8 1.0 v f , instantaneous forward voltage (v) figure 2 . typical forward characteristics i f , instantaneous forward current (a) - 55 25 85 100 125 150 10 100 1000 0 20 40 60 80 100 c t , total capacitance (pf) v r , dc reverse voltage (v) figure 5 . total capacitance vs. reverse voltage f = 1mhz 0 0.5 1 1.5 2 2.5 0 25 50 75 100 125 150 175 i f , forward current (a) t a , ambient temperature ( ) figure 4. forward current derating curve note 5 1e - 07 1e - 06 1e - 05 0.0001 0.001 0.01 0.1 1 10 20 40 60 80 100 v r , instantaneous reverse voltage (v) figure 3 . typical reverse characteristics i r , instantaneous reverse current (ma) - 55 25 150 100 85 125 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 0 1 2 3 4 p d , power dissipation (w) i f(av) , average forward current (a) figure 1. forward power dissipation note 5
sbr is a registered trademark of diodes incorporated. b 2100 af document number: ds 37678 rev. 3 - 2 4 of 5 www.diodes.com march 2015 ? diodes incorporated b 2100 af new product advanced information advance information new product package outline dimensions please see ap02002 at http://www.diodes.com/datasheets/ap02002.pdf for the latest version. suggested pad layout please see ap02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version. smaf dim min max a 0.90 1.10 b 1.25 1.65 c 0.10 0.40 d 2.25 2.95 e 3.95 4.60 h e 4.80 5.60 l 0.50 1.50 all dimensions in mm dimensions value (in mm) c 4.00 g 1.50 x 2.50 x1 6.50 y 1.70 h d e l b a c e c x 1 y g x
sbr is a registered trademark of diodes incorporated. b 2100 af document number: ds 37678 rev. 3 - 2 5 of 5 www.diodes.com march 2015 ? diodes incorporated b 2100 af new product advanced information advance information new product important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. diodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. any customer or user of t his document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or unauthorized application , customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states, international or fore ign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorp orated products are specifically not authorized for use as critical components in life support devices or systems without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safe ty - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes in corporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. copyright ? 201 5 , diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of B2100AF-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X