Part Number Hot Search : 
ME2113B 20100 580ME HER152 D1275 AME8822 TC124E G1000
Product Description
Full Text Search
 

To Download AS431AKTR-E1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az431 - a document number: ds 36721 rev. 4 C 2 1 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated adjustable precision shunt regulators description the az431 - a is a three - terminal adjustable shunt regulator with guaranteed thermal stability over a full operation range. it features sharp turn - on characteristics, low temperature coefficie nt and low output impedance, which make it ideal substitute for zener diode in applications such as switching power supply, charger and other adjustable regulators. the output voltage of az431 - a can be set to any value between v ref (2.5v) and the corresp onding maximum cathode voltage (36v). the az431 - a precision reference is offered in two voltage tolerance: 0.4% and 0.8%. this ic is available in 4 packages: to 92 (bulk or ammo packing), sot 23 , sot 2 5 and sot 89 . applications ? charger ? voltage adap ter ? switching power supply ? graphic card ? precision voltage reference features ? programmable precise output voltage from 2.5v to 36v ? high stability under capacitive load ? low temperature deviation: 4.5mv typical ? low equivalent full - range temperature coeff icient with 20ppm/ o c typical ? sink current capacity from 1ma to 100 ma ? low output noise ? wide operating range of - 40 to + 125 o c ? lead - free packages: to 92 , sot23 , sot25 , sot 89 ? totally lead - free; rohs compliant (notes 1 & 2) ? lead - free packages, available in gree n molding compound: to 92 , sot23 , sot25 , sot 89 ? totally lead - free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. green device (note 3) notes: 1. no purposely added lead. fully eu directive 2002/95/ec (rohs) & 2011/65/eu (rohs 2) comp liant. 2. see http://www.diodes.com/quality/lead_free.html for more information about diodes incorporateds definitions of halogen - and antimony - free, "green" and lead - free. 3. halogen - and antimony - free "green products are defined as those whi ch contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. pin assignments (top view) (top view) (top view) (sot 23 / n package) (sot 89 option 1 / r package) (sot 89 option 2 / r package) 1 2 3 ref anode cathode 3 2 1 anode ref cathode 1 2 3 ref anode cathode
az431 - a document number: ds 36721 rev. 4 C 2 2 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated pin assignments (cont.) (top view) (top view) (top view) (sot 2 5 / k package) ( to 92 (bulk packing)/ z package) ( to 92 (ammo packing)/ z package) note : 4 . * pin 2 is a ttached to substrate and must be connected to anode or open . typical applications circuit shunt regulator high current shunt regulator 1 2 3 4 5 ref anode nc * cathode ( note 4 ) 1 2 3 anode ref cathode 1 2 3 cathode anode ref
az431 - a document number: ds 36721 rev. 4 C 2 3 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated typical applications circuit (cont.) current source or current limit precision 5v 1a regulator pwm converter with reference
az431 - a document number: ds 36721 rev. 4 C 2 4 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated functional block diagram absolute maximum ratings ( n ote 5 ) symbol parameter rating unit v ka cathode voltage 40 v i ka cathode current range (continuous) - 100 to 150 ma i ref reference input current range 10 ma p d power dissipation z, r package: 770 mw n, k package: 370 t j junction temperature + 150 oc t stg storage temperature range - 65 to + 150 oc esd esd ( human body model) 20 00 v note : 5 . stresse s greater than those listed under absolute maximum ratings may cause permanent damage to the device. these are stress ratin gs only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operatin g conditions is not implied. exposure to absolute maximum ratings for extended periods may affect device reliability. recommended operating conditions symbol parameter min max unit v ka cathode voltage v ref 36 v i ka cathode current 1.0 100 ma t a operating ambient temperature range - 40 + 125 oc
az431 - a document number: ds 36721 rev. 4 C 2 5 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated electrical characteristics (@ t a = + 25c, unless otherwise specified .) symbol test circuit parameter conditions min typ max unit v ref 4 reference voltage 0.4% v ka = v ref , i ka = 10ma 2.490 2.500 2.5 10 v 0.8% 2.480 2.500 2.520 ? v ref 4 deviation of reference voltage over full temperature range v ka = v ref i ka = 10ma 0 to + 70 o c C 4.5 8 mv - 40 to + 85 o c C 4.5 10 - 40 to + 125 o c C 4.5 16 ? v ref ? v ka 5 ratio of change in reference voltage to the change in cathode voltage i ka = 10ma ? v ka = 10v to v ref C - 1.0 - 2.7 mv/v ? v ka = 36v to 10v C - 0.5 - 2.0 i ref 5 reference current i ka = 10ma, r1 = 10k, r2 = C 0.7 4 a ? i ref 5 deviation of reference current over full temperature range i k a = 10ma, r1 = 10k r2 = , t a = - 40 to + 125 o c C 0.4 1.2 a i ka (min) 4 minimum cathode current for regulation v ka = v ref C 0.4 1.0 ma i ka (off) 6 off - state cathode current v ka = 36v, v ref = 0 C 0.05 1.0 a z ka 4 dynamic impedance v ka = v ref , i ka = 1 to 100ma, f 1.0khz C 0.15 0.5 jc C thermal resistance sot23 C 135.48 C o c/w C sot 25 C 135.48 C C to 92 C 81.63 C C sot 89 C 29.80 C
az431 - a document number: ds 36721 rev. 4 C 2 6 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated electrical characteristics ( cont. ) test circuit 4 for v ka = v ref test circuit 5 for v ka > v ref test circuit 6 for i off
az431 - a document number: ds 36721 rev. 4 C 2 7 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated performance characteristics reference voltage vs. ambient temperature reference current vs. ambient temperature cathode current v s. cathode voltage cathode current vs. cathode voltage off - state cathode current v s. ambient temperature ratio of delta reference voltage to the ratio of delta cathode voltage -60 -40 -20 0 20 40 60 80 100 120 140 2.485 2.490 2.495 2.500 2.505 2.510 reference voltage (v) ambient temperature ( o c) v ka = v ref i ka = 10ma -2 -1 0 1 2 3 -100 -50 0 50 100 150 cathode current (ma) cathode voltage (v) v ka =v ref t a =25 0 c -40 -20 0 20 40 60 80 100 120 -1.4 -1.3 -1.2 -1.1 -1.0 -0.9 v ka =3.5v to 36v ? v ref / ? v ka (mv/v) ambient temperature ( o c) -60 -40 -20 0 20 40 60 80 100 120 140 0.0 0.5 1.0 1.5 r 1 =10k,r 2 =infinite i ka =10ma reference current ( ? a) ambient temperature ( 0 c) -40 -20 0 20 40 60 80 100 120 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 off-state cathode current ( ? a) ambient temperature ( o c) v ka =36v v ref =0 -1.0 -0.5 0.0 0.5 1.0 1.5 2.0 2.5 -200 0 200 400 600 800 cathode current ( ? a) cathode voltage (v) v ka =v ref t a =25 0 c
az431 - a document number: ds 36721 rev. 4 C 2 8 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated performa nce characteristics (cont.) small signal voltage gain vs. frequency reference impedance vs. frequency stability boundary conditions vs. load capacitance 1k 10k 100k 1,000k 0.1 1 10 reference impedance ( ? ) frequency (hz) i ka =10ma t a =25 o c 1e-3 0.01 0.1 1 10 100 0 10 20 30 40 50 60 70 80 90 100 v ka =v ref v ka = 5v v ka =10v v ka =15v: no oscillation stable stable cathode current (ma) load capacitance ( ? f) 1k 10k 100k 1m -10 0 10 20 30 40 50 60 70 voltage gain (db) small signal frequency (hz) t a =25 0 c i ka =10ma
az431 - a document number: ds 36721 rev. 4 C 2 9 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated performance characteristics (cont.) pulse res ponse of input and output voltage 0 2 4 6 0 1 2 3 4 5 input input and output voltage (v) time ( ? s) output
az431 - a document number: ds 36721 rev. 4 C 2 10 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated ordering information diodes ic 's pb - free products, as designated with " e 1" suffix in the part number, are rohs compliant . products with " g1 " suffix are available in green packages . package temperature range voltage tolerance part number marking id packing lead - free green lead - free green sot 23 - 40 to +125 ? c 0.4% az431an - atre1 az431an - atrg1 ea1 ga1 3000 / tape & reel 0.8% az431bn - atre1 az431bn - atrg1 ea2 ga2 3000 / tape & reel sot 2 5 - 40 to +125 ? c 0.4% az431ak - atre1 az431ak - atrg1 e3a g3a 3000 / tape & reel 0.8% az431bk - atre1 az431bk - atrg1 e3b g3b 3000 / tape & reel to 92 - 40 to +125 ? c 0.4% az431az - ae1 az431az - ag1 az431az - ae1 az431az - ag1 1000 / bulk 0.4% az431az - atre1 az431az - atrg1 az431az - ae1 az431az - ag1 2000 / ammo 0.8% az431bz - ae1 az431bz - ag1 az431bz - ae1 az431bz - ag1 1000 / bulk 0.8% az431bz - atre1 az431bz - atrg1 az431bz - ae1 az431bz - ag1 2000 / ammo sot 89 - 40 to +125 ? c 0.4% az431ar - atre1 az 431ar - atrg1 e43a g43a 1000 / tape & reel 0.8% az431br - atre1 az431br - atrg1 e43b g43b 1000 / tape & reel a z 4 3 1 x x - x x x x x p a c k i n g p a c k a g e t r : t a p e & r e e l n : s o t 2 3 k : s o t 2 5 p r o d u c t n a m e e 1 / g 1 b l a n k : b u l k e 1 : l e a d f r e e g 1 : g r e e n r : s o t 8 9 z : t o 9 2 v o l t a g e t o l e r a n c e a : 4 0 v c a t h o d e v o l t a g e a : 0 . 4 % b : 0 . 8 % o r a m m o pb lead-free
az431 - a document number: ds 36721 rev. 4 C 2 11 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated marking information (1) to92 (top view) (2) sot23 (top view) xxxxx x z - x x 1 ywwaxx xxx : logo xxx: marking id ( s ee o rdering i nformation) first and s econd l ine: logo and marking id ( s ee o rdering i nformation) third l ine: date cod e y: y ear ww: w ork w eek of m olding a: a ssembly h ouse c ode xx: 7 th and 8 th d igits of batch number. 3
az431 - a document number: ds 36721 rev. 4 C 2 12 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated marking information (cont.) (3) sot25 (top v iew) (4) sot89 (top view) xxx x : logo xxx x : marking id ( s ee o rdering i nformation) xxx : logo xxx: marking id ( s ee o rdering i nformation)
az431 - a document number: ds 36721 rev. 4 C 2 13 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated package outline dimensions (1) package type: to 92 (bulk packing) 2 . 4 2 0 ( 0 . 0 9 5 ) 2 . 6 6 0 ( 0 . 1 0 5 ) 0 . 3 6 0 ( 0 . 0 1 4 ) 0 . 7 6 0 ( 0 . 0 3 0 ) 1 . 6 0 0 ( 0 . 0 6 3 ) m a x 1 2 . 5 0 0 ( 0 . 4 9 2 ) 1 5 . 5 0 0 ( 0 . 6 1 0 ) 1 . 2 7 0 ( 0 . 0 5 0 ) t y p 3 . 3 0 0 ( 0 . 1 3 0 ) 3 . 7 0 0 ( 0 . 1 4 6 ) 4 . 3 0 0 ( 0 . 1 6 9 ) 4 . 7 0 0 ( 0 . 1 8 5 ) 1 . 0 0 0 ( 0 . 0 3 9 ) 1 . 4 0 0 ( 0 . 0 5 5 ) 4 . 4 0 0 ( 0 . 1 7 3 ) 4 . 8 0 0 ( 0 . 1 8 9 ) 3 . 4 3 0 ( 0 . 1 3 5 ) m i n 0 . 3 2 0 ( 0 . 0 1 3 ) 0 . 5 1 0 ( 0 . 0 2 0 ) 0 . 0 0 0 ( 0 . 0 0 0 ) 0 . 3 8 0 ( 0 . 0 1 5 )
az431 - a document number: ds 36721 rev. 4 C 2 14 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated package outline dimensions (cont.) (2) package type: to 92 (ammo pac king) 4 . 3 0 0 ( 0 . 1 6 9 ) 4 . 7 0 0 ( 0 . 1 8 5 ) 1 2 . 5 0 0 ( 0 . 4 9 2 ) 1 4 . 5 0 0 ( 0 . 5 7 1 ) 2 . 5 4 0 ( 0 . 1 0 0 ) t y p 1 . 2 7 0 ( 0 . 0 5 0 ) t y p 0 . ( 0 . 0 1 5 ) 0 . 5 5 0 ( 0 . 0 2 2 ) 4 . 4 0 0 ( 0 . 1 7 3 ) 4 . 8 0 0 ( 0 . 1 8 9 ) 3 . 4 3 0 ( 0 . 1 3 5 ) m i n 0 . 3 2 0 ( 0 . 0 1 3 ) 0 . 5 1 0 ( 0 . 0 2 0 ) 0 . 0 0 0 ( 0 . 0 0 0 ) 0 . 3 8 0 ( 0 . 0 1 5 ) m a x 1 . 1 0 0 ( 0 . 0 4 3 1 . 4 0 0 ( 0 . 0 5 5 ) 3 . 3 0 0 ( 0 . 1 3 0 ) 3 . 8 0 0 ( 0 . 1 5 0 ) 1 . 6 0 0 ( 0 . 0 6 3 ) ) 3 8 0 2 . 5 0 0 ( 0 . 0 9 8 ) 4 . 0 0 0 ( 0 . 1 5 7 ) 1 3 . 0 0 0 ( 0 . 5 1 2 ) 1 5 . 0 0 0 ( 0 . 5 9 1 )
az431 - a document number: ds 36721 rev. 4 C 2 15 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated package outline dimensions (cont.) (3) package type: sot 23 2 . 3 0 0 ( 0 . 0 9 1 ) 2 . 5 0 0 ( 0 . 0 9 8 ) 1 . 2 0 0 ( 0 . 0 4 7 ) 1 . 4 0 0 ( 0 . 0 5 5 ) 0 . 8 9 0 ( 0 . 0 3 5 ) 1 . 0 3 0 ( 0 . 0 4 1 ) 0 . 3 0 0 ( 0 . 0 1 2 ) 0 . 5 1 0 ( 0 . 0 2 0 ) 1 . 9 0 0 ( 0 . 0 7 5 ) r e f 2 . 8 0 0 ( 0 . 1 1 0 ) 3 . 0 0 0 ( 0 . 1 1 8 ) 2 . 0 3 . 0 0 . 5 0 0 ( 0 . 0 2 0 ) 0 . 7 0 0 ( 0 . 0 2 8 ) 1 . 0 5 0 ( 0 . 0 4 1 ) r e f 0 . 0 1 0 ( 0 . 0 0 0 4 ) 0 . 1 0 0 ( 0 . 0 0 4 ) 0 . 9 0 0 ( 0 . 0 3 5 ) 1 . 1 0 0 ( 0 . 0 4 3 ) 4 r 0 . 1 0 0 ( 0 . 0 0 4 ) 7 . 0 7 . 0 0 . 5 5 0 ( 0 . 0 2 2 ) r e f 0 . 2 0 0 ( 0 . 0 0 8 ) m i n 0 . 1 0 0 ( 0 . 0 0 4 ) g a u g e p l a n e 0 . 0 8 0 ( 0 . 0 0 3 ) 0 . 1 8 0 ( 0 . 0 0 7 ) r 0 . 1 0 0 ( 0 . 0 0 4 ) 0 . 0 ~ 1 0 . 0
az431 - a document number: ds 36721 rev. 4 C 2 16 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated package outline dimensions (cont.) (4) package typ e: sot 2 5 2 . 8 2 0 ( 0 . 1 1 1 ) 2 . 6 5 0 ( 0 . 1 0 4 ) 1 . 5 0 0 ( 0 . 0 5 9 ) 0 . 0 0 0 ( 0 . 0 0 0 ) 0 . 3 0 0 ( 0 . 0 1 2 ) 0 . 9 5 0 ( 0 . 0 3 7 ) 0 . 9 0 0 ( 0 . 0 3 5 ) 0 . 1 0 0 ( 0 . 0 0 4 ) 0 . 2 0 0 ( 0 . 0 0 8 ) 0 . 3 0 0 ( 0 . 0 1 2 ) 8 0 3 . 1 0 0 ( 0 . 1 2 2 ) 1 . 7 0 0 ( 0 . 0 6 7 ) 3 . 0 0 0 ( 0 . 1 1 8 ) 0 . 5 0 0 ( 0 . 0 2 0 ) 0 . 1 5 0 ( 0 . 0 0 6 ) 1 . 3 0 0 ( 0 . 0 5 1 ) 0 . 2 0 0 ( 0 . 0 0 8 ) 0 . 6 0 0 ( 0 . 0 2 4 ) 1 . 8 0 0 ( 0 . 0 7 1 ) 2 . 0 0 0 ( 0 . 0 7 9 ) 0 . 7 0 0 ( 0 . 0 2 8 ) r e f t y p 1 . 4 5 0 ( 0 . 0 5 7 ) m a x
az431 - a document number: ds 36721 rev. 4 C 2 17 of 2 1 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated package outline dimensions (cont.) (5) package type: sot 89 4 5 1 . 5 5 0 ( 0 . 0 6 1 ) r e f 4 . 4 0 0 ( 0 . 1 7 3 ) 4 . 6 0 0 ( 0 . 1 8 1 ) 0 . 9 0 0 ( 0 . 0 3 5 ) 1 . 2 0 0 ( 0 . 0 4 7 ) 3 . 9 5 0 ( 0 . 1 5 6 ) 4 . 2 5 0 ( 0 . 1 6 7 ) 3 . 0 0 0 ( 0 . 1 1 8 ) t y p 0 . 4 8 0 ( 0 . 0 1 9 ) 2 . 3 0 0 ( 0 . 0 9 1 ) 2 . 6 0 0 ( 0 . 1 0 2 ) 0 . 3 2 0 ( 0 . 0 1 3 ) 0 . 5 4 0 ( 0 . 0 2 1 ) 3 1 0 2 . 0 6 0 ( 0 . 0 8 1 ) r e f 1 . 4 0 0 ( 0 . 0 5 5 ) 1 . 6 0 0 ( 0 . 0 6 3 ) 0 . 3 5 0 ( 0 . 0 1 4 ) 0 . 4 5 0 ( 0 . 0 1 8 ) r 0 . 1 5 0 ( 0 . 0 0 6 ) 3 1 0 1 . 5 0 0 ( 0 . 0 5 9 ) 0 . 3 2 0 ( 0 . 0 1 3 ) r e f 1 . 6 2 0 ( 0 . 0 6 4 ) r e f 2 . 2 1 0 ( 0 . 0 8 7 ) r e f 0 . 3 2 0 ( 0 . 0 1 3 ) 0 . 5 4 0 ( 0 . 0 2 1 ) 1 . 8 0 0 ( 0 . 0 7 1 ) o p t i o n 1 o p t i o n 2 0 . 6 2 0 ( 0 . 0 2 4 ) 1 . 0 3 0 ( 0 . 0 4 1 ) r e f r 0 . 2 0 0 ( 0 . 0 0 8 ) 1 . 6 2 0 ( 0 . 0 6 4 ) 1 . 8 3 0 ( 0 . 0 7 2 ) 2 . 6 3 0 ( 0 . 1 0 4 ) 2 . 9 3 0 ( 0 . 1 1 5 ) o p t i o n 1
az431 - a document number: ds 36721 rev. 4 C 2 18 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated suggested pad layout (1) package type : sot 23 dimensions z (mm)/(inch) g (mm)/(inch) x (mm)/(inch) y (mm)/(inch) e (mm)/(inch) value 2.900/0.114 1.100/0.043 0.800/0.031 0.900/0.035 0.950/0.037 y g z y x e g r i d p l a c e m e n t c o u r t y a r d
az431 - a document number: ds 36721 rev. 4 C 2 19 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated suggested pad layout (cont.) (2) package type: sot2 5 dimensions z (mm)/(inch) g (mm)/(inch) x (mm)/(inch) y (mm)/(inch) e1 (mm)/(inch) e2 (mm)/(inch) value 3.600/0.142 1.600/0.063 0.700/0.028 1.000/0.039 0.950/0.037 1.900/0.075 e 2 e 1 y x g z
az431 - a document number: ds 36721 rev. 4 C 2 20 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated suggested pad layout (cont.) (3) package type: sot 89 dimensions z (mm)/(inch) x (mm)/(inch) x1 (mm)/(inch) x2 (mm)/(inch) y (mm)/(inch) y1 (mm)/(inch) e (mm)/(inch) value 4.600/0.181 0.550/0.022 1.850/0.073 0.800/0.031 1.300/0.051 1.475/0.058 1.500/0.059 x 1 x 2 y 1 e x y z
az431 - a document number: ds 36721 rev. 4 C 2 21 of 21 www.diodes.com january 2014 ? di odes incorporated az431 - a a product line of diodes incorporated important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalent s under the laws of any jurisdiction). diodes incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes without further notice to this document and any product described herein. d iodes incorporated does not assume any liability arising out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license unde r its patent or trademark rights, nor the rights of others. an y customer or user of this document or products described herein in such applications shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diod es incorporated website, harmles s against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthor ized sales channel. should customers purchase or use diodes incorporated products for any unintended or u nauthorized application, customers shall indemnify and hold diodes incorporated and its representatives harmless against all claims, damages, expenses, and attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associat ed with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product nam es and markings noted herein may also be covered by one or more united states , international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of this document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical components in life support devices or system s without the express written approval of the chief executive officer of diodes incorporated. as used herein: a. life support devices or systems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when properly used in accordance with instructions for use provided i n the labeling can b e reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support device or system whose failure to perform can be reasonably expe cted to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifications of their life support d evices or systems, and acknowledge and agree that they are solely responsible for all lega l, regulatory and safety - related requirements concerning their products and any use of diodes incorporated products in such safety - critical, life support devices or systems, notwithstanding any devices - or systems - related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporated and its representatives against any damages arising out of the use of diodes incorporated products in such safety - critical, life support devices or systems. cop yright ? 2012, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of AS431AKTR-E1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X