Part Number Hot Search : 
R1001 BD5001 TMS470 LT3571 TMS470 XXXBA LG2640 TC201406
Product Description
Full Text Search
 

To Download AS2431A1VS13 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 astec semiconductor as2431 precision adjustable shunt reference features temperature-compensated: 15 ppm/?c trimmed bandgap reference internal amplifier with 100 ma capability multiple temperature ranges low frequency dynamic output impedance: < 450 m? low output noise description the as2431 is a three-terminal adjustable shunt regulator providing a highly accu- rate bandgap reference. the adjustable shunt regulator is ideal for a wide variety of linear applications that can be implemented using external components to obtain adjustable currents and voltages. in the standard shunt configuration, the combination of low temperature coeffi- cient (tc), sharp turn-on characteristics, low output impedance and program- mable output voltage make this precision reference an excellent error amplifier. the as2431 is a direct replacement for the as431 in low voltage, low current appli- cations. it is also available in the very small footprint sot-23. semiconductor pin configuration ? top view cathode to-92 (lp) soic (d) anode reference cathode reference anode anode n/c cathode anode anode n/c sot-89 (s) sot-23/3l (vs) anode reference 1 2 3 4 8 7 6 5 cathode reference anode circuit type: precision adjustable shunt regulator temperature range: a = 0 c to 70 c b = 0 c to 105 c c = ?0 c to +85 c d = ?5 c to +125 c bandgap tolerance: 2 1 r4 r5 r25 = 2% = 1% = 0.4% = 0.5% = 0.25% as2431 a 2 d 7 packaging option: a b t 7 13 package style: d lp s vs = ammo pack = bulk = tube = tape and reel (7" reel dia) = tape and reel (13" reel dia) = soic = to-92 = sot-89 = sot-23/3l ordering information
2 astec semiconductor as2431 precision adjustable shunt reference functional block diagram absolute maximum ratings parameter symbol rating units cathode-anode reverse breakdown v ka 18 v anode-cathode forward current i ak 1 a operating cathode current i ka 100 ma reference input current i ref 1 ma continuous power dissipation at 25 ? c p d t o-92 775 mw 8l soic 750 mw sot -89 1000 mw sot -23/3l 200 mw junction t emperature t j 150 ? c storage t emperature t stg e65 to 150 ? c lead t emp, soldering 10 seconds t l 300 ? c stresses greater than those listed under absolute maximum ra tings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operati onal sec - tions of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may af fect reliability . e + reference (r) anode (a) cathode (k) 2.5 v recommended conditions parameter symbol rating unit cathode v oltage v ka v ref to 18 v cathode current i k 10 ma t ypical thermal resistances package q ja q jc t ypical derating t o-92 160 ? c/w 80 ? c/w 6.3 mw/ ? c soic 175 ? c/w 45 ? c/w 5.7 mw/ ? c sot -89 1 10 ? c/w 8 ? c/w 9.1 mw/ ? c sot -23/3l 575 ? c/w 150 ? c/w 1.7 mw/ ? c
3 astec semiconductor as2431 precision adjustable shunt reference electrical characteristics electrical characteristics are guaranteed over full junction temperature range (0 to 105 ? c). ambient temperature must be derated based on power dissipation and package thermal characteristics. the conditions are: v ka = v ref and i k = 10 ma unless otherwise stated. t est as2431 (0.25%) as2431 (0.5%) t est parameter symbol condition min. t yp. max. min. t yp. max. unit circuit reference v oltage v ref t a = 25 ? c 2.494 2.500 2.506 2.490 2.500 2.515 v 1 over temp. 2.480 2.518 2.480 2.530 v 1 ? v ref with t emp* tc 0.04 0.06 0.04 0.06 mv/ ? c 1 ratio of change in ? v ref v ref to 10 v e2.7 e1.01 e2.7 e1.01 v ref to cathode ? v k mv/v 2 v oltage 10 v to 18 v e2 .0 e0.4 0.3 e2 .0 e0.4 0.3 reference input i ref 0.7 4 0.7 4 a 2 current i ref t emp deviation ? i ref over temp. 0.4 1.2 0.4 1.2 a 2 min i k for regulation i k(min) 0.4 1 0.4 1 ma 1 of f state leakage i k(of f) v ref = 0 v , 0.04 500 0.04 500 na 3 v ka = 18 v dynamic output z ka f 2 1 khz 0.45 1 0.45 1 ? 1 impedance i k = 1 to 150 ma t est as2431 (1.0%) as2431 (2.0%) t est parameter symbol condition min. t yp. max. min. t yp. max. unit circuit reference v oltage v ref t a = 25 ? c 2.470 2.495 2.520 2.440 2.495 2.550 v 1 over temp. 2.450 2.540 2.415 2.580 v 1 ? v ref with t emp* tc 0.04 0.06 0.04 0.06 mv/ ? c 1 ratio of change in ? v ref v ref to 10 v e2.7 e1.01 e2.7 e1.01 v ref to cathode ? v k mv/v 2 v oltage 10 v to 18 v e2 .0 e0.4 0.3 e2 .0 e0.4 0.3 reference input i ref 0.7 4 0.7 4 a 2 current i ref t emp deviation ? i ref over temp. 0.4 1.2 0.4 1.2 a 2 min i k for regulation i k(min) 0.4 1 0.4 1 ma 1 of f state leakage i k(of f) v ref = 0 v , 0.04 500 0.04 500 na 3 v ka = 18 v dynamic output z ka f 2 1 khz 0.45 1 0.45 1 ? 1 impedance i k = 1 to 150 ma *calculating a verage t emperature coef ficient (tc). refer to following page.
4 astec semiconductor as2431 precision adjustable shunt reference t est circuits figure 1a. t est circuit 1 figure 1b. t est circuit 2 figure 1c. t est circuit 3 a verage t emperature coefficient 0 ?0 ?0 0.5 5000 0 0 0 15 0.07 mv/ c 0.003%/ c 27 ppm/ c 30 45 60 75 90 105 ppm mv % d v ref d t t emperature ( c) ?tc in mv/ c = ?tc in %/ c = d t a d t a x 100 d v ref (mv) v ref at 25 c d v ref ?tc in ppm/ c = d t a x 10 6 v ref at 25 c d v ref r 1 r 2 i k v in v ka (v ref ) i ref i ref i k v in v ka = v ref i k (off) v in v ka
5 astec semiconductor as2431 precision adjustable shunt reference t ypical performance figure 2 figure 4 figure 3 figure 5 i k ?cathode current ( m a) 900 700 600 500 400 300 200 100 0 ?00 ?00 800 ?.0 0 1.0 v ka ?cathode v oltage (v) 2.0 3.0 low current operating characteristics v ka = v ref t emperature range: ?5 to 125 c 125 c 25 c ?5 c i k ?cathode current (ma) 150 125 100 75 50 25 0 ?5 ?0 ?5 ?00 ? ? 0 1 2 3 v ka ?cathode v oltage (v) high current operating characteristics v ka = v ref t emperature range: ?5 to 125 c i z off ?off state cathode current (na) 100 10 1 0.1 0.01 ?0 ?0 0 30 t a ?ambient t emperature ( c) 60 90 120 off state leakage v ka = 18 v v ref = 0 v v ref ?reference v oltage (v) 3.53 2.52 2.51 2.50 2.49 2.48 2.47 2.46 2.45 ?0 ?0 0 30 t a ?ambient t emperature ( c) 60 90 120 v ka = v ref i k = 10 ma reference v oltage vs ambient t emperature v ref = 2.500 v at 25 c
6 astec semiconductor as2431 precision adjustable shunt reference t ypical performance curves figure 6 figure 8 figure 7 figure 9 3.0 2.5 2.0 1.5 1.0 0.5 0 ?0 ?0 0 30 60 90 120 i ref ?reference input current ( m a) t a ?ambient t emperature ( c) reference input current r1 = 10 k w r2 = i k =10 ma 0 ? ?0 ?5 ?0 ?5 0 3 6 9 v ka ?cathode v oltage (v) 12 15 18 d v ref ?change in reference v oltage (mv) i k = 10 ma t emperature range: ?5 to 125 c ?0 c 25 c 75 c 125 c reference v oltage line regulation 70 60 50 40 30 20 10 0 10 100 1 k f ?frequency (hz) 10 k 100 k noise v oltage nv/ hz v ka = v ref i k = 10 ma t a = 25 c noise v oltage z ka ?dynamic impedance ( w ) 0.150 0.125 0.100 0.075 0.050 0.025 0.0 ?0 ?0 0 30 t a ?free air t emperature 60 90 120 v ka = v ref i ka = 1 to 100 ma f 1 khz low frequency dynamic output impedance
7 astec semiconductor as2431 precision adjustable shunt reference t ypical performance curves figure 10 figure 1 1 100 10 1.0 z ka ?dynamic impedance ( w ) 0.1 0.01 1 k 10 k 100 k f ?frequency (hz) 1 m 10 m t a = 25 c i k = 1 to 100 ma dynamic output impedance 70 60 50 40 30 20 10 0 1 k 10 k 100 k 1 m 10 m f ?frequency (hz) 230 w i k a v ?small signal v oltage gain (db) t emperature range: ?5 to 125 c i k = 10 ma out gnd 15 k 8.25 k 9 m f small signal v oltage gain vs. frequency
8 astec semiconductor as2431 precision adjustable shunt reference t ypical performance curves figure 12 figure 13 6 5 4 3 input and output v otages (v) 2 1 0 ? 0 1 2 3 4 5 6 7 t ?t ime (ms) 8 9 10 11 12 input output pulse response input monitor 220 w 50 w out gnd f p = 100 khz 100 90 80 70 60 50 40 30 20 10 0 10 0 10 1 10 2 10 3 c l ?load capacitance (pf) 10 4 10 5 10 6 10 7 150 w c l 10 k i k a c d b t a = 25 c stability boundar y conditions stability region i k ?cathode current (ma) a: v ka = v ref b: v ka = 5 v at i k = 10 ma c: v ka = 10 v at i k = 10 ma d: v ka = 15 v at i k = 10 ma


▲Up To Search▲   

 
Price & Availability of AS2431A1VS13

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X