Part Number Hot Search : 
IRL3705N LCD10 N74F842D 24M00 0EVKI 4732A HER3003 AT508
Product Description
Full Text Search
 

To Download AN20115A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 publication date: may 2007 sdb00152aeb data sheet AN20115A part no. package code no. qfn044-p-0606c maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
AN20115A 2 sdb00152aeb contents ? overview ????.????????????????????????????????????. 3 ? features ?????????????...???????????????????????????. 3 ? applications ???????????????????????????????????????. 3 ? package ?????????????...???????????????????????????. 3 ? type ???.??.????????????????????????????????????? 3 ? block diagram ?.??????...?????????????????????????????? 4 ? application circuit example ?.??????...????????????????????????? 5 ? pin descriptions ???????..??????????????????????????????. 6 ? absolute maximum ratings ????????..?????..??????????......??????? 8 ? operating supply voltage range ????????????????..??????????????. 8 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
AN20115A 3 sdb00152aeb AN20115A vertical driver ic for motion picture ccd image sensors ? overview AN20115A is an ic which controls ccd verti cal register and has eight 2-level output channels, six 3-level output channels, and one shutter driver channel. it corresponds to the 3 : 1 interlace drive and the 9-pixel addition drive. ? features y output drivers 2-level 20 outputs 3 channels 2-level 50 outputs 1 channel 2-level 1 280 outputs 4 channels 3-level 20 outputs 6 channels vod shutter driver 38 1 channel ? applications y for digital still cameras ? package y 44-pin plastic quad flat non- leaded package (qfn type) ? type y cmos ic maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
AN20115A 4 sdb00152aeb ? block diagram ov5l ch5 ch2 v3 ch1 ov3r ov3l ov5b vh ch4 sub ov5a osub vl ov2 ov4 vdc v6 v4 level conversion level conversion level conversion ov3b ov6 gnd v2 v5r v5l level conversion level conversion v3r v3l level conversion level conversion reset vmsub subcnt 2 10 6 24 23 22 5 27 13 28 4 31 30 29 38 39 36 37 9 15 18 17 11 12 26 7 40 42 41 34 32 3 2-level 3-level 3-level 3-level vl vh v1s 35 level conversion level conversion level conversion 2-level 2-level 2-level 2-level 2-level 2-level 3-level ov5r 16 2-level ov1s 19 level conversion level conversion level conversion level conversion ov1a 21 3-level ov1b 20 3-level ov3a 14 3-level level conversion level conversion ch6 ch3 v5 43 1 44 v1 33 level conversion level conversion level conversion 8,25 maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
AN20115A 5 sdb00152aeb ? application circuit example 33 28 29 30 31 32 35 36 37 16 15 17 18 19 20 21 23 24 25 26 27 vh vl ov3a ov3b sub gnd vh ch4 v4 v2 reset ch2 subcnt v6 ov5r ov5l ov3r ov3l ov5a ov6 vh ov1b vdc gnd v1 v1s v3l v5l v5r ch5 v3 v3r ov5b vl ov2 ov4 from timing generator ch6 vmsub osub 0.1 f 1 m 1 f 100 k v5b v5a v3b v3a sub v5l v5r v3l v3r pt ccd v1a v6 v4 v2 2 38 39 40 41 42 43 3 4 5 6 7 8 9 10 11 12 13 14 1 ch3 vl vdc from micro computer 22 ov1s 34 ch1 v1s v1b ov1a 44 v5 gnd 1 000 pf note) insert bypass capacitors between each of the AN20115A power supply pins (vh, vl, vdc) and a ground with the lowest possibl e impedance. connect the AN20115A vl pin directly to the ccd pt pin. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
AN20115A 6 sdb00152aeb ? pin descriptions e-shutter pulse osub i nput (3.3 v cmos level) input sub 3 charge pulse ov5b input (3.3 v cmos level) input ch3 1 transfer pulse ov1s input (3.3 v cmos level) input v1s 35 charge pulse ov1b input (3.3 v cmos level) input ch1 34 transfer pulse ov6 input (3.3 v cmos level) input v6 31 transfer pulse ov4 input (3.3 v cmos level) input v4 30 transfer pulse ov2 input (3.3 v cmos level) input v2 29 transfer pulse 2-level output (gnd, vl) output ov2 24 transfer pulse 2-level output (gnd, vl) output ov4 23 transfer pulse 2-level output (gnd, vl) output ov6 22 transfer pulse 3-level output (vh, gnd, vl) output ov1a 21 transfer pulse 3-level output (vh, gnd, vl) output ov1b 20 transfer pulse 2-level output (gnd, vl) output ov1s 19 transfer pulse ov1a, ov1b input (3.3 v cmos level) input v1 33 charge pulse ov1a input (3.3 v cmos level) input ch4 32 reset input. active low re set (3.3 v cmos level) input reset 28 output low level power supply power supply vl 27 output high level power supply power supply vh 26 logic system gnd, output middle-level power supply ground gnd 25 transfer pulse 2-level output (gnd, vl) output ov3r 18 transfer pulse 2-level output (gnd, vl) output ov3l 17 transfer pulse 2-level output (gnd, vl) output ov5r 16 transfer pulse 2-level output (gnd, vl) output ov5l 15 transfer pulse 3-level output (vh, gnd, vl) output ov3a 14 transfer pulse 3-level output (vh, gnd, vl) output ov3b 13 transfer pulse 3-level output (vh, gnd, vl) output ov5a 12 transfer pulse 3-level output (vh, gnd, vl) output ov5b 11 transfer pulse 3-level output (vh, vmsub, vl) output osub 10 output middle level power supply power supply vmsub 9 logic system gnd, output middle-level power supply ground gnd 8 output high level power supply power supply vh 7 output low level power supply power supply vl 6 logic system gnd, output middle-level power supply ground gnd 5 logic system power supply power supply vdc 4 pixel addition pulse osub input (3.3 v cmos level) input subcnt 2 description type pin name pin no. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
AN20115A 7 sdb00152aeb ? pin descriptions (continued) transfer pulse ov3r input (3.3 v cmos level) input v3r 36 transfer pulse ov3l input (3.3 v cmos level) input v3l 37 transfer pulse ov5r input (3.3 v cmos level) input v5r 38 transfer pulse ov5l input (3.3 v cmos level) input v5l 39 charge pulse ov3a input (3.3 v cmos level) input ch5 40 transfer pulse ov3a, ov3b input (3.3 v cmos level) input v3 41 charge pulse ov3b input (3.3 v cmos level) input ch2 42 charge pulse ov5a input (3.3 v cmos level) input ch6 43 transfer pulse ov5a, ov5b input (3.3 v cmos level) input v5 44 description type pin name pin no. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
AN20115A 8 sdb00152aeb ? absolute maximum ratings ? operating supply voltage range note) *1: the values under the condition not exceeding the above absolute max imum ratings and the power dissipation. *2: vmsub should be used at the same potential as the ground pins. the ic will operate in the above vmsub range. however, since testing is performed with connecting vmsub pin to ground, full and thorough testing is recommended before use. ? 2.0 to + 2.0 i(vmsub) ? 5.5 to + 6.0 vmsub *3 c ? 50 to + 125 t stg storage temperature 5 ? v ? 0.3 to (vdc + 0.3) vi input voltage 6 2.0 i(vh) 16 i(vl) 23 vh-vl ?8.0 vl ? ma 4 i(vdc) supply current 2 6.0 vdc note unit rating symbol parameter a no. ? pf/pin 8 880 cl maximum load capacitance 7 *3 c ? 20 to + 75 t opr operating ambient temperature 4 *2 mw 176.5 p d power dissipation 3 *1 v supply voltage 1 *1, 2 ?7.5 to ? 4.5 vl 2.7 to 5.5 vdc 9.5 to 14.0 vh vl+2 to 5.0 vmsub note unit range symbol parameter *1 v supply voltage range note) *1: the values under the condition not exceeding the above absolute max imum ratings and the power dissipation. *2: the power dissipation shown is the value at t a = 75 c for the independent (unmounted) ic package without a heat sink. *3: except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for t a = 25 c. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/
request for your special attention and precautions in using the technical information and semiconductors described in this book (1) if any of the products or technical information described in this book is to be exported or provided to non-residents, the laws and regulations of the exporting country, especially, those with regard to security export control, must be observed. (2) the technical information described in this book is intended only to show the main characteristics and application circuit examples of the products, and no license is granted under any intellectual property right or other right owned by our company or any other company. therefore, no responsibility is assumed by our company as to the infringement upon any such right owned by any other company which may arise as a result of the use of technical information described in this book. (3) the products described in this book are intended to be used for standard applications or general electronic equipment (such as office equipment, communications equipment, measuring instruments and household appliances). consult our sales staff in advance for information on the following applications: ? special applications (such as for airplanes, aerospace, automobiles, traffic control equipment, combustion equipment, life support systems and safety devices) in which exceptional quality and reliability are required, or if the failure or malfunction of the prod- ucts may directly jeopardize life or harm the human body. ? any applications other than the standard applications intended. (4) the products and product specifications described in this book are subject to change without notice for modification and/or im- provement. at the final stage of your design, purchasing, or use of the products, therefore, ask for the most up-to-date product standards in advance to make sure that the latest specifications satisfy your requirements. (5) when designing your equipment, comply with the range of absolute maximum rating and the guaranteed operating conditions (operating power supply voltage and operating environment etc.). especially, please be careful not to exceed the range of absolute maximum rating on the transient state, such as power-on, power-off and mode-switching. otherwise, we will not be liable for any defect which may arise later in your equipment. even when the products are used within the guaranteed values, take into the consideration of incidence of break down and failure mode, possible to occur to semiconductor products. measures on the systems such as redundant design, arresting the spread of fire or preventing glitch are recommended in order to prevent physical injury, fire, social damages, for example, by using the products. (6) comply with the instructions for use in order to prevent breakdown and characteristics change due to external factors (esd, eos, thermal stress and mechanical stress) at the time of handling, mounting or at customer's process. when using products for which damp-proof packing is required, satisfy the conditions, such as shelf life and the elapsed time since first opening the packages. (7) this book may be not reprinted or reproduced whether wholly or partially, without the prior written permission of matsushita electric industrial co., ltd. maintenance/ discontinued maintenance/discontinued includes following four product lifecycle stage. planed maintenance type maintenance type planed discontinued typed discontinued type please visit following url about latest information. http://www.semicon.panasonic.co.jp/en/


▲Up To Search▲   

 
Price & Availability of AN20115A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X