Part Number Hot Search : 
MBTA44 STW12 C2140 2N2242 LA112B N06LFI 15151 2SC25
Product Description
Full Text Search
 

To Download 1N5391S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds28003 rev. d-2 1 of 2 1n5391/s-1n5399/s www.diodes.com  diodes incorporated features 1n5391/s - 1n5399/s 1.5a rectifier s suffix designates do-41 package no suffix designates do-15 package a a b c d do-41 plastic do-15 dim min max min max a 25.40  25.40  b 4.06 5.21 5.50 7.62 c 0.71 0.864 0.686 0.889 d 2.00 2.72 2.60 3.60 all dimensions in mm maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified  diffused junction  fast switching for high efficiency  high current capability and low forward voltage drop  low reverse leakage current  surge overload rating to 50a peak  plastic material - ul flammability classification rating 94v-0 mechanical data  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: cathode band  weight: do-41 0.30 grams (approx.) do-15 0.40 grams (approx.)  mounting position: any  marking: type number single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. characteristic symbol 1n 5391/s 1n 5392/s 1n 5393/s 1n 5395/s 1n 5397/s 1n 5398/s 1n 5399/s unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t a = 70  c i o 1.5 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a forward voltage drop @ i f = 1.5a v fm 1.1 v peak reverse leakage current @ t a = 25  c at rated dc blocking voltage @ t a = 100  c i rm 5.0 50  a typical junction capacitance (note 2) c j 20 pf typical thermal resistance junction to lead r  jl 25 k/w typical thermal resistance junction to ambient (note 1) r  ja 55 k/w operating and storage temperature range t j, t stg -65 to +150  c notes: 1. leads maintained at ambient temperature at a distance of 9.5mm from the case. 2. measured at 1.0 mhz and applied reverse voltage of 4.0v dc.
ds28003 rev. d-2 2 of 2 1n5391/s-1n5399/s www.diodes.com 0.01 0.1 1.0 10 0.6 0.8 1.0 1.2 1.4 1.6 i , instantane o us f o rward current (a) f v , instantaneous forward voltage (v) f fig. 2 typical forward characteristics t=25c j 25 50 75 100 125 150 175 t ambient temperature (oc) a fi g . 1, forward current deratin g curve i , average forward rectified current (a ) (av) 0 0.5 1.0 1.5 1.0 10 100 1.0 10 100 c , c apa c itan c e ( pf ) j v , reverse voltage (v) r fig. 4 typical junction capacitance t=25c j f = 1mhz 1.0 10 100 0 10 20 30 40 50 number of cycles at 60hz fig. 3 maximum non-repetitive peak forward surge current i , peak f o rward surge current (a) fsm 8.3 ms single half sine-wave (jedec method)


▲Up To Search▲   

 
Price & Availability of 1N5391S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X