Part Number Hot Search : 
89C51RC ICS8305 MAX16809 CDP18221 5B050 0AEGT PF251 BD825
Product Description
Full Text Search
 

To Download 1N4003S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  : jedec do-41, moulded plastic with modified terminal diameter. : plated axial leads, solderable per mil-std-202, method 208. : colour band denotes cathode end. : any : 0.3 grams (0.012 ounce) 1n4001s thru 1n4007s 1 amp silicon rectifiers voltage 50 to 1000 volts current 1.0 amp 0.6mm diameter leads low cost construction utilizing void - free moulded plastic technique plastic package has underwriters laboratories flammability classification 94v-0 diffused junction high surge current capability low leakage high temperature soldering capability : 250c/10 seconds/9.5mm (.375in.) lead length at 2.3kg (5lb) tension easily cleaned with freon, alcohol, chlorothene and other similar solvents features mechanical data case terminals polarity mounting position weight dimensions - millimeters (inches) 25.4 (1.0) min. 5.2 (.205) 4.1 (.160) 2.7 (.107) 2.0 (.080) .64 (.025) .53 (.021) cathode band 25.4 (1.0) min. technical specification maximum ratings and electrical characteristics ratings at 25c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current 9.5mm (.375in.) lead length at t a = 75c v v a a peak forward surge current, 8.3 ms single half sine - wave superimposed on rated load a storage temperature range c c 1n4001s 1n4002s 1N4003S 1n4004s 1n4005s 1n4006s 1n4007s 50 50 100 100 200 200 400 400 600 600 800 800 1000 1000 35 70 140 280 420 560 700 maximum instantaneous forward voltage at 1.0a operating temperature range 1.0 30 1.1 5.0 - 50 to + 175 - 50 to + 175 v t = 100c maximum reverse current at rated dc blocking voltage a typical junction capacitance (see note 1) t = 25c a typical thermal resistance (see note 2) 50 c/w pf v notes : 1. measured at 1.0 mhz and applied reverse voltage of 4.0 volts 2. thermal resistance from junction to ambient a 50 v rms v dc i f(av) i fsm i r t j t stg v rrm r thja c j v f maximum full load reverse current full cycle average, 9.5mm (.375in.) lead length at t l = 75c symbols 30 30 i r(av) a units do-41 (mod.) l l l l l l l l reformatted by anglia 9907
rating and characteristic curves average forward rectified current, amperes fig. 1 - forward current derating curve 1n4001s thru 1n4007s fig. 2 - maximum non-repetitive peak forward surge current 10 25 30 1 10 100 number of cycles at 60hz peak forward surge current, amperes 2 5 20 50 15 20 t a = 75c 8.3ms single half sine-wave (jedec) method 25 50 75 100 125 150 175 200 0 0.4 0.6 0.8 1.0 0.2 ambient temperature, c fig. 3 - typical instantaneous forward characteristics instantaneous forward current, amperes 1.6 5mm x 5mm cu leafs 9.5mm lead length l 0 .01 .03 0.1 10 0.4 0.6 0.8 1.0 1.2 1.4 instantaneous forward vol tage, vol ts 0.3 1.0 3.0 30 100 t j = 25c pulse width = 300s 2% duty cycle 5 fig. 4 - typical junction capacitance reverse voltage, volts 1 10 100 1 10 100 capacitance, pf 2 5 20 50 2 5 20 50 .1 .2 .5 t = 25c f = 1mhz v sig = 50mvp-p j percent of rated peak reverse voltage, % fig. 5 - typical reverse characteristics instantaneous reverse current, microamperes .01 0.1 10 0 20 40 60 80 100 120 1.0 t j = 25c t j = 100c .03 0.3 3.0 140 taping and reeling specification dimensions - millimeters notes : each component lead sandwiched between tapes for 3.2mm minimum cumulative pitch tolerance 2.0mm/10 pitch 5.0 0.5 1.2 max. 5max. l 1 0.3 max. 6.0 0.4 330.0 79.0 1.0 16.5 0.4 35.7 0.3 0.3 max. l 2 52.4 1.5 reformatted by anglia 9907


▲Up To Search▲   

 
Price & Availability of 1N4003S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X