48 dimensions: in. (mm) all temperatures are ambient unless otherwise noted. data subject to change without notice. tel: 559.651.1402 fax: 559.651.0740 www.voltagemultipliers.com www.highvoltagepowersupplies.com 8711 w. roosevelt ave. visalia, ca 93291 usa voltage multipliers inc. voltage multipliers inc. t r a p r e b m u n g n i k r o w e s r e v e r e g a t l o v ) m w r v ( e g a r e v a d e i f i t c e r t n e r r u c ) o i ( e s r e v e r t n e r r u c m w r v @ ) r i ( d r a w r o f e g a t l o v ) f v ( e l c y c 1 e g r u s t n e r r u c s m 3 . 8 = p t ) m s f i ( e v i t i t e p e r e g r u s t n e r r u c ) m r f i ( e s r e v e r y r e v o c e r e m i t ) 3 ( ) r r t ( l a m r e h t e c n a d e p m i l - j n o i t c n u j . p a c c d v 0 5 @ z h k 1 @ ) j c ( ) 1 ( c 5 5) 2 ( c 0 0 1c 5 2c 0 0 1c 5 2c 5 2c 5 2c 5 20 0 0 = l5 2 1 . = l0 5 2 . = lc 5 2 s t l o va ma ma a s t l o va ms p m as p m as nw / c w / c w / c f p g s 5 2 x g s 0 5 x g s 0 0 1 x g s 0 5 1 x g s 0 0 2 x 0 0 5 2 0 0 0 5 0 0 0 0 1 0 0 0 5 1 0 0 0 0 2 0 5 2 0 5 1 0 0 1 0 5 5 2 5 2 1 5 7 0 5 5 2 3 1 0 . 1 0 . 1 0 . 1 0 . 1 0 . 1 0 2 0 2 0 2 0 2 0 2 0 . 6 0 . 8 0 . 3 1 0 . 0 2 0 . 6 2 0 0 1 0 0 1 0 0 1 0 0 1 0 5 5 1 0 1 5 1 2 0 . 3 0 . 2 0 . 1 5 . 0 5 . 0 0 0 0 3 0 0 0 3 0 0 0 3 0 0 0 3 0 0 0 3 5 5 5 5 5 2 1 2 1 2 1 2 1 2 1 2 2 2 2 2 2 2 2 2 2 0 . 4 0 . 3 0 . 2 0 . 2 0 . 2 high v olt age diodes - axial lead electrical characteristics and maximum ratings (1)tl=55c l=0.375" (2)tl=100c l=0.375" (3)if=125ma, ir=250ma, irr=63ma *op.temp.= -65c to +175c stg.temp.= -65c to +200c 25ma - 250ma ? 3000ns ? hermetic t r a pa g s 5 2 x . x a m ) 0 1 . 6 ( 0 4 2 . g s 0 5 x . x a m ) 0 6 . 6 ( 0 6 2 . g s 0 0 1 x . x a m ) 3 1 . 8 ( 0 2 3 . g s 0 5 1 x . x a m ) 4 1 . 9 ( 0 6 3 . g s 0 0 2 x . x a m ) 5 6 . 9 ( 0 8 3 .
49 3 0 1 2 3 4 5 6 7 8 9 10 0 0.5 1 1.5 2 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 0 25 50 75 100 125 150 175 0 5 10 15 20 25 0 0.1 0.2 0.3 0.4 0.5 1 10 100 1000 25 50 75 100 125 150 0 500 1000 1500 2000 2500 25 50 75 100 125 150 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 0 20 40 60 80 100 lead temperature (c) forward current (a) temperature (c) reverse bias voltage (v) temperature (c) maximum power dissipation (w) forward voltage (v) reverse current (a) forward voltage (v) forward current (a) reverse recovery time (ns) junction capacitance (pf) power derating typical forward voltage vs. forward current at 25c reverse current vs. temperature at vrwm typical forward voltage vs. forward current at 25c typical reverse recovery time vs. temperature typical junction capacitance vs. reverse voltage at 25c x25sg x50sg x100sg X150SG x200sg l=0.200" l=0.100" l=0.000" l=0.300" l=0.400" l=0.500" x50sg x25sg x200sg X150SG x100sg x25sg x50sg x100sg X150SG x200sg
|