42 dimensions: in. (mm) all temperatures are ambient unless otherwise noted. data subject to change without notice. tel: 559.651.1402 fax: 559.651.0740 www.voltagemultipliers.com www.highvoltagepowersupplies.com 8711 w. roosevelt ave. visalia, ca 93291 usa voltage multipliers inc. voltage multipliers inc. t r a p r e b m u n g n i k r o w e s r e v e r e g a t l o v ) m w r v ( e g a r e v a d e i f i t c e r t n e r r u c ) o i ( e s r e v e r t n e r r u c m w r v @ ) r i ( d r a w r o f e g a t l o v ) f v ( e l c y c 1 e g r u s t n e r r u c s m 3 . 8 = p t ) m s f i ( e v i t i t e p e r e g r u s t n e r r u c ) m r f i ( e s r e v e r y r e v o c e r e m i t ) 3 ( ) r r t ( l a m r e h t e c n a d e p m i l - j n o i t c n u j . p a c c d v 0 5 @ z h k 1 @ ) j c ( ) 1 ( c 5 5) 2 ( c 0 0 1c 5 2c 0 0 1c 5 2c 5 2c 5 2c 5 20 0 0 = l5 2 1 . = l0 5 2 . = lc 5 2 s t l o va ma ma a s t l o va ms p m as p m as nw / c w / c w / c f p g f 5 2 x g f 0 5 x g f 0 0 1 x g f 0 5 1 x g f 0 0 2 x 0 0 5 2 0 0 0 5 0 0 0 0 1 0 0 0 5 1 0 0 0 0 2 0 5 2 0 5 1 0 0 1 0 5 5 2 5 2 1 5 7 0 5 5 2 3 1 0 . 1 0 . 1 0 . 1 0 . 1 0 . 1 0 2 0 2 0 2 0 2 0 2 0 . 6 0 . 8 0 . 3 1 0 . 0 2 0 . 8 2 0 0 1 0 0 1 0 0 1 0 0 1 0 5 0 . 5 1 0 . 0 1 0 . 5 0 . 3 0 . 2 0 . 3 0 . 2 0 . 1 5 . 0 5 . 0 0 0 2 0 0 2 0 0 2 0 0 2 0 0 2 5 5 5 5 5 2 1 2 1 2 1 2 1 2 1 2 2 2 2 2 2 2 2 2 2 0 . 4 0 . 3 0 . 2 0 . 2 0 . 2 high v olt age diodes - axial lead electrical characteristics and maximum ratings (1)tl=55c l=0.375" (2)tl=100c l=0.375" (3)if=125ma, ir=250ma, irr=63ma *op.temp.= -65c to +175c stg.temp.= -65c to +200c 25ma - 250ma ? 200ns ? hermetic t r a pa g f 5 2 x . x a m ) 0 1 . 6 ( 0 4 2 . g f 0 5 x . x a m ) 0 6 . 6 ( 0 6 2 . g f 0 0 1 x . x a m ) 3 1 . 8 ( 0 2 3 . g f 0 5 1 x . x a m ) 4 1 . 9 ( 0 6 3 . g f 0 0 2 x . x a m ) 5 6 . 9 ( 0 8 3 .
43 3 0 2 4 6 8 10 12 0 0.5 1 1.5 2 0.0 1.0 2.0 3.0 4.0 5.0 6.0 7.0 8.0 9.0 10.0 0 25 50 75 100 125 150 175 0 5 10 15 20 25 30 0 0.1 0.2 0.3 0.4 0.5 1 10 100 1000 25 50 75 100 125 150 0 50 100 150 200 250 300 350 25 50 75 100 125 150 0.0 1.0 2.0 3.0 4.0 5.0 6.0 0 20 40 60 80 100 lead temperature (c) forward current (a) temperature (c) reverse bias voltage (v) temperature (c) maximum power dissipation (w) forward voltage (v) reverse current (a) forward voltage (v) forward current (a) reverse recovery time (ns) junction capacitance (pf) power derating typical forward voltage vs. forward current at 25c reverse current vs. temperature at vrwm typical forward voltage vs. forward current at 25c typical reverse recovery time vs. temperature typical junction capacitance vs. reverse voltage at 25c x25fg x50fg x100fg X150FG x200fg l=0.200" l=0.100" l=0.000" l=0.300" l=0.400" l=0.500" X150FG x25fg x50fg x100fg x200fg x25fg x50fg x100fg X150FG X150FG
|