Part Number Hot Search : 
LT143233 392062 1327M1 CHIPS 1820A A58009 T632K4B1 LT121
Product Description
Full Text Search
 

To Download WAN-2140 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2 14dbi directional outdoor panel antenna WAN-2140 h/w version: 1 levelone WAN-2140 outdoor grid antenna is a high performance directional fat patch wifi antenna suitable for indoor/outdoor directional applications. this antenna increases wireless signal coverage and improves signal strength/quality for existing 802.11b/ g wieless devices in the range between 2.4ghz to 2.5ghz frequency bands. the WAN-2140 is especially designed for outdoor key features - for ieee 802.11b/g/n applications at the range between 2.4ghz~2.5ghz frequency band - easy to install for vertical or horizontal polarization - directional operation provides extended point to point coverage - integrated n-type female connector wab-3002 11g outdoor poe wireless access point works well with wab-7000 11a/b/g outdoor poe wireless access point n-jack female connector point-to-point wireless bridge applications. the waterproof surface keeps the antenna workable in any rogue environment. the WAN-2140 has been tested for interoperating with levelones wireless product which comply with ieee802.11b/g standards and are equipped with an n male connector. ** antenna cable and arrestor are not included
3 wireless www.level1.com i one world_one brand_one level_ electrical specifcation frequency band 2.4ghz~2.5ghz gain 14 dbi vswr 1.92:1max polarization linear vertical hpbw/h 30 hpbw/e 33 return loss -10 db max admitted power 1w impedance 50 ohms connector n-type jack female environmental & mechanical characteristic temperature (operation) - 20c to +60c temperature (storage) - 10c to +60c color gray antenna cover abs dimension 262mm x 240mm x 32 mm technical specifcation product diagram WAN-2140 WAN-2140 works with wab-3002 point to point wireless bridging applications WAN-2140 wab-3002 wab-3002 e-plane co-polarization pattern radiation pattern h-plane co-polarization pattern
4 order information WAN-2140: 14dbi directional outdoor panel antenna package contents WAN-2140, wall & pole mounting optional accessories all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. anc-4230 400 series n plug to n plug cable 3m anc-2210 200 series n plug to n plug cable 1m anc-2310 200 series n plug to rpsma plug cable 1m ana-6100 6ghz outdoor arrestor ana-3100 3ghz outdoor arrestor anc-2330 200 series n plug to rpsma plug cable 3m v1.0


▲Up To Search▲   

 
Price & Availability of WAN-2140

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X