Part Number Hot Search : 
MB95F CSPLTVK 2SD0966 MMSZ3V3 74LV1G L7809CV XFWB2040 LPC2458
Product Description
Full Text Search
 

To Download WAN-1160 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6dbi/ 8dbi @ dual-band 2.4/5 ghz directional antenna WAN-1160 h/w version: 2 levelones WAN-1160 is a dual-band directional antenna which is designed for indoor wireless environments. with WAN-1160, you can improve signal strength/quality and increase signal coverage for the existing 802.11a 5.0ghz or 802.11b/g/n 2.4ghz wireless device in concentrated directions. this antenna connects many wireless devices using sma connector or the conversion adapter included in our WAN-1160 package. with the directional desktop panel design and sturdy stand, the antenna can be key features - dual-band for 802.11a 5.0ghz and 802.11b/g/n 2.4ghz wireless applicaitons - provides stable signals and extends coverage - directional operation - easy to located in limited space - ula-100 1m cable for wireless device with sma connector related prodoucts easily place in confned spaces to achieve maximum wireless coverage. there is no power-source needed in order to increase the fexibility of installation. this antenna kit comes with antenna and the 1m ula-100 extension cable and has been tested for mutually compatible functions with levelones wireless access point, indoor building-to-building bridge and other wireless products equipped with reverse sma male connector and detachable antennas. sma plug connector wnc-0301 11g wireless pci card wan-1060 6dbi indoor antenna kit 
wireless www.level1.com i one world_one brand_one level_ frequency 2.4ghz~2.5ghz 4.9ghz~5.875ghz gain 6.0 dbi 8.0 dbi vswr 2.0:1 max 2.0:1 max polarization linear, vertical linear, vertical hpbw / v 65 60 impedance 50 ohms connector rp-sma plug cable ula 100; 1m cable loss 1.3db 2.0 db temperature -10c~+55c humidity 92% @ 25c radome material abs weight 90 gw dimension 100mm x 70mm x 60mm technical specifcation order information WAN-1160: 6dbi/ 8dbi @ dual-band 2.4/5 ghz directional antenna package contents WAN-1160, mounting kit, 1 meter cable, qig all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright digital data communications gmbh. all rights reserved. product diagram WAN-1160 cable/dsl modem v2.0 internet router access point pc with wireless adapter v-plane co-polarization h-plane co-polarization v-plane co-polarization h-plane co-polarization radiation pattern 


▲Up To Search▲   

 
Price & Availability of WAN-1160

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X