Part Number Hot Search : 
IR91458N R5110210 3362H501 0001TR NCV8614B MMC4055 HC405 MIP2E3D
Product Description
Full Text Search
 

To Download WAN-1112 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  12dbi directional patch indoor/outdoor antenna WAN-1112 h/w version: 3 levelones WAN-1112 12dbi directional antenna is designed for indoor/outdoor wireless connections. with WAN-1112, you can improve signal strength/ quality and increase signal coverage for an existing 802.11b/g/n 2.4ghz wireless local network in a concentrated direction. this antenna ofers high gain in a low profle package. with the directional patch panel design, you can easy install this unit on wall glass surface and in any orientation to maximize wireless coverage. use of the key features - supports for 802.11b/g/n 2.4ghz wireless applications - provides stable signals and extends coverage - directional operation - easy to install on wall surface - includes ul-168 3m cable for wireless device with sma connector wnc-0301 11g wireless pci card related prodoucts wap-6002 150mbps n wireless access point reverse sma connector allows you to connect a variety of wireless devices. in order to increase installation fexibility there is no power-source required. this antenna kit comes with antenna and the 3m ul-168 extension cable and has been tested for interoperating with levelone wireless access point, indoor/outdoor building-to-building bridge and other wireless products equipped with reverse sma male connector and detachable antennas. 1 2 3 1. sma jack connector 2. rp sma plug connector 3. sma plug connector 2
wireless www.level1.com i one world_one brand_one level_ frequency 2.3ghz~2.7ghz gain 12.0 vswr 2.0:1max polarization linear, vertical hpbw / v 23 hpbw / h 84 front to back ratio 15 db downtilt 0 power handling 20w impedance 50 ohms connector sma female survival wind speed 216km / hr temperature -40c~+85c humidity 95% @ 25c radome material abs, uv resistant weight 139 gw dimension 327mm x 80mm x 22mm technical specifcation product diagram WAN-1112 internet broadband modem broadband router access point switch WAN-1112 access point switch 3
order information WAN-1112: 12dbi directional patch indoor/outdoor antenna package contents WAN-1112 mounting kit 3 meter cable user manual all mentioned brand names are registered trademarks and property of their owners. technical specifcations are subject to change without notice. ? copyright 2009 digital data communications gmbh. all rights reserved. v3.0 radiation pattern v-plane co-polarization pattern h-plane co-polarization pattern 4


▲Up To Search▲   

 
Price & Availability of WAN-1112

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X