Part Number Hot Search : 
BG18M 8162Z 2020CT MSK3015 RKP406KS MAX26851 CY8C3 CY7C6
Product Description
Full Text Search
 

To Download TSC114ENND03 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  o top i g o back g i wbfbp-03b plastic-encapsulate transistors TSC114ENND03 transistor description npn digital transistor features 1) built-in bias resistors enable the confi guration of an inverter circuit without connecting external input resistors (see equivalent circuit) 2) the bias resistors consis t of thin-film resistors with complete isolation to a llow egative biasing of the input. they also have the advantage of almost completely eliminating parasitic effects 3) only the on/off conditions need to be set for operation, making device design easy. application npn digital transistor for portable equipment:(i.e. m obile phone,mp3, md,cd-rom, dvd-rom, note book pc, etc.) marking: 24 equivalent circuit o 24 i g absolute maximum ratings (ta=25 ) parameter symbol limits unit supply voltage v cc 50 v input voltage v in -10~40 v i o 50 output current i c(max) 100 ma power dissipation pd 150 mw junction temperature tj 150 storage temperature tstg -55~150 electrical characteristics (ta=25 ) parameter symbol min. typ max. unit conditions v i(off) 0.5 v cc =5v ,i o =100 a input voltage v i(on) 3 v v o =0.3v ,i o =10 ma output voltage v o(on) 0.3 v i o /i i =10ma/0.5ma input current i i 0.88 ma v i =5v output current i o(off) 0.5 a v cc =50v, v i =0 dc current gain g i 30 v o =5v ,i o =5ma input resistance r 1 7 10 13 k ? resistance ratio r 2 /r 1 0.8 1 1.2 transition frequency f t 250 mhz v ce =10v ,i e =-5ma,f=100mhz wbfbp-03b (1.21.20.5) unit: mm 1. in 2. gnd 3. out 1 of 1 4008-318-123 sales@twtysemi.com http://www.twtysemi.com product specification


▲Up To Search▲   

 
Price & Availability of TSC114ENND03

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X