Part Number Hot Search : 
MKP9V160 224001 OMT603 CS439 KE180 OBC1527A V7043 LTC1483I
Product Description
Full Text Search
 

To Download TPSCXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  19 tps series low esr how to order tps surface mount products have inher- ently low esr (equivalent series resistance) and are capable of higher ripple current handling, producing lower ripple voltages, less power and heat dissipation than stan- dard product for the most efficient use of circuit power. tps has been designed, manufactured, and preconditioned for optimum performance in typical power supply applications. by combining the latest improvements intantalum powder technology, improved manufacturing processes, and application specific pre- conditioning tests, avx is able to provide a technologically superior alternative to the standard range. technical data: all technical data relate to an ambient temperature of +25? capacitance range: 0.15? to 1500? capacitance tolerance: ?0%; ?0% rated voltage (v r ) +85?: 2.5 4 6.3 10 16 20 25 35 50 category voltage (v c ) +125?: 1.7 2.7 4 7 10 13 17 23 33 surge voltage (v s ) +85?: 3.3 5.2 8 13 20 26 32 46 65 surge voltage (v s ) +125?: 2.2 3.4 5 8 13 16 20 28 40 temperature range: -55? to +125? environmental classification: 55/125/56 (iec 68-2) reliability: 1% per 1000 hours at 85?, v r with 0.1 ? /v series impedance, 60% confidence level technical specifications case dimensions: millimeters (inches) code eia dimension l?.20 w+0.20 (0.008) h+0.20 (0.008) w 1 ?.20 a+0.30 (0.012) s min. code low profile (0.008) -0.10 (0.004) -0.10 (0.004) (0.008) -0.20 (0.008) a 3216-18 3.20 (0.126) 1.60 (0.063) 1.60 (0.063) 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) b 3528-21 3.50 (0.138) 2.80 (0.110) 1.90 (0.075) 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) c 6032-28 6.00 (0.236) 3.20 (0.126) 2.6 (0.102) 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) d 7343-31 7.30 (0.287) 4.30 (0.169) 2.90 (0.114) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) e 7343-43 7.30 (0.287) 4.30 (0.169) 4.10 (0.162) 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) r * 2012-12 r case (1.20) 2.05 (0.081) 1.30 (0.051) 1.20 (0.047) max. 1.20 (0.047) 0.50 (0.020) 0.85 (0.033) s ** 3216-12 a case (1.20) 3.20 (0.126) 1.60 (0.063) 1.20 (0.047) max. 1.20 (0.047) 0.80 (0.031) 1.10 (0.043) t ** 3528-12 b case (1.20) 3.50 (0.138) 2.80 (0.110) 1.20 (0.047) max. 2.20 (0.087) 0.80 (0.031) 1.40 (0.055) v 7361-38 7.30 (0.287) 6.10 (0.240) 3.45 ?.30 3.10 (0.120) 1.40 (0.055) 4.40 (0.173) (0.136 ?.012) w ** 6032-15 c case (1.50 6.00 (0.236) 3.20 (0.126) 1.50 (0.059) max. 2.20 (0.087) 1.30 (0.051) 2.90 (0.114) x ** 7343-15 d case (1.50) 7.30 (0.287) 4.30 (0.169) 1.50 (0.059) max. 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) y ** 7343-20 d case (2.00) 7.30 (0.287) 4.30 (0.169) 2.00 (0.079) max. 2.40 (0.094) 1.30 (0.051) 4.40 (0.173) w 1 dimension applies to the termination width for a dimensional area only. * 0805 footprint compatible ** low profile versions of a & b & c & d case for part marking see page 111 tps type c case size see table above 107 capacitor code pf code: 1st two digits represent significant figures, 3rd digit represents multiplier (number of zeros to follow) m tolerance k = ?0% m = ?0% 010 rated dc voltage 002 = 2.5vdc 004 = 4vdc 006 = 6.3vdc 010 = 10vdc 016 = 16vdc 020 = 20vdc 025 = 25vdc 035 = 35vdc 050 = 50vdc r packaging r = 7" t/r s = 13" t/r a = gold plating 7" reel b = gold plating 13" reel y = lead free 7" reel p = lead free 13" reel 0100 maximum esr in milliohms see note below note: the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalog limit post mounting.
20 esr limits quoted in brackets (milliohms) for c, d and e case ratings in tps series, esr ratings are printed on capacitor side in the following format: t x x x -where x x x is esr limit in milliohms i.e. t100 represents max. esr of 100 milliohms. note: the eia & cecc standards for low esr solid tantalum capacitors allow an esr movement to 1.25 times catalog limit post mounting. capacitance rated voltage dc (v r ) to 85? ? code 2.5v 4v (g) 6.3v (j) 10v (a) 16v (c) 20v (d) 25v (e) 35v (v) 50v (t) 0.15 154 a(9000) 0.22 224 a(6000) a(7000) 0.33 334 a(6000) 0.47 474 a(7000) a(6000) b(4000) 0.68 684 a(6000) a(6000) 1 105 r(9000) a(3000), r(6000) a(3000) c(2500) s(6000), t(2000) b(2000) 1.5 155 a(3000) b(2500) c(1500,2000) b(1800) 2.2 225 r(7000) a(1800) a(1800,3500) a(3000) b(900,1200,2500) a(1500), b(750, d(1200) t(2000) 150 0,2000), c(1000) 3.3 335 t(1500) a(3500) a(2500) a(1500) b(1000) d(800) b(1300) b(750,1500,2000) c(700) 4.7 475 s(4000) a(1400) a(2000) a(1800) b(700,900,1500) b(700,1500) d(300,500,700) r(3000,5000) b(800,1500) b(750,1000) c(600) 6.8 685 a(1800) a(1800) a(1500) b(600,1000) b(700) c(350) d(500,600) t(1800) b(600,1200) c(700) c(500,600,700) d(150,400,500) a(1500) a(900,1800) b(500,800), c(500) 10 106 r(3000) r(1000,1500,3000) p(2000) t(800,1000) b(500,1000) c(300,500) d(125,300) e(400,500) t(1000,2000) w(500,600) c(500,700) e(200) 15 156 a(700,1500) a(1000) b(500,800) b(500) c(220,300) c(350,450) e(250) b(450,600) c(400,450) d(100,300) d(100,300) a(500,900) b(400,500,700) b(400,600) b(400,600) d(125,200, 22 226 b(375,600) c(300) c(150,250,300,375) c(100,150,400) c(275,400) 300,400) s(900) t(800) w(500) d(200,300) d(100,200,300) e(125,200,300) b(350,500) a(600) b(250,425,500,650) c(100,150,225,300) c(300) d(100,200,300) d(200,300) 33 336 b(250,350,450,600) c(150,375,500) d(200), w(140,175, d(100,200) e(100,175, e(100,250,300) t(800) w(350) 250,400,500) 200,300) y(300,400) b(250,350,500,650) c(110,350) 47 476 a(500) b(250,350,500) c(350) d(80,100, d(75,100,200) d(125,150,250) e(200,250) c(300) d(100) 150,200) e(70,125,150, e(80,100,125) w(125,150,250) y(250), x(180) 200,250) b(250,350,500) c(80,100,200,300) c(125,200) d(70,150, e(125,200) 68 686 c(150,200) d(100,150), y(100,200) d(70,100,150) 200,300) v(80,95,150,200) w(110,125,250) w(100,150) y(200,250), x(150) e(125,150,200) c(75,100,150,200) d(60,100, b(250, b(250,400) d(50,65,80,125,150) 125,150) d(85,100,150) 100 107 b(200) 350,500) c(75,150) e(125) e(55,100, e(100,150,200) v(100) w(100) y(100) y(100,150,200) 125,150) v(60,85,100,200) w(100) x(85,150,200) y(100,150,200) w(150) 150 157 b(150) b(250) c(50,90,150,200,250) d(50,85,100), e(100) d(60,85,100,125,150) v(80) c(70,80) d(50,125), y(40) x( 100), y(100,150,200) e(100), v(45,75) b(200, c(70,100,125,250) d(50,100,150) e(100,150) 220 227 600) d(40,50,100) d(50,100,125) e(50,60,70,100, v(50,75, d(45 ) e(100) 125,150) 100,150) y(100,150) y(150,200) c(100) d(45,50,70,100) d(50,65,100,150) 330 337 d(35,45,100) e(50,100,125,150) e(40,50,60,100) x(100) v(100), y(150) v(40,60,100) d(35) d(45,60,100,200) 470 477 y(100) d(45,100) e(45,50,60,100,200) e(45,50,60,100,200) e(35,45,100) v(40,55,100) v(40,60,100) 680 687 y(100) d(45,60,100) e(45,60,100) e(40,60,100) v(35,40,50) 1000 108 e(30,40) e(60) v(40,50) v(25,35,40,50) 1500 158 v(30,40) v(50,75) tps series low esr capacitance and rated voltage, v r (voltage code) range (letter denotes case size)
21 tps series low esr ratings & part number reference rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ? ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? tpsb107*002#0200 b 100 2.5 5 6 200 0.652 0.587 0.261 0.130 0.117 0.052 tpsb157*002#0150 b 150 2.5 3 10 150 0.753 0.677 0.301 0.113 0.102 0.045 tpsb227*002#0200 b 220 2.5 4.4 16 200 0.652 0.587 0.261 0.130 0.117 0.052 tpsb227*002#0600 b 220 2.5 4.4 16 600 0.376 0.339 0.151 0.226 0.203 0.090 tpsd227*002#0045 d 220 2.5 4.4 8 45 1.826 1.643 0.730 0.082 0.074 0.033 tpsd477*002#0035 d 470 2.5 11.6 8 35 2.070 1.863 0.828 0.072 0.065 0.029 tpsy477*002#0100 y 470 2.5 11 12 100 1.118 1.006 0.447 0.112 0.101 0.045 tpsy687*002#0100 y 680 2.5 17 12 100 1.118 1.006 0.447 0.112 0.101 0.045 tpse108*002#0030 e 1000 2.5 20 14 30 2.345 2.111 0.938 0.070 0.063 0.028 tpse108*002#0040 e 1000 2.5 20 14 40 2.031 1.828 0.812 0.081 0.073 0.032 tpsv158*002#0030 v 1500 2.5 30 20 30 2.887 2.598 1.155 0.087 0.078 0.035 tpsv158*002#0040 v 1500 2.5 30 20 40 2.500 2.250 1.000 0.100 0.090 0.040 tpsr106*004#3000 r 10 4 0.5 6 3000 0.135 0.122 0.049 0.405 0.364 0.162 tpsa476*004#0500 a 47 4 1.9 8 500 0.387 0.348 0.155 0.194 0.175 0.078 tpsb107*004#0250 b 100 4 4 8 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsb107*004#0350 b 100 4 4 8 350 0.493 0.444 0.197 0.172 0.155 0.069 tpsb107*004#0500 b 100 4 4 8 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsw107*004#0100 w 100 4 4 6 100 0.949 0.854 0.379 0.095 0.085 0.038 tpsb157*004#0250 b 150 4 6 10 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsc157*004#0070 c 150 4 6 6 70 1.254 1.128 0.501 0.088 0.079 0.035 tpsc157*004#0080 c 150 4 6 6 80 1.173 1.055 0.469 0.094 0.084 0.038 tpsd227*004#0040 d 220 4 8.8 8 40 1.936 1.743 0.775 0.077 0.070 0.031 tpsd227*004#0050 d 220 4 8.8 8 50 1.732 1.559 0.693 0.087 0.078 0.035 tpsd227*004#0100 d 220 4 8.8 8 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsc337*004#0100 c 330 4 13.2 8 100 1.049 0.944 0.420 0.105 0.094 0.042 tpsd337*004#0035 d 330 4 13.2 8 35 2.070 1.863 0.828 0.072 0.065 0.029 tpsd337*004#0045 d 330 4 13.2 8 45 1.826 1.643 0.730 0.082 0.074 0.033 tpsd337*004#0100 d 330 4 13.2 8 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsx337*004#0100 x 330 4 13.2 8 100 1.000 0.900 0.400 0.100 0.090 0.040 tpsd477*004#0045 d 470 4 18.8 12 45 1.826 1.643 0.730 0.082 0.074 0.033 tpsd477*004#0100 d 470 4 18.8 12 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsd687*004#0045 d 680 4 27.2 14 45 1.826 1.643 0.730 0.082 0.074 0.033 tpsd687*004#0060 d 680 4 27.2 14 60 1.581 1.423 0.632 0.095 0.085 0.038 tpsd687*004#0100 d 680 4 27.2 14 100 1.284 1.156 0.513 0.128 0.115 0.051 tpse687*004#0060 e 680 4 27.2 14 60 1.658 1.492 0.663 0.099 0.090 0.040 tpse687*004#0100 e 680 4 27.2 14 100 1.284 1.156 0.513 0.128 0.116 0.051 tpsv108*004#0040 v 1000 4 40 16 40 2.500 2.250 1.000 0.100 0.090 0.040 tpsv108*004#0050 v 1000 4 40 16 50 2.236 2.012 0.894 0.112 0.101 0.045 tpsv158*004#0050 v 1500 4 60 30 50 2.236 2.012 0.894 0.112 0.101 0.045 tpsv158*004#0075 v 1500 4 60 30 75 1.826 1.643 0.730 0.137 0.123 0.055 tpsr225*006#7000 r 2.2 6.3 0.5 6 7000 0.088 0.079 0.035 0.620 0.558 0.248 tpss475*006#4000 s 4.7 6.3 0.5 6 4000 0.127 0.115 0.051 0.508 0.457 0.203 tpsa685*006#1800 a 6.8 6.3 0.5 6 1800 0.204 0.184 0.082 0.367 0.331 0.147 tpsr106*006#3000 r 10 6.3 0.6 8 3000 0.135 0.122 0.049 0.405 0.364 0.162 tpsr106*006#1500 r 10 6.3 0.6 8 1500 0.191 0.172 0.076 0.287 0.258 0.115 tpsr106*006#1000 r 10 6.3 0.6 8 1000 0.235 0.211 0.094 0.335 0.211 0.094 tpsa106*006#1500 a 10 6.3 0.6 6 1500 0.224 0.200 0.089 0.335 0.300 0.134 tpsa156*006#0700 a 15 6.3 0.9 6 700 0.327 0.295 0.131 0.229 0.206 0.092 tpsa156*006#1500 a 15 6.3 0.9 8 1500 0.224 0.200 0.089 0.235 0.300 0.134 tpsa226*006#0500 a 22 6.3 1.4 6 500 0.387 0.349 0.155 0.194 0.174 0.077 tpsa226*006#0900 a 22 6.3 1.4 6 900 0.289 0.260 0.115 0.260 0.234 0.104 tpsb226*006#0375 b 22 6.3 1.4 6 375 0.476 0.428 0.190 0.179 0.161 0.071 tpsb226*006#0600 b 22 6.3 1.4 6 600 0.376 0.339 0.151 0.226 0.202 0.090 tpss226*006#0900 s 22 6.3 1.4 8 900 0.269 0.242 0.107 0.242 0.218 0.097 tpsa336*006#0600 a 33 6.3 2.1 8 600 0.353 0.318 0.141 0.212 0.190 0.084 tpsb336*006#0250 b 33 6.3 2.1 6 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsb336*006#0350 b 33 6.3 2.1 6 350 0.493 0.444 0.197 0.172 0.155 0.069 tpsb336*006#0450 b 33 6.3 2.1 6 450 0.435 0.391 0.174 0.196 0.176 0.078 tpsb336*006#0600 b 33 6.3 2.1 6 600 0.376 0.337 0.151 0.226 0.202 0.090 tbst336*006#0800 t 33 6.3 2.1 10 800 0.316 0.285 0.126 0.253 0.228 0.101 tpsb476*006#0500 b 47 6.3 3 6 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsb476*006#0350 b 47 6.3 3 6 350 0.493 0.444 0.197 0.173 0.156 0.069 tpsb476*006#0250 b 47 6.3 3 6 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsc476*006#0300 c 47 6.3 3 6 300 0.606 0.545 0.242 0.182 0.163 0.073 tpsb686*006#0250 b 68 6.3 4.3 8 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsb686*006#0350 b 68 6.3 4.3 8 350 0.493 0.444 0.197 0.172 0.155 0.069 tpsb686*006#0500 b 68 6.3 4.3 8 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsw686*006#0250 w 68 6.3 4.3 6 250 0.600 0.540 0.240 0.150 0.135 0.060 tpsw686*006#0125 w 68 6.3 4.3 6 125 0.849 0.764 0.339 0.106 0.095 0.042 all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel
22 tps series low esr ratings & part number reference rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ? ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? tpsw686*006#0110 w 68 6.3 4.3 6 110 0.905 0.814 0.362 0.099 0.090 0.040 tpsc686*006#0200 c 68 6.3 4.3 6 200 0.742 0.667 0.297 0.148 0.133 0.059 tpsc686*006#0150 c 68 6.3 4.3 6 150 0.856 0.766 0.343 0.128 0.115 0.051 tpsb107*006#0250 b 100 6.3 6.3 10 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsb107*006#0400 b 100 6.3 6.3 10 400 0.461 0.415 0.184 0.184 0.166 0.074 tpsc107*006#0150 c 100 6.3 6.3 6 150 0.856 0.766 0.343 0.128 0.115 0.051 tpsc107*006#0075 c 100 6.3 6.3 6 75 1.211 1.090 0.484 0.091 0.082 0.036 tpsy107*006#0100 y 100 6.3 6.3 6 100 1.118 1.006 0.447 0.112 0.101 0.045 tpsw107*006#0100 w 100 6.3 6.3 6 100 0.949 0.854 0.379 0.095 0.085 0.038 tpsc157*006#0050 c 150 6.3 9.5 6 50 1.483 1.335 0.593 0.074 0.067 0.030 tpsc157*006#0090 c 150 6.3 9.5 6 90 1.106 0.995 0.442 0.099 0.090 0.040 tpsc157*006#0250 c 150 6.3 9.5 6 250 0.663 0.597 0.265 0.166 0.149 0.066 tpsc157*006#0200 c 150 6.3 9.5 6 200 0.742 0.667 0.297 0.148 0.133 0.059 tpsc157*006#0150 c 150 6.3 9.5 6 150 0.856 0.771 0.343 0.128 0.116 0.051 tpsd157*006#0125 d 150 6.3 9.5 6 125 1.095 0.980 0.438 0.137 0.122 0.055 tpsd157*006#0050 d 150 6.3 9.5 6 50 1.732 1.559 0.693 0.087 0.078 0.035 tpsy157*006#0040 y 150 6.3 9.5 6 40 1.768 1.591 0.707 0.071 0.064 0.028 tpsc227*006#0070 c 220 6.3 13.9 8 70 1.254 1.128 0.501 0.088 0.079 0.035 tpsc227*006#0250 c 220 6.3 13.9 8 250 0.663 0.597 0.265 0.166 0.149 0.066 tpsc227*006#0125 c 220 6.3 13.9 8 125 0.938 0.844 0.375 0.117 0.106 0.047 tpsc227*006#0100 c 220 6.3 13.9 8 100 1.049 0.944 0.419 0.105 0.094 0.042 tpsd227*006#0125 d 220 6.3 13.9 8 125 1.095 0.986 0.438 0.137 0.123 0.055 tpsd227*006#0050 d 220 6.3 13.9 8 50 1.732 1.559 0.693 0.087 0.078 0.035 tpsd227*006#0100 d 220 6.3 13.2 8 100 1.125 1.102 0.490 0.122 0.110 0.049 tpse227*006#0100 e 220 6.3 13.2 8 100 1.285 1.156 0.514 0.128 0.116 0.051 tpsy227*006#0100 y 220 6.3 13.9 10 100 1.118 1.006 0.447 0.112 0.101 0.045 tpsy227*006#0150 y 220 6.3 13.9 10 150 0.913 0.822 0.365 0.137 0.123 0.055 tpsd337*006#0100 d 330 6.3 20.8 8 100 1.125 1.102 0.490 0.122 0.110 0.049 tpsd337*006#0050 d 330 6.3 20.8 8 50 1.732 1.559 0.693 0.087 0.078 0.035 tpsd337*006#0070 d 330 6.3 20.8 8 70 1.464 1.317 0.586 0.102 0.092 0.041 tpsd337*006#0045 d 330 6.3 20.8 8 45 1.826 1.643 0.730 0.082 0.074 0.033 tpse337*006#0150 e 330 6.3 20.8 8 150 1.049 0.938 0.420 0.157 0.141 0.063 tpse337*006#0125 e 330 6.3 20.8 8 125 1.149 1.028 0.460 0.144 0.128 0.057 tpse337*006#0100 e 330 6.3 20.8 8 100 1.285 1.149 0.514 0.128 0.115 0.051 tpse337*006#0050 e 330 6.3 20.8 8 50 1.817 1.635 0.727 0.091 0.082 0.036 tpsv337*006#0100 v 330 6.3 20.8 8 100 1.581 1.423 0.632 0.158 0.142 0.063 tpsy337*006#0150 y 330 6.3 20.8 12 150 0.913 0.822 0.365 0.137 0.123 0.055 tpsd477*006#0045 d 470 6.3 29.6 12 45 1.826 1.643 0.730 0.082 0.074 0.033 tpsd477*006#0060 d 470 6.3 29.6 12 60 1.581 1.423 0.632 0.095 0.085 0.038 tpsd477*006#0200 d 470 6.3 29.6 12 200 0.866 0.779 0.346 0.173 0.156 0.069 tpsd477*006#0100 d 470 6.3 29.6 12 100 1.225 1.102 0.490 0.122 0.110 0.049 tpse477*006#0200 e 470 6.3 29.6 10 200 0.908 0.817 0.363 0.182 0.163 0.073 tpse477*006#0100 e 470 6.3 29.6 10 100 1.285 1.156 0.514 0.128 0.116 0.051 tpse477*006#0060 e 470 6.3 29.6 10 60 1.658 1.492 0.663 0.099 0.090 0.040 tpse477*006#0050 e 470 6.3 29.6 10 50 1.817 1.635 0.727 0.091 0.082 0.036 tpse477*006#0045 e 470 6.3 29.6 10 45 1.915 1.723 0.766 0.086 0.078 0.034 tpsv477*006#0100 v 470 6.3 29.6 10 100 1.581 1.414 0.632 0.158 0.141 0.063 tpsv477*006#0055 v 470 6.3 29.6 10 55 2.132 1.907 0.853 0.117 0.105 0.047 tpsv477*006#0040 v 470 6.3 29.6 10 40 2.500 2.250 1.000 0.100 0.090 0.040 tpse687*006#0100 e 680 6.3 42.8 10 100 1.284 1.156 0.514 0.128 0.115 0.051 tpse687*006#0060 e 680 6.3 42.8 10 60 1.658 1.492 0.663 0.099 0.089 0.040 tpse687*006#0045 e 680 6.3 42.8 10 45 1.915 1.723 0.766 0.086 0.078 0.034 tpsv687*006#0050 v 680 6.3 42.8 10 50 2.236 2.012 0.894 0.112 0.101 0.045 tpsv687*006#0040 v 680 6.3 42.8 10 40 2.500 2.250 1.000 0.100 0.090 0.040 tpsv687*006#0035 v 680 6.3 42.8 14 35 2.673 2.405 1.069 0.094 0.084 0.037 tpsv108*006#0040 v 1000 6.3 60 16 40 2.500 2.250 1.000 0.100 0.090 0.040 tpsv108*006#0050 v 1000 6.3 60 16 50 2.236 2.012 0.894 0.112 0.101 0.045 tpsr105*010#9000 r 1 10 0.5 4 9000 0.078 0.070 0.031 0.702 0.632 0.281 tpsa225*010#1800 a 2.2 10 0.5 6 1800 0.204 0.184 0.082 0.367 0.331 0.147 tpst335*010#1500 t 3.3 10 0.5 6 1500 0.231 0.208 0.092 0.346 0.312 0.139 tpsr475*010#5000 r 4.7 10 0.5 6 5000 0.105 0.094 0.042 0.525 0.472 0.210 tpsr475*010#3000 r 4.7 10 0.5 6 3000 0.135 0.122 0.054 0.406 0.366 0.162 tpsa475*010#1400 a 4.7 10 0.5 6 1400 0.231 0.208 0.093 0.324 0.292 0.130 tpsa685*010#1800 a 6.8 10 0.7 6 1800 0.204 0.184 0.082 0.367 0.331 0.147 tpst685*010#1800 t 6.8 10 0.7 6 1800 0.211 0.189 0.084 0.380 0.342 0.152 tpsa106*010#1800 a 10 10 1 6 1800 0.204 0.183 0.082 0.367 0.329 0.147 tpsa106*010#0900 a 10 10 1 6 900 0.289 0.260 0.115 0.260 0.234 0.104 tpsp106*010#2000 p 10 10 1 8 2000 0.173 0.156 0.069 0.346 0.312 0.139 tpst106*010#2000 t 10 10 1 6 2000 0.200 0.180 0.080 0.400 0.360 0.160 all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel
23 tps series low esr ratings & part number reference rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ? ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? tpst106*010#1000 t 10 10 1 6 1000 0.283 0.254 0.113 0.283 0.254 0.113 tpsa156*010#1000 a 15 10 1.5 6 1000 0.274 0.246 0.110 0.274 0.246 0.110 tpsb156*010#0450 b 15 10 1.5 6 450 0.435 0.391 0.174 0.196 0.176 0.078 tpsb156*010#0600 b 15 10 1.5 6 600 0.376 0.339 0.151 0.226 0.203 0.090 tpsb226*010#0700 b 22 10 2.2 6 700 0.348 0.312 0.139 0.244 0.218 0.098 tpsb226*010#0500 b 22 10 2.2 6 500 0.412 0.371 0.165 0.205 0.185 0.082 tpsb226*010#0400 b 22 10 2.2 6 400 0.461 0.415 0.184 0.184 0.166 0.074 tbsc226*010#0300 c 22 10 2.2 6 300 0.606 0.545 0.242 0.182 0.163 0.073 tpst226*010#0800 t 22 10 2.2 8 800 0.316 0.284 0.126 0.253 0.227 0.101 tpsb336*010#0650 b 33 10 3.3 6 650 0.362 0.325 0.145 0.235 0.212 0.094 tpsb336*010#0500 b 33 10 3.3 6 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsb336*010#0425 b 33 10 3.3 6 425 0.447 0.402 0.179 0.190 0.171 0.076 tpsb336*010#0250 b 33 10 3.3 6 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsc336*010#0500 c 33 10 3.3 6 500 0.469 0.420 0.188 0.235 0.210 0.094 tpsc336*010#0375 c 33 10 3.3 6 375 0.542 0.484 0.217 0.203 0.182 0.081 tpsc336*010#0150 c 33 10 3.3 6 150 0.856 0.771 0.343 0.128 0.116 0.051 tpsw336*010#0350 w 33 10 3.3 6 350 0.507 0.456 0.203 0.177 0.160 0.071 tpsb476*010#0250 b 47 10 4.7 8 250 0.583 0.525 0.233 0.146 0.131 0.058 tpsb476*010#0650 b 47 10 4.7 8 650 0.362 0.325 0.145 0.235 0.212 0.094 tpsb476*010#0500 b 47 10 4.7 8 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsb476*010#0350 b 47 10 4.7 8 350 0.493 0.444 0.197 0.172 0.155 0.069 tpsc476*010#0350 c 47 10 4.7 6 350 0.561 0.501 0.224 0.196 0.175 0.078 tpsd476*010#0100 d 47 10 4.7 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsw476*010#0250 w 47 10 4.7 6 250 0.600 0.540 0.240 0.150 0.135 0.060 tpsw476*010#0150 w 47 10 4.7 6 150 0.775 0.697 0.310 0.116 0.105 0.046 tpsw476*010#0125 w 47 10 4.7 6 125 0.849 0.764 0.339 0.106 0.095 0.042 tpsy686*010#0200 y 68 10 6.8 6 200 0.791 0.712 0.316 0.158 0.142 0.063 tpsy686*010#0100 y 68 10 6.8 6 100 1.118 1.006 0.447 0.112 0.101 0.045 tpsd686*010#0150 d 68 10 6.8 6 150 1.000 0.900 0.400 0.150 0.135 0.060 tpsd686*010#0100 d 68 10 6.8 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsc686*010#0300 c 68 10 6.8 6 300 0.605 0.544 0.242 0.181 0.163 0.073 tpsc686*010#0200 c 68 10 6.8 6 200 0.741 0.667 0.296 0.148 0.133 0.059 tpsc686*010#0080 c 68 10 6.8 6 80 1.173 1.055 0.469 0.094 0.084 0.038 tpsc686*010#0100 c 68 10 6.8 6 100 1.049 0.944 0.420 0.105 0.094 0.042 tpsw686*010#0100 w 68 10 6.8 6 100 0.949 0.854 0.379 0.095 0.085 0.038 tpsw686*010#0150 w 68 10 6.8 6 150 0.775 0.697 0.310 0.116 0.105 0.046 tpsy107*010#0200 y 100 10 10 6 200 0.791 0.712 0.316 0.158 0.142 0.063 tpsy107*010#0150 y 100 10 10 6 150 0.913 0.822 0.365 0.137 0.123 0.055 tpsy107*010#0100 y 100 10 10 6 100 1.118 1.006 0.447 0.112 0.101 0.045 tpsc107*010#0200 c 100 10 10 8 200 0.742 0.667 0.297 0.148 0.133 0.059 tpsc107*010#0150 c 100 10 10 8 150 0.856 0.771 0.343 0.128 0.116 0.051 tpsc107*010#0100 c 100 10 10 8 100 1.049 0.944 0.420 0.105 0.094 0.042 tpsc107*010#0075 c 100 10 10 8 75 1.211 1.090 0.484 0.091 0.082 0.036 tpsd107*010#0150 d 100 10 10 6 150 1.000 0.894 0.400 0.150 0.134 0.060 tpsd107*010#0125 d 100 10 10 6 125 1.095 0.980 0.438 0.137 0.122 0.055 tpsd107*010#0100 d 100 10 10 6 100 1.225 1.095 0.490 0.122 0.110 0.049 tpsd107*010#0080 d 100 10 10 6 80 1.369 1.225 0.548 0.110 0.098 0.044 tpsd107*010#0065 d 100 10 10 6 65 1.519 1.367 0.607 0.098 0.089 0.039 tpsd107*010#0050 d 100 10 10 6 50 1.732 1.559 0.693 0.087 0.078 0.035 tpse107*010#0125 e 100 10 10 6 125 1.149 1.028 0.460 0.144 0.128 0.057 tpsx107*010#0200 x 100 10 10 8 200 0.707 0.636 0.283 0.141 0.127 0.056 tpsx107*010#0150 x 100 10 10 8 150 0.816 0.735 0.327 0.122 0.110 0.049 tpsx107*010#0085 x 100 10 10 8 85 1.085 0.976 0.434 0.092 0.083 0.037 tpsw107*010#0150 w 100 10 10 6 150 0.775 0.697 0.310 0.116 0.105 0.046 tpsy157*010#0200 y 150 10 15 6 200 0.791 0.712 0.316 0.158 0.142 0.063 tpsy157*010#0150 y 150 10 15 6 150 0.913 0.822 0.365 0.137 0.123 0.055 tpsy157*010#0100 y 150 10 15 6 100 1.118 1.006 0.447 0.112 0.101 0.045 tpsd157*010#0100 d 150 10 15 8 100 1.225 1.095 0.490 0.122 0.110 0.049 tpsd157*010#0085 d 150 10 15 8 85 1.328 1.195 0.531 0.113 0.102 0.045 tpsd157*010#0050 d 150 10 15 8 50 1.732 1.559 0.693 0.087 0.078 0.035 tpse157*010#0100 e 150 10 15 8 100 1.285 1.149 0.514 0.128 0.115 0.051 tpsx157*010#0100 x 150 10 15 6 100 1.000 0.900 0.400 0.100 0.090 0.040 tpsy227*010#0200 y 220 10 22 10 200 0.790 0.711 0.316 0.158 0.142 0.063 tpsy227*010#0150 y 220 10 22 10 150 0.913 0.822 0.365 0.137 0.123 0.055 tpsd227*010#0150 d 220 10 22 8 150 1.000 0.900 0.400 0.150 0.135 0.060 tpsd227*010#0100 d 220 10 22 8 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsd227*010#0050 d 220 10 22 8 50 1.732 1.559 0.692 0.087 0.078 0.035 tpse227*010#0150 e 220 10 22 8 150 1.049 0.938 0.420 0.157 0.141 0.063 all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel
24 tps series low esr ratings & part number reference rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ? ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? tpse227*010#0125 e 220 10 22 8 125 1.149 1.028 0.460 0.144 0.128 0.057 tpse227*010#0100 e 220 10 22 8 100 1.285 1.149 0.514 0.128 0.115 0.051 tpse227*010#0070 e 220 10 22 8 70 1.535 1.382 0.614 0.107 0.097 0.043 tpse227*010#0060 e 220 10 22 8 60 1.658 1.483 0.663 0.099 0.089 0.040 tpse227*010#0050 e 220 10 22 8 50 1.817 1.635 0.727 0.091 0.082 0.036 tpsd337*010#0150 d 330 10 33 10 150 1.000 0.900 0.400 0.150 0.135 0.060 tpsd337*010#0100 d 330 10 33 10 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsd337*010#0050 d 330 10 33 8 50 1.732 1.559 0.693 0.087 0.078 0.035 tpsd337*010#0065 d 330 10 33 8 65 1.519 1.367 0.608 0.099 0.089 0.039 tpse337*010#0100 e 330 10 33 10 100 1.285 1.149 0.514 0.128 0.115 0.051 tpse337*010#0060 e 330 10 33 10 60 1.658 1.483 0.663 0.099 0.089 0.040 tpse337*010#0050 e 330 10 33 10 50 1.817 1.635 0.727 0.091 0.082 0.036 tpse337*010#0040 e 330 10 33 8 40 2.031 1.828 0.812 0.081 0.073 0.032 tpsv337*010#0100 v 330 10 33 10 100 1.581 1.414 0.632 0.158 0.141 0.063 tpsv337*010#0060 v 330 10 33 10 60 2.041 1.826 0.816 0.122 0.110 0.049 tpsv337*010#0040 v 330 10 33 10 40 2.500 2.250 1.000 0.100 0.090 0.040 tpsv477*010#0040 v 470 10 47 10 40 2.500 2.250 1.000 0.100 0.090 0.040 tpse477*010#0200 e 470 10 47 10 200 0.908 0.812 0.363 0.181 0.162 0.072 tpse477*010#0100 e 470 10 47 10 100 1.285 1.149 0.514 0.128 0.115 0.051 tpse477*010#0060 e 470 10 47 10 60 1.658 1.492 0.663 0.099 0.090 0.040 tpse477*010#0050 e 470 10 47 10 50 1.817 1.625 0.727 0.091 0.081 0.036 tpse477*010#0045 e 470 10 47 10 45 1.915 1.723 0.766 0.086 0.078 0.034 tpsv477*010#0100 v 470 10 47 10 100 1.581 1.423 0.632 0.158 0.142 0.063 tpsv477*010#0060 v 470 10 47 10 60 2.041 1.825 0.816 0.122 0.110 0.049 tpsv477*010#0040 v 470 10 47 10 40 2.500 2.250 1.000 0.100 0.090 0.040 tpsa225*016#3500 a 2.2 16 0.5 6 3500 0.146 0.131 0.059 0.512 0.458 0.205 tpsa225*016#1800 a 2.2 16 0.5 6 1800 0.204 0.184 0.081 0.367 0.330 0.146 tpst225*016#2000 t 2.2 16 0.5 6 2000 0.200 0.180 0.080 0.400 0.360 0.160 tpsa335*016#3500 a 3.3 16 0.5 6 3500 0.146 0.131 0.059 0.512 0.458 0.205 tpsa475*016#2000 a 4.7 16 0.8 6 2000 0.194 0.174 0.077 0.387 0.349 0.155 tpsb475*016#1500 b 4.7 16 0.8 6 1500 0.238 0.214 0.095 0.357 0.321 0.143 tpsb475*016#0800 b 4.7 16 0.8 6 800 0.326 0.293 0.130 0.261 0.235 0.104 tpsa685*016#1500 a 6.8 16 1.1 6 1500 0.224 0.201 0.089 0.335 0.302 0.134 tpsb685*016#0600 b 6.8 16 1.1 6 600 0.376 0.339 0.151 0.226 0.203 0.090 tpsb685*016#1200 b 6.8 16 1.1 6 1200 0.266 0.240 0.106 0.319 0.287 0.128 tpsb106*016#0500 b 10 16 1.6 6 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsb106*016#0800 b 10 16 1.6 6 800 0.326 0.293 0.130 0.261 0.235 0.104 tpsc106*016#0500 c 10 16 1.6 6 500 0.469 0.422 0.188 0.235 0.212 0.094 tpsw106*016#0500 w 10 16 1.6 6 500 0.424 0.382 0.170 0.212 0.191 0.085 tpsw106*016#0600 w 10 16 1.6 6 600 0.387 0.349 0.155 0.232 0.209 0.093 tpst106*016#1000 t 10 16 1.6 8 1000 0.283 0.255 0.113 0.283 0.255 0.113 tpst106*016#0800 t 10 16 1.6 8 800 0.316 0.284 0.126 0.253 0.228 0.101 tpsb156*016#0500 b 15 16 2.4 6 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsb156*016#0800 b 15 16 2.4 6 800 0.326 0.292 0.130 0.261 0.233 0.104 tpsb226*016#0400 b 22 16 3.5 6 400 0.461 0.415 0.184 0.184 0.166 0.074 tpsb226*016#0600 b 22 16 3.5 6 600 0.376 0.338 0.150 0.225 0.203 0.090 tpsc226*016#0375 c 22 16 3.5 6 375 0.542 0.484 0.217 0.203 0.182 0.081 tpsc226*016#0300 c 22 16 3.5 6 300 0.605 0.545 0.242 0.181 0.163 0.073 tpsc226*016#0250 c 22 16 3.5 6 250 0.663 0.597 0.265 0.166 0.149 0.066 tpsc226*016#0150 c 22 16 3.5 6 150 0.856 0.771 0.343 0.128 0.116 0.051 tpsw226*016#0500 w 22 16 3.5 6 500 0.424 0.382 0.170 0.212 0.191 0.085 tpsb336*016#0350 b 33 16 5.3 8 350 0.493 0.444 0.197 0.172 0.155 0.069 tpsb336*016#0500 b 33 16 5.3 8 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsc336*016#0100 c 33 16 5.3 6 100 1.049 0.944 0.420 0.105 0.094 0.042 tpsc336*016#0150 c 33 16 5.3 6 150 0.856 0.771 0.343 0.128 0.116 0.051 tpsc336*016#0300 c 33 16 5.3 6 300 0.606 0.545 0.242 0.182 0.163 0.073 tpsc336*016#0225 c 33 16 5.3 6 225 0.699 0.629 0.279 0.157 0.141 0.063 tpsw336*016#0500 w 33 16 5.3 6 500 0.424 0.381 0.169 0.212 0.191 0.085 tpsw336*016#0400 w 33 16 5.3 6 400 0.474 0.427 0.189 0.189 0.170 0.076 tpsw336*016#0250 w 33 16 5.3 6 250 0.600 0.540 0.240 0.150 0.135 0.060 tpsw336*016#0175 w 33 16 5.3 6 175 0.717 0.645 0.287 0.125 0.113 0.050 tpsw336*016#0140 w 33 16 5.3 6 140 0.802 0.722 0.321 0.112 0.101 0.045 tpsy336*016#0400 y 33 16 5.3 6 400 0.559 0.503 0.224 0.224 0.202 0.090 tpsy336*016#0300 y 33 16 5.3 6 300 0.645 0.580 0.258 0.194 0.174 0.078 tpsc476*016#0110 c 47 16 7.5 6 110 1.000 0.900 0.400 0.110 0.099 0.044 tpsc476*016#0350 c 47 16 7.5 6 350 0.561 0.501 0.224 0.196 0.175 0.078 tpsy476*016#0250 y 47 16 7.5 6 250 0.707 0.636 0.283 0.176 0.159 0.071 tpsd476*016#0200 d 47 16 7.5 6 200 0.866 0.775 0.346 0.173 0.155 0.069 all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel
25 tps series low esr ratings & part number reference rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ? ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? tpsd476*016#0150 d 47 16 7.5 6 150 1.000 0.894 0.400 0.150 0.134 0.060 tpsd476*016#0100 d 47 16 7.5 6 100 1.225 1.103 0.490 0.123 0.110 0.049 tpsd476*016#0080 d 47 16 7.5 6 80 1.369 1.232 0.548 0.110 0.099 0.044 tpsx476*016#0180 x 47 16 7.5 6 180 0.745 0.671 0.298 0.134 0.121 0.054 tpsy686*016#0250 y 68 16 10.9 6 250 0.707 0.636 0.283 0.177 0.159 0.071 tpsy686*016#0200 y 68 16 10.9 6 200 0.791 0.712 0.316 0.158 0.142 0.063 tpsc686*016#0125 c 68 16 10.9 6 125 0.938 0.844 0.375 0.117 0.106 0.047 tpsc686*016#0200 c 68 16 10.9 6 200 0.741 0.667 0.297 0.148 0.133 0.059 tpsd686*016#0150 d 68 16 10.9 6 150 1.000 0.894 0.400 0.150 0.134 0.060 tpsd686*016#0100 d 68 16 10.9 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsd686*016#0070 d 68 16 10.8 6 70 1.464 1.317 0.586 0.102 0.092 0.041 tpsx686*016#0150 x 68 16 10.9 8 150 0.816 0.735 0.327 0.122 0.110 0.049 tpsy107*016#0200 y 100 16 16 8 200 0.791 0.712 0.316 0.158 0.142 0.063 tpsy107*016#0150 y 100 16 16 8 150 0.912 0.812 0.365 0.135 0.121 0.055 tpsy107*016#0100 y 100 16 24 6 100 1.118 1.006 0.447 0.112 0.101 0.045 tpsd107*016#0150 d 100 16 16 6 150 1.000 0.894 0.400 0.150 0.134 0.060 tpsd107*016#0125 d 100 16 16 6 125 1.095 0.980 0.438 0.137 0.122 0.055 tpsd107*016#0100 d 100 16 16 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsd107*016#0060 d 100 16 16 6 60 1.581 1.423 0.632 0.095 0.085 0.038 tpse107*016#0150 e 100 16 16 6 150 1.049 0.938 0.420 0.157 0.141 0.063 tpse107*016#0125 e 100 16 16 6 125 1.149 1.028 0.460 0.144 0.128 0.057 tpse107*016#0100 e 100 16 16 6 100 1.285 1.149 0.514 0.128 0.115 0.051 tpse107*016#0055 e 100 16 16 6 55 1.732 1.559 0.693 0.095 0.086 0.038 tpsd157*016#0150 d 150 16 24 6 150 1.000 0.900 0.400 0.150 0.135 0.060 tpsd157*016#0125 d 150 16 24 6 125 1.095 0.986 0.438 0.137 0.123 0.055 tpsd157*016#0100 d 150 16 24 6 100 1.225 1.103 0.490 0.123 0.110 0.049 tpsd157*016#0060 d 150 16 24 6 60 1.581 1.423 0.632 0.095 0.085 0.038 tpsd157*016#0085 d 150 16 24 6 85 1.328 1.196 0.531 0.113 0.102 0.045 tpse157*016#0100 e 150 16 24 6 100 1.285 1.156 0.514 0.128 0.116 0.051 tpsv157*016#0075 v 150 16 24 8 75 1.826 1.643 0.730 0.137 0.123 0.055 tpsv157*016#0045 v 150 16 24 8 45 2.357 2.121 0.943 0.106 0.095 0.042 tpse227*016#0150 e 220 16 35.2 10 150 1.049 0.944 0.420 0.157 0.142 0.063 tpse227*016#0100 e 220 16 35.2 10 100 1.285 1.156 0.514 0.128 0.116 0.051 tpsv227*016#0150 v 220 16 35.2 8 150 1.291 1.162 0.516 0.194 0.175 0.078 tpsv227*016#0100 v 220 16 35.2 8 100 1.581 1.414 0.632 0.158 0.141 0.063 tpsv227*016#0075 v 220 16 35.2 8 75 1.825 1.643 0.730 0.137 0.123 0.054 tpsv227*016#0050 v 220 16 35.2 8 50 2.236 2.012 0.894 0.112 0.101 0.045 tpsa105*020#3000 a 1 20 0.5 4 3000 0.158 0.142 0.063 0.474 0.427 0.190 tpss105*020#6000 s 1 20 0.5 4 6000 0.104 0.093 0.042 0.624 0.561 0.249 tpsr105*020#6000 r 1 20 0.5 4 6000 0.096 0.086 0.038 0.574 0.517 0.230 tpst105*020#2000 t 1 20 0.5 4 2000 0.115 0.104 0.046 0.693 0.624 0.277 tpsa225*020#3000 a 2.2 20 0.5 6 3000 0.158 0.142 0.063 0.474 0.427 0.190 tpsa335*020#2500 a 3.3 20 0.7 6 2500 0.173 0.156 0.069 0.433 0.390 0.173 tpsb335*020#1300 b 3.3 20 0.7 6 1300 0.256 0.230 0.102 0.333 0.299 0.133 tpsa475*020#1800 a 4.7 20 0.9 6 1800 0.204 0.183 0.082 0.367 0.329 0.147 tpsb475*020#0750 b 4.7 20 0.9 6 750 0.337 0.303 0.135 0.252 0.227 0.101 tpsb475*020#1000 b 4.7 20 0.9 6 1000 0.292 0.262 0.117 0.292 0.262 0.117 tpsb685*020#0600 b 6.8 20 1.4 6 600 0.376 0.339 0.151 0.226 0.203 0.090 tpsb685*020#1000 b 6.8 20 1.4 6 1000 0.292 0.262 0.117 0.292 0.262 0.117 tpsc685*020#0700 c 6.8 20 1.4 6 700 0.396 0.357 0.159 0.277 0.250 0.111 tpsb106*020#0500 b 10 20 2 6 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsb106*020#1000 b 10 20 2 6 1000 0.292 0.261 0.117 0.292 0.261 0.117 tpsc106*020#0700 c 10 20 2 6 700 0.396 0.357 0.159 0.277 0.250 0.111 tpsc106*020#0500 c 10 20 2 6 500 0.469 0.422 0.188 0.235 0.211 0.094 tpsb156*020#0500 b 15 20 3 6 500 0.412 0.371 0.165 0.206 0.186 0.082 tpsc156*020#0450 c 15 20 3 6 450 0.494 0.442 0.198 0.222 0.199 0.089 tpsc156*020#0400 c 15 20 3 6 400 0.524 0.472 0.210 0.210 0.189 0.084 tpsb226*020#0400 b 22 20 4.4 6 400 0.461 0.415 0.184 0.184 0.166 0.074 tpsb226*020#0600 b 22 20 4.4 6 600 0.376 0.339 0.151 0.226 0.203 0.090 tpsc226*020#0100 c 22 20 4.4 6 100 1.049 0.944 0.420 0.105 0.094 0.042 tpsc226*020#0400 c 22 20 4.4 6 400 0.524 0.472 0.210 0.210 0.189 0.084 tpsc226*020#0150 c 22 20 4.4 6 150 0.856 0.771 0.343 0.128 0.116 0.051 tpsd226*020#0300 d 22 20 4.4 6 300 0.707 0.636 0.283 0.212 0.191 0.085 tpsd226*020#0200 d 22 20 4.4 6 200 0.866 0.779 0.346 0.173 0.156 0.069 tpsd336*020#0200 d 33 20 6.6 6 200 0.866 0.775 0.346 0.173 0.155 0.069 tpsd336*020#0100 d 33 20 6.6 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsc336*020#0300 c 33 20 6.6 6 300 0.606 0.545 0.242 0.182 0.163 0.073 tpsd476*020#0200 d 47 20 9.4 6 200 0.866 0.779 0.346 0.173 0.156 0.069 all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel
26 tps series low esr ratings & part number reference rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ? ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? tpsd476*020#0100 d 47 20 9.4 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsd476*020#0075 d 47 20 9.4 6 75 1.414 1.273 0.566 0.106 0.095 0.042 tpse476*020#0250 e 47 20 9.4 6 250 0.812 0.731 0.325 0.203 0.183 0.081 tpse476*020#0200 e 47 20 9.4 6 200 0.908 0.817 0.363 0.182 0.163 0.073 tpse476*020#0150 e 47 20 9.4 6 150 1.049 0.938 0.420 0.157 0.141 0.063 tpse476*020#0125 e 47 20 9.4 6 125 1.149 1.034 0.460 0.144 0.129 0.057 tpse476*020#0070 e 47 20 9.4 6 70 1.535 1.382 0.614 0.107 0.097 0.043 tpsd686*020#0200 d 68 20 13.6 6 200 0.866 0.779 0.346 0.173 0.156 0.069 tpsd686*020#0150 d 68 20 13.6 6 150 1.000 0.900 0.400 0.150 0.135 0.060 tpsv686*020#0070 d 68 20 13.6 6 70 1.464 1.317 0.586 0.102 0.092 0.041 tpse686*020#0200 e 68 20 13.6 6 200 0.908 0.817 0.363 0.182 0.163 0.073 tpse686*020#0150 e 68 20 13.6 6 150 1.049 0.938 0.420 0.157 0.141 0.063 tpse686*020#0125 e 68 20 13.6 6 125 1.149 1.028 0.460 0.144 0.128 0.057 tpse107*020#0200 e 100 20 20 6 200 0.908 0.817 0.363 0.182 0.163 0.073 tpse107*020#0150 e 100 20 20 6 150 1.049 0.944 0.420 0.157 0.142 0.063 tpse107*020#0100 e 100 20 20 6 100 1.285 1.156 0.514 0.128 0.116 0.051 tpsv107*020#0200 v 100 20 20 8 200 1.118 1.006 0.447 0.224 0.202 0.090 tpsv107*020#0100 v 100 20 20 8 100 1.581 1.414 0.632 0.158 0.141 0.063 tpsv107*020#0085 v 100 20 20 8 85 1.715 1.543 0.686 0.145 0.131 0.058 tpsv107*020#0060 v 100 20 20 8 60 2.041 1.837 0.816 0.122 0.110 0.049 tpsv157*020#0080 v 150 20 30 8 80 1.768 1.591 0.707 0.141 0.127 0.057 tpsa474*025#7000 a 0.47 25 0.5 4 7000 0.103 0.093 0.041 0.721 0.649 0.288 tpsa684*025#6000 a 0.68 25 0.5 4 6000 0.112 0.101 0.045 0.671 0.604 0.268 tpsa155*025#3000 a 1.5 25 0.5 6 3000 0.158 0.141 0.063 0.474 0.424 0.190 tpsb155*025#1800 b 1.5 25 0.5 6 1800 0.217 0.196 0.087 0.391 0.351 0.156 tpsb225*025#2500 b 2.2 25 0.6 6 2500 0.184 0.166 0.074 0.461 0.415 0.184 tpsb225*025#1200 b 2.2 25 0.6 6 1200 0.266 0.240 0.106 0.319 0.287 0.128 tpsb225*025#0900 b 2.2 25 0.6 6 900 0.307 0.277 0.123 0.277 0.249 0.111 tpsa335*025#1500 a 3.3 25 0.8 6 1500 0.224 0.201 0.089 0.335 0.302 0.134 tpsb335*025#0750 b 3.3 25 0.8 6 750 0.337 0.303 0.135 0.252 0.227 0.101 tpsb335*025#1500 b 3.3 25 0.8 6 1500 0.238 0.214 0.095 0.357 0.321 0.143 tpsb335*025#2000 b 3.3 25 0.8 6 2000 0.206 0.186 0.082 0.412 0.371 0.165 tpsb475*025#1500 b 4.7 25 1.2 6 1500 0.238 0.213 0.095 0.357 0.319 0.143 tpsb475*025#0900 b 4.7 25 1.2 6 900 0.307 0.277 0.123 0.277 0.249 0.111 tpsb475*025#0700 b 4.7 25 1.2 6 700 0.348 0.314 0.139 0.244 0.220 0.098 tpsb685*025#0700 b 6.8 25 1.7 6 700 0.348 0.314 0.139 0.244 0.220 0.098 tpsc685*025#0700 c 6.8 25 1.7 6 700 0.396 0.357 0.159 0.277 0.250 0.111 tpsc685*025#0600 c 6.8 25 1.7 6 600 0.428 0.385 0.171 0.257 0.231 0.103 tpsc685*025#0500 c 6.8 25 1.7 6 500 0.469 0.422 0.188 0.235 0.211 0.094 tpsc106*025#0500 c 10 25 2.5 6 500 0.469 0.420 0.188 0.235 0.210 0.094 tpsc106*025#0300 c 10 25 2.5 6 300 0.606 0.545 0.242 0.182 0.163 0.073 tpsc156*025#0220 c 15 25 3.8 6 220 0.707 0.636 0.283 0.156 0.140 0.062 tpsc156*025#0300 c 15 25 3.8 6 300 0.606 0.545 0.242 0.182 0.163 0.073 tpsd156*025#0300 d 15 25 3.8 6 300 0.707 0.636 0.283 0.212 0.191 0.085 tpsd156*025#0100 d 15 25 3.8 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsc226*025#0275 c 22 25 5.5 6 275 0.632 0.569 0.253 0.174 0.157 0.070 tpsd226*025#0300 d 22 25 5.5 6 300 0.707 0.636 0.283 0.212 0.191 0.085 tpsd226*025#0200 d 22 25 5.5 6 200 0.866 0.775 0.346 0.173 0.155 0.069 tpsd226*025#0100 d 22 25 5.5 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsc226*025#0400 c 22 25 5.5 6 400 0.524 0.472 0.210 0.210 0.189 0.084 tpsd336*025#0300 d 33 25 8.3 6 300 0.707 0.636 0.283 0.212 0.191 0.085 tpsd336*025#0200 d 33 25 8.3 6 200 0.866 0.775 0.346 0.173 0.155 0.069 tpsd336*025#0100 d 33 25 8.3 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpse336*025#0300 e 33 25 8.3 6 300 0.742 0.663 0.297 0.222 0.199 0.089 tpse336*025#0200 e 33 25 8.3 6 200 0.908 0.812 0.363 0.182 0.162 0.073 tpse336*025#0175 e 33 25 8.3 6 175 0.971 0.868 0.388 0.170 0.152 0.068 tpse336*025#0100 e 33 25 8.3 6 100 1.285 1.156 0.514 0.128 0.116 0.051 tpsd476*025#0250 d 47 25 11.8 6 250 0.775 0.697 0.310 0.194 0.174 0.077 tpsd476*025#0150 d 47 25 11.8 6 150 1.000 0.900 0.400 0.150 0.135 0.060 tpsd476*025#0125 d 47 25 11.8 6 125 1.095 0.986 0.438 0.137 0.123 0.055 tpse476*025#0080 e 47 25 8.3 6 80 1.436 1.293 0.574 0.115 0.103 0.046 tpse476*025#0125 e 47 25 8.3 6 125 1.149 1.034 0.460 0.144 0.129 0.057 tpse476*025#0100 e 47 25 8.3 6 100 1.285 1.156 0.514 0.128 0.116 0.051 tpse686*025#0200 e 68 25 17 6 200 0.908 0.817 0.363 0.181 0.163 0.073 tpse686*025#0125 e 68 25 17 6 125 1.149 1.034 0.459 0.143 0.129 0.057 tpsv686*025#0200 v 68 25 17 6 200 1.118 1.006 0.447 0.223 0.201 0.089 tpsv686*025#0150 v 68 25 17 6 150 1.291 1.162 0.516 0.194 0.174 0.077 tpsv686*025#0095 v 68 25 17 6 95 1.622 1.460 0.649 0.154 0.139 0.062 all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel
27 rated dcl df esr 100khz ripple current ratings (a) 100khz ripple voltage ratings (v) avx case capacitance voltage (?) % max. (m ? ) part no. size (?) (v) max. max. @100khz 25? 85? 125? 25? 85? 125? tpsv686*025#0080 v 68 25 17 6 80 1.768 1.591 0.707 0.141 0.127 0.057 tpsv107*025#0100 v 100 25 25 8 100 1.581 1.423 0.632 0.158 0.142 0.063 tpsa224*035#6000 a 0.22 35 0.5 4 6000 0.112 0.101 0.045 0.672 0.605 0.269 tpsa334*035#6000 a 0.33 35 0.5 4 6000 0.112 0.101 0.045 0.672 0.605 0.269 tpsb474*035#4000 b 0.47 35 0.5 4 4000 0.146 0.131 0.058 0.584 0.526 0.234 tpsa474*035#6000 a 0.47 35 0.5 4 6000 0.112 0.101 0.045 0.671 0.604 0.268 tpsa684*035#6000 a 0.68 35 0.5 4 6000 0.112 0.101 0.045 0.672 0.605 0.269 tpsa105*035#3000 a 1 35 0.5 4 3000 0.158 0.142 0.063 0.474 0.427 0.190 tpsb105*035#2000 b 1 35 0.5 4 2000 0.206 0.186 0.082 0.412 0.371 0.165 tpsb155*035#2500 b 1.5 35 0.5 6 2500 0.184 0.166 0.074 0.461 0.415 0.184 tpsa225*035#1500 a 2.2 35 0.8 6 1500 0.224 0.201 0.089 0.335 0.302 0.134 tpsb225*035#0750 b 2.2 35 0.8 6 750 0.337 0.303 0.135 0.252 0.227 0.101 tpsb225*035#1500 b 2.2 35 0.8 6 1500 0.238 0.214 0.095 0.357 0.321 0.143 tpsb225*035#2000 b 2.2 35 0.8 6 2000 0.206 0.186 0.082 0.412 0.371 0.165 tpsc225*035#1000 c 2.2 35 0.8 6 1000 0.332 0.298 0.133 0.332 0.298 0.133 tpsb335*035#1000 b 3.3 35 1.2 6 1000 0.292 0.262 0.117 0.292 0.262 0.117 tpsc335*035#0700 c 3.3 35 1.2 6 700 0.396 0.357 0.159 0.277 0.250 0.111 tpsb475*035#0700 b 4.7 35 1.2 6 700 0.348 0.314 0.139 0.244 0.220 0.98 tpsb475*035#1500 b 4.7 35 1.2 6 1500 0.238 0.214 0.095 0.357 0.321 0.143 tpsc475*035#0600 c 4.7 35 1.6 6 600 0.428 0.383 0.171 0.257 0.230 0.103 tpsc685*035#0350 c 6.8 35 2.4 6 350 0.561 0.505 0.224 0.196 0.177 0.078 tpsd685*035#0150 d 6.8 35 2.4 6 150 1.000 0.900 0.400 0.150 0.135 0.060 tpsd685*035#0500 d 6.8 35 2.4 6 500 0.548 0.493 0.219 0.274 0.246 0.110 tpsd685*035#0400 d 6.8 35 2.4 6 400 0.612 0.551 0.245 0.245 0.220 0.098 tpsd106*035#0300 d 10 35 3.5 6 300 0.707 0.632 0.283 0.212 0.190 0.085 tpsd106*035#0125 d 10 35 3.5 6 125 1.095 0.986 0.438 0.137 0.123 0.055 tpse106*035#0200 e 10 35 3.5 6 200 0.908 0.817 0.363 0.182 0.163 0.073 tpsc156*035#0350 c 15 35 5.3 6 350 0.561 0.505 0.224 0.196 0.177 0.078 tpsc156*035#0450 c 15 35 5.3 6 450 0.494 0.445 0.198 0.222 0.200 0.089 tpsd156*035#0300 d 15 35 5.3 6 300 0.707 0.632 0.283 0.212 0.190 0.085 tpsd156*035#0100 d 15 35 5.3 6 100 1.225 1.102 0.490 0.122 0.110 0.049 tpsd226*035#0400 d 22 35 7.7 6 400 0.612 0.548 0.245 0.245 0.219 0.098 tpsd226*035#0300 d 22 35 7.7 6 300 0.707 0.632 0.283 0.212 0.190 0.085 tpsd226*035#0200 d 22 35 7.7 6 200 0.866 0.775 0.346 0.173 0.155 0.069 tpsd226*035#0125 d 22 35 7.7 6 125 1.095 0.986 0.438 0.137 0.123 0.055 tpse226*035#0300 e 22 35 7.7 6 300 0.742 0.663 0.297 0.222 0.199 0.089 tpse226*035#0200 e 22 35 7.7 6 200 0.908 0.812 0.363 0.182 0.162 0.073 tpse226*035#0125 e 22 35 7.7 6 125 1.149 1.034 0.460 0.144 0.129 0.057 tpsd336*035#0300 d 33 35 11.6 6 300 0.707 0.636 0.283 0.212 0.191 0.085 tpsd336*035#0200 d 33 35 11.6 6 200 0.866 0.775 0.346 0.173 0.155 0.069 tpse336*035#0300 e 33 35 11.6 6 300 0.742 0.667 0.297 0.222 0.200 0.089 tpse336*035#0250 e 33 35 11.6 6 250 0.812 0.731 0.325 0.203 0.183 0.081 tpse336*035#0100 e 33 35 11.6 6 100 1.285 1.156 0.514 0.128 0.116 0.051 tpse476*035#0250 e 47 35 16.5 6 250 0.812 0.731 0.325 0.203 0.183 0.081 tpse476*035#0200 e 47 35 16.5 6 200 0.908 0.817 0.363 0.182 0.163 0.073 tpsa154*050#9000 a 0.15 50 0.5 4 9000 0.091 0.082 0.036 0.819 0.737 0.328 tpsa224*050#7000 a 0.22 50 0.5 4 7000 0.103 0.093 0.041 0.721 0.649 0.288 tpsc105*050#2500 c 1 50 0.5 4 2500 0.210 0.189 0.084 0.524 0.472 0.210 tpsc155*050#2000 c 1.5 50 0.8 6 2000 0.234 0.211 0.094 0.468 0.421 0.187 tpsc155*050#1500 c 1.5 50 0.8 6 1500 0.271 0.243 0.108 0.406 0.366 0.163 tpsd225*050#1200 d 2.2 50 1.1 6 1200 0.354 0.318 0.141 0.424 0.382 0.170 tpsd335*050#0800 d 3.3 50 1.7 6 800 0.433 0.390 0.173 0.346 0.311 0.138 tpsd475*050#0700 d 4.7 50 2.4 6 700 0.463 0.417 0.185 0.324 0.292 0.130 tpsd475*050#0500 d 4.7 50 2.4 6 500 0.548 0.493 0.219 0.274 0.246 0.110 tpsd475*050#0300 d 4.7 50 2.4 6 300 0.707 0.636 0.283 0.212 0.191 0.085 tpsd685*050#0600 d 6.8 50 3.4 6 600 0.500 0.450 0.200 0.300 0.270 0.120 tpsd685*050#0500 d 6.8 50 3.4 6 500 0.548 0.493 0.219 0.274 0.246 0.110 tpse106*050#0400 e 10 50 5 6 400 0.642 0.578 0.257 0.257 0.231 0.103 tpse106*050#0500 e 10 50 5 6 500 0.574 0.516 0.230 0.287 0.258 0.115 tpse156*050#0250 e 15 50 5 6 250 0.812 0.731 0.325 0.203 0.183 0.081 tps series low esr ratings & part number reference all technical data relates to an ambient temperature of +25?. capacitance and df are measured at 120hz, 0.5v rms with a maximum dc bias of 2.2 volts. dcl is measured at rated voltage after 5 minutes. * insert k for ?0% and m for ?0% capacitance tolerance # standard plating ?insert r for 7" reel and s for 13" reel # gold plating ?insert a for 7" reel and b for 13" reel


▲Up To Search▲   

 
Price & Availability of TPSCXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X