Part Number Hot Search : 
MUR844M2 2N5070 NTE1818 IS488 X24320IG 2374A BXMP1036 HC193
Product Description
Full Text Search
 

To Download TC623HEPA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2-25 telcom semiconductor, inc. 7 6 5 4 3 1 2 8 3v, dual trip point temperature sensor tc623 features n integrated temp sensor and detector operate from a supply voltage as low as 2.7v n replaces mechanical thermostats and switches n on-chip temperature sense n 8-pin dip or soic for direct pcb mounting n 2 user-programmable temperature set points n 2 independent temperature limit outputs n heat/cool regulate output applications n cpu thermal management n system over-or under-temperature shutdown n advanced thermal warning n fan speed control circuits n accurate appliance temperature sensing n environmental control general description the tc623 is a 3v solid-state, programmable tempera- ture sensor designed for use in thermal management appli- cations. it features dual thermal interrupt outputs (low limit and high limit) each of which program with a single external resistor. the high limit and low limit outputs are driven active (high) when measured temperature equals the user-programmed limits. the control output is driven active (high) when temperature equals the high limit setpoint, and turned off when temperature falls below the low limit setpoint. the control output can be used to provide simple on/off control to a cooling fan if so desired. low voltage operation, easy setpoint programming, small size and low cost make the tc623 an ideal choice for many thermal management applications. ordering information temperature part no. package range tc623ccoa 8-pin soic 0 c to +70 c tc623ccpa 8-pin plastic dip 0 c to +70 c tc623ceoa 8-pin soic C 40 c to +85 c tc623cepa 8-pin plastic dip C 40 c to +85 c tc623cvoa 8-pin soic C 40 c to +125 c functional block diagram 3 high set 2 low set 1 nc 4 gnd 5 control 6 high limit v cc 7 low limit 8 latch q s r + + tc623 r < r low high vref gen. vref gen. vref temp to voltage converter gnd high set low set nc gnd high set low set nc v cc high limit control low limit v cc high limit control low limit 8 7 6 5 1 2 3 4 1 8 2 7 3 6 4 5 tc623ccoa tc623ceoa tc623cvoa tc623ccpa tc623cepa pin configuration (dip and soic) note: latch q output, ("c" option), is a standard device. contact factory for latch q output, ("h" option). tc623-5 9/18/96
2-26 telcom semiconductor, inc. maximum chip temperature ................................. +150 c storage temperature ............................ C 65 c to +150 c lead temperature (soldering, 10 sec) ................. +300 c *static-sensitive device. unused devices must be stored in conductive material. protect devices from static discharge and static fields. stresses above those listed under "absolute maximum ratings" may cause perma- nent damage to the device. these are stress ratings only and functional operation of the device at these or any other conditions above those indicated in the operation sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. absolute maximum ratings* package power dissipation (t a 70 c) plastic dip ......................................................730mw soic ............................................................... 470mw derating factors plastic dip .................................................... 8mw/ c soic ............................................................. 6mw/ c supply voltage ...........................................................5.5v input voltage any input ....... (gnd C 0.3v) to (v dd +0.3v) operating temperature v version ........................................ C 40 c to +125 c e version .......................................... C 40 c to +85 c c version ............................................... 0 c to +70 c figure 1. tc623 sense resistors vs. trip temperature detailed description tc623 operation the tc623 consists of a positive temperature coeffi- cient (ptc) temperature sensor and dual threshold detec- tor. temperature set point programming is easily accom- plished with external programming resistors from the high set and low set inputs to v cc . the high limit and low limit outputs remain inactive (low) as long as the measured temperature is below setpoint values. as temperature in- creases, the low limit is driven high when temperature equals the low limit setpoint ( 3 c). if temperature continues to climb, the high limit output is driven high when temperature equals the high limit setpoint ( 3 c). figure 1 shows the relationship between the sense resis- tance values and trip point temperature. the control output is driven high when the high limit output goes high, and is reset low when the low limit output goes low. this output provides the logic for simple on/off fan control. figure 2 shows overall tc623 operation. figure 2. tc623 temperature vs. output electrical characteristics over operating temperature range) v dd = 2.7v to 4.5v, unless otherwise specified. parameter conditions min typ* max unit supply voltage range 2.7 4.5 v supply current 2.7v v dd 4.5v 150 250 m a absolute accuracy t = programmed temperature t C 3 t 1 t +3 c v oh i oh = 250 m a 0.9 x v dd v i oh = 500 m a 0.8 x v dd v v ol i ol = 500 m a 0.1 x v dd v i ol = 1ma 0.2 x v dd v hysteresis falling temperature C 2 c * measured at 25 c temperature ( c) resistance (k ) -55 -35 -15 5 25 45 65 85 105 125 50 100 150 200 250 low set point high set point low limit output high limit output control output (cool option) temperature tc623 3v, dual trip point temperature sensor
2-27 telcom semiconductor, inc. 7 6 5 4 3 1 2 8 to prevent output "chattering" when measured tem- perature is at (or near) the programmed trip point values, the low set and high set inputs each have a built-in hysteresis of C 2 c max. as a result, the high limit and low limit outputs remain active until the measured tem- perature falls a maximum of 2 c below the programmed high set and low set thresholds as shown in figure 3. the programmed setting threshold of figure 3 is user- programmed temperature trip points of either the low set or high set inputs. the low limit or high limit output is driven active when temperature equals the programmed setpoint value (to within 3 c). the output remains active until the temperature falls an additional 2 c below the setpoint due to hysteresis. applications mounting if the tc623 is used to measure the temperature of another device, it is important that the top surface of the tc623 package be in intimate contact with the measured device. good thermal conductivity and no air space is critical to accurate temperature measurement in applications of this type. trip point programming the resistance values required for the high set and low set inputs are calculated using the formula below: r trip = 0.5997 x t 2.1312 where rtrip = programming resistor value in ohms t = desired trip temperature in degrees kelvin. for example, to program a trip point of 50 c, the programming resistor is: r trip = 0.5997 x (50 + 273.15) 2.1312 ) = 133,652 w programmed setpoint ? c hysteresis high limit or low limit output figure 3. high set and low set thresholds tc623 3v, dual trip point temperature sensor


▲Up To Search▲   

 
Price & Availability of TC623HEPA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X