Part Number Hot Search : 
IRHN450 FT21M15C 10600 5KP180 51256 FT21M15C BD5325G U1ZB150
Product Description
Full Text Search
 

To Download SR1XXX1BD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  schneider electric brand s zelio-logic relays sr1 file 8501 contents description page overview . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3 overview of functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 application data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 wiring diagrams and dimensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13

zelio-logic relay overview 3 02/01 ? 2001 schneider electric all rights reserved the zelio-logic relay is more than a typical relay. it will accept inputs, and has relay outputs like a programmable controller, but can not be connected to a network. because it has timers, counters and clocks that can be programmed, this product is ideal for applications where a typical relay, timer or time clock isnt enough, but a plc is not justified. ? the zelio-logic relay is designed for use in small automated systems. ? it can be used in industrial and commercial applications. ? its small size and ease of programming provides a competitive alternative to traditional relays, timers and counters. ? programming can be done on the relay or by using the zelio-soft software on your windows based computer. ? zelio-logic relays with four outputs will accept a 60 line program. ? zelio-logic relays with eight outputs will accept a 80 line program. ? programming in zelio-soft can be done in ladder logic, electrical symbols or zelio symbols. description 1. retractable mounting feet 2. power supply terminals 3. lcd display (4 lines, 12 characters) 4. input terminals 5. analog input terminals (0-10 v or 24 vdc) 6. delete or cancellation button 7. insert a new line button 8. navigational keys or input keys in run mode 9. selection or validation button 10. escape button 11. slot for memory back-up eeprom cartridge or cable connection for down loading or uploading of programs. 12. relay output terminals 13. marking area main zelio-logic screen 1. status of inputs 2. run or stop mode indication 3. indication of a parameter (day and time is default for relays with a clock) 4. status of outputs the dc relays have a fast input function filt. this function allows faster detection of changes in state of the inputs. this mode should only be used when necessary as it makes the relay inputs more sensitive to interference and contact bounce. a fast or slow choice is available. 1234 5 6 7 8 9 10 11 13 12 1 1 2 3 4 : mo
zelio-logic relay overview ? 2001 schneider electric all rights reserved 4 02/01 s ix will work the inverse of ix. example: function electrical scheme ladder language zelio relay symbol notes contact n.o. spstno ix s i corresponds to the real image of the contact connected to the input of the module. n.c. spstnc ix s i (l) corresponds to the reversed image of the contact connected to the input of the module. standard coil qx the coil is energized when the contacts to which it is connected are closed. latch coil (set) sq the coil is energized when the contacts to which it is connected are closed. it remains energized when the contacts re-open. unlatch coil (reset) rq the coil is de-energized when the contacts to which it is connected are closed. it remains inactive when the contacts re-open. 13 14 22 21 a1 a2 a1 a2 s a1 a2 r m stop start m1 l2 l1 l2 l1 i2 q1 q1 i1 i2 q1 q1 i1 or
zelio-logic relay overview of functions 5 02/01 ? 2001 schneider electric all rights reserved for more information on these timers and counters, refer to the users manual #sr1man01en. eight time delay functions (provided as standard in all relays) each timer function can be programmed to function in one of the following eight modes: on-delay on-delay (with momentary input) off-delay one shot one shot (when input is removed) repeat cycle (with maintained input) repeat cycle (with momentary input) totalizing timer with reset each timer function has a preset time in one of four timing ranges: 00.00 s (1/100 of a second) maximum of 99.99 seconds 000.0 s (1/10 of a second) maximum of 999.9 seconds (16.665 minutes) 00:00 m:s (minutes: seconds) maximum of 99:59 00:00 h:m (hours: minutes) maximum of 99:59 the time setting on each timer can be locked. a password is required to unlock the timer. eight counters (provided as standard in all relays) count up and/or count down. each counter function can have a preset value of 0000 to 9999. the counter setting on each counter can be locked. a password is required to unlock the counter.
zelio-logic relay overview of functions ? 2001 schneider electric all rights reserved 6 02/01 some versions come with four 24 hour - 7 day clocks: on each clock you can set: example: start day (sunday or monday) end day (friday or saturday) start time each day (08:30 or 9:15) end time each day (4:57 or 5:30) the clock settings on each clock can be locked. a password is required to unlock the counter. fifteen internal relay functions (provided as standard in all relays) each internal relay can have multiple contacts that can be used elsewhere in the program. each relay can be either a standard relay, a latching relay, or an unlatching relay. the internal relays do not have connection points that could be used to control external loads. these relays give much more freedom in programming. arrow keys (4) on the front of the relay can be used as inputs they can be used as push buttons in the program. some of the 24 vdc versions have analog inputs analog inputs are only available on some 24 vdc devices. they can except input values 0 through 10 v. the following seven functions can be performed on the analog inputs: text messages can be inputted using the zelio-soft software and then displayed on the relay. type of function description contact a1 is closed when the value of analog input ib does not exceed the reference voltage entered in the reference field, 4.9 v in this example. contact a1 is closed when the value of analog input ib equals or exceeds the reference voltage entered in the reference field, 4.9 v in this example. contact a1 is closed when the value of analog input ic does not exceed the reference voltage entered in the reference field, 4.9 v in this example. contact a1 is closed when the value of analog input ic equals or exceeds the reference voltage entered in the reference field, 4.9 v in this example. contact a1 is closed when the value of analog input ib does not exceed the value of analog input ic. contact a1 is closed when the value of analog input ib equals or exceeds the value of analog input ic. contact a1 is closed when the value of analog input ib is between ic-h and ic+h. h (the hysteresis) is entered in the h field, 4.9 v in this example. can be used as inputs
zelio-logic relay overview of functions 7 02/01 ? 2001 schneider electric all rights reserved zelio-soft: software zelio-soft software enables: the inputting of control wiring diagrams the monitoring of applications, using its test feature the inputting of messages for display on the zelio-logic simplification of setting-up input modes for control wiring diagrams the zelio input mode enables the user, having directly programmed the zelio relay, to find the same ergonomics, even when using the software for the first time. the free input mode, which is more intuitive, is very user friendly and incorporates several additional features. using zelio-soft in free mode enables the user to select their preferred symbol language from the following 3 alternatives: zelio symbols ladder symbols electrical symbols the free input mode also enables the creation of notes associated to each line of the program. instant switching between one input mode and another is simply obtained by clicking the mouse. coherence test and applicable language the coherence test feature of zelio-soft monitors the applications and the slightest input error will result in it turning red. a mouse click is all that is required to locate the problem. at any time, zelio-soft can be switched between 6 applicable languages (english, french, german, italian, portuguese and spanish) and also, to the editing of the application file in the selected language. it enables selection of the representation mode (zelio, ladder or electrical) for editing the file. inputting messages for display on zelio-logic zelio-soft allows 4 text function blocks to be configured, corresponding to 4 screens of 4 lines x 12 characters, which can be displayed on all the relays. these screens are activated in the same simple manner as a coil in the control scheme. it is then possible to display messages as text only or to associate them with 1 or 2 variables, the latter being current values, and/or setting of function blocks used in the program. simplification of setting-up the zelio-soft simulator enables testing of all the programs, i.e.: activating the discrete inputs and their n.o. or n.c. contact modes (momentary or maintained) indicating the output states varying the voltage of the analog inputs ib and ic activating the pushbuttons simulating the application program in real time and accelerated time dynamically indicating in red the various active elements of the program
zelio-logic relay application data ? 2001 schneider electric all rights reserved 8 02/01 t minimum level under test conditions defined by the standards. environmental characteristics product certifications file e164866 ccn nraq file e164866 cnn nraqt csa file lr203359 guide 2252 01 ce degree of protection ip 20 temperature operation 32 f to 131 f (0 c to 55 c) conforming to iec 60068-2-1 and 60068-2-2 storage -13 f to 158 f (-25 c to 70 c) conforming to iec 61131-2 maximum relative humidity 95% without condensation or dripping water altitude 0 to 6500 ft (0 to 2000 m) mechanical resistance immunity to vibration conforming to standard iec 60068-2-6, test fc immunity to mechanical shock conforming to standard iec 60068-2-27, test ea resistance to electrostatic discharges immunity to electrostatic discharges conforming to standard iec 61000-4-2, level 3 t resistance to hf interference immunity to electromagnetic radiated fields conforming to standard iec 61000-4-3, level 3 t immunity to rapid, pulsed, transients conforming to standard iec 61000-4-4, level 3 t immunity to surges conforming to standard iec 61000-4-5 immunity to damped oscillatory waves conforming to standard iec 61000-4-12 supply characteristics module type sr1 bd sr1 01fu primary voltage nominal 24 vdc 100 to 240 vac limits (including ripple) 19.2 to 30 vdc 85 to 264 vac frequency nominal (limits) 50-60 hz (47-63) current nominal of input sr1 1 1bd: 85 ma sr1 201bd: 130 ma sr1b122bd: 45 ma sr1 101fu: 100 vac 50 ma, 240 vac 27 ma sr1 201fu: 100 vac 27 ma, 240 vac 40 ma power dissipation nominal of input sr1 1 1bd: 1.6 w sr1 201bd: 2.9 w sr1 101fu: 3 w sr1 201fu: 5.3 w micro-breaks acceptable duration 1 ms, repeated 20 times 10 ms, repeated 20 times isolation primary/ ground - 2000 v / 50-60 hz protection reverse polarity protected - discrete 24 vdc input characteristics module type sr1 bd sr1b bd / sr1e bd input i1 to i6 ib and ic connection screw terminals screw terminals nominal values of inputs voltage 24 vdc 24 vdc current 3 ma 0.62 ma input switching limit values at state 1 voltage 3 15 v 3 9.9 v current > 1.8 ma 0.16 ma at state 0 voltage < 5 v < 5 v current < 0.5 ma 0.8 ma input impedance at state 1 8 k w 38 k w configurable response time state 0 to state 1 0.3 ms (fast) to 3 ms (slow) 3 ms (nonconfigurable) state 1 to state 0 0.5 ms (fast) to 5 ms (slow) 5 ms (nonconfigurable) conformity to iec 61131-2 yes, type 1 no 3-wire sensor compatibility yes yes type of input resistive resistive isolation between supply and inputs none none between inputs none none
zelio-logic relay application data 9 02/01 ? 2001 schneider electric all rights reserved 100 to 240 vac input characteristics relay type sr1 01fu connection screw terminals nominal values of inputs voltage 100 to 240 vac current 115 v 0.65 ma 240 v 1.3 ma frequency 47-63 hz input switching limit values at state 1 voltage 3 79 v current 3 0.4 ma (for u = 240 v) at state 0 voltage < 40 v current < 0.3 ma response time state 0 to state 1 50/60 hz 45-50 ms (u = 110 v), 85-90 ms (u = 240 v) state 1 to state 0 50/60 hz 45-50 ms (u = 110 v), 18-22 ms (u = 240 v) isolation between supply and inputs none between inputs none integral analog input characteristics relay type sr1b bd or sr1e121bd analog inputs number of channels 2 voltage range of input 0-10 v input impedance 62.5 k w maximum non destructive voltage 30 v conversion resolution 8 bits conversion time relay cycle time precision @ 25 c 1.6% of the full range @ 60 c 2.9% of the full range repeat accuracy @ 55 c < 0.1% of the full range isolation between analog channel & supply none wiring distance 10 m maximum with shielded cable (sensor nonisolated)
zelio-logic relay application data ? 2001 schneider electric all rights reserved 10 02/01 (1) characteristics at 131 f (55 c) for 60% loading of inputs/outputs or at 113 f (45 c) for 100% loading of inputs/outputs. (2) time between change of state of an input and the change of state of an output directly linked by the program in the same cycle. (3) in the event of supply failure. relay output characteristics (screw terminal connections) (1) relay type sr1 1 1bd, sr1 101fu sr1 201bd, sr1 201fu number of outputs without common potential 4 8 operating limit values 5-150 vdc, 24-250 vac contact type n.o. thermal current 8 a electrical durability for 500,000 operating cycles utilization category dc-12 24 vdc 1.5 a dc-13 24 vdc l/r = 10 ms 0.6 a ac-12 230 vac 1.5 a ac-15 230 vac 0.9 a minimum switching capacity at 5 v minimum voltage 10 ma low power switching reliability of contact 17 v - 5 ma failure rate for 100 million operating cycles: 1 maximum operating rate no-load 10 hz at le 0.5 hz mechanical life in millions of operating cycles 10 rated impulse withstand voltage conforming to iec 60947-1 2.5 kv response time trip 10 ms reset 5 ms incorporated protection against short-circuit none. the use of a protection device (fuse or supplementary protector) is recommended for each channel or group of channels. against overvoltage and overload none. connect in parallel to the terminals of each preactuator an rc, mov (zno) suppression, circuit or an appropriately sized diode for the voltage. connection screw terminals tightened using ? 3.5 screwdriver (tightening torque: 0.6 n m / 9.75 lb-in) - flexible cable with cable end 1 conductor: 0.14-1.5 mm 2 , cable: #26 awg to #16 awg 2 conductors: 0.14-0.75 mm 2 , cable: #26 awg to #18 awg - semi flexible cable 1 conductor: 0.14-2.5 mm 2 , cable: #26 awg to #14 awg - solid cable 1 conductor: 0.14-2.5 mm 2 , cable: #26 awg to #14 awg 2 conductors: 0.14-1.5 mm 2 , cable: #26 awg to #16 awg6 processing characteristics relay type sr1 1 1bd, sr1 101fu sr1 201bd, sr1 201fu number of control scheme lines 60 80 maximum cycle time 6 ms 8 ms response time (2) 12 to 24 ms (sr1 1 1bd) 20 to 40 ms (sr1 101fu) 14 to 26 ms (sr1 201bd) 22 to 42 ms (sr1 201fu) back-up time (3) day/time 3 72 hours at 104 f (40 c) only applicable to sr1b program memory checking at each power-up
zelio-logic relay application data 11 02/01 ? 2001 schneider electric all rights reserved operating curves electrical durability (in millions of operating cycles) (conforming to iec 60947-5-1) (1) dc-12: switching resistive loads and photo-coupler isolated solid state loads, l/r 1 ms. (2) dc-13: switching electromagnets, l/r 2 x (ue x ie) in ms, ue: rated operational voltage, ie: rated operational current (with protection diode on load, use the dc-12 curves and apply a coefficient of 0.9 to the million of operating cycles value). (3) ac-12: switching resistive loads and photo-coupler isolated solid state loads, cos 3 0.9. (4) ac-14: switching electromagnetic loads whose power drawn with the electromagnet closed is 72 va, making: cos = 0.3, breaking: cos = 0.3. (5) ac-15: switching electromagnetic loads whose power drawn with the electromagnet closed is > 72 va, making: cos = 0.7, breaking: cos = 0.4. the product life expressed above is based on average usage and normal operating conditions. actual operating life will vary with conditions. the above statements are not intended to, nor shall they create any expressed or implied warranties as to product operation or life. for information on the listed warranty offered on this product, refer to the square d terms and conditions of sale found in the square d digest. dc loads dc-12 (1) dc-13 (2) ac loads ac-13 (3) ac-14 (4) ac-15 (5) 0 1.5 12 0.5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 24 v 48 v current (a) millions of operating cycles 0.1 0.3 0.5 0.7 0.9 1 0.2 0.4 0.6 0.8 0.0 1.4 1.2 1.0 0.8 0.6 0.4 0.2 l/r = 10 ms 24 v l/r = 10 ms 48 v l/r = 60 ms 48 v l/r = 60 ms 24 v current (a) millions of operating cycles 0 0.5 1.5 2.5 3.5 4.5 1.0 2.0 3.0 4.0 5 0.0 0.5 1.0 1.5 2.0 2.5 3.0 24 v 48 v 110 v 230 v current (a) millions of operating cycles 0 0.2 0.6 1.0 1.4 1.8 0.4 0.8 1.2 1.6 2 0.0 0.5 1.0 1.5 2.0 2.5 24 v 48 v 110 v 230 v current (a) millions of operating cycles 0.5 0.9 0.7 1.3 1.1 1.7 1.5 1.9 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 230 v 48 v 110 v current (a) millions of operating cycles
zelio-logic relay ordering information ? 2001 schneider electric all rights reserved 12 02/01 s 2 configurable analog inputs. relays supply voltage inputs outputs blind version with clock catalog number weight lb (kg) 24 vdc 6 - 24 vdc 4 relay no no sr1a101bd 0.64 lb (0.290 kg) 6 - 24 vdc 4 relay yes no sr1d101bd 0.64 lb (0.290 kg) 8 - 24 vdc s 4 relay no yes sr1b121bd 0.64 lb (0.290 kg) 8 - 24 vdc s 4 relay yes yes sr1e121bd 0.64 lb (0.290 kg) 8 - 24 vdc s 4 transistor no yes sr1b122bd 0.64 lb (0.290 kg) 12 - 24 vdc 8 relay no no sr1a201bd 0.77 lb (0.350 kg) 12 - 24 vdc s 8 relay no yes sr1b201bd 0.77 lb (0.350 kg) 100 - 240 vac 6 - 100/240 vac 4 relay no no sr1a101fu 0.64 lb (0.290 kg) 6 - 100/240 vac 4 relay no yes sr1b101fu 0.64 lb (0.290 kg) 6 - 100/240 vac 4 relay yes no sr1d101fu 0.64 lb (0.290 kg) 6 - 100/240 vac 4 relay yes yes sr1e101fu 0.64 lb (0.290 kg) 12 - 100/240 vac 8 relay no no sr1a201fu 0.77 lb (0.350 kg) 12 - 100/240 vac 8 relay no yes sr1b201fu 0.77 lb (0.350 kg) separate accessories description catalog number weight lb (kg) relay to pc interconnecting cable - 1.8 m length sr1cbl01 0.77 lb (0.350 kg) eeprom memory cartridge (1 k bytes) sr1mem01 0.002 lb (0.001 kg) zelio-soft software sr1sft01 0.33 lb (0.150 kg) promotional kits description catalog number weight lb (kg) cd-rom, documentation, and cable sr1kit01 1.1 lb (0,500 kg) sr1b121bd and sr1kit01 sr1packbd 1.74 lb (0.790 kg) sr1b101fu and sr1kit01 sr1packfu 1.74 lb (0.790 kg) documentation description language catalog number weight lb (kg) users guide english sr1man01en 0.0022 lb (0.001kg) french sr1man01fr 0.0022 lb (0.001kg) german sr1man01de 0.0022 lb (0.001kg) italian sr1man01it 0.0022 lb (0.001kg) spanish sr1man01es 0.0022 lb (0.001kg) sr1 121bd sr1 101fu
zelio-logic relay wiring diagrams and dimensions 13 02/01 ? 2001 schneider electric all rights reserved dimensions wiring diagrams (1) 1 a ultra fast fuse or supplementary protector catalog number a sr1a101bd 2.83 " (72 mm) sr1b121bd sr1d101bd sr1e121bd sr1a101fu sr1b101fu sr1d101fu sr1e101fu sr1b122bd sr1a201bd 4.96 " (126 mm) sr1b201bd sr1a201fu sr1b201fu 3-wire sensor on: analog inputs on: analog inputs on: sr1a101bd sr1b121bd sr1b201bd sr1b121bd sr1e121bd sr1b122bd sr1b122bd sr1d101bd sr1e121bd sr1a201bd sr1b201bd 60 2.36 100 3.94 90 3.54 110 3.94 59.5 2.34 a dual dimensions inches mm + - i1 1 q1 2 1 q2 2 1 q3 2 1 q4 2 i2 i3 i4 i5 i6 ib ic 24 vdc + 24 vdc C bn bk bl bn bk bl (1) + 24 vdc C ca / ta 1 ca / ta 2 + - i1 1 q1 2 1 q2 2 1 q3 2 1 q4 2 i2 i3 i4 i5 i6 ib ic 24 vdc (1) 0-10 vdc analog + - i1 1 q1 2 1 q2 2 1 q3 2 1 q4 2 1 q5 2 1 q6 2 1 q7 2 1 q8 2 i2 i3 i4 i5 i6 i7 i8 i9 ia ib ic 24 vdc -- + 24 vdc C ca / ta 1 ca / ta 2 0-10 vdc analog (1)
zelio-logic relay wiring diagrams and dimensions ? 2001 schneider electric all rights reserved 14 02/01 wiring diagrams, continued (1) 1 a ultra fast fuse or circuit protector. (2) 16 a maximum fuse or supplementary protector. (3) resistive load. (4) inductive load. sr1a101bd or sr1d101bd sr1a201bd sr1b121bd or sr1e121bd sr1b201bd sr1b122bd terminals ib and ic are not available on this device. sr1a101fu or sr1b101fu sr1a201fu or sr1b201fu sr1d101fu or sr1e101fu + - i1 1 q1 2 1 q2 2 1 q3 2 1 q4 2 i2 i3 i4 i5 i6 ib ic 24 vdc 12-240 vac 50 / 60 hz 12-125 vdc l / + n / - u 12-240 vac 24 vdc 50 / 60 hz u 12-125 vdc l / + n / - (2) (3) (4) (1) or + - i1 1 q1 2 1 q2 2 1 q3 2 1 q4 2 1 q5 2 1 q6 2 1 q7 2 1 q8 2 i2 i3 i4 i5 i6 i7 i8 i9 ia ib ic 24 vdc 12-240 vac 50 / 60 hz 12-125 vdc l / + n / - u 12-240 vac 24 vdc 50 / 60 hz u 12-125 vdc l / + n / - (2) (3) (4) (1) -- or i1 1 q1 2 1 q2 2 1 q3 2 1 q4 2 i2 i3 i4 i5 i6 100-240 vac 12-240 vac 50 / 60 hz 50 / 60 hz 12-125 vdc l / + n / - u 12-240 vac 100-240 vac 50 / 60 hz u 12-125 vdc l l n n (2) (3) (4) (1) or 1 q1 2 1 q2 2 1 q3 2 1 q4 2 1 q5 2 1 q6 2 1 q7 2 1 q8 2 12-240 vac 50 / 60 hz 12-125 vdc l / + n / - u 12-240 vac 50 / 60 hz u 12-125 vdc (2) (3) (4) (1) 100-240 vac 100-240 vac 50 / 60 hz l n l n i1 i2 i3 i4 i5 i6 i7 i8 i9 ia ib ic

catalog no. 8501ct0001 february 2001 ? 2001 schneider electric all rights reserved square d company 8001 highway 64 east knightdale, nc 27545 usa 1-888-squared (1-888-778-2733) www.squared.com schneider canada inc. 19 waterman avenue, m4b 1 y2 toronto, ontario 1-800-565-6699 www.schneider-electric.ca


▲Up To Search▲   

 
Price & Availability of SR1XXX1BD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X