Part Number Hot Search : 
AZ494AP HZU3CLL MC3401 92U03 20100C CCH600 UPA1818 1310P0
Product Description
Full Text Search
 

To Download NCP81046 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 june, 2012 ? rev. p0 1 publication order number: NCP81046/d NCP81046 low voltage synchronous buck controller the NCP81046 is a low cost pwm controller designed to operate from a 5 v or 12 v supply. this device is capable of producing an output voltage as low as 0.8 v. this device is capable of converting voltage from as low as 2.5 v. this 10 ? pin device provides an optimal level of integration to reduce size and cost of the power supply. features include a 1.5 a gate driver design and an internally set 300 khz oscillator. in addition to the 1.5 a gate drive capability, other efficiency enhancing features of the gate driver include adaptive non ? overlap circuitry. the NCP81046 also incorporates an externally compensated error amplifier. protection features include programmable short circuit protection and undervoltage lockout (uvlo). features ? v cc range from 4.5 v to 13.2 v ? 300 khz internal oscillator ? boost pin operates to 30 v ? voltage mode pwm control ? precision 0.8 v internal reference ? adjustable output voltage ? internal 1.5 a gate drivers ? 80% max duty cycle ? input under voltage lockout ? programmable current limit ? this is a pb ? free device applications ? graphics cards ? desktop computers ? servers / networking ? dsp & fpga power supply ? dc ? dc regulator modules dfn10 case 485c marking diagram pin connections 81046 = specific device code a = assembly location l = wafer lot y = year w = work week  = pb ? free device 1 boot 10 pgood 2 lx 3 ug 4 lg 9 vos 8 fb 7 comp/en (top view) device package shipping ? ordering information ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our t ape and reel packaging specifications brochure, brd8011/d. http://onsemi.com 5 gnd 6 v cc (note: microdot may be in either location) NCP81046mntwg NCP81046mntxg 81046 alyw   dfn10 (pb ? free) 3000 / tape & reel dfn10 (pb ? free) 3000 / tape & reel
NCP81046 http://onsemi.com 2 figure 1. typical application diagram boot ug lx vcc gnd fb vos lg pgood v in = 2.5 v ? 13.2 v v cc = 4.5 v ? 13.2 v 0.1  f 4.7nf 2x1800  f 2.2 1  h 1500  f 1.02k r4 3.878k  c3 0.014  f 1.02k r3 74.2  r1 4.12k  c2 0.007  f r2 17.08k  c1 0.0015  f 1  f comp/en rocset ntd4806 ntd4809 3x22  f 1500  f 2x0.22  f v bst = 4.5 v ? 15 v gnd vout 1.65 v r9 r10 figure 2. detailed block diagram por uvlo pwm out latch 7 boot ug lx lg gnd clock ramp osc osc fb vocp fault fault fault soft start vos pgood monitor ov and uv pgood 0.8 v (v ref ) 0.8 v (v ref ) comp/en + ? + ? q r s 8 9 10 + ? + ? vcc 2 v vcc 10% of v ref 25% of v ref 6 1 3 2 4 5 + ?
NCP81046 http://onsemi.com 3 pin function description pin no. symbol description 1 boot supply rail for the floating top gate driver. to form a boost circuit, use an external diode to bring the desired input voltage to this pin (cathode connected to boot pin). connect a capacitor (c boot ) between this pin and the lx pin. typical values for c boot range from 0.1  f to 1  f. ensure that c boot is placed near the ic. 2 lx switch node pin. this is the reference for the floating top gate driver. connect this pin to the source of the top mosfet. 3 ug top gate mosfet driver pin. connect this pin to the gate of the top n ? channel mosfet. 4 lg bottom gate mosfet driver pin. connect this pin to the gate of the bottom n ? channel mosfet. 5 gnd ic ground reference. all control circuits are referenced to this pin. 6 vcc supply rail for the internal circuitry. operating supply range is 4.5 v to 13.2 v. decouple with a 1  f capacitor to gnd. ensure that this decoupling capacitor is placed near the ic. 7 comp/en compensation pin. this is the output of the error amplifier (ea) and the non ? inverting input of the pwm com- parator. use this pin in conjunction with the fb pin to compensate the voltage ? control feedback loop. pull this pin low for disable. 8 fb this pin is the inverting input to the error amplifier. use this pin in conjunction with the comp pin to com- pensate the voltage ? control feedback loop. connect this pin to the output resistor divider (if used) or directly to v out . 9 vos voltage offset sense 10 pgood power good output. pulled low if vos is 10% of 0.8 v v ref . absolute maximum ratings pin name symbol v max v min main supply voltage input vcc 15 v ? 0.3 v bootstrap supply voltage input boot 35 v wrt/gnd 40 v < 100 ns 15 v wrt/lx ? 0.3 v ? 0.3 v ? 0.3 v switching node (bootstrap supply return) lx 35 v 40 v for < 100 ns ? 5 v ? 10 v for < 200 ns high ? side driver output (top gate) ug 30 v wrt/gnd 15 v wrt/lx 40 v for < 100 ns ? 0.3 v wrt/lx ? 2 v for < 200 ns low ? side driver output (bottom gate) lg v cc + 0.3 v ? 0.3 v ? 5 v for < 200 ns feedback, vos fb, vos 5.0 v ? 0.3 v comp/en comp/en 3.6 v ? 0.3 v pgood pgood 7 v ? 0.3 v maximum ratings rating symbol value unit thermal resistance, junction ? to ? ambient r  ja 165 c/w thermal resistance, junction ? to ? case r  jc 45 c/w operating junction temperature range t j 0 to 150 c operating ambient temperature range t a 0 to 70 c storage temperature range t stg ? 55 to +150 c moisture sensitivity level msl 1 ? stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. this device is esd sensitive. use standard esd precautions when handling.
NCP81046 http://onsemi.com 4 electrical characteristics (0 c < t a < 70 c; 4.5 v < [bst ? phase] < 13.2 v, 4.5 v < bst < 30 v, 0 v < phase < 21 v, c tg = c bg = 1.0 nf, for min/max values unless otherwise noted.) characteristic conditions min typ max unit input voltage range 4.5 13.2 v boost voltage range 13.2 v wrt lx 4.5 30 v supply current quiescent supply current v fb = 1.0 v, no switching, v cc = 13.2 v 1.0 8.0 ma boost quiescent current v fb = 1.0 v, no switching 0.1  a undervoltage lockout uvlo threshold v cc rising 3.8 4.0 4.2 v uvlo threshold v cc falling 3.4 3.6 3.8 v uvlo hysteresis v cc rising or v cc falling 0.4 v switching regulator vfb feedback voltage (fb tied to comp. measure fb pin.) 0.7936 0.8 0.8064 v oscillator frequency 270 300 330 khz ramp ? amplitude voltage 1.1 v minimum duty cycle 0 % maximum duty cycle 70 75 80 % lg minimum on time 500 ns error amplifier open loop dc gain (note 1) 70 80 db output source current output sink current v fb < 0.8 v v fb > 0.8 v 2.0 2.0 ma input offset voltage (note 1) ? 2.0 0 2.0 mv input bias current 0.1 1.0  a unity gain bandwidth (note 1) 15 mhz disable threshold 0.6 0.8 v output source current during disable 10 40  a gate drivers upper gate source v cc = 5 v, vug ? vlx = 2.5 v 1.5 a upper gate sink 1.4  lower gate source 1.5 a lower gate sink v cc = 12 v 1.0  ug falling to lg rising delay v cc = 12 v, ug ? lx < 2.0 v, lg > 2.0 v 12.4 18 ns lg falling to ug rising delay v cc = 12 v, lg < 2.0 v, ug > 2.0 v 12.4 18 ns soft ? start soft ? start time 3.0 7.0 ms power good output voltage logic low, sinking 4 ma 0.4 v ovp threshold to pgood output low ramp vos from 0.7 to 1.2. monitor when pgood goes low 0.88 1.0 v ovp threshold to part disable ramp vos from 0.8 to 1.2. monitor when outputs disable 1.0 1.2 v uvp threshold to pgood output low ramp vos from 800 mv to 500 mv. monitor when pgood goes low 0.65 0.72 v uvp threshold to part disable ramp vos from 800 mv to 500 mv. monitor when utputs stop switching 0.5 0.6 v overcurrent protection oc current source (note 1) sourced from lg pin, before ss 9.0 10 11  a 1. guaranteed by design but not tested in production.
NCP81046 http://onsemi.com 5 typical characteristics 303 010 70 t j , junction temperature ( c) f sw , frequency (khz) 302 301 300 299 figure 3. oscillator frequency (f sw ) vs. temperature 543 542 541 540 539 0 20 406080 t j , junction temperature ( c) ocp threshold (mv) 020406080 t j , junction temperature ( c) i cc (ma) 5.3 5.0 4.7 4.4 3.5 figure 4. reference voltage (v ref ) vs. temperature figure 5. i cc vs. temperature 3.8 4.1 v cc = 12 v figure 6. ocp threshold at 55k vs. temperature 808 04080 t j , junction temperature ( c) v ref , reference (mv) 806 804 802 800 798 796 794 792 v cc = 5 v 20 30 40 50 60 20 60
NCP81046 http://onsemi.com 6 applications information over current protection (ocp) the NCP81046 monitors the voltage drop across the low side mosfet and uses this information to determine if there is excessive output current. the voltage across the low side mosfet is measured from the lx pin, and is referenced to ground. the over current measurement is timed to occur at the end of the low side mosfet conduction period, just before the bottom mosfet is turned off. if the voltage drop across the bottom mosfet exceeds the over current protection threshold, then an internal counter is incremented. if the voltage drop does not exceed the over current protection threshold, then the internal counter is reset. the NCP81046 will latch the over current protection fault condition only if the over current protection threshold is exceeded for four consecutive cycles. when the NCP81046 latches an over current protection fault, both the high side and low side mosfets are turned off. to reset the over current protection fault, the power to the vcc pin must be cycled. the over current threshold voltage can be externally, by varying the value of the rocset resistor. the rocset resistor is a resistor connected between the lg pin (low side mosfet gate) and ground. during startup, after the vcc and boot pins reach the under voltage lock out threshold, the NCP81046 will source 10  a of current out of the lg pin. this current will flow through the rocset resistor and produce a voltage that is sampled and then used as the over current protection threshold voltage. for example, if rocset is set to 10 k  , the 10  a of current will yield a 100 mv threshold, and if the voltage drop across the low side mosfet exceeds 100 mv at the end of its conduction period, then an over current event will be detected. if the rocset resistor is not present, then the over current protection threshold will max out at 640 mv. the valid range for rocset is 5 k  to 55 k  which yields a threshold voltage range of 50 mv to 550 mv. internal soft-start to prevent excess inrush current during startup, the NCP81046 uses a calibrated current source with an internal soft start capacitor to ramp the reference voltage from 0 to 800 mv over a period of 4 ms. the softstart ramp generator will reset if the input power supply voltages reach the under voltage lockout threshold, or if the NCP81046 is disabled by having the comp pin pulled low. startup into a precharged load during a startup and soft start sequence the NCP81046 will detect a residual charge on the output capacitors and not forcefully discharge the capacitors before beginning the softstart sequence, instead, the softstart ramping of the output will begin at the voltage level of the residual charge. for example, if the NCP81046 is configured to provide a regulated output voltage of 2.5 v, the normal softstart sequence will ramp the output voltage from 0 to 2.5 v in 4.2 ms; however if the output capcitors already have a 1.2 v charge on them, the NCP81046 will not discharge the capacitors, instead the softstart sequence will begin at 1.2 v and then ramp the output to 2.5 v. power good the pgood pin is an open drain active high output pin that signals the condition of the vos (v oltage output sense) pin. pgood is pulled low during soft start cycle, and if there is a latched over current, over voltage, or under voltage fault. if the voltage on the vos pin is within 10% of vref (800 mv) then the pgood pin will not be pulled low. the pgood pin does not have an internal pull-up resistor. overvoltage protection if the voltage on the vos pin exceeds the over voltage threshold the NCP81046 will latch an over voltage fault. during an over voltage fault the ug pin will be pulled low, and the lg pin will be high while the until the voltage on the vos pin goes below v ref /2 (400 mv). the NCP81046 will continue drive the lg pin, lg will go high if vos exceeds 1 v and then go low when vos goes below 400 mv. the power to the NCP81046 must be cycled to reset the over voltage protection fault. under voltage protection if the voltage on the vos pin falls below the under voltage threshold after the soft start cycle completes, then the NCP81046 will latch an under voltage fault. during an under voltage fault, both the ug and lg pins will be pulled low. the power to the NCP81046 must be cycled to reset the under voltage protection fault.
NCP81046 http://onsemi.com 7 figure 7. typical startup sequence v cc comp ug lg v out fb pgood internal uvlo fault ? 0.7 v 1.45 v 700 mv 50 mv ocp program- mable 0.8 v normal ss uvlo por 4.0 v 3.6 v
NCP81046 http://onsemi.com 8 figure 8. typical power good function u g lg 0.88v 0.4v 1.0v pgood 0.88v 0.8v 0.72v 0.8v 0.6v vos overvoltage undervoltage feedback and compensation the NCP81046 allows the output voltage to be adjusted from 0.8 v to 5.0 v via an external resistor divider network. the controller will try to maintain 0.8 v at feedback pin. thus, if a resistor divider circuit was placed across the feedback pin to v out , the controller will regulate the output voltage proportional to the resistor divider network in order to maintain 0.8 v at the fb pin. the same formula applies to the vos pin and the controller will maintain 0.8 v at the vos pin. v out r1 r4 fb figure 9. the relationship between the resistor divider network above and the output voltage is shown in the following equation: r 4  r 1   v ref v out  v ref  the same formula can be applied to the feedback resistors at vos. r 9  r 10   v ref v out  v ref  design example voltage mode control loop with type iii compensation converter parameters: input voltage: v in = 5 v output voltage: v out = 1.65 v switching frequency: 300 khz total output capacitance: c out = 3600  f total esr: esr = 6 m  output inductance: l out : 1  h ramp amplitude: v ramp = 1.1 v ? + figure 10. c3 r3 r1 c1 c2 r2 v out v comp v ref e/a r4 a.. set a target for the close loop bandwidth at 1/6 th of the switching frequency. f cross_over :  50 khz
NCP81046 http://onsemi.com 9 b.. output filter double pole frequency f lc  2.653 khz f lc :  1 2    l out  c out  c.. esr zero frequency: f esr  7.368 khz f esr :  1 2    c out  c esr step 1: set a value for r1 between 2 k  and 5 k  r1 :  4.12 k  step 2: pick compensation dc gain (r2/r1) for desired close loop bandwidth. v ramp :  1.1 v r2 :  r1   v ramp v in    f cross_over f lc  r2  17.085 k  step 3: place 1st zero at half the output filter double pole frequency. c2 :  2  l out  c out  r2 c2  7.024  10 ? 3  f step 4: place 1st pole at esr zero frequency. c1 :  c2 c2  r2  2    f esr  1 c1  1.542  10 ? 3  f step 5: place 2 nd zero at the output filter double pole frequency. r3 :  r1 f sw 2  f lc  1 r3  74.169  step 6: place 2 nd pole at half the switching frequency. c3 :  1    r3  f sw  c3  0.014  f step 7: r4 is sized to maintain the feedback voltage to v ref = 0.8 v. r4 :  v ref  r1 v out  v ref r4  3.878 k  the component values for type iii compensation are: r1 = 4.12 k  r2 = 17.085 k  r3 = 74.169  r4 = 3.878 k  c1 = 0.0015  f c2 = 0.007  f c3 = 0.014  f note: recommend to change values to industry standard component values.
NCP81046 http://onsemi.com 10 package dimensions dfn10, 3x3, 0.5p case 485c ? 01 issue b 10x seating plane l d e 0.15 c a a1 e d2 e2 b 15 10 6 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. dimension b applies to plated terminal and is measured between 0.25 and 0.30 mm from terminal. 4. coplanarity applies to the exposed pad as well as the terminals. 5. terminal b may have mold compound material along side edge. mold flashing may not exceed 30 microns onto bottom surface of terminal b. 6. details a and b show optional views for end of terminal lead at edge of package. ??? ??? ??? ??? b a 0.15 c top view side view bottom view pin 1 reference 0.10 c 0.08 c (a3) c 10x 10x 0.10 c 0.05 c a b note 3 k 10x dim min max millimeters a 0.80 1.00 a1 0.00 0.05 a3 0.20 ref b 0.18 0.30 d 3.00 bsc d2 2.40 2.60 e 3.00 bsc e2 1.70 1.90 e 0.50 bsc l 0.35 0.45 l1 0.00 0.03 detail a k 0.19 typ 2x 2x l1 detail a bottom view (optional) a1 a3 detail b side view (optional) edge of package mold cmpd exposed cu detail b *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 2.1746 2.6016 1.8508 0.5000 pitch 0.5651 10x 3.3048 0.3008 10x dimensions: millimeters on semiconductor and are registered trademarks of semiconductor co mponents industries, llc (scillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parame ters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products are not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or us e scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unin tended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyrig ht laws and is not for resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 NCP81046/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of NCP81046

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X