Part Number Hot Search : 
01140 MLXSP FU20TM5 IRF840 M1261S CPH3327 PIC18F8 M1261S
Product Description
Full Text Search
 

To Download ML7XX11 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ML7XX11 series type name ml725b11 / m l720j11s / ml725j11f mitsubishi laser diodes ingaasp d fb-laser diodes description ML7XX11 series are dfb (distributed feedback) laser diodes emitting light beam around 1310nm. they are well suited for light source in long -distance digital transmission systems. ml725b11f / ml720j11s are hermetically sealed devices with the photo diode for optical output monitoring. features low threshold current (typical 10ma) wide temperature range operation high - side mode suppression ratio (typical 40db) high speed response (typical 0.2nsec) mqw* active layer fsbh** structure fabricated by mocvd process * multiple quantum well ** facet selective - growth buried hetero structure application long - distance digital transmission system *** specification note type operation temperature range ML7XX11-01 tc=-40 to 85oc ML7XX11-02 tc=-20 to 85oc ML7XX11-03 tc= 0 to 85oc absolute maximum ratings electrical/optical characteristics (tc=25oc mitsubishi electric ma symbol parameter test conditions min. typ. max unit ith threshold current cw - 10 30 ma iop operation current cw,po=5mw - 20 40 ma slope efficiency cw,po=5mw 0.3 0.5 - v vop operating voltage cw,po=5mw 1.2 1.8 mw/ma p peak wavelength cw,po=5mw ***)note 1290 1310 1330 nm beam divergence angle (parallel) cw,po=5mw 25 deg. beam divergence angle cw,po=5mw - 0.2 - - (perpendicular) smsr side mode suppression ratio cw,po=5mw ***)note i m cw,po=5mw 35 - - 30 40 deg. 30 40 - db monitoring output current tr,tf rise and fall time if=ith,po=5mw,10 - 90% - 0.4 0.2 ns ifd forward current (photo diode) - 2 ma symbol paramete r conditions ratings unit po light output power cw 6 mw vrl reverse voltage (laser diode) - 2 v vrd reverse voltage (photo diode) - 20 v tc case temperature - tstg storage temperature - -40to+100 oc oc -02 -20 to +85 -01 -40 to +85 -03 0 to +85
(1) 1.0min. 2.0min. 3.550.1 5.6 +0 -0.03 1.27 0.250.03 (glass) 18 1 2.10.15 1.2 0.1 4- 0.450.05 (2) 10.1 2-90o 2.00.25 (p.c.d.) 4.25 (3) (4) (0.25) (0.25) reference plane emitting facet (1) (2) (dimension:mm) 0.03 ml725b1 1 f ld pd (3) (2) (1) (4) case outline drawings (1) 1.0min. 2.0min. 3.550.1 5.6 +0 -0.03 1.27 0.250.03 (glass) 18 1 2.10.15 1.2 0.1 4- 0.450.05 (2) 10.1 2-90o 2.00.25 (p.c.d.) 4.25 (3) (4) (0.25) (0.25) reference plane emitting facet (1) (2) (dimension:mm) 0.03 ml720j11s ld pd (3) (4) (1) (2) case (1) 3.750.1 5.6 +0 -0.03 1.27 18 1 3.97 0.15 1.2 0.1 4- 0.450.05 (2) 10.1 2-90o 2.00.25 (p.c.d.) 4.3 (3) (4) (0.25) (0.25) reference plane emitting facet (1) (2) top view (7.51) (dimension:mm) 0.03 ml725j1 1 f ld pd (3) (2) (1) (4) case m l720j11 s m l72 5 b 11f m l72 5 j11f ML7XX11 series mitsubishi laser diodes ingaasp d fb-laser diodes


▲Up To Search▲   

 
Price & Availability of ML7XX11

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X