Part Number Hot Search : 
SK2100 UB261 12802 APTGT HF365NR TSOP6156 100S3 ZXMP6A
Product Description
Full Text Search
 

To Download LP2301LT1G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  simple drive requirement small package outline surface mount device g d s sot? 23 (to?236ab) leshan radio company, ltd. s-lp2301lt1g maximum ratings and thermal characteristics (t a = 25 o c unless otherwise noted) symbol limit unit v ds -20 v gs 8 i d -2.3 i dm -8 ta = 25 o c 0.9 ta = 75 o c 0.57 t j , t stg -55 to 150 o c r qjc junction-to-ambient thermal resistance (pcb mounted) 2) r qja 140 note: 1. repetitive rating: pulse width limited by the maximum junction temperation 2. 1-in 2 2oz cu pcb board 3. guaranteed by design; not subject to production testing continuous drain current gate-source voltage maximum power dissipation operating junction and storage temperature range o c/w junction-to-case thermal resistance parameter v a w drain-source voltage p d pulsed drain current 1) 20v p-channel enhancement-mode mosfet v ds = -20v r ds(on), vgs@-4.5v, ids@-2.8a = 100 r ds(on), vgs@-2.5v, ids@-2.0a = 150 features advanced trench process technology high density cell design for ultra low on-resistance fully characterized avalanche voltage and current improved shoot-through fom 1 3 2 m m we declare that the material of product compliance with rohs requirements. device marking shipping 3000/tape & reel 10,000/tape & reel 01 lp2301lt1g lp2301lt3g 01 ordering information rev .o 1/5 1 2 3 lp2301lt1g s- prefix for automotive and other applications requiring unique site and control change requirements; aec-q101 qualified and ppap capable. s-lp2301lt1g s-lp2301lt3g
leshan radio company, ltd. lp2301lt1g , s-lp2301lt1g electrical characteristics parameter symbol test condition min typ max unit static drain-source breakdown voltage bv dss v gs = 0v, i d = -250ua -20 - - v drain-source on-state resistance r ds(on) v gs = -4.5v, i d = -2.8a 69 100 drain-source on-state resistance r ds(on) v gs = -2.5v, i d = -2.0a 83 150 m gate threshold voltage v gs(th) v ds =v gs , i d = -250ua -0.4 0 -0.9 0 v zero gate voltage drain current i dss v ds = -9.6v, v gs = 0v -1 ua gate body leakage i gss v gs = 8v, v ds = 0v 100 na gate resistance rg forward transconductance g fs v ds = -5v, i d = -4.0a 6.5 s dynamic 3) total gate charge q g 15.23 gate-source charge q gs 5.49 gate-drain charge q gd 2.74 turn-on delay time t d(on) 17.28 turn-on rise time t r 3.73 turn-off delay time t d(off) 36.05 turn-off fall time t f 6.19 input capacitance c iss 882.51 output capacitance c oss 145.54 reverse transfer capacitance c rss 97.26 source-drain diode max. diode forward current i s -2.4 a diode forward voltage v sd i s = -0.75a, v gs = 0v -0.8 -1.2 v note : pulse test: pulse width <= 300us, duty cycle<= 2% ns v ds = -6v, v gs = 0v f = 1.0 mhz pf v ds = -6v, i d = -2.8a v gs = -4.5v nc v dd = -6v, r l = 6 d = ?1, v gen = -4.5v r g = 6 m rev .o 2/5
leshan radio company, ltd. figure 1. transfer characteristics figure 2. onregion characteristics figure 3. onresistance versus drain current figure 4. on-resistance vs. gate-to-source voltage typical electrical characteristics 0 2 4 6 8 10 12 14 16 18 00 . 511 . 522 . 5 vgs, gate-to-source voltage(v) id drain current(a) vds=5v 25c 0 2 4 6 8 10 12 14 16 18 20 00.511.522.533.544.55 vds,drain-to-source voltage(v) id, drain current(a) 25c vgs=1.5v vgs=2v vgs=2.5v 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 012345678 id-drain current rds(on)-on-resistance() vgs=1.5v vgs=2v vgs=2.5v 0 0.05 0.1 0.15 0.2 0.25 0.3 0.35 0.4 0.45 0.5 02468 vgs-gate-to-source voltage(v) rds(on)-on-resistance() id=3.5a rev .o 3/5 lp2301lt1g , s-lp2301lt1g
leshan radio company, ltd. typical electrical characteristics figure 5. gate charge figure 6. capacitance figure 7. on-resistance vs.junction temperature 0 2 4 6 8 10 12 0 5 10 15 20 25 30 qgs(nc) vgs(v) 0 200 400 600 800 1000 1200 1400 1600 1800 01234567 vds capacitance ciss coss crss 0 20 40 60 80 100 120 -50 0 50 100 150 rds(on) (mr) 9*6 ??9,' ?$ figure 8. vth vs.junction temperature -1 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0 -50 0 50 100 150 temp( o c) vgs(th)(v) id=250ua temp( o c) rev .o 4/5 lp2301lt1g , s-lp2301lt1g
notes: 1. dimensioning and tolerancing per ansi y14.5m,1982 2. controlling dimension: inch. inches millimeters dim min max min max a 0.1102 0.1197 2.80 3.04 b 0.0472 0.0551 1.20 1.40 c 0.0350 0.0440 0.89 1.11 d 0.0150 0.0200 0.37 0.50 g 0.0701 0.0807 1.78 2.04 h 0.0005 0.0040 0.013 0.100 j 0.0034 0.0070 0.085 0.177 k 0.0140 0.0285 0.35 0.69 l 0.0350 0.0401 0.89 1.02 s 0.0830 0.1039 2.10 2.64 v 0.0177 0.0236 0.45 0.60 sot - 23 d j k l a c b s h g v 12 3 mm inches 0.037 0.95 0.037 0.95 0.079 2.0 0.035 0.9 0.031 0.8 leshan radio company, ltd. rev .o 5/5 lp2301lt1g , s-lp2301lt1g


▲Up To Search▲   

 
Price & Availability of LP2301LT1G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X