Part Number Hot Search : 
12301 KDV804 CLV1225A SI7946DP AM8273 BZT5X TFS270A1 BAR65
Product Description
Full Text Search
 

To Download LM210-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  lm210 low profile miniature single phase surface mount bridge rectifiers reverse voltage 1000v output current 2.0a www.goodark.com 1/4 2015.08-rev.a features ? glass passivated standard bridge rectifiers ? ideal for automated placement ? low forward voltage drop ? low leakage current ? low leakage current ? moisture sensitivity: level 1, per j-std-020 ? solder dip 260 c, 10 s ? low p rofile max hei g ht 1.30mm typical applications for use of general purpose ac to dc bridge rectification in power supply charger office appliance lpmb f or use o f g enera l p ur p ose ac t o dc b r idg e rec tifi ca ti on i n p ower su pply c h ar g e r o ffi ce a ppli ance home appliance and telecome device. vrrm v 1000 maximum ratings (ta = 25 c unless otherwise noted) parameter symbol unit lm210 maximum repetitive peak reverse voltage vrms v vdc v ifsm a i 2 t a 2 sec rating for fusing(t<8 3ms) 15 0 1.0 (1) maximum average output rectified current io(av) a 2.0 (2) peak forward surge current 8.3 ms single half sine-wave superimposed on rated load 60 700 1000 maximum rms voltage maximum dc blocking voltage i 2 t a 2 sec tj, tstg c electrical characteristics (ta = 25 c unless otherwise noted) parameter test conditions symbol unit lm210 rating for fusing(t<8 . 3ms) 15 . 0 operating junction and storage temperature range - 55 to + 150 maximum instantaneous forward voltage if=1.0 a, ta=25 v f volts ta=25 ta=125 typical junction capacitance 4.0 v, 1 mhz c j pf 15 1.1 maximum dc reverse current at rated dc blocking voltage i r 5 a 100 r ja (1) r ja (2) r jc (1) notes: 1. on glass epoxy pcb, mounted on 1.3*1.3mm solder pads 2. on 20*20mm aluminum substrate pcb with 1.3*1.3mm solder pads typical thermal resistance 50 /w 45 15 thermal characteristics parameter symbol unit lm210 www.goodark.com 1/4 2015.08-rev.a
lm210 low profile miniature single phase surface mount bridge rectifiers reverse voltage 1000v output current 2.0a www.goodark.com 2/4 2015.08-rev.a ratings and characteristics curves ( ta = 25 unless otherwise noted ) figure ? 2.maximum non \ repetitive ? peak ? forward ? surge ? current figure ? 1.output rectifier current ? derating ? curve figure ? 3. ? typical ? forward ? characteristics figure ? 4. ? typical ? reverse ? characteristics www.goodark.com 2/4 2015.08-rev.a
lm210 low profile miniature single phase surface mount bridge rectifiers reverse voltage 1000v output current 2.0a www.goodark.com 3/4 2015.08-rev.a package outline dimensions dim minmaxminmax a 1.2 1.3 0.047 0.051 unit: mm unit: inch a 1 0 0.1 0.000 0.004 b 0.5 0.75 0.020 0.030 c 0.1 0.25 0.004 0.010 d e1 4.7 4.9 0.185 0.193 e2 4.7 4.9 0.185 0.193 2.54 typ. 0.10 typ. mounting pad layout in mm(inch) l 0.4 0.7 0.016 0.028 he 6.65 6.95 0.262 0.274 packing information packing quantities: 4000 pcs/reel, 15 reels/box; 12mm tape, 13" reel tape & reel specification www.goodark.com 3/4 2015.08-rev.a
lm210 low profile miniature single phase surface mount bridge rectifiers reverse voltage 1000v output current 2.0a www.goodark.com 4/4 2015.08-rev.a these materials are intended as a reference to assist our customers in the selection of the suzhou good-ark product best suited to the customer ? s application; they do not convey any license under any intellectual property rights, or any other rights, belonging to suzhou good-ark electronics co., ltd.or a third party. disclaimers suzhou good-ark electronics co., ltd. assumes no responsibility for any damage, or infringement of any third-party ? s rights, originating in the use of any product data, diagrams, charts, programs, algorithms, or circuit application examples contained in these materials. all information contained in these materials, including product data, diagrams, charts, programs and algorithms represents information on products at the time of publication of these materials, and are subject to change by suzhou good-ark electronics co., ltd. without notice due to product improvements or other reasons. it is therefore recommended that customers contact suzhou good-ark electronics co., ltd. or an authorized suzhou good-ark electronics co., ltd. for the latest product information before purchasing a product listed herein. the information described here may contain technical inaccuracies or typographical errors. suzhou good-ark electronics co., ltd. assumes no responsibility for any damage, liability, or other loss rising from these inaccuracies or errors. please also pay attention to information published by suzhou good-ark electronics co., ltd. by various means, including our website home page. (http://www.goodark.com) when using any or all of the information contained in these materials, including product data, diagrams, charts, programs, and algorithms, please be sure to evaluate all information as a total system before making a final decision on the applicability of the information and products. suzhou good-ark electronics co., ltd. assumes no responsibility for any damage, liability or other loss resulting from the information contained herein. the prior written approval of suzhou good-ark electronics co., ltd. is necessary to reprint or reproduce in whole or in part these materials. please contact suzhou good-ark electronics co., ltd. or an authorized distributor for further details on these materials or the products contained herein. www.goodark.com 4/4 2015.08-rev.a


▲Up To Search▲   

 
Price & Availability of LM210-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X