Part Number Hot Search : 
30KPA51A LMT393N LSZ51A HERA803G 00003 FZT751 HERA803G 10E15
Product Description
Full Text Search
 

To Download L622-DBC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  we reserve the right to make alterations and technical data printed. all technical data serves as a guideline and does not gu arantee particular properties to any products. n ame of document: 30910010 index a status: 06/2010 platinum resistance temperature detector l 622 dbc l series prtds, type l 62 2 dbc are designed for large volume applications where longterm stability, interchange ability and accuracy over a large temperature r ange are vital. the high resistance value of 1000 ohm generates a high signal yield. typical applications are automotive, white goods, hvac, energy management, medical and industrial equipment. the measuring point for the nominal resistance is situated on the connections of the sensor body specification din en 60751 temperature range - 40c to + 160 c tolerance class b: - 4 0c up to + 16 0c temperature coefficient tc = 3850 ppm/k leads cord, silicon isolated awg 30 wire lengt hs (kl) 70 to 500 mm, customer connection engraved long - term stability max. r 0 - drift 0 . 04 % after 1500 h at 160c vibration resistance at least 40g a cceleration at 10 to 2000 hz , depends on installation shock resistance at least 100g acceleration with 8ms half sine wave , depends on installation environmental conditions max. 80% rel. humidity; durability against non - conductive media self heat ing 0.4 k/mw at 0c response time water current (v= 0.4m/s): t 0,5 = 0.20 s t 0,9 = 0.30s air stream(v= 2m/s): t 0,5 = 3.4s t 0,9 = 11.0s measuring current 1000 ? : 0.1 to 0.3ma (self heating has to be considered) n ote other toleranc es, values of resistance and wire lengths are available on request. nominal resistance r0 tolerance din en 60751 1996 - 07 tolerance din en 60751 2009 - 05 order number plastic box 1000 ohm at 0c class b f 0. 3 32 200 018 1901 route 130 north brunswick, nj 08902 phone 732-940-4400 fa x 732-940-4445 email info.hst-us@heraeus.com www.hst-us.com heraeus sensor technology usa 1000 ohm at 0c class b f 0. 3 32 200 023 lead length kl 160mm 250mm nominal resistance r0 tolerance din en 60751 1996 - 07 tolerance din en 60751 2009 - 05 order number plastic box 1000 ohm at 0c class b f 0. 3 32 200 018


▲Up To Search▲   

 
Price & Availability of L622-DBC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X