Part Number Hot Search : 
TA1101 87833 0412M 0T100I HCF45 RT1454B6 FARM2CS3 CS51023
Product Description
Full Text Search
 

To Download IRF7473PBF-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  hexfet   power mosfet parameter max. units i d @ t a = 25c continuous drain current, v gs @ 10v 6.9 i d @ t a = 70c continuous drain current, v gs @ 10v 5.5 a i dm pulsed drain current  55 p d @t a = 25c power dissipation 2.5 w linear derating factor 0.02 w/c v gs gate-to-source voltage 20 v dv/dt peak diode recovery dv/dt  5.8 v/ns t j operating junction and -55 to + 150 t stg storage temperature range soldering temperature, for 10 seconds 300 (1.6mm from case ) c absolute maximum ratings notes   through  are on page 8 so-8 top view 8 1 2 3 4 5 6 7 d d d d g s a s s a symbol parameter typ. max. units r jl junction-to-drain lead ??? 20 r ja junction-to-ambient  ??? 50 c/w thermal resistance  
v ds 100 v r ds(on) max (@v gs = 10v) 26 q g (typical) 61 nc i d (@t a = 25c) 6.9 a m features benefits industry-standard pinout so-8 package ? multi-vendor compatibility compatible with existing surface mount techniques easier manufacturing rohs compliant, halogen-free environmentally friendlier msl1, industrial qualification increased reliability form quantity tube/bulk 95 IRF7473PBF-1 tape and reel 4000 irf7473trpbf-1 package type standard pack orderable part number IRF7473PBF-1 so-8 base part number   
  
       ! 
 
  
       !   
parameter min. typ. max. units conditions g fs forward transconductance 10 ??? ??? s v ds = 50v, i d = 4.1a q g total gate charge ??? 61 ??? i d = 4.1a q gs gate-to-source charge ??? 21 ??? nc v ds = 50v q gd gate-to-drain ("miller") charge ??? 19 ??? v gs = 10v, t d(on) turn-on delay time ??? 24 ??? v dd = 50v t r rise time ??? 20 ??? i d = 4.1a t d(off) turn-off delay time ??? 29 ??? r g = 6.0 t f fall time ??? 11 ??? v gs = 10v  c iss input capacitance ??? 3180 ??? v gs = 0v c oss output capacitance ??? 230 ??? v ds = 25v c rss reverse transfer capacitance ??? 120 ??? pf ? = 1.0mhz c oss output capacitance ??? 830 ??? v gs = 0v, v ds = 1.0v, ? = 1.0mhz c oss output capacitance ??? 150 ??? v gs = 0v, v ds = 80v, ? = 1.0mhz c oss eff. effective output capacitance ??? 230 ??? v gs = 0v, v ds = 0v to 80v  dynamic @ t j = 25c (unless otherwise specified) ns parameter typ. max. units e as single pulse avalanche energy  ??? 140 mj i ar avalanche current  ??? 4.1 a avalanche characteristics s d g parameter min. typ. max. units conditions i s continuous source current mosfet symbol (body diode) ??? ??? showing the i sm pulsed source current integral reverse (body diode)  ??? ??? p-n junction diode. v sd diode forward voltage ??? ??? 1.3 v t j = 25c, i s = 4.1a, v gs = 0v  t rr reverse recovery time ??? 55 ??? ns t j = 25c, i f = 4.1a q rr reverse recoverycharge ??? 140 ??? nc di/dt = 100a/ s   diode characteristics 2.3 55 " static @ t j = 25c (unless otherwise specified) parameter min. typ. max. units conditions v (br)dss drain-to-source breakdown voltage 100 ??? ??? v v gs = 0v, i d = 250 a v (br)dss / t j breakdown voltage temp. coefficient ??? 0.11 ??? v/c reference to 25c, i d = 1ma  r ds(on) static drain-to-source on-resistance ??? 22 26 m v gs = 10v, i d = 4.1a  v gs(th) gate threshold voltage 3.5 ??? 5.5 v v ds = v gs , i d = 250 a ??? ??? 1.0 a v ds = 95v, v gs = 0v ??? ??? 250 v ds = 80v, v gs = 0v, t j = 150c gate-to-source forward leakage ??? ??? 100 v gs = 20v gate-to-source reverse leakage ??? ??? -100 na v gs = -20v i gss i dss drain-to-source leakage current
 
  
       !   
fig 2. typical output characteristics fig 1. typical output characteristics fig 3. typical transfer characteristics fig 4. normalized on-resistance vs. temperature -60 -40 -20 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 t , junction temperature ( c) r , drain-to-source on resistance (normalized) j ds(on) v = i = gs d 10v 6.9a 0.1 1 10 100 1000 0.1 1 10 100 20 s pulse width t = 150 c j top bottom vgs 15v 12v 10v 8.0v 7.0v 6.5v 6.0v 5.5v v , drain-to-source voltage (v) i , drain-to-source current (a) ds d 5.5v 0.01 0.1 1 10 100 1000 5 6 7 8 9 10 11 12 v = 25v 20 s pulse width ds v , gate-to-source voltage (v) i , drain-to-source current (a) gs d t = 25 c j t = 150 c j 0.1 1 10 100 v ds , drain-to-source voltage (v) 0.01 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) 6.0v 20 s pulse width tj = 25c vgs top 15v 12v 10v 8.0v 7.0v 6.5v 6.0v bottom 5.5v
  
  
       !   
fig 6. typical gate charge vs. gate-to-source voltage fig 5. typical capacitance vs. drain-to-source voltage 0 20 40 60 80 100 0 4 8 12 16 20 q , total gate charge (nc) v , gate-to-source voltage (v) g gs i = d 4.1a v = 20v ds v = 50v ds v = 80v ds fig 7. typical source-drain diode forward voltage 0.1 1 10 100 0.0 0.4 0.8 1.2 1.6 v ,source-to-drain voltage (v) i , reverse drain current (a) sd sd v = 0 v gs t = 25 c j t = 150 c j fig 8. maximum safe operating area 1 10 100 v ds , drain-to-source voltage (v) 10 100 1000 10000 100000 c , c a p a c i t a n c e ( p f ) coss crss ciss v gs = 0v, f = 1 mhz c iss = c gs + c gd , c ds shorted c rss = c gd c oss = c ds + c gd 0.1 1 10 100 1000 v ds , drain-tosource voltage (v) 0.1 1 10 100 1000 i d , d r a i n - t o - s o u r c e c u r r e n t ( a ) tc = 25c tj = 150c single pulse 1msec 10msec operation in this area limited by r ds (on) 100 sec
#  
  
       !   
fig 11. maximum effective transient thermal impedance, junction-to-ambient 0.01 0.1 1 10 100 0.00001 0.0001 0.001 0.01 0.1 1 10 100 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thja a p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thja 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) fig 10a. switching time test circuit v ds 90% 10% v gs t d(on) t r t d(off) t f fig 10b. switching time waveforms $  
 1      0.1 %   $    %&  $ + - $  25 50 75 100 125 150 0.0 2.0 4.0 6.0 8.0 t , case temperature ( c) i , drain current (a) c d fig 9. maximum drain current vs. ambient temperature
'  
  
       !   
fig 13. on-resistance vs. gate voltage fig 12. on-resistance vs. drain current fig 14a&b. basic gate charge test circuit and waveform fig 15a&b. unclamped inductive test circuit and waveforms fig 15c. maximum avalanche energy vs. drain current d.u.t. v ds i d i g 3ma v gs .3 f 50k .2 f 12v current regulator same type as d.u.t. current sampling resistors + -   q g q gs q gd v g charge 25 50 75 100 125 150 0 100 200 300 400 starting t , junction temperature ( c) e , single pulse avalanche energy (mj) j as i d top bottom 1.8a 3.3a 4.1a 6.0 8.0 10.0 12.0 14.0 16.0 v gs, gate -to -source voltage (v) 0.020 0.025 0.030 0.035 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) i d = 6.9a 0 20 40 60 i d , drain current (a) 0.022 0.024 0.026 0.028 r d s ( o n ) , d r a i n - t o - s o u r c e o n r e s i s t a n c e ( ) v gs = 10v t p v (br)dss i as r g i as 0.01 t p d.u.t l v ds + - v dd driver a 15v 20v 
(  
  
       !   
so-8 package outline (mosfet & fetky) e1 d e y b a a1 h k l .189 .1497 0 .013 .050 bas ic .0532 .0040 .2284 .0099 .016 .1968 .1574 8 .020 .0688 .0098 .2440 .0196 .050 4.80 3.80 0.33 1.35 0.10 5.80 0.25 0.40 0 1.27 b asic 5.00 4.00 0.51 1.75 0.25 6.20 0.50 1.27 mi n max millimeters inches mi n max dim 8 e c .0075 .0098 0.19 0.25 .025 bas ic 0.635 b as ic 87 5 65 d b e a e 6x h 0.25 [.010] a 6 7 k x 45 8x l 8x c y 0.25 [.010] c a b e1 a a1 8x b c 0.10 [.004] 4 3 12 footprint 8x 0.72 [.028] 6.46 [.255] 3x 1.27 [.050] 8x 1.78 [ .070 ] 4. out li ne conf orms t o je de c ou t l ine ms -012aa. not es : 1. dime ns ioning & t olerancing pe r as me y14.5m-1994. 2. cont rol l ing dime ns ion: mill ime t er 3. dime ns ions are s hown in mil l imet e rs [inche s ]. 5 dime ns ion doe s not incl ude mol d prot rus ions . 6 dime ns ion doe s not incl ude mol d prot rus ions . mold prot rus ions not t o exceed 0.25 [.010]. 7 dime ns ion is t he l e ngt h of l ead f or s ol dering t o a subst rat e. mold prot rus ions not t o exceed 0.15 [.006]. dimensions are shown in milimeters (inches) so-8 part marking information p = disgnates lead - free example: t his is an irf7101 (mosfet) f 7101 xxxx int ernational logo rectifier part number lot code product (optional) dat e code (yww) y = l as t digit of t he ye ar ww = we e k a = as s e mb l y s i t e code note: for the most current drawing please refer to ir website at: http://www.irf.com/package/
)  
  
       !   
 repetitive rating; pulse width limited by max. junction temperature.  starting t j = 25c, l = 16mh, r g = 25 , i as = 4.1a.  pulse width 400 s; duty cycle 2%.  when mounted on 1 inch square copper board  c oss eff. is a fixed capacitance that gives the same charging time as c oss while v ds is rising from 0 to 80% v dss  i sd 4.1a, di/dt 210a/ s, v dd v (br)dss , t j 150c  330.00 (12.992) max. 14.40 ( .566 ) 12.40 ( .488 ) notes : 1. controlling dimension : millimeter. 2. outline conforms to eia-481 & eia-541. feed direction terminal number 1 12.3 ( .484 ) 11.7 ( .461 ) 8.1 ( .318 ) 7.9 ( .312 ) notes: 1. controlling dimension : millimeter. 2. all dimensions are shown in millimeters(inches). 3. outline conforms to eia-481 & eia-541. so-8 tape and reel (dimensions are shown in millimeters (inches) ? qualification standards can be found at international rectifier?s web site: http://www.irf.com/product-info/reliability ?? applicable version of jedec standard at the time of product release ms l 1 (per je de c j-s td-020d ?? ) rohs c ompliant yes qualification information ? qualification level industrial (per jedec jes d47f ?? guidelines) moisture sensitivity level so-8 ir world headquarters: 101 n. sepulveda blvd., el segundo, california 90245, usa to contact international rectifier, please visit http://www.irf.com/whoto-call/ note: for the most current drawing please refer to ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRF7473PBF-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X