Part Number Hot Search : 
13005 HYAAM PK1912 1N4000A 30D60 FR151 2N1099 S220DV
Product Description
Full Text Search
 

To Download HFM101-M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ultra fast recovery type features plastic package has underwrit ers laboratory flammability classificat ion 94v- o utiliz ing flame retardant epox y m olding compound. for surfac e mounted applications. ex ceeds environmental standar ds of mi l-s-19500 / 228 low leakage current . mechanical dat a case : mol ded plastic, jed ec sod -123 / mi ni sma termi nals : solder plated, solderable per mil-st d-750, method 2026 pol arity : indicated by c athode band mounting p osition : any weight : 0.04 gram (v) (v) (v) (v) (ns) ( o c) HFM101-M h1 50 35 50 hfm102-m h2 100 70 100 hfm103-m h3 200 140 200 hfm104-m h4 400 280 400 hfm105-m h5 600 420 600 hfm106-m h6 800 560 800 hfm107-m h7 1000 700 1000 -55 to +150 operating temperature v rrm *1 v rms *2 v r *3 v f *4 t rr *5 50 1.0 1.3 75 symbols marking code 1.7 maximum ratings (at t a =25 o c unless otherwise noted) parameter conditions symbol min. typ. max. unit forward rectified current ambient temperature = 50 o c i o 1.0 a forward surge current 8.3ms single half sine-wave superimposed on rate load (jedec methode) i fsm 30 a v r = v rrm t a = 25 o c 5.0 ua v r = v rrm t a = 100 o c 150 ua thermal resistance junction to ambient r q ja 42 o c / w diode junction capacitance f=1mhz and applied 4vdc reverse voltage c j 20 pf storage temperature t stg -55 +150 o c reverse current i r *1 repetitive peak reverse voltage *2 rms voltage *3 continuous reverse voltage *4 maximum forward voltage *5 reverse recovery time 0.161(4.1) 0.146(3.7) 0.012(0.3) typ. 0.071(1.8) 0.055(1.4) 0.126(3.2) 0.110(2.8) 0.063(1.6) 0.055(1.4) 0.035(0.9) typ. 0.035(0.9) typ. dimensions in inches and (millimeters) sod-123 HFM101-M-107-m http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd
.4 .6 .8 1.0 1.2 1.4 .001 .01 .1 1.0 10 rating and characteristic curves (HFM101-M thru hfm107-m) fig.1-typical forward characteristics fig.5-typical junction capacit ance i n s t a n t a n e o u s f o r w a r d c u r r e n t , ( a ) forward volt age,(v) pulse width 300us 1% duty cycle (+) (+) 25vdc (approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. +0.5a 0 -0.25a -1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr d.u.t. fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.2-typical forward current a v e r a g e f o r w a r d c u r r e n t , ( a ) 0.2 0.4 0.6 0.8 1.0 1.2 single phase half wave 60hz resistive or inductive load derating curve ambient temperature ( c) 1.6 1.8 h fm 10 6- m ~h fm 10 7- m h f m 1 0 4 -m ~ h f m 1 0 5 -m h f m 1 0 1 -m ~ h f m 1 0 3 -m reverse voltage,(v) j u n c t i o n c a p a c i t a n c e , ( p f ) 175 120 100 80 60 40 20 0 .01 .05 .1 .5 1 5 10 50 100 0 25 50 75 100 125 150 175 0 fig.4-maximum non-repetitive forward surge current 6 0 12 18 24 30 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method p e a k f o r w a r d s u r g e c u r r e n t , ( a ) HFM101-M-107-m http:// www.wej.cn e-mail:wej@yongerjia.com wej electronic co. r o hs wej electronic co.,ltd


▲Up To Search▲   

 
Price & Availability of HFM101-M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X