Part Number Hot Search : 
S1200 08130 BU2615FS SCS120V SCS120V G910T23D S1200 P0642SA
Product Description
Full Text Search
 

To Download HC4DHP-DC110V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  395 hc-relays miniature relay for wider applications vde 1c, 2c, 4c hce amber relays mm inch 27.2 1.071 35.2 1.386 20.8 .819 27.2 1.071 35.2 1.386 20.8 .819 features ? extra long life min. 10 8 mechanical operations (dc type) ? 4 contact arrangements 4 form c (for 5 a 250 v ac), 3 form c (for 7 a 250 v ac), 2 form c (for 7 a 250 v ac), 1 form c (for 10 a 250 v ac) ? applicable to low to high level loads (100 m a to 10a) ? amber sealed types available ? bifurcated contact types available as hc4d specifications contacts coil remarks * speci?cations will vary with foreign standards certi?cation ratings. * 1 detection current: 10 ma * 2 excluding contact bounce time * 3 half-wave pulse of sine wave: 11ms; detection time: 10 m s * 4 half-wave pulse of sine wave: 6ms * 5 detection time: 10 m s * 6 refer to 5. conditions for operation, transport and storage mentioned in ambient environment (page 61). characteristics arrangement 1 form c 2 form c 3 form c 4 form c initial current resistance, max. (by voltage drop 6 v dc 1 a) 30 m w contact material gold-?ashed silver alloy gold-clad silver nickel rating (resistive) nominal switching capacity 10 a 250 v ac 7 a 250 v ac 7 a 250 v ac 5 a 250 v ac max. switching power 2,500 va 1,750 va 1,750 va 1,250 va max. switching voltage 250 v ac max. switching current 10 a 7 a 7 a 5 a nominal operating power ac (50hz): 1.3va, ac (60hz): 1.2 va dc:0.9 to 1.1w max. operating speed 20 cpm (at max. rating) initial insulation resistance min. 1,000 mw at 500 v dc initial breakdown voltage* 1 between open contacts 700 vrms for 1 min. between contact sets 700 vrms for 1 min. between contact and coil 2,000 vrms for 1 min. operate time* 2 (at nominal voltage) (at 20c) approx. 10 ms (dc, ac type) release time (without diode)* 2 (at nominal voltage) (at 20c) approx. 5 ms (dc type) approx. 10 ms (ac type) temperature rise, max. (at 70 c) (at nominal voltage) 80 c shock resistance functional* 3 min. 196 m/s 2 {20 g} destructive* 4 min. 980 m/s 2 {100 g} vibration resistance functional* 5 10 to 55 hz at double amplitude of 1 mm destructive 10 to 55 hz at double amplitude of 2 mm conditions for operation, transport and storage* 6 (not freezing and condens- ing at low temperature) ambient temp. C50 c to +70 c C58 f to +158 f humidity 5 to 85% r.h. unit weight approx. 30g 1.06 oz expected life (min. operations) electrical (at 20 cpm) voltage 125 v ac 250 v ac 30 v dc expected life load resistive (cos j = 1) inductive (cos j ] 0.4) resistive (cos j = 1) inductive (cos j ] 0.4) resistive inductive hc1 (1 form c) current 10a 5a 10a 3a 2 10 5 7a 3a 7a 2.5a 3a 1a 5 10 5 5a 2a 5a 1.5a 1 10 6 hc2 (2 form c) current 7a 3.5a 7a 2a 2 10 5 5a 2.5a 5a 1.5a 3a 0.6a 5 10 5 3a 1.5a 3a 1a 1 10 6 hc3 (3 form c) current 7a7a 1 10 5 3.5a 2a 2 10 5 5a 5a 3a 0.4a 5 10 5 hc4 (4 form c) current 5a 2a 5a 1a 2 10 5 3a 1a 3a 0.8a 3a 0.4a 5 10 5 2a 0.5a 2a 0.4a 1 10 6 mechanical life (at 180 cpm) dc type: 10 8 , ac type: 5 10 7
hc 396 typical applications transportation, power station control equipment, refrigerators, building control equipment, of?ce machines, coin operat- ed machines, amusement devices, medi- cal equipment, etc. ordering information ex. hc 4 d h ac 240v contact arrangement 1: 1 form c 2: 2 form c 3: 3 form c 4: 4 form c nil: standard type d: bifurcated contact type (hc4d only. see page 400.) k: latching relay type (hc2k only. see page 401.) h: plug-in hp: pc board terminal htm: top mounting hl: light emitting diode wired, plug-in hpl: light emitting diode wired, pc board ac 6, 12, 24, 48, 120/240 v dc 6, 12, 24, 48, 110 v type classifications terminal arrangement coil voltage notes: 1. when ordering vde recognized types, add suffix vde. 2. hc3 (3 form c) series are not approved by vde. 3. ac 48 v type is not available for led wiring. 4. standard packing carton: 20 pcs.; case: 200 pcs. 5. ul/csa approved type is standard. coil data (common for standard, amber sealed and bifurcated contact types) dc type at 20 c 68 f ac types (50/60 hz) at 60 hz, 20 c 68 f coil voltage, v dc pick-up voltage, v dc (max.) drop-out voltage, v dc (min.) max. allowable voltage, v dc coil resistance, w ( 10%) nominal coil current, ma ( 10%) operating power, w nominal minimum 6 4.8 0.6 6.6 40 150 0.9 0.58 12 9.6 1.2 13.2 160 75 0.9 0.58 24 19.2 2.4 26.4 650 37 0.9 0.58 48 38.4 4.8 52.8 2,600 18.5 0.9 0.58 110 88.0 11.0 121.0 10,000 10 1.0 0.64 coil voltage, v ac pick-up voltage, v ac (max.) drop-out voltage, v ac (min.) max. allowable voltage, v ac nominal coil current, ma ( 20%) operating power, va nominal minimum 6 4.8 1.8 6.6 200 1.20 0.77 12 9.6 3.6 13.2 100 24 19.2 7.2 26.4 50 48 38.4 14.4 52.8 25 110/120 96 36 132 10.9/11.9 220/240 176.0 66.0 264.0 6.0/6.5 notes: 1. the range of coil current is 15% for ac (60 hz), and 10% for dc, at 20 c. 2. the relay is applicable to the range of 80 % to 110% of the nominal coil voltage. however, it is recommended that the relay be used in the range of 85% to 110% to take temporary voltage variations into consideration. 3. the coil resistance of dc types is the measured value at a coil temperature of 20 c. please compensate coil resistance by 0.4% for each degree centigrade coil temperature change. 4. all ac 240 v types are rated for double coil voltages, both ac 220 v and ac 240 v. 5. for use with 220 v or 240 v dc, con- nect a resistor as suggested in the chart below, in series with the 110 v dc relay. voltage 1 form c, 2 form c, 3 form c, 4 form c 220 v dc 11 k w (5 w) 240 v dc 13 k w (5 w)
hc 397 dimensions (common for standard, amber sealed and bifurcated contact (4c only) types) plug-in type hc1-h (1 form c) hc2-h (2 form c) hc3-h (3 form c) hc4-h (4 form c) general tolerance: 0.2 .008 20.8 .819 0.6 .024 6.4 .252 0.5 .020 4.41 .174 4.06 .160 6.35 .250 6.35 .250 4.45 .175 13.35 .526 2.54 .100 1 .039 27.2 1.071 35.2 1.386 1.7 .067 1.7 .067 20.8 .819 0.6 .024 6.4 .252 0.5 .020 4.41 .174 4.06 .160 6.35 .250 6.35 .250 13.35 .526 2.54 .100 1 .039 27.2 1.071 35.2 1.386 1.7 .067 1.7 .067 20.8 .819 0.6 .024 6.4 .252 0.5 .020 4.41 .174 4.06 .160 6.35 .250 6.35 .250 13.35 .526 2.54 .100 1 .039 27.2 1.071 35.2 1.386 1.7 .067 1.7 .067 20.8 .819 0.6 .024 6.4 .252 0.5 .020 4.41 .174 4.06 .160 6.35 .250 6.35 .250 4.45 .175 13.35 .526 2.54 .100 1 .039 27.2 1.071 35.2 1.386 1.7 .067 1.7 .067 mm inch pc board type hc4-h (4 form c) general tolerance: 0.2 .008 20.8 .819 0.6 .024 3.5 .138 0.5 .020 4.41 .174 4.06 .160 6.35 .250 6.35 .250 4.45 .175 13.35 .526 1.5 .059 1.5 .059 1 .039 27.2 1.071 35.2 1.386 1.7 .067 1.7 .067 dimensions of hc1-hp, hc2-hp, hc3-hp are the same as those of plug-in type except shapes of terminals. pc board pattern (copper-side view) 1c 2c 4.1 .161 16.8 .661 10.4 .409 8.9 .350 4.45 .175 13.35 .526 5-2 dia. 5-.079 dia. 4.1 .161 16.8 .661 10.4 .409 13.35 .526 8-2 dia. 8-.079 dia. 3c 4c tolerance: 0.1 .004 4.1 .161 16.8 .661 10.4 .409 13.35 .526 11-2 dia. 11-.079 dia. 4.1 .161 16.8 .661 10.4 .409 8.9 .350 4.45 .175 13.35 .526 14-2 dia. 14-.079 dia. note: special pc terminal with 0.9 mm ( .035 inch ) width available with suf?x "-31". schematic (bottom view) hc1-h, hc1-hp (1 form c) led ac type led dc type hc2-h, hc2-hp (2 form c) led ac type led dc type hc3-h, hc3-hp (3 form c) led ac type led dc type hc4-h, hc4-hp (4 form c) led ac type led dc type 2 7 12 14 13 7 12 14 2 13 ( ~ ) ( ~ ) 2 7 12 14 13 ( - ) ( + ) 14 8 12 14 5 9 13 14 13 ( ~ ) ( ~ ) 14 8 12 5 9 14 13 ( - ) ( + ) 14 8 12 5 9 1 14 4 7 2 5 8 3 6 9 13 14 13 ( ~ ) ( ~ ) 1 4 7 2 5 8 3 6 9 14 13 ( - ) ( + ) 1 4 7 2 5 8 3 6 9 1 14 5 9 2 6 10 3 7 11 4 8 12 13 14 13 ( ~ ) ( ~ ) 1 5 9 2 6 10 3 7 11 4 8 12 14 13 ( - ) ( + ) 1 5 9 2 6 10 3 7 11 4 8 12
hc 398 reference data 1. life curve load: 250 v ac resistive load 2. switching capacity range 3. h 2 s gas test 246810 100 200 300 400 500 5,000 10,000 1c 2c 3c 4c load current, a life, 10 4 times mechanical life (dc type) mechanical life (ac type) (250 v ac cos j = 1) 10ma 100 10 250 1a 1ma 7a 5a 10a hc1c hc4c hc2c, 3c ac current ac voltage, v 10 1 10m w 100m w 1 w 10 w 100 w 20 50 100 exposure time, hrs. 200 500 1000 2000 5000 standard hc relay hce amber relay gas density: 2 to 5 ppm temperature: 40 c humidity: 90% rh contact resistance 4. coil temperature rise measured portion: inside the coil note: when the nominal voltage is applied to ac 120 or 240 v coil types respectively, the ?gures of coil tem- perature rise increase by approx. 10 degrees to the ones shown on each graph. hc1 ac coil ambient temperature: 25 c 77 f hc2 ac coil ambient temperature: 30 c 86 f 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10a 7a 0a 2a 5a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 7a 5a 0a coil applied voltage, %v temperature rise, c hc3 ac coil ambient temperature: 18 c 64 f hc4 ac coil ambient temperature: 15 to 21 c 59 to 70 f hc1 dc coil ambient temperature: 29 c 84 f 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a 7a 0a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 20 40 60 80 100 120 140 160 180 5a 3a 1a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 10a 5a 0a coil applied voltage, %v temperature rise, c hc2 dc coil ambient temperature: 29 c 84 f hc3 dc coil ambient temperature: 29 c 84 f hc4 dc coil ambient temperature: 17 to 18 c 62 to 64 f 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 7a 5a 0a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 7a 5a 0a coil applied voltage, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a 3a 1a coil applied voltage, %v temperature rise, c
hc 399 amber relays hce hc sealed relays are version of the hc relays and are recommended for use in switching medium loads under adverse ambient conditions. they show highly sta- ble contact resistance even after long use, due to their sealed construction and reli- able gold plated contacts. amber relays also make the combined process of auto- matic wave soldering and cleaning pro- cess possible with their resultant savings in cost and labor. contact arrangements of 1 form c, 2c, and 4c are available for plug-in, pc board and top-mount. construction the diagram at right shows a cross-sec- tion of the plastic sealed relay. all the plastic parts are annealed and out- gassed to ensure fully the stability of both chemical and physical characteristics. sealed construction specifications contacts contact arrangement 1 form c 2 form c 4 form c rating (resistive) nominal switching capacity 5 a 250 v ac 3 a 250 v ac 2 a 250 v ac max. switching power 1,250 va 700 va 500 va max. switching voltage 250 v ac max. switching current 5 a 3 a 2 a conditions for operation, transport and storage (not freezing and condensing at low temperature) ambient temp. C40 c to +60 c C40 f to +140 f humidity 5 to 85% r.h. ambient air pressure 760 mmhg +20% (1.013 mb +20%) expected life (min. operations) electrical (at 20 cpm) voltage 125 v ac 250 v ac 30 v dc expected life load resistive (cos j = 1) resistive (cos j = 1) resistive inductive hc1e (1 form c) current 5 a 5 a 3 a 1 a 2 10 5 hc2e (2 form c) current 3 a 3 a 2 a 1.7 a hc4e (4 form c) current 2 a 2 a 2 a 0.6 a mechanical life (at 180 cpm) dc type: 10 8 , ac type: 5 10 7 characteristics operate time approx. 10 ms (dc, ac type) release time approx. 5 ms (dc type) approx. 10 ms (ac type) ordering information ex. hc 4 e d hp ac 240v contact arrangement 1: 1 form c 2: 2 form c 4: 4 form c nil: standard type d: bifurcated contact type (hc4d only. see page 400.) h: plug-in hp: pc board terminal htm: top mounting l: light emitting diode wired, plug-in pl: light emitting diode wired, pc board ac 6, 12, 24, 48, 120, 240 v dc 6, 12, 24, 48, 110 v type classifications terminal arrangement coil voltage ul/csa approved type is standard. reference data (hc amber relays) 1. switching capacity range 2.-(1) coil temperature rise (1c ac type) measured portion: inside the coil ambient temperature 30 c 86 f 2.-(2) coil temperature rise (2c ac type) measured portion: inside the coil ambient temperature: 30 c 86 f 10ma 250v 100v 10v 1a 3a 2a 5a 10a hc1e hc4e hc2e ac current ac voltage, v 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a voltage applied to coil, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 3a voltage applied to coil, %v temperature rise, c
hc 400 2.-(3) coil temperature rise (4c ac type) measured portion: inside the coil ambient temperature: 30 c 86 f 2.-(4) coil temperature rise (1c dc type) measured portion: inside the coil ambient temperature: 30 c 86 f 2.-(5) coil temperature rise (2c dc type) measured portion: inside the coil ambient temperature: 30 c 86 f 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 2a voltage applied to coil, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a 0a voltage applied to coil, %v temperature rise, c 80 90 100 110 120 0 10 20 30 40 50 60 70 80 90 100 5a voltage applied to coil, %v temperature rise, c bifurcated contact types hc4d extremely high contact reliability has been made possible by adoption of gold- clad bifurcated contacts for both movable and stationary contacts. hc4d type can be used from the dry cir- cuit 100 m a at 10 v dc to the power circuit 3 a at 250 v ac resistive load. therefore, with hc4d type such a usage is possible that one contact switches 100 m a and another contact switches 3 a load. also amber sealed types are available as hc4ed relays. specifications contacts contact arrangement 4 form c only contact material gold-clad silver nickel rating (resistive) nominal switching capacity 3 a 250 v ac max. switching power 750 va max. switching current 3a characteristics operate time (approx.) dc, ac: 10 ms release time (approx.) dc: 5 ms ac: 10 ms expected life (min. operations) electrical (at 20 cpm) voltage 125 v ac 250 v ac 30 v dc expected life load resistive (cos j = 1) inductive (cos j ] 0.4) resistive (cos j = 1) inductive (cos j ] 0.4) resistive hc4de 3 a 1 a 3 a 0.8 a 3 a 2 10 5 hc4ed 1 a 1 a reference data 1. switching capacity range standard type amber type 100 m a 100mv 100 250 1a 3a 10a ac current ac voltage, v 100 m a 100mv 100 250 1a 3a 10a ac current ac voltage, v
hc 401 latching relay types: hc2k 27.4 1.074 33.5 1.319 21 .827 plug-in mm inch hc magnetic latching relays are particularly suitable for various vending machines, remote control devices, parking meters, conveyor, nc machinery, etc. types and coil data dc coils at 20 c 68 f ul, csa recognized part no. nominal coil current (ma) nominal operating power (va) coil voltage plug-in pc board terminal set reset set reset pick-up max. allowable hc2k-dc6v hc2k-p-dc6v 207 107 1.24 0.64 80% of nominal voltage 110% of nominal voltage hc2k-dc12v hc2k-p-dc12v 100 52.2 1.20 0.63 hc2k-dc24v hc2k-p-dc24v 51.1 25.5 1.23 0.61 hc2k-dc48v hc2k-p-dc48v 25.3 13.7 1.21 0.66 hc2k-dc100v hc2k-p-dc100v 15.6 5.8 1.56 0.58 plug-in ac coils part no. nominal coil current (ma) nominal operating power (va) coil voltage plug-in pc board terminal set reset set reset pick-up max. allowable hc2k-ac6v hc2k-p-ac6v 206 103 1.23 0.62 80% of nominal voltage 110% of nominal voltage hc2k-ac12v hc2k-p-ac12v 100 52 1.20 0.62 hc2k-ac24v hc2k-p-ac24v 51 21.4 1.22 0.51 hc2k-ac48v hc2k-p-ac48v 25.2 18.5 1.2 0.88 hc2k-ac115v hc2k-p-ac115v 10.4 5.4 1.20 0.621 pc board terminal hc2k ac types are not recognized by ul, csa. notes: 1. the coil current range is 10% of the nominal coil current. 2. the relay is suitable to the range of 80% 110% of the nominal coil voltage. however, it is recommended that the relay be us ed in the range of 85% 110% of the nominal coil voltage, with the temporary voltage variation taken into consideration. 3. ul/csa approved type is standard. specifications contacts coil characteristics arrangement 2 form c only initial contact resistance max. (by voltage drop 6 v dc 1 a) 50 m w rating (resistive) nominal switching capacity 3 a 250 v ac max. switching power 750 va max. switching current 3a nominal operating power set coil 1.2 va to 1.33 va reset coil 0.51 va to 0.88 va initial breakdown voltage between contact and coil 1,500 vrms for 1 min. set time (at nominal voltage) (at 20c) ac, dc: approx. 20 ms reset time (at nominal voltage) ac: approx. 30 ms dc: approx. 50 ms temperature rise (at nominal voltage) set coil max. 80 c reset coil max. 50 c shock/vibration resistance min. 98 m/s 2 {10 g} expected life (min. operations) mechanical (at 180 cpm) 10 7 electrical (resistive) (at 20 cpm) 2 10 5 ambient temperature C40 c to +50 c C40 f to +122 f (not freezing and condens- ing at low temperature) dimensions and circuit diagram dimensions 0.5 .020 5.0 .197 33.5 1.319 27.4 1.079 3.5 .138 1 .039 circuit diagram general tolerance: 0.5 .020 4.45 .175 4.51 .178 4.06 .160 6.35 .250 6.35 .250 1.5 .059 21 .827 13.35 .526 pc board pattern (copper-side) tolerance: 0.1 .004 21 .827 4.45 .175 27.4 1.079 13.35 .526 10-2 dia. holes 10-.079 dia. holes 8.9 .350 4.1 .161 10.4 .409 16.8 .661 idle terminal hole needed mm inch notes: 1. con?guration and dimensions of hc2k types are the same as those of standard hc4 types. standard sockets and screw terminal sockets of hc4 can be used: hc4-ss-k, hc4-ps-k, hc4-ws-k, and hc4-hsf-k. 2. please note that circuit diagram of hc2k is different from hc4. 3. avoid operation by capacitor since latching force varies according to input pulse voltage.
hc 402 led wired types: hc-l the built-in indication led (light emitting diode) series are suitable for instant indi- cation of operate function in applications where numerous relays are to be used. the hc-l relays are supplied with led wired in parallel with the coil for visual in- dication that the relay is functioning. a red led is used for ac type and green one for dc. protection diode (bottom view) accessories relay hc1 (1 form c) hc2 (2 form c) hc3 (3 form c) hc4 (4 form c) socket socket with solder tab (with hold-down clip) hc1-ss-k hc2-ss-k hc3-ss-k hc4-ss-k pc board socket (with hold-down clip) hc1-ps-k hc2-ps-k hc3-ps-k hc4-ps-k socket for wrap wiring (with hold-down clip) hc1-ws-k hc2-ws-k hc3-ws-k hc4-ws-k screw terminal socket for front wiring (with hold-down clip) hc2-sf-k exclusively for hc2-h hc3-hsf-k for hc2-h, hc3-h hc4-hsf-k for hc1-h, hc2-h, hc4-h screw terminal socket for din rail assembly (with hold-down clip) hc2-sfd-k exclusively for hc2-h hc3-sfd-k for hc2-h, hc3-h hc4-sfd-k for hc1-h, hc2-h, hc4-h
hc 403 dimensions socket with solder tab (with hold-down clip) 0.25 .010 4.45 .175 4.45 .175 4.06 .160 6.35 .250 6.35 .250 1.27 .050 7.06 .278 25.5 1.004 16.55 .652 7.65 .301 21.2 .835 2.6 .102 2.3 .091 4.45 .175 29.4 1.157 25.2 .992 hc1-ss-k 0.25 .010 4.45 .175 4.45 .175 6.35 .250 6.35 .250 1.27 .050 7.06 .278 25.5 1.004 16.55 .652 7.65 .301 21.2 .835 2.6 .102 2.3 .091 4.45 .175 29.4 1.157 25.2 .992 4.06 .160 hc2-ss-k 0.25 .010 10.41 .410 13.35 .526 25.5 1.004 29.4 1.157 16.76 .660 9.14 .360 25.5 1.004 16.55 .652 7.65 .301 21.2 .835 2.6 .102 2.3 .091 4.06 .160 29.4 1.157 25.2 .992 hc3-ss-k 0.25 .010 4.45 .175 4.45 .175 6.35 .250 6.35 .250 1.27 .050 7.06 .278 25.5 1.004 16.55 .652 7.65 .301 21.2 .835 2.6 .102 2.3 .091 4.45 .175 29.4 1.157 25.2 .992 4.06 .160 hc4-ss-k mm inch pc board socket (with hold-down clip) 0.25 .010 4.45 .175 4.45 .175 6.35 .250 6.35 .250 1.27 .050 7.06 .278 21.2 .835 13.15 .518 3.95 .156 1.5 .060 2 .079 4.45 .175 29.4 1.157 25.2 .992 4.06 .160 hc1-ps-k 0.25 .010 6.35 .250 6.35 .250 1.27 .050 7.06 .278 21.2 .835 13.15 .518 3.95 .156 1.5 .060 2 .079 13.35 .526 29.4 1.157 25.2 .992 4.06 .160 hc2-ps-k 0.25 .010 10.41 .410 13.35 .526 29.4 1.157 16.76 .660 21.2 .835 13.15 .518 3.95 .156 1.5 .060 2 .079 4.06 .160 9.14 .360 29.4 1.157 25.2 .992 hc3-ps-k 0.25 .010 4.45 .175 4.45 .175 6.35 .250 6.35 .250 1.27 .050 7.06 .278 21.2 .835 13.15 .518 3.95 .156 1.5 .060 2 .079 4.45 .175 29.4 1.157 25.2 .992 4.06 .160 hc4-ps-k socket for wrapping (with hold-down clip) hc4-ws-k 4.06 .160 6.35 .250 6.35 .250 4.45 .175 4.45 .175 29.4 1.157 34.4 1.354 25.5 1.004 4.45 .175 25.2 .992 12.4 .488 1.27 .050 21.2 .835 1.0 0.1 .039 .004 1.0 0.1 .039 .004 terminal cross section
hc 404 screw terminal socket for din rail assembly (with hold-down clip) hc2-sfd-s hc2-sfd-k 4.1 0.2 .161 .008 15 0.6 .591 .024 4.2 0.3 .165 .012 6 .236 terminal screw m3 13.35 0.2 .526 .008 20 0.6 .787 .024 6.3 0.2 .248 .008 6.4 0.2 .252 .008 2 0.15 .079 .006 35.4 0.5 1.394 .020 28.5 0.6 1.122 .024 6 0.3 .236 .012 22 0.6 .866 .024 6.2 0.3 .244 .012 57 1 2.244 .039 67 1 2.638 .039 8 0.2 .315 .008 4.1 0.2 .161 .008 4.2 0.3 .165 .012 26 0.6 1.024 .024 67 1 2.638 .039 30 0.6 1.181 .024 28.5 0.6 1.122 .024 6 .236 terminal screw m3 13.35 0.2 .526 .008 21.1 0.6 .831 .024 6.3 0.2 .248 .008 6.4 0.2 .252 .008 2 0.15 .079 .006 hc3-sfd-k hc4-sfd-k 4.06 0.2 .160 .008 4.2 0.3 .165 .012 26 0.6 1.024 .024 67 1 2.638 .039 30 0.6 1.181 .024 28.6 0.6 1.126 .024 6.2 .244 terminal screw m3 13.35 0.2 .526 .008 21.1 0.6 .831 .024 6.35 0.2 .250 .008 6.35 0.2 .250 .008 1.27 0.15 .050 .006 4.1 0.2 .161 .008 4.2 0.3 .165 .012 26 0.6 1.024 .024 67 1 2.638 .039 30 0.6 1.181 .024 28.5 0.6 1.122 .024 6 .236 terminal screw m3 13.35 0.2 .526 .008 4.45 0.2 .175 .008 21.1 0.6 .831 .024 6.3 0.2 .248 .008 6.4 0.2 .252 .008 2 0.15 .079 .006 mm inch hold-down clip (1) leaf spring: applied to hc1-ss-k, hc2-ss-k, hc3-ss-k, hc4-ss-k, hc1-ps-k, hc2-ps-k, hc3-ps-k, hc4-ps-k, hc2-sf-k, hc3-hsf-k, hc4-hsf-k part no.: hc/hl-leaf-spring-k (2) "m shape" leaf spring: applied to hc1-ws-k,hc2-ws-k, hc3-ws-k, hc4-ws-k part no.: hc/hl-leaf-spring-mk 4.5 0.1 .177 .004 8.6 0.3 .339 .012 2 0.5 .079 .020 37.2 0.3 1.465 .012 4.4 0.3 .173 .012 5 0.3 .197 .012 3.1 0.3 .122 .012 24.4 0.3 .961 .012 10.1 0.4 .398 .016 8.4 0.3 .331 .012 4.2 0.4 .165 .016 5 0.3 .197 .012 27.8 +0.4 ?.2 1.094 +.016 ?008
hc 405 mounting dimensions and method solder and wrapping socket mount 1.0 to 2.0 .039 to .079 chassis thickness quick mounting chassis cutout tolerance: 0.1 .004 21.6 .850 21.6 .850 25.8 1.016 25.8 1.016 8.9 .350 5.9 .232 minimum separation mm inch pc board pattern for pc board socket (copper-side view) for socket-mount hc1-ps-k hc2-ps-k hc3-ps-k hc4-ps-k general tolerance: 0.5 .020 4.1 .161 6.35 .250 6.35 .250 4.45 .175 4.45 .175 8.9 .350 13.35 .526 4.45 .17 5 5-2 dia. 5-.079 dia. 4.1 .161 6.35 .250 6.35 .250 13.35 .526 8-2 dia. 8-.079 dia. 4.1 .161 6.35 .250 6.35 .250 13.35 .526 11-2 dia. 11-.079 dia. 4.1 .161 6.35 .250 6.35 .250 4.45 .175 4.45 .175 8.9 .350 13.35 .526 4.45 .175 14-2 dia. 14-.079 dia. screw socket mounts (top view) hc2-sf-k chassis cutout 12 .472 20 .787 30 1.181 30 1.181 2 .079 40 1.575 2-m3.5 screw holes or 2-4.2 0.1 dia. holes 12 .472 minimun separation in tandem mounting schematic 15913 4 8 12 14 hc3-hsf-k chassis cutout 22.5 .886 22.5 .886 9.5 .374 30 1.181 30 1.181 2 .079 53.5 2.106 67 2.638 2-m3.5 screw holes or 2-4.2 0.1 dia. holes minimun separation in tandem mounting schematic 14713 14 9 8 6 5 3 2 hc4-hsf-k chassis cutout 22.5 .886 22.5 .886 9.5 .374 30 1.181 30 1.181 2 .079 53.5 2.106 67 2.638 2-m3.5 screw holes or 2-4.2 0.1 dia. holes minimun separation in tandem mounting schematic 15913 2610 11 7 3 8 4 12 14 hc2-sfd-k chassis cutout 10 .394 30 1.181 30 1.181 4 .158 33.5 1.319 67 2.638 2-m3.5 screw holes or 2-4.2 0.1 dia. holes 26 1.024 26 1.024 minimun separation in tandem mounting schematic 41 12 14 9 13 8 5 n.o. n.c. com coil hc3-sfd-k chassis cutout 10 .394 30 1.181 30 1.181 4 .158 33.5 1.319 67 2.638 2-m3.5 screw holes or 2-4.2 0.1 dia. holes 26 1.024 26 1.024 minimun separation in tandem mounting schematic 32 1 654 98 14 13 7 n.o. n.c. com coil hc4-sfd-k chassis cutout 10 .394 30 1.181 30 1.181 4 .158 33.5 1.319 67 2.638 2-m3.5 screw holes or 2-4.2 0.1 dia. holes 26 1.024 26 1.024 minimun separation in tandem mounting schematic 4321 8765 12 11 10 9 14 13 n.o. n.c. com coil
hc 406 direct mount for hc-tm relay siries hc-htm notes: 1. hc 1-htm, hc2-htm, hc3-htm, hc4-htm types all have dimensions in com- mon except for the number of terminals. 2. for the speci?cations, please refer to page 395. 3. in mounting, use m3 screw and m3 washer. 4 form c chassis cutout in tandem mounting tolerance: 0.1 .004 20.6 .811 43 1.693 34.2 1.346 0.5 .020 3.6 .142 13.35 .526 4.31 .170 2.54 .100 6.35 .250 2 .079 1 .039 6.4 .252 27 1.063 37.6 1.480 6.35 .250 4.06 .160 4.45 .175 1.8r .071r 21 .827 21 .827 23 .906 37.6 1.480 2 .079 minimum separation mounting track for solder socket up to 10 sockets per track. cut at notch for desired track length. track-mounted solder log sockets hc-mounting track chassis tolerance: 0.1 .004 25.7 1.012 52 2.047 7.5 .295 22-4.2 6 oval hole 22-.165 .236 oval hole 42 1.654 21.5 .846 27.5 1.083 55 2.165 290 11.417 1.5 .059 3 .118 9 .354 9 .354 9 .354 1.6 .063 panel nut mounting track socket washer 4 screw stopper plate 280 11.024 290 11.417 27.5 1.083 27.5 1.083 27.5 1.083 27.5 1.083 27.5 1.083 27.5 1.083 27.5 1.083 27.5 1.083 27.5 1.083 27.5 1.083 42 1.654 33 1.299 82.5 3.248 82.5 3.248 82.5 3.248 42 1.654 42 1.654 11 .433 11 .433 42 1.654 82.5 3.248 16 .630 110 4.331 110 4.331 33 1.299 panel match screw hole location to mounting track 33 1.299 20 .787 20 .787 33 1.299 52 2.047 8-4 screw holes 8-.157 screw holes size of mounting track for large quantity for small quantity for cautions for use, see relay technical information (page 48 to 76). 9/1/2000 all rights reserved, ? copyright matsushita electric works, ltd. go to online catalog


▲Up To Search▲   

 
Price & Availability of HC4DHP-DC110V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X