Part Number Hot Search : 
KBJ601 80C51 15020 BX6155PM 1N472 KBJ601 1S1834 MB2505
Product Description
Full Text Search
 

To Download GC70SN5011012R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  gc70?r bar clamp for hockey puks various lenghts of bolts and insulators round shaped clamping head for optimal pre-loaded to the specific clamping force four clamps styles gold iridite plating user friendly clamping force indicator ul94 certified insulation material dimensions in millimeters t: max total height (see table) s: clearance allowed (see table) document gc70?rt001 clamping force application gps - green power semiconductors spa factory: via ungaretti 10, 16157 genova, italy phone: +39-010-667 8800 fax: +39-010-667 8812 web: www.gpsemi.it e-mail: info@gpsemi.it green power semiconductors t 95 s 21 14 70 12 70 12 t 95 14 s 35 12 70 95 14 t s 95 t s 70 14 12 gc70bn...r gc70br...r gc70sr...r gc70sn...r 12 12 4 18.40.2 18.40.2 18.40.2 18.40.2 48
bar clamp for hockey puks gc70?r min max gc70s? 420 520 gc70b? 590 730 gc70?12 gc70?15 gc70?20 gc70?22 v rms 1 min ul file: e121562 c c c * other clamping forces available: contact factory ordering information table clamps can be ordered using the following part numbering system gc70 b n a b 20 r s (1) (2) (3) (4) (5) (6) (1) construction type: (2) insulator position: (3) insulator code: (4) bolt code: (5) clamping force (in kn): (6) special accessories k : total thickness of the assembly to be clamped for thicknesses s' min < k < s min an additional 4 mm thick metal spacer is needed ( see list of special accessories) type gc70bn?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 35 39 46 b 70 45 49 56 b 70 55 59 66 b/c 70/95** 65 69 76 c 95 75 79 86 c 95 85 89 96 d 120 ** with additional metal spacer only type gc70br?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 35 39 46 a 50 45 49 56 a/b 50/70* 55 59 66 b 70 65 69 76 b 70 75 79 86 c 95 85 89 96 c 95 ** with additional metal spacer only document gc70?rt001 145 155 165 175 162 172 125 135 122 132 142 152 150 t [mm] max height t [mm] 150 160 110 120 110 120 130 140 140 (4) a 160 130 e allowed clearance s insulator choice bolt choice f b c d (4) a e f b c d allowed clearance s insulator choice bolt choice max height 12 15 20 d = pressure disc in place of pressure bar 22 blank = no accessories s = extra metal spacer n = upper side r = lower side see table below see table below storage temperature -40/110 b = with double bar s = with single bar max. working temperature 110 min. working temperature -30 22 insulation voltage 3000 insulating material noryl a clamping force* kn 12 15 20 values g weight types/testing conditions/notes unit parameter green power semiconductors i n the interest of product improvement green power semiconductors reserves the right to change any specification given in this data sheet without notice. k 3 4 k
bar clamp for hockey puks gc70?r type gc70sn?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 44 48 55 b 70 54 58 65 b 70 64 68 75 b/c 70/95 74 78 85 c 95 84 88 95 c/d 95/120 94 98 105 d 120 ** with additional metal spacer only type gc70sr?: suggested insulator/bolt types s' min[mm]** s min [mm] smax [mm] (3) ins. lenght [mm] bolt lenght [mm] 56 60 67 a 50 66 70 77 a/b 50/70* 76 80 87 a/b 50/70 86 90 97 b 70 96 100 107 b/c 70/95 106 110 117 c 95 ** with additional metal spacer only special accessories the following special accessories are available metal spacer pressure disc suggested groove diameter 27mm +/- 0.5 document gc70?rt001 150 160 170 180 162 172 130 140 122 132 142 152 t [mm] max height t [mm] allowed clearance s insulator choice bolt choice max height (4) a 110 b 120 c 130 d 140 e 150 f 160 allowed clearance s insulator choice bolt choice e 150 f 160 (4) c 130 d 140 a 110 b 120 green power semiconductors i n the interest of product improvement green power semiconductors reserves the right to change any specification given in this data sheet without notice. 3 4


▲Up To Search▲   

 
Price & Availability of GC70SN5011012R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X