Part Number Hot Search : 
TDA9850T SMAJ170 A78L0 70NBS B1020 BUL70A GNM214R MMSZ5259
Product Description
Full Text Search
 

To Download FMMT593TA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  fmmt593 document number: ds33106 rev. 5 - 2 1 of 7 www.diodes.com january 2013 ? diodes incorporated fmmt593 a product line o f diodes incorporated 100v pnp high voltage transistor in sot23 features ? bv ceo > -100v ? i c = -1a high continuous collector current ? i cm = -2a peak pulse current ? low saturation voltage ? excellent h fe characteristics up to i c = -1a ? complementary npn type: fmmt493 ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) ? qualified to aec-q101 standards for high reliability ? ppap capable (note 4) mechanical data ? case: sot23 ? case material: molded plastic, ?green? molding compound ? ul flammability classification rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish ? matte tin plated leads, solderable per mil-std-202, method 208 ? weight 0.008 grams (approximate) applications ? high-side driver ? load disconnect switch ? motor drive ordering information (notes 4 & 5) part number compliance marking reel size (inches) tape width (mm) quantity per reel FMMT593TA aec-q101 593 7 8 3,000 fmmt593qta automotive 593 7 8 3,000 fmmt593tc aec-q101 593 13 8 10,000 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com for more info rmation about diodes incorpor ated?s definitions of halogen and antimony free,"green" and lead-free. 3. halogen and antimony free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm t otal br + cl) and <1000ppm antimony compounds. 4. automotive products are aec-q101 qualified and are ppap c apable. automotive, aec-q101 and standard products are electrical ly and thermally the same, except where specified. 5. for packaging details, go to our website at http://www.diodes.com marking information 593 = product type marking code 593 sot23 top view pin-out top view device symbol c e b c e b
fmmt593 document number: ds33106 rev. 5 - 2 2 of 7 www.diodes.com january 2013 ? diodes incorporated fmmt593 a product line o f diodes incorporated maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-base voltage v cbo -120 v collector-emitter voltage v ceo -100 v emitter-base voltage v ebo -7 v continuous collector current i c -1 a peak pulse current i cm -2 a continuous base current i b -200 ma thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 6) p d 500 mw thermal resistance, junction to ambient (note 6) r ja 250 c/w thermal resistance, junction to lead (note 7) r jl 197 c/w operating and storage temperature range t j, t stg -55 to +150 c notes: 6. for a device surface mounted on 15 mm x 15mm fr4 pcb with high coverage of single sided 1 oz copper, in still air cond itions; the device is measured when operating in a steady-state condition. 7. thermal resistance from junction to solder-point (at the end of the collector lead).
fmmt593 document number: ds33106 rev. 5 - 2 3 of 7 www.diodes.com january 2013 ? diodes incorporated fmmt593 a product line o f diodes incorporated thermal characteristics and derating information 110100 1m 10m 100m 1 15 x 15mm fr4 1oz copper v ce(sat) limit 100s 1ms 10ms 100ms 1s dc safe operating area -i c collector current (a) -v ce collector-emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.1 0.2 0.3 0.4 0.5 0.6 15 x 15mm fr4 1oz copper derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 40 80 120 160 200 240 15 x 15mm fr4 1oz copper transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 0.1 1 10 100 15 x 15mm fr4 1oz copper pulse power dissipation pulse width (s) max power dissipation (w)
fmmt593 document number: ds33106 rev. 5 - 2 4 of 7 www.diodes.com january 2013 ? diodes incorporated fmmt593 a product line o f diodes incorporated electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -120 ? ? v i c = -100a collector-emitter breakdown voltage (note 8) bv ceo -100 ? ? v i c = -1ma emitter-base breakdown voltage bv ebo -7 ? ? v i e = -100a collector cutoff current i cbo ? ? -100 na v cb = -100v emitter cutoff current i ebo ? ? -100 na v eb = -5.6v collector-emitter cut-off current i ces ? ? -100 na v ces = -100v static forward current transfer ratio (note 8) h fe 100 100 100 50 ? ? ? 300 ? ? i c = -1ma, v ce = -5v i c = -250ma, v ce = -5v i c = -500ma, v ce = -5v i c = -1a, v ce = -5v collector-emitter saturation voltage (note 8) v ce(sat) ? ? -200 -300 mv i c = - 250ma, i b = -25ma i c = - 500ma, i b = -50ma base-emitter saturation voltage (note 8) v be ( sat ) ? ? -1.1 v i c = -500ma, i b = -50ma base-emitter turn-on voltage (note 8) v be ( on ) ? ? -1.0 v i c = -1ma, v ce = -5v transition frequency f t 50 ? ? mhz v ce = -10v, i c = -50ma, f = 100mhz output capacitance c obo ? ? 5 pf v cb = -10v, f = 1mhz notes: 8. measured under pulsed conditions. pulse width 300s. duty cycle 2%.
fmmt593 document number: ds33106 rev. 5 - 2 5 of 7 www.diodes.com january 2013 ? diodes incorporated fmmt593 a product line o f diodes incorporated typical electrical characteristics (@t a = +25c, unless otherwise specified.)
fmmt593 document number: ds33106 rev. 5 - 2 6 of 7 www.diodes.com january 2013 ? diodes incorporated fmmt593 a product line o f diodes incorporated package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. sot23 dim min max typ a 0.37 0.51 0.40 b 1.20 1.40 1.30 c 2.30 2.50 2.40 d 0.89 1.03 0.915 f 0.45 0.60 0.535 g 1.78 2.05 1.83 h 2.80 3.00 2.90 j 0.013 0.10 0.05 k 0.903 1.10 1.00 k1 - - 0.400 l 0.45 0.61 0.55 m 0.085 0.18 0.11 0 8 - all dimensions in mm dimensions value (in mm) z 2.9 x 0.8 y 0.9 c 2.0 e 1.35 a m j l d f b c h k g k1 x e y c z
fmmt593 document number: ds33106 rev. 5 - 2 7 of 7 www.diodes.com january 2013 ? diodes incorporated fmmt593 a product line o f diodes incorporated important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2013, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of FMMT593TA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X