Part Number Hot Search : 
SMCJ78A 1N4736A SMCJ78A T1050N C1232 AS1D15 B5819 SD1602I
Product Description
Full Text Search
 

To Download ESDA5-1BF4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. april 2014 docid025812 rev 1 1/10 ESDA5-1BF4 low clamping single line bidirectional esd protection datasheet - production data figure 1. functional diagram features ? low clamping voltage: 11 v (iec 61000-4-2 contact discharge 8 kv at 30 ns) ? bidirectional device ? low leakage current ? 0201 package ? ultra low pcb area: 0.18 mm 2 ? ecopack ? 2 compliant component complies with the following standards ? iec 61000-4-2: ? 15 kv (air discharge) ? 8 kv (contact discharge) applications where transient over voltage protection in esd sensitive equipment is required, such as: ? smartphones, mobile phones and accessories ? tablet, pc, netbooks and notebooks ? portable multimedia devices and accessories ? digital cameras and camcorders ? communication and highly integrated systems description the ESDA5-1BF4 is a bidirectional single line tvs diode designed to protect the data line or other i/o ports against esd transients. the device is ideal for applications where both reduced line capacitance and board space saving are required. 0201 package www.st.com
characteristics ESDA5-1BF4 2/10 docid025812 rev 1 1 characteristics figure 2. electrical characteristics (definitions) table 1. absolute maximum ratings symbol parameter value unit v pp (1) peak pulse voltage iec 61000-4-2 contact discharge iec 61000-4-2 air discharge 30 30 kv p pp (1) peak pulse power (8/20 s) 110 w i pp (1) peak pulse current (8/20 s) 10 a t j operating junction temperature range -40 to 150 c t stg storage temperature range -65 to +150 c t l maximum lead temperature for soldering during 10 s 260 c 1. for a surge greater than the maximum values, the diode will fail in short-circuit. symbol parameter v = breakdown voltage i = leakage current @ v v = stand-off voltage i = peak pulse current r br rm rm rm pp v = clamping voltage cl d = dynamic resistance t = voltage temperature  c = line capacitance line v v i pp slope: 1/r d cl cl i = breakdown current r table 2. electrical characteristics (values, t amb = 25 c) symbol test conditions value unit min. typ. max. v br i r = 1 ma 5.8 v i rm v rm = 5 v 100 na v cl 8 kv contact discharge after 30 ns, iec 61000-4-2 11 v c line v line = 0 v, f = 1 mhz, v osc = 30 mv 45 pf
docid025812 rev 1 3/10 ESDA5-1BF4 characteristics 10 figure 3. leakage current versus junction temperature (typical values) figure 4. junction capacitance versus applied voltage (typical values) t j c () 1 10 100 25 50 75 100 125 150 v = v = 5 v rrm i r ( na) c (pf) 0 10 20 30 40 50 60 0.00 1.00 2.00 3.00 4.00 5.00 6.00 t = 25 c j f = 1 mhz v = 30 mv osc vv r () figure 5. esd response to iec 61000-4-2 (+8 kv contact discharge) figure 6. esd response to iec 61000-4-2 (-8 kv contact discharge) 5 v/div 9 v 4 20 ns/div v : peak clamping voltage cl v :clamping voltage at 30 ns cl v :clamping voltage at 60 ns cl v :clamping voltage at 100 ns cl 1 2 3 4 23 v 1 11 v 2 11 v 3 2 v : peak clamping voltage cl v :clamping voltage at 30 ns cl v :clamping voltage at 60 ns cl v :clamping voltage at 100 ns cl 1 2 3 4 -9 v 4 20 ns/div 5 v/div -21 v 1 -11 -12 v 3 2 figure 7. dynamic resistance figure 8. s21 attenuation measurement result 0 5 10 15 20 51015 positive polarity negative polarity i(a) pp v (v) cl -50 100k 1m 10m 100m 1g 10g -45 -40 -35 -30 -25 -20 -15 -10 -5 0 ESDA5-1BF4 s21 (db) f (hz)
package information ESDA5-1BF4 4/10 docid025812 rev 1 2 package information ? epoxy meets ul94, v0 ? lead-free package in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 9. 0201 package dimension definitions table 3. 0201 package dimension values ref. dimensions millimeters inches min. typ. max. min. typ. max. a 0.28 0.3 0.32 0.0110 0.0118 0.0126 b 0.125 0.14 0.155 0.0049 0.0055 0.0061 d 0.57 0.6 0.63 0.0224 0.0236 0.0248 d1 0.35 0.0138 e 0.27 0.3 0.33 0.0106 0.0118 0.0130 e1 0.175 0.19 0.205 0.0069 0.0075 0.0081 fd 0.065 0.08 0.095 0.0026 0.0031 0.0037 fe 0.11 0.125 0.13 0.0043 0.0049 0.0051 to p bottom side d e a fd fe b d1 e1
docid025812 rev 1 5/10 ESDA5-1BF4 package information 10 note: the marking codes can be rotated by 90 or 180 to differentiate assembly location.in no case should this product marking be used to orient the component for its placement on a pcb. only pin 1 mark is to be used for this purpose. figure 12. tape and reel specification figure 10. footprint in mm (inches) figure 11. marking 0.243 (0.0096) 0.170 (0.0067) 0.300 (0.0118) 0.243 (0.0096) 0.656 (0.0258) pin1 pin2 5 bar indicates pin 1 user direction of unreeling all dimensions in mm 4.0 0.1 2.0 0.05 8.0 + 0.03 - 0.01 2.0 0.05 1.75 0.1 3.5 0.05 ? 1.5 0.1 0.36 0.03 0.38 0.03 0.22 0.67 0.03 5 5 5 5 5 5 5
recommendation on pcb assembly ESDA5-1BF4 6/10 docid025812 rev 1 3 recommendation on pcb assembly 3.1 stencil opening design 1. general recommendations on stencil opening design a) stencil opening dimensions: l (length), w (width), t (thickness). figure 13. stencil opening dimensions b) general design rule stencil thickness (t) = 75 ~ 125 m 2. recommended stencil window a) stencil opening thickness: 80 m b) other dimensions: see figure 14 figure 14. recommended stencil window position, stencil opening thickness: 80 m l t w aspect ratio w t ----- 1,5 = aspect area lw 2t l w + () --------------------------- - 0,66 = 0.230 (0.0091) 0.183 (0.0072) 0.170 (0.0067) 0.300 (0.0118) 0.285 (0.0112) 0.656 (0.0258) 0.643 (0.0253) footprint stencil window 0.007 (0.00027) 0.007 (0.00027) 0.008 (0.0003) 0.008 (0.0003) mm (inches) 0.243 (0.0096)
docid025812 rev 1 7/10 ESDA5-1BF4 recommendation on pcb assembly 10 3.2 solder paste 1. use halide-free flux, qualification rol0 according to ansi/j-std-004. 2. ?no clean? solder paste recommended. 3. offers a high tack force to resist component displacement during pcb movement. 4. use solder paste with fine particles: type 4 (powder particle size 20-48 m per ipc j std-005). 3.3 placement 1. manual positioning is not recommended. 2. it is recommended to use the lead rec ognition capabilities of th e placement system, not the outline centering. 3. standard tolerance of 0.05 mm is recommended. 4. 1.0 n placement force is recommended. too much placement force can lead to squeezed out solder paste and cause solder joints to short. too low placement force can lead to insufficient contact between package and solder paste that could cause open solder joints or badly centered packages. 5. to improve the package placement accuracy, a bottom side optical control should be performed with a high resolution tool. 6. for assembly, a perfect supporting of the pcb (all the more on flexible pcb) is recommended during solder paste printing, pick and place and reflow soldering by using optimized tools. 3.4 pcb design preference 1. to control the solder paste amount, the closed via is recommended instead of open vias. 2. the position of tracks a nd open vias in the solder area should be well balanced. the symmetrical layout is recommended, in case any tilt phenomena caused by asymmetrical solder paste amount due to the solder flow away.
recommendation on pcb assembly ESDA5-1BF4 8/10 docid025812 rev 1 3.5 reflow profile figure 15. st ecopack ? recommended soldering reflow profile for pcb mounting note: minimize air convection currents in the reflow oven to avoid component movement. 250 0 50 100 150 200 240 210 180 150 120 90 60 30 300 270 - 6c/s 240-245 c 2 - 3 c/s temperature (c) -2 c/s -3 c/s time (s) 0.9 c/s 60 sec (90 max)
docid025812 rev 1 9/10 ESDA5-1BF4 ordering information 10 4 ordering information figure 16. ordering information scheme 5 revision history table 4. ordering information order code marking package weight base qty delivery mode ESDA5-1BF4 5 (1) 1. the marking codes can be rotated by 90 or 180 to differentiate assembly location 0201 0.116 mg 15000 tape and reel esda 5 - 1 b f4 esda array package breakdown voltage f4 = 0201 5 = 5.8 v min b = bi-directional number of lines directional table 5. document revision history date revision changes 07-apr-2014 1 first issue
ESDA5-1BF4 10/10 docid025812 rev 1 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a particular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. st products are not designed or authorized for use in: (a) safety critical applications such as life supporting, active implanted devices or systems with product functional safety requirements; (b) aeronautic applications; (c) automotive applications or environments, and/or (d) aerospace applications or environments. where st products are not designed for such use, the purchaser shall use products at purchaser?s sole risk, even if st has been informed in writing of such usage, unless a product is expressly designated by st as being intended for ?automotive, automotive safety or medical? industry domains according to st product design specifications. products formally escc, qml or jan qualified are deemed suitable for use in aerospace by the corresponding governmental agency. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2014 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - philippines - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of ESDA5-1BF4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X