Part Number Hot Search : 
106K0 AVXXX CDBN0230 2N6715 ZTX650 AN978 16F40 T421002
Product Description
Full Text Search
 

To Download EEVTG1XXXXXXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  aluminum electrolytic capacitor/tg design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or u se. whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. ? ee74 ? tg v series: type : -40 to +125 c 10 to 100 v .dc 10 to 4700 f 20 % (120hz/+20 c) i 0.01 cv or 3( a) after 2 minutes (whichever, greater) w.v. (v) 10 16 25 35 50 63 80 100 -25 / +20 c 3 2 2 2 2 2 2 2 -40 / +20 c 6 4 4 3 3 3 3 3 (f) tg surface mount type n features endurance:125 c 1000 to 2000 h miniaturization(40% less than ta series) low esr(low temp) vibration-proof product is available upon request.( f 8 ) n specifications category temp. range rated w.v. range nominal cap. range capacitance tolerance dc leakage current tan d characteristics at low temperature endurance shelf life resistance to soldering heat n marking w.v. code negative polarity marking series identification capacitance lot number w.v. code ( ) reference size n dimensions in mm (not to scale) after applying rated working voltage for 1000 hours( f 8 x 6.2), 2000 hours(8x10.2 < ) at +125 2 c and then being stabilized at +20 c, capacitors shall meet the following limits. after storage for 1000 hours at +125 2 c with no voltage applied and then being stabilized at +20 c, capacitors shall meet the limits specified in endurance.(with voltage treatment) capacitance change tan d dc leakage current capacitance change tan d dc leakage current after reflow soldering ( refer to page 20 for recommendable temperature profile.) and then being stabilized at +20 c, capacitor shall meet the following limits. 10 % of initial measured value initial specified value initial specified value 30 % of initial measured value (code u:35%) 300 % of initial specified value (code u:350%) initial specified value please see the attached standard products list (inpedance ratio at 120hz) k 0.3 max f d0.5 w (i) (p) (i) h e~g=l0.3 h~k=l0.5 a 0.2 japan < = < = < = < = < = corresponds to use in the car engine room. the best for an electronically controlled unit (ecu, abs etc). n application = tg ( > f 12.5) = w.v. code (f) capacitance lot number series identification negative polarity marking ( < f 10) = v 10 16 25 35 code a c e v v 50 63 80 100 code h j k 2a d l a,b h max. i w p k size code 8.0 6.2 8.3 9.5 3.4 0.65 0.1 2.2 0.35 8.0 10.2 8.3 10.0 3.4 0.90 0.2 3.1 0.70 10.0 10.2 10.3 12.0 3.5 0.90 0.2 4.6 0.70 12.5 13.5 13.5 15.0 4.7 0.90 0.3 4.4 0.70 16.0 16.5 17.0 19.0 5.5 1.20 0.3 6.7 0.70 18.0 16.5 19.0 21.0 6.7 1.20 0.3 6.7 0.70 0.20 e f g h13 j16 k16 -0.20 to +0.15 0.20 0.30 0.30 0.30 b 0.2 < =
aluminum electrolytic capacitor/tg design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or u se. whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. ? ee75 ? v . tg n case size vs capacitance, esr and ripple current esr;( w /100khz,+20 c),ripple current ;(ma r.m.s./100khz+125 c) capacitance (f) w.v. (v) 47 100 220 330 470 680 1000 1500 2200 3300 4700 e (e) f (f) g (g) h13 (h13) j16 (j16) k16 k16 1.0 (1.0) 0.5 (0.5) 0.3 (0.3) 0.12 (0.12) 0.08 (0.08) 0.075 0.075 100 (100) 197 (197) 270 (270) 800 (800) 1100 (1100) 1300 1300 10 16 25 esr esr esr 20 c -40 c20 c -40 c 20 c -40 c 20 (20) 10 (10) 6.0 (6.0) 1.8 (1.8) 1.2 (1.2) 1.1 1.1 f (f) g (g) h13 h13 h13 (h13) j16 (j16) k16 k16 0.5 (0.5) 0.3 (0.3) 0.12 0.12 0.12 (0.12) 0.08 (0.08) 0.075 0.075 10 (10) 6.0 (6.0) 1.8 1.8 1.8 (1.8) 1.2 (1.2) 1.1 1.1 197 (197) 270 (270) 800 800 800 (800) 1100 (1100) 1300 1300 e (e) f (f) g (g) h13 h13 (h13) j16 (j16) k16 k16 1.0 (1.0) 0.5 (0.5) 0.3 (0.3) 0.12 0.12 (0.12) 0.08 (0.08) 0.075 0.075 20 (20) 10 (10) 6.0 (6.0) 1.8 1.8 (1.8) 1.2 (1.2) 1.1 1.1 100 (100) 197 (197) 270 (270) 800 800 (800) 1100 (1100) 1300 1300 10 22 33 47 100 220 330 470 f (f) g (f) g (g) h13 (h13) j16 (j16) k16 (j16) k16 k16 1.3 (1.3) 1.0 (1.3) 1.0 (1.0) 0.42 (0.42) 0.3 (0.3) 0.28 (0.3) 0.28 0.28 70 (70) 90 (70) 90 (90) 250 (250) 350 (350) 400 (350) 400 400 80 100 esr esr 20 c -40 c20 c -40 c 32 (32) 25 (32) 25 (25) 8.4 (8.4) 6.0 (6.0) 5.6 (6.0) 5.6 5.6 f (f) g g h13 j16 k16 k16 1.3 (1.3) 1.0 1.0 0.42 0.3 0.28 0.28 32 (32) 25 25 8.4 6.0 5.6 5.6 70 (70) 90 90 250 350 400 400 10 22 33 47 100 220 330 470 680 1000 e (e) f (f) g (g) h13 (h13) j16 (j16) k16 k16 1.0 (1.0) 0.5 (0.5) 0.3 (0.3) 0.12 (0.12) 0.08 (0.08) 0.075 0.075 100 (100) 197 (197) 270 (270) 800 (800) 1100 (1100) 1300 1300 35 50 63 esr esr esr 20 c -40 c20 c -40 c 20 c -40 c 20 (20) 10 (10) 6.0 (6.0) 1.8 (1.8) 1.2 (1.2) 1.1 1.1 e e (e) f (f) g (g) h13 h13 j16 (j16) k16 k16 1.6 1.6 (1.6) 0.75 (0.75) 0.5 (0.5) 0.23 0.23 0.15 (0.15) 0.14 0.14 32 32 (32) 15 (15) 10 (10) 3.4 3.4 2.2 (2.2) 2.1 2.1 80 80 (80) 133 (133) 221 (221) 600 600 900 (900) 950 950 2.2 1 (1) 0.8 (1) 0.8 (0.8) 0.26 0.26 0.18 0.18 e f (f) g (f) g (g) h13 h13 j16 j16 55 25 (25) 20 (25) 20 (20) 5.2 5.2 3.6 3.6 55 100 (100) 150 (100) 150 (150) 350 350 500 500 size ripple current size ripple current size ripple current size ripple current size ripple current size ripple current size ripple current size ripple current capacitance (f) w.v. (v) capacitance (f) w.v. (v)
aluminum electrolytic capacitor/tg design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or u se. whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. ? ee76 ? (v) n standard products (f) (mm) (mm) (m a ) ( w ) (pcs) 16 10 25 eevtg1a101p eevtg1a221up eevtg1a221p eevtg1a331up eevtg1a331p eevtg1a471up eevtg1a102q eevtg1a152uq eevtg1a222m eevtg1a332um eevtg1a332m eevtg1a472m eevtg1c101p eevtg1c221up eevtg1c221p eevtg1c331up eevtg1c331q eevtg1c471q eevtg1c681q eevtg1c102uq eevtg1c102m eevtg1c222um eevtg1c222m eevtg1c332m eevtg1e470p eevtg1e101up eevtg1e101p eevtg1e221up eevtg1e221p eevtg1e331up eevtg1e331q eevtg1e471q eevtg1e681uq eevtg1e681m eevtg1e102um eevtg1e102m eevtg1e222m eevtg1v330p eevtg1v470up eevtg1v470p eevtg1v101up eevtg1v101p eevtg1v221up eevtg1v331q 1000 1000 500 500 500 500 200 200 125 125 125 125 500 500 500 500 200 200 200 200 125 125 125 125 1000 1000 500 500 500 500 200 200 200 125 125 125 125 1000 1000 500 500 500 500 1000 ripple current (100khz) (+125 c) cap ( 20 %) tan d (120hz) (+20 c) esr (100khz) (+20 c) 100 220 330 470 1000 1500 2200 3300 4700 100 220 330 470 680 1000 2200 3300 47 100 220 330 470 680 1000 2200 33 47 100 220 330 e (e) f (f) g (g) h13 (h13) j16 (j16) k16 k16 f (f) g (g) h13 h13 h13 (h13) j16 (j16) k16 k16 e (e) f (f) g (g) h13 h13 (h13) j16 (j16) k16 k16 e (e) f (f) g (g) h13 100 (100) 197 (197) 270 (270) 800 (800) 1100 (1100) 1300 1300 197 (197) 270 (270) 800 800 800 (800) 1100 (1100) 1300 1300 100 (100) 197 (197) 270 (270) 800 800 (800) 1100 (1100) 1300 1300 100 (100) 197 (197) 270 (270) 800 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.30 0.32 0.34 0.34 0.36 0.23 0.23 0.23 0.23 0.23 0.23 0.23 0.23 0.23 0.25 0.25 0.27 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.18 0.20 0.16 0.16 0.16 0.16 0.16 0.16 0.16 1.0 (1.0) 0.5 (0.5) 0.3 (0.3) 0.12 (0.12) 0.08 (0.08) 0.075 0.075 0.5 (0.5) 0.3 (0.3) 0.12 0.12 0.12 (0.12) 0.08 (0.08) 0.075 0.075 1.0 (1.0) 0.5 (0.5) 0.3 (0.3) 0.12 0.12 (0.12) 0.08 (0.08) 0.075 0.075 1.0 (1.0) 0.5 (0.5) 0.3 (0.3) 0.12 35 8 (8) 8 (8) 10 (10) 12.5 (12.5) 16 (16) 18 18 8 (8) 10 (10) 12.5 12.5 12.5 (12.5) 16 (16) 18 18 8 (8) 8 (8) 10 (10) 12.5 12.5 (12.5) 16 (16) 18 18 8 (8) 8 (8) 10 (10) 12.5 6.2 (6.2) 10.2 (10.2) 10.2 (10.2) 13.5 (13.5) 16.5 (16.5) 16.5 16.5 10.2 (10.2) 10.2 (10.2) 13.5 13.5 13.5 (13.5) 16.5 (16.5) 16.5 16.5 6.2 (6.2) 10.2 (10.2) 10.2 (10.2) 13.5 13.5 (13.5) 16.5 (16.5) 16.5 16.5 6.2 (6.2) 10.2 (10.2) 10.2 (10.2) 13.5 w.v. case size dia. length size code specification part no. min. packaging qty taping the taping dimension are explained on p.42 of our catalog. please use it as a reference guide. endurance : 125 c 1000 to 2000h
aluminum electrolytic capacitor/tg design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or u se. whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. ? ee77 ? v . tg (v) (f) (mm) (mm) (m a ) ( w ) (pcs) 63 80 eevtg1v471uq eevtg1v471m eevtg1v681um eevtg1v681m eevtg1v102m eevtg1h100p eevtg1h220p eevtg1h330up eevtg1h330p eevtg1h470up eevtg1h470p eevtg1h101up eevtg1h221q eevtg1h331q eevtg1h471m eevtg1h681um eevtg1h681m eevtg1h102m eevtg1j100p eevtg1j220p eevtg1j330up eevtg1j330p eevtg1j470up eevtg1j470p eevtg1j101up eevtg1j101q eevtg1j221q eevtg1j331m eevtg1j471m eevtg1k100p eevtg1k220up eevtg1k220p eevtg1k330up eevtg1k330p eevtg1k470up eevtg1k470q eevtg1k101uq eevtg1k101m eevtg1k221um eevtg1k221m eevtg1k331um eevtg1k331m eevtg1k471m 200 125 125 125 125 1000 1000 1000 500 500 500 500 200 200 125 125 125 125 1000 500 500 500 500 500 500 200 200 125 125 500 500 500 500 500 500 200 200 125 125 125 125 125 125 35 50 470 680 1000 10 22 33 47 100 220 330 470 680 1000 10 22 33 47 100 220 330 470 10 22 33 47 100 220 330 470 (h13) j16 (j16) k16 k16 e e (e) f (f) g (g) h13 h13 j16 (j16) k16 k16 e f (f) g (f) g (g) h13 h13 j16 j16 f (f) g (f) g (g) h13 (h13) j16 (j16) k16 (j16) k16 k16 (800) 1100 (1100) 1300 1300 80 80 (80) 133 (133) 221 (221) 600 600 900 (900) 950 950 55 100 (100) 150 (100) 150 (150) 350 350 500 500 70 (70) 90 (70) 90 (90) 250 (250) 350 (350) 400 (350) 400 400 (0.12) 0.08 (0.08) 0.075 0.075 1.6 1.6 (1.6) 0.75 (0.75) 0.5 (0.5) 0.23 0.23 0.15 (0.15) 0.14 0.14 2.2 1 (1) 0.8 (1) 0.8 (0.8) 0.26 0.26 0.18 0.18 1.3 (1.3) 1.0 (1.3) 1.0 (1.0) 0.42 (0.42) 0.3 (0.3) 0.28 (0.3) 0.28 0.28 0.16 0.16 0.16 0.16 0.16 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.14 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 0.12 12.5 16 (16) 18 18 8 8 (8) 8 (8) 10 (10) 12.5 12.5 16 (16) 18 18 8 8 (8) 10 (8) 10 (10) 12.5 12.5 16 16 8 (8) 10 (8) 10 (10) 12.5 (12.5) 16 (16) 18 (16) 18 18 13.5 16.5 (16.5) 16.5 16.5 6.2 6.2 (6.2) 10.2 (10.2) 10.2 (10.2) 13.5 13.5 16.5 (16.5) 16.5 16.5 6.2 10.2 (10.2) 10.2 (10.2) 10.2 (10.2) 13.5 13.5 16.5 16.5 10.2 (10.2) 10.2 (10.2) 10.2 (10.2) 13.5 (13.5) 16.5 (16.5) 16.5 (16.5) 16.5 16.5 n standard products ripple current (100khz) (+125 c) cap ( 20 %) tan d (120hz) (+20 c) esr (100khz) (+20 c) w.v. case size dia. length size code specification part no. min. packaging qty taping the taping dimension are explained on p.42 of our catalog. please use it as a reference guide. endurance : 125 c 1000 to 2000h
aluminum electrolytic capacitor/tg design, specifications are subject to change without notice. ask factory for technical specifications before purchase and/or u se. whenever a doubt about safety arises from this product, please inform us immediately for technical consulation without fail. ? ee78 ? (v) (f) (mm) (mm) (m a ) ( w ) (pcs) eevtg2a100p eevtg2a220up eevtg2a220p eevtg2a330p eevtg2a470q eevtg2a101m eevtg2a221m eevtg2a331m 500 500 500 500 200 125 125 125 100 10 22 33 47 100 220 330 f (f) g g h13 j16 k16 k16 70 (70) 90 90 250 350 400 400 1.3 (1.3) 1.0 1.0 0.42 0.3 0.28 0.28 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 8 (8) 10 10 12.5 16 18 18 10.2 (10.2) 10.2 10.2 13.5 16.5 16.5 16.5 n standard products ripple current (100khz) (+125 c) cap ( 20 %) tan d (120hz) (+20 c) esr (100khz) (+20 c) w.v. case size dia. length size code specification part no. min. packaging qty taping the taping dimension are explained on p.42 of our catalog. please use it as a reference guide. endurance : 125 c 1000 to 2000h


▲Up To Search▲   

 
Price & Availability of EEVTG1XXXXXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X