Part Number Hot Search : 
KBPC351 2012A SK09H06 00152 IMP1815 KBPC351 HD66760 S3C9452
Product Description
Full Text Search
 

To Download E-L6219DS013TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  september 2008 rev 13 1/16 1 l6219 stepper motor driver features able to drive both windings of bipolar stepper motor output current up to 750 ma each winding wide voltage range: 10 v to 46 v half-step, full-step and microstepping mode built-in protection diodes internal pwm current control low output saturation voltage designed for unstabilized motor supply voltage internal thermal shutdown description the l6219 is a bipolar monolithic integrated circuits intended to control and drive both winding of a bipolar stepper motor or bidirectionally control two dc motors. the l6219 with a few external components form a complete control and drive circuit for ls-ttl or microprocessor controlled stepper motor system. the power stage is a dual full bridge capable of sustaining 46v and including four diodes for current recirculation. a cross conduction protection is provided to avoid simultaneous cross conduction during switching current direction. an internal pulse-width-modulation (pwm) controls the output current to 750 ma with peak startup current up to 1 a. wide range of current control from 750 ma (each bridge) is permitted by means of two logic inputs and an external voltage reference. a phase input to each bridge determines the load current direction. a thermal protection circuitry disables the outputs if the chip temperature exceeds safe operating limits. pdip24 (20+2+2) so24 (20+2+2) table 1. device summary part number package packing e-l6219 pdip24 tube e-l6219ds so24 tube E-L6219DS013TR so24 tape & reel www.st.com
contents l6219 2/16 contents 1 block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 2 functional description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.1 input logic (i0 and i1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.2 phase . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.3 current sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 2.4 single-pulse generator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 2.5 output stage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 2.6 vs, vss, vref . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 3 application informations . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 4 package information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 5 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
l6219 list of tables 3/16 list of tables table 1. device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 table 2. absolute maximum rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 table 3. pin functions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 table 4. thermal data. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 table 5. electrical characteristcs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 table 6. current levels . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9 table 7. document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
list of figures l6219 4/16 list of figures figure 1. block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 figure 2. so24/pdip24 pins connection (top view). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 figure 3. timing diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 figure 4. principle operating sequence . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 figure 5. typical application circuit . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 figure 6. so24 mechanical data and package dimensions. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 figure 7. pdip24 mechanical data and package dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
l6219 block diagram 5/16 1 block diagram figure 1. block diagram table 2. absolute maximum rating parameter description value unit v s supply voltage 50 v i o output current (peak) 1 a i o output current (continuous) 0.75 a v ss logic supply voltage 7 v v in logic input voltage range -0.3 to +7 v v sense sense output voltage 1.5 v t j junction temperature +150 c t op operating temperature range -20 to +85 c t stg storage temperature range -55 to +150 c
block diagram l6219 6/16 figure 2. so24/pdip24 pins connection (top view) table 3. pin functions pin # name description 1, 2 output a see pins 5, 21 3, 23 sense resistor connection to lower emitters of output stage for insertion of current sense resistor 4, 22 comparator input input connected to the compar ators. the voltage across the sense resistor is feedback to this input throught the low pass filter rc cc. the higher power transistors are disabled when the sense voltage exceeds the reference voltage of the selected comparator. when this occurs the current decays for a time set by rt ct (toff = 1.1 rt ct). see figure 3 . 5, 21 output b output connection. the output stage is a h bridge formed by four transistors and four diodes suitable for switching applications 6, 19 ground see pins 7, 18 7, 18 ground ground connection. with pins 6 and 19 also conducts heat from die to printed circuit copper 8, 20 input 0 see input 1 (pins 9, 17) 9, 17 input 1 these pins and pins 8, 20 (i nput 0) are logic inputs which select the outputs of the co mparators to set the current level. current also depends on the sensing resistor and reference voltage. see functional description
l6219 block diagram 7/16 note: esd on gnd, v s , v ss , out 1 a and out 2 a is guaranteed up to 1.5 kv (human body model, 1500 w, 100 pf). figure 3. timing diagram 10, 16 phase this ttl-compatible logic inputs sets the direction of current flow through the load. a high level causes current to flow from output a (source) to output b (sink). a schmitt trigger on this input provides good noise immunity and a delay circuit prevents output stage short circuits during switching 11, 15 reference voltage a voltage applied to this pin sets the reference voltage of the comparators, this determining the output current (also thus depending on rs and the two inputs input 0 and input 1) 12, 14 rc a parallel rc network connected to this pin sets the off time of the higher power transistors. the pulse generator is a monostable triggered by the output of the comparators (toff = 1.1 rt ct) 13 v ss - logic supply supply voltage input for logic circuitry 24 v s - load supply supply voltage input for the output stages table 3. pin functions (continued) pin # name description table 4. thermal data parameter description pdip so unit r thj-case thermal resistance junction-case max. 14 18 c/w r thj-amb thermal resistance junction-ambient max. 60 (1) 1. with minimized copper area. 75 (1) c/w
block diagram l6219 8/16 table 5. electrical characteristcs ( t j = 25 c, v s = 46 v, v ss = 4.75 v to 5.25 v, v ref = 5 v, unless otherwise specified ) see figure 5 parameter description test condition min. typ. max. unit output drivers (out a or out b ) v s motor supply range 10 46 v i cex output leakage current v out = vs, v out = 0 - - <1 <-1 50 -50 a a v ce(sat) output saturation voltage sink driver, i out = +500 ma sink driver, i out = +750 ma source driver, i out = -500 ma source driver, i out = -750 ma - - - - 0.3 0.7 1.1 1.3 0.6 1 1.4 1.6 v v v v i r clamp diode leakage current v r = 50 v - <1 50 a v f clamp diode forward voltage sink diode source diode i f = 750 ma 1 1 1.5 1.5 v v i s(on) driver supply current both bridges on, no load - 8 15 ma i s(off) driver supply current both bridges off - 6 10 ma control logic v in(h) input voltage all inputs 2.4 - - v v in(l) input voltage all inputs - - 0.8 v i in(h) input current v in = 2.4 v - <1 20 a i in(l) input current v in = 0.84 v - -3 -200 a v ref reference voltage operating (1) 1. to reduce the switching losses the base bias of the bridge's low side np n transistor is proportional to the dac output, then the output current driving capability is also proportional to the dac output voltage, having as reference 750 ma with v ref = 5 v and dac =100%. for example using v ref = 2 v and dac = 67% the output maximum current driving capability wi ll become 750 ma*(2v*0.67)/(5v*1) = 200 ma. 1.5 - 7.5 v i ss(on) total logic supply current i o = i 1 = 0.8 v, no load - 64 74 ma i ss(off) total logic supply current i o = i 1 = 2.4 v, no load - 10 14 ma comparators v ref / v sense current limit threshold (at trip point) i o = i 1 = 0.8 v 9.5 10 10.5 - i o = 2.4 v, i 1 = 0.8 v 13.5 15 16.5 - i o = 0.8 v, i 1 = 2.4 v 25.5 30 34.5 - t off cutoff time r t = 56 k c t = 820 pf - 50 s t d turn off delay figure 3 -1 s protection t j thermal shutdown temperature -170-c
l6219 functional description 9/16 2 functional description the circuit is intended to drive both windings of a bipolar stepper motor. the peak current control is generated through switch mode regulation. there is a choice of three different current levels with the two logic inputs i01 - i11 for winding 1 and i02 - i12 for winding 2. the current can also be switched off completely. 2.1 input logic (i 0 and i 1 ) the current level in the motor winding is selected with these inputs. (see figure 4 ). if any of the logic inputs is left open, the circuit will treat it has a high level input. 2.2 phase this input determines the direction of current flow in the windings, depending on the motor connections. the signal is fed through a schmidt-trigger for noise immunity, and through a time delay in order to guarantee that no short-circuit occurs in the output stage during phase-shift. high level on the phase input causes the motor current flow from out a through the winding to out b. 2.3 current sensor this part contains a current sensing resistor (r s ), a low pass filter (r c , c c ) and three comparators. only one comparator is active at a time. it is activated by the input logic according to the current level chosen with signals i o and i 1 . the motor current flows through the sensing resistor rs. when the current has increased so that the voltage across r s becomes higher than the reference voltage on the other comparator input, the comparator goes high, which triggers the pulse generator. the max peak current imax can be defined by: table 6. current levels i0 i1 current level h h no current l h low current 1/3 io max h l medium current 2/3 io max l l maximum current io max i max v ref 10r s ------------- =
functional description l6219 10/16 2.4 single-pulse generator the pulse generator is a monostable triggered on the positive going edge of the comparator output. the monostable output is high during the pulse time, toff, which is determined by the time components rt and ct. t off = 1.1 r t c t the single pulse switches off the power feed to the motor winding, causing the winding current to decrease during t off . if a new trigger signal should occur during t off , it is ignored. 2.5 output stage the output stage contains four darlington transistors (source drivers) four saturated transistors (sink drivers) and eight diodes, connected in two h bridge. figure 4. principle operating sequence the source transistors are used to switch the power supplied to the motor winding, thus driving a constant current through the winding. it should be noted however, that is not permitted to short circuit the outputs.
l6219 functional description 11/16 internal circuitry is added in order to increase the accuracy of the motor current particularly with low current levels. 2.6 v s , v ss , v ref the circuit will stand any order of turn -on or turn-off the supply voltages v s and v ss . normal dv/dt values are then assumed. preferably, v ref should be tracking v ss during power-on and power-off if v s is established.
application informations l6219 12/16 3 application informations some stepper motors are not designed for contin-uous operation at maximum current. as the circuit drives a constant current through the motor, its temperature might increase exceedingly both at low and high speed operation. also, some stepper motors have such high core losses that they are not suited for switch mode current regulation. unused inputs should be connected to proper volt age levels in order to get the highest noise immunity. as the circuit operates with switch mode current regulation, interference generation problems might arise in some applications. a good measure might then be to decouple the circuit with a 100 nf capacitor, located near the package between power line and ground. the ground lead between rs, and circuit gnd should be kept as short as possible. a typical application circuit is shown in figure 5 . note that c t must be npo type or similar else. to sense the winding current, paralleled metal film resistors are recommended (r s ). figure 5. typical application circuit
l6219 package information 13/16 4 package information in order to meet environmental requirements, st offers these devices in ecopack? packages. these packages have a lead-free second level interconnect. the category of second level interconnect is marked on the package and on the inner box label, in compliance with jedec standard jesd97. the maximum ratings related to soldering conditions are also marked on the inner box label. ecopack is an st trademark. ecopack specifications are available at: www.st.com. figure 6. so24 mechanical data and package dimensions outline and mechanical data dim. mm inch min. typ. max. min. typ. max. a 2.35 2.65 0.093 0.104 a1 0.10 0.30 0.004 0.012 b 0.33 0.51 0.013 0.200 c 0.23 0.32 0.009 0.013 d (1) 15.20 15.60 0.598 0.614 e 7.40 7.60 0.291 0.299 e 1.27 0.050 h 10.0 10.65 0.394 0.419 h 0.25 0.75 0.010 0.030 l 0.40 1.27 0.016 0.050 k 0? (min.), 8? (max.) ddd 0.10 0.004 (1) ?d? dimension does not include mold flash, protusions or gate burrs. mold flash, protusions or gate burrs shall not exceed 0.15mm per side. so24 0070769 c weight: 0.60gr
package information l6219 14/16 figure 7. pdip24 mechanical data and package dimensions dim. mm inch min. typ. max. min. typ. max. a 4.320 0.170 a1 0.380 0.015 a2 3.300 0.130 b 0.410 0.460 0.510 0.016 0.018 0.020 b1 1.400 1.520 1.650 0.055 0.060 0.065 c 0.200 0.250 0.300 0.008 0.010 0.012 d 31.62 31.75 31.88 1.245 1.250 1.255 e 7.620 8.260 0.300 0.325 e 2.54 0.100 e1 6.350 6.600 6.860 0.250 0.260 0.270 e1 7.620 0.300 l 3.180 3.430 0.125 0.135 m 0? min, 15? max. pdip 24 (0.300") a1 b e b1 d 13 12 24 1 l a e1 a2 c e1 sdip24l m 0034965 d outline and mechanical data
l6219 revision history 15/16 5 revision history table 7. document revision history date revision changes 30-oct-2001 7 first issue on the edocs dms. 11-may-2005 8 changed the look & feel layout. modified table 6 on page 9 . 14-sep-2005 9 change in the features sections: wide voltage range 10 v to 46 v output current up to 750 ma each winding. 19-dec-2005 10 corrected in the ta b l e 5 the max. value of the v ref parameter from 2 v to 7.5 v. 28-mar-2006 11 corrected i ss(on) values in the ta bl e 5 . 18-mar-2008 12 document reformatted. 01-sep-2008 13 added note 1 in table 5 on page 8 .
l6219 16/16 please read carefully: information in this document is provided solely in connection with st products. stmicroelectronics nv and its subsidiaries (?st ?) reserve the right to make changes, corrections, modifications or improvements, to this document, and the products and services described he rein at any time, without notice. all st products are sold pursuant to st?s terms and conditions of sale. purchasers are solely responsible for the choice, selection and use of the st products and services described herein, and st as sumes no liability whatsoever relating to the choice, selection or use of the st products and services described herein. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. i f any part of this document refers to any third party products or services it shall not be deemed a license grant by st for the use of such third party products or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoev er of such third party products or services or any intellectual property contained therein. unless otherwise set forth in st?s terms and conditions of sale st disclaims any express or implied warranty with respect to the use and/or sale of st products including without limitation implied warranties of merchantability, fitness for a parti cular purpose (and their equivalents under the laws of any jurisdiction), or infringement of any patent, copyright or other intellectual property right. unless expressly approved in writing by an authorized st representative, st products are not recommended, authorized or warranted for use in milita ry, air craft, space, life saving, or life sustaining applications, nor in products or systems where failure or malfunction may result in personal injury, death, or severe property or environmental damage. st products which are not specified as "automotive grade" may only be used in automotive applications at user?s own risk. resale of st products with provisions different from the statements and/or technical features set forth in this document shall immediately void any warranty granted by st for the st product or service described herein and shall not create or extend in any manner whatsoev er, any liability of st. st and the st logo are trademarks or registered trademarks of st in various countries. information in this document supersedes and replaces all information previously supplied. the st logo is a registered trademark of stmicroelectronics. all other names are the property of their respective owners. ? 2008 stmicroelectronics - all rights reserved stmicroelectronics group of companies australia - belgium - brazil - canada - china - czech republic - finland - france - germany - hong kong - india - israel - ital y - japan - malaysia - malta - morocco - singapore - spain - sweden - switzerland - united kingdom - united states of america www.st.com


▲Up To Search▲   

 
Price & Availability of E-L6219DS013TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X