Part Number Hot Search : 
0T120 A3189LLT SDR1GSMM 8HC11 12VDC AO6604L MJD20011 40829
Product Description
Full Text Search
 

To Download DXT13003DG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  DXT13003DG datasheet number: ds37262 rev. 1 - 2 1 of 6 www.diodes.com may 2014 ? diodes incorporated DXT13003DG 450v npn high voltage power transistor in sot223 features ? bv ceo > 450v ? bv ces > 700v ? bv ebo > 9v ? i c = 1.5a high continuous collector current ? integrated collector-emitter diode to act as free-wheeling diode ? totally lead-free & fully rohs compliant (notes 1 & 2) ? halogen and antimony free. ?green? device (note 3) applications low power ac-dc smps for: ? battery chargers for mobile phone / tablets / smartphones ? power supply for dvd / stb ? led lighting mechanical data ? case: sot223 ? case material: molded plastic. ?green? molding compound ul flammability rating 94v-0 ? moisture sensitivity: level 1 per j-std-020 ? terminals: finish - matte ti n plated leads, solderable per mil-std-202, method 208 ? weight: 0.112 grams (approximate) ordering information (note 4) product package marking tape width (mm) quantity DXT13003DG-13 sot223 dxt13003d 12 2,500 notes: 1. no purposely added lead. fully eu directiv e 2002/95/ec (rohs) & 2011/6 5/eu (rohs 2) compliant. 2. see http://www.diodes.com/quality/lead_free.html for more in formation about diodes incorporated?s definitions of halogen- an d antimony-free, "green" and lead-free. 3. halogen- and antimony-free "green? products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total br + cl) and <1000ppm antimony compounds. 4. for packaging details, go to our websit e at http://www.diodes.com /products/packages.html marking information top view sot223 device schematic top view pin-out 13003d = product type marking code yww = date code marking y = last digit of the year (ex: 3 =2013) ww = week code 01-52
DXT13003DG datasheet number: ds37262 rev. 1 - 2 2 of 6 www.diodes.com may 2014 ? diodes incorporated DXT13003DG absolute maximum ratings (@t a = +25c, unless otherwise specified.) characteristic symbol value unit collector-emitter voltage (v be = 0v) v ces 700 v collector-emitter voltage v ceo 450 v emitter-base voltage v ebo 9 v continuous collector current i c 1.3 a peak pulse collector current i cm 3 a continuous base current i b 0.75 a peak pulse base current i bm 1.5 a thermal characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol value unit power dissipation (note 5) p d 3 w (note 6) 2 (note 7) 0.7 thermal resistance, junction to ambient (note 5) r ja 42 c/w (note 6) r ja 62.5 (note 7) r ja 178 thermal resistance junction to lead (note 8) r jl 17 operating and storage temperature range t j, t stg -55 to +150 c esd ratings (note 9) characteristic symbol value unit jedec class electrostatic discharge - human body model esd hbm 8,000 v 3b electrostatic discharge - machine model esd mm 400 v c notes: 5. for a device mounted with the collector lead on 50mm x 50mm 2oz copper that is on a si ngle-sided 1.6mm fr4 pcb; devi ce is measured under still air conditions whilst operating in a steady-state. 6. same as note (5), except the device is mounted on 25mm x 25mm 2oz copper. 7. same as note (5), except the device is mounted on minimum recommended pad layout. 8. thermal resistance from junction to solder-point (at the end of the collector lead). 9. refer to jedec specification jesd22-a114 and jesd22-a115.
DXT13003DG datasheet number: ds37262 rev. 1 - 2 3 of 6 www.diodes.com may 2014 ? diodes incorporated DXT13003DG safe operating areas and derating information (@t a = +25c, unless otherwise specified.) 100m 1 10 100 1m 10m 100m 1 25mm x 25mm 2oz copper single pulse, t amb =25c r ce(sat) limited 100s 1ms 10ms 100ms 1s dc safe operating area i c collector current (a) v ce collector - emitter voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 5 0 m m x 5 0 m m 2 o z c o p p e r m i n i m u m c o p p e r 2 5 m m x 2 5 m m 2 o z c o p p e r derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 10 20 30 40 50 60 25mm x 25mm 2oz copper t amb =25c transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 25mm x 25mm 2oz copper single pulse t amb =25c pulse power dissipation pulse width (s) maximum power (w)
DXT13003DG datasheet number: ds37262 rev. 1 - 2 4 of 6 www.diodes.com may 2014 ? diodes incorporated DXT13003DG electrical characteristics (@t a = +25c, unless otherwise specified.) characteristic symbol min typ max unit test condition collector-emitter breakdown voltage bv ces 700 ? ? v i c = 100a, v be = 0v collector-emitter breakdown voltage bv ceo 450 ? ? v i c = 100a emitter-base breakdown voltage bv ebo 9 ? ? v i e = 100a collector cutoff current i cev ? ? 10 a v ce = 700v, v be = -1.5v dc current transfer static ratio (note 10) h fe 20 16 5.0 - ? ? 40 30 25 ? i c = 20ma, v ce = 10v i c = 0.5a, v ce = 2v i c = 1.0a, v ce = 2v collector-emitter saturation voltage (note 10) v ce(sat) ? ? ? ? 0.3 0.4 v i c = 0.5a, i b = 0.1a i c = 1a, i b = 0.25a base-emitter saturation voltage (note 10) v be(sat) ? ? ? ? 1.0 1.2 v i c = 0.5a, i b = 0.1a i c = 1a, i b = 0.25a output capacitance c ob ? 18 ? pf v cb = 10v, f = 0.1mhz transition frequency f t 4 ? ? mhz i c = 0.1a, v ce = 10v turn-on time with resistive load t on ? ? 0.7 s i c = 1a,v cc = 125v, i b1 = 0.2a, i b2 = -0.2a storage time with resistive load t s ? ? 3.0 fall time with resistive load t f ? ? 0.35 note: 10. measured under pulsed conditions. pulse width 300 s. duty cycle 2%. typical electrical characteristics (@t a = +25c, unless otherwise specified.)
DXT13003DG datasheet number: ds37262 rev. 1 - 2 5 of 6 www.diodes.com may 2014 ? diodes incorporated DXT13003DG a1 a 7 7 d b e e1 b1 c e1 l 0 - 1 0 q e 0.25 seating plane gauge plane package outline dimensions please see ap02002 at http://www.diodes.com /datasheets/ap02002.pdf for latest version. suggested pad layout please see ap02001 at http://www.diodes.com/dat asheets/ap02001.pdf for the latest version. note: for high voltage applications, the appropriate industry sector guidelines should be considered with regards to creepage a nd clearance distances between device terminals and pcb tracking. sot223 dim min max typ a 1.55 1.65 1.60 a1 0.010 0.15 0.05 b 0.60 0.80 0.70 b1 2.90 3.10 3.00 c 0.20 0.30 0.25 d 6.45 6.55 6.50 e 3.45 3.55 3.50 e1 6.90 7.10 7.00 e - - 4.60 e1 - - 2.30 l 0.85 1.05 0.95 q 0.84 0.94 0.89 all dimensions in mm dimensions value (in mm) x1 3.3 x2 1.2 y1 1.6 y2 1.6 c1 6.4 c2 2.3 x2 c1 c2 x1 y2 y1
DXT13003DG datasheet number: ds37262 rev. 1 - 2 6 of 6 www.diodes.com may 2014 ? diodes incorporated DXT13003DG important notice diodes incorporated makes no warranty of any kind, express or implied, with regards to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability ari sing out of the application or use of this document or any product described herein; neither does diodes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or user of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated and all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability w hatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. this document is written in english but may be translated into multiple languages for reference. only the english version of t his document is the final and determinative format released by diodes incorporated. life support diodes incorporated products are specifically not authorized for use as critical com ponents in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support devic e or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2014, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of DXT13003DG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X