Part Number Hot Search : 
20M250 BFT44 SB860 CM3110 LB1955 PRODUCTS 2SB64 L113611
Product Description
Full Text Search
 

To Download D3041N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 1 / 9 enndaten key parameters v rrm 6800 v i f avm 2930 a (t c = 100 c) 3570a (t c =55c) i f sm 57000 a v t 0 0,84 v r t 0, 215 m? r thjc 7,5 k/ k w clamping force 36 52 kn max. diameter 121 mm contact diameter 86 mm height 26 mm for typ e designation please refer to actual short form catalog http://www.ifbip.com/catalog merkmale features ? volle sperrf?higkeit 50/60hz ber einen weiten temperaturbereich ? full blocking capability 50/60hz over a wide temperature range ? hohe dc sperrstabilit?t ? high dc blocking stability ? hohe sto?strombelastbarkeit ? high surge current capability ? hermetisch dichtes keramikgeh?use ? hermeticaly sealed ceramic package ? hoher geh?usebruchstrom ? high case non - rupture cur rent typische anwendungen typical applications ? gleichrichter fr antriebsapplikationen ? rectifier for drives applications ? mittelspannungsumrichter ? medium voltage converters ? hochstrom gleichrichter ? high - current rectifier ? kurzschliesser applikationen ? cr owbar applications content of customer dmx code dmx code dmx code digit digit quantity serial number 1..7 7 sp material number 8..16 9 datecode (production day) 17..18 2 datecode (production year) 19..20 2 datecode (production month) 2 1..22 2 vt class (optional) 23..26 4 qr class (optional) 27..30 4 www.ifbip.com support@infineon - bip.com 1 2
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 2 / 9 kenndaten elektrische eigenschaften elektrische eigenschaften / electrical properties h?ch stzul?ssige werte / maximum rated values periodische rckw?rts - spitzensperrspannung repetitive peak reverse voltage t vj = - 40c... t vj max v rrm 5800 6500 6000 6800 v v durchla?strom - grenzeffektivwert maximum rms on - state current t c = 100 c i frmsm 4600 a dauergrenzstrom average on - state current t c = 100 c t c = 85 c t c = 55 c i favm 2930 3350 4090 a a a sto?strom - grenzwert surge current t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i fsm 57000 53000 a a grenzlastintegral i2t - value t vj = 25 c, t p = 10 ms t vj = t vj max , t p = 10 ms i2t 16240 14040 103 a2s 103 a2s charakteristische werte / characteristic values durchla?spannung on - state voltage t vj = t vj max , i f = 4000 a v f typ. max. 1,58 1,7 0 v v schleusenspannung threshold voltage t vj = t vj max v (to) typ. max. 0,784 0,84 0 v v ersatzwiderstand slope resistance t vj = t vj max r t typ. max. 0,199 0,215 m m durchla?kennlinie 500 a ? i f ? 5000 a o - state characteristic t vj = t vj max typ. a 0,40754 b 0,0000879 c 0,0173 d 0,0108 max. a 0,4421 b 0,0000972 c 0,01875 d 0,01133 rckw?rts - sperrstrom reverse current t vj = t vj max , v r = v rrm i r max. 100 ma prepared by: tm date of publication: 2014 - 10 - 10 approved by: jp revision : 4.2 f f f f i d 1) i ( ln c i b a v ? ? ? ? ? ? ? ?
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 3 / 9 thermische eigenschaften mechanische eigenschaften elektrische eigenschaften / electrical properties charakteristische werte / characteristic values sperrverz?gerungsladung recovered charge v r = 1000v, t vj = t vj max c = 1 f, r = 22 i fm = 1000a, - di t /dt = 10 a/s q r max. 11 mas rckstromspitze peak reverse recovery current v r = 1000v, t vj = t vj max c = 1 f, r = 22 i fm = 1000a, - di t /dt = 10 a/s i rm max. 300 a sperrverz?gerungsladung recovered charge v r = 100v, t vj = t vj max c = 1 f, r = 22 i fm = 1000a, - di t /dt = 10 a/s q r typ. 9 mas rckstromspitze peak reverse recovery current v r = 100v, t vj = t vj max c = 1 f, r = 22 i fm = 1000a, - di t /dt = 10 a/s i rm typ. 240 a thermische eigenschaf ten / thermal properties innerer w?rmewiderstand thermal resistance, junction to case khlfl?che / cooling surface beidseitig / two - sided, = 180sin beidseitig / two - sided, dc anode / anode, dc kathode / cathode, dc r thjc max. max. max. max. 8, 55 7,5 13,3 17,2 k/kw k/kw k/kw k/kw bergangs - w?rmewiderstand thermal resistance, case to heatsink khlfl?che / cooling surface beidseitig / two - sided einseitig / single - sided r thch max. max. 2,5 5 ,0 k/kw k/kw h?chstzul?ssige sperrschichtte mperatur maximum junction temperature t vj max 160 c betriebstemperatur operating temperature t c op - 40...+160 c lagertemperatur storage temperature t stg - 40...+160 c mechanische eigenschaften / mechanical properties geh?use, siehe anlag e case, see annex seite 3 page 3 si - element mit druckkontakt si - pellet with pressure contact anpresskraft clamping force f 36...52 kn gewicht weight g typ. 1350 g kriechstrecke creepage distance 33 mm schwingfestigkeit vibration resistance f = 50 hz 50 m/s2
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 4 / 9 ma?bild 1: anode/ anode 2: kathode/cathode 1 2
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 5 / 9 r,t C werte r r,t - werte analytische elemente des transienten w?rmewiderstandes z thjc analytical elements of transient thermal impedance z thjc pos. n 1 2 3 4 5 6 7 beidseitig two - sided r thn [k/kw] 2,95 2 1,54 0,98 0,03 n [s] 0,78 0,131 0,0217 0,00514 0,0010 anodenseitig anode - sided r thn [k/kw] 8,04 0,81 2,39 1,6 0,46 n [s] 5,11 0,359 0,0962 0,012 0,00332 kathodenseitig cathode - sided r thn [k/kw] 12,1 0,4 2,44 1,55 0,71 n [s] 4,97 0,489 0,121 0,0153 0,00427 analyti sche funktion / analytical function: transienter innerer w?rmewiderstand fr dc / transient thermal impedance z thjc = f(t) for dc a : anodenseitige khlung / anode - sided cooling b : beidseitige khlung / two - sided co oling c : kathodenseitige khlung / cathode - sided cooling ? ? ? ? max n n=1 thn thjc n -t e 1 r z b i c i a i 0 2 4 6 8 10 12 14 16 18 20 0,001 0,01 0,1 1 10 100 z th jc [k/kw] t [s]
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 6 / 9 diagramme diagramme durchlasskennlinie grenzdurchla?kennlinie / limiting on - state characteristic i f = f(v f ) t vj = t vj max typ. max. 0 1000 2000 3000 4000 5000 6000 0 0,5 1 1,5 2 i f [a] v f [v]
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 7 / 9 tc beidseitig sperrverz?gerungsladung / recovered charge q r = f( - di/dt) t vj = t vjmax , c = 1 f, r = 22 v r = 1000v max. v r = 100v typ. 0 5 10 15 20 25 0 10 20 30 40 q r [mas] - di/dt [a/s]
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 8 / 9 ta bei sinus rckstromspitze / peak reverse recovery current i rm = f( - di/dt) t vj =t vjmax , c = 1 f, r = 22 v r = 1000v max. v r = 100v typ. 0 100 200 300 400 500 600 700 800 0 10 20 30 40 i rm [a] - di/dt [a/s]
netz - gleichrichterdiode rectifier diode technische information / t echnical i nformation D3041N date of publication: 201 4 - 10 - 10 revision: 4.2 seite/page 9 / 9 nutzungsbedingungen die in diesem produktdatenblatt enthaltenen daten sind ausschlie?lich fr technisch geschultes fachpersonal bestimmt. die beurteilung der geeignetheit dieses produkte s fr die von ihnen anvisierte anwendung sowie die beurteilung der vollst?ndigkeit der bereitgestellten produktdaten fr diese anwendung obliegt ihnen bzw. ihren technischen abteilungen. in diesem produktdatenblatt werden diejenigen merkmale beschrieben, fr die wir eine liefervertragliche gew?hrleistung bernehmen. eine solche gew?hrleistung richtet sich ausschlie?lich nach ma?gabe der im jeweiligen liefervertrag enthaltenen bestimmungen. garantien jeglicher art werden fr das produkt und dessen eigenscha ften keinesfalls bernommen. sollten sie von uns produktinformationen ben?tigen, die ber den inhalt dieses produktdatenblatts hinausgehen und insbesondere eine spezifische verwendung und den einsatz dieses produktes betreffen, setzen sie sich bitte mit d em fr sie zust?ndigen vertriebsbro in verbindung (siehe www. infineon .com). fr interessenten halten wir application notes bereit. aufgrund der technischen anforderungen k?nnte unser produkt gesundheitsgef?hrdende substanzen enthalten. bei rckfragen zu den in diesem produkt jeweils enthaltenen substanzen setzen sie sich bitte ebenfalls mit dem fr sie zust?ndigen vertriebsbro in verbindung. sollten sie beabsichtigen, das produkt in anwendungen der luftfahrt, in gesundheits - oder lebensgef?hrdenden oder lebenserhaltenden anwendungsbereichen einzusetzen, bitten wir um mitteilung. wir weisen darauf hin, dass wir fr diese f?lle - die gemeinsame durchfhrung eines risiko - und qualit?tsassessments; - den abschluss von speziellen qualit?tssicherungsvereinbaru ngen; - die gemeinsame einfhrung von ma?nahmen zu einer laufenden produktbeobachtung dringend empfehlen und gegebenenfalls die belieferung von der umsetzung solcher ma?nahmen abh?ngig machen. soweit erforderlich, bitten wir sie, entsprechende hinweis e an ihre kunden zu geben. inhaltliche ?nderungen dieses produktdatenblatts bleiben vorbehalten. terms & conditions of usage the data contained in this product data sheet is exclusively intended for technically trained staff. you and your technical dep artments will have to evaluate the suitability of the product for the intended application and the completeness of the produc t data with respect to such application. this product data sheet is describing the characteristics of this product for which a war ranty is granted. any such warranty is granted exclusively pursuant the terms and conditions of the supply agreement. there will be no guarantee of any kind for the product and its characteristics. should you require product information in excess of the d ata given in this product data sheet or which concerns the specific application of our product, please contact the sales office, which is responsible for you (see www. infineon .com). for those that are specifically interested we may provide application note s. due to technical requirements our product may contain dangerous substances. for information on the types in question please contact the sales office, which is responsible for you. should you intend to use the product in aviation applications, in healt h or live endangering or life support applications, please notify. please note, that for any such applications we urgently recommend - to perform joint risk and quality assessments; - the conclusion of quality agreements; - to establish joint measures of a n ongoing product survey, and that we may make delivery depended on the realization of any such measures. if and to the extent necessary, please forward equivalent notices to your customers. changes of this product data sheet are reserved.


▲Up To Search▲   

 
Price & Availability of D3041N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X