Part Number Hot Search : 
MV50152 VS9LAVI W24129A CSC2073 330KL 11SC01 UF2810P 221M16
Product Description
Full Text Search
 

To Download CMX589AD2 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cmx589a gmsk modem ? 1998 consumer microcircuits limited d/589a/3 september 1998 provisional information features and applications data rates from 4kbps to 200kbps full or half duplex gaussian filter and data recovery for minimum shift keying (gmsk) designs selectable bt: (0.3 or 0.5) low power 3.0v, 20kbps, 1.5ma typ. 5.0v, 64kbps, 4.0ma typ. low current non-dsp solution small tssop packs fit pcmcia/pc cards portable wireless data applications cellular digital packet data (cdpd) mobitex ? mobile data system spread spectrum data links gps/differential gps wireless links point-of-sale terminals low power wireless data link for pcs, laptops, and printers brief description the cmx589a is a single-chip synchronous data pump/modem designed for wireless data applications. employing gaussian filtering for minimum shift keying (gmsk) baseband modulation applications, the cmx589a features a wide range of available data rates from 4k to 200k bps. data rates and the choice of bt (0.3 or 0.5) are pin programmable to provide for different system requirements. the tx and rx digital data interfaces are bit serial, synchronized to generated tx and rx data clocks. separate tx and rx powersave inputs allow full or half-duplex operation. rx input levels can be set by suitable ac and dc level adjusting circuitry built with external components around an on-chip rx input amplifier. acquisition, lock, and hold of rx data signals are made easier and faster by the use of rx control inputs to clamp, detect, and /or hold input data levels and can be set by th e m processor as required. the rx s/n output provides an indication of the quality of the received signal. the cmx589a may be used with a 3.0v to 5.5v power supply and is available in the following packages: 24-pin tssop (cmx589ae2), 24-pin ssop (cmx589ad5), 24-pin soic (CMX589AD2), and 24-pin pdip (cmx589ap4).
gmsk modem cmx589a ? 1998 consumer microcircuits limited 2 d/589a/3 contents section page features and applications .................................................................................................1 brief description .............................................................................................................. ...1 block diagram .................................................................................................................. ...2 2 signal list .................................................................................................................. .......4 3 external components ......................................................................................................6 4 general description .........................................................................................................8 4.1 clock oscillator divider................................................................................................... ...... 8 4.2 receive .................................................................................................................... ............ 8 4.2.1 rx signal path description............................................................................................... ...........8 4.2.2 rx circuit control modes................................................................................................. ............9 4.2.3 rx clock extraction ...................................................................................................... .............10 4.2.4 rx data extraction....................................................................................................... ..............10 4.2.6 rx signal quality ........................................................................................................ ...............12 4.3 transmit ................................................................................................................... .......... 12 4.3.1 tx signal path description ............................................................................................... .........12 4.4 data formats............................................................................................................... ....... 15 4.5 acquisition and hold modes ............................................................................................... 15 5 application.................................................................................................................. ....16 5.1 radio channel requirements............................................................................................. 16 5.1.1 bit rate, bt, and bandwidth .............................................................................................. .......16 5.1.2 fm modulator, demodulator and if......................................................................................... ..16 5.1.3 two-point modulation..................................................................................................... ...........17 5.2 ac coupling of tx and rx signals...................................................................................... 18 6 performance specifications ..........................................................................................19 6.1 electrical specifications .................................................................................................. .... 19 6.1.1 absolute maximum limits.................................................................................................. ........19 6.1.2 operating limits ......................................................................................................... ...............20 6.1.3 operating characteristics ................................................................................................ ..........21 6.2 packages................................................................................................................... ......... 23
gmsk modem cmx589a ? 1998 consumer microcircuits limited 3 d/589a/3 block diagram figure 1: block diagram figure 2: system block diagram
gmsk modem cmx589a ? 1998 consumer microcircuits limited 4 d/589a/3 2 signal list pin no. e2/d5/ d2/p4 signal type description 1 xtaln o/p the output of the on-chip clock oscillator. 2 xtal/clock i/p the input to the on-chip xtal oscillator. a xtal, or externally derived clock (f xtal ) pulse input should be connected here. if an externally generated clock is to be used, it should be connected to this pin and the xtaln pin left unconnected. note: operation without a suitable xtal or clock input may cause device damage. 3 clkdiva i/p logic level inputs control the internal clock divider and therefore the transmit and receive data rate. see table 4. 4 clkdivb i/p logic level inputs control the internal clock divider and therefore the transmit and receive data rate. see table 4. 5 rxholdn i/p a logic 0 applied to this input will freeze the clock extraction and level measurement circuits unless they are in acquire mode. 6 rxdcacq i/p a logic 1 applied to this input will set the rx level measurement circuitry to the acquire mode. see table 6. 7 pllacq i/p a logic 1 applied to this input will set the rx clock extraction circuitry to the acquire mode. see table 5. 8 rx psave i/p a logic 1 applied to this input will powersave all receive circuits except for rx clk output (which will continue at the set bit-rate) and cause the rx data and rx s/n outputs to go to a logic 0. 9v bias the internal circuitry bias line, held at v dd /2. this pin must be bypassed to v ss by a capacitor mounted close to the pin. 10 rx fb o/p output of the rx input amplifier. 11 rx signal in i/p input to rx input amplifier. 12 v ss power negative supply (gnd). 13 doc1 connections to the rx level measurement circuitry. a capacitor should be connected from this pin to v ss . 14 doc2 connections to the rx level measurement circuitry. a capacitor should be connected from this pin to v ss . 15 bt a logic level to select the modem bt (the ratio of the tx filter's -3db frequency to the bit-rate). a logic 1 = bt of 0.5 and a logic 0 = bt of 0.3.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 5 d/589a/3 pin no. e2/d5/ d2/p4 signal type description 16 tx out i/p gaussian filtered tx output signal. in powersave mode the tx out pin is high impedance. 17 tx enable i/p a logic 1 applied to this input, enables the transmit data path, through the tx filter to the tx out pin. a logic 0 will place the tx out pin to v bias via a high impedance. 18 tx psave i/p a logic 1 applied to this input will powersave all transmit circuits except for the tx clock. 19 tx data i/p the logic level input for the data to be transmitted. this data should be synchronous with tx clk. 20 rx data i/p a logic level output carrying the received data, synchronous with rx clk. 21 rx clk i/p a logic level clock output at the received data bit-rate. 22 tx clk i/p a logic level clock output at the transmit data bit-rate. 23 rx s/n o/p a logic level output which may be used as an indication of the quality of the received signal. 24 v dd power positive supply. levels and voltages within the device are dependent upon this supply. this pin should be bypassed to v ss by a capacitor mounted close to the pin. table 1: signal list
gmsk modem cmx589a ? 1998 consumer microcircuits limited 6 d/589a/3 3 external components figure 3: recommended external components component notes value tolerance component notes value tolerance r1 1 5% c4 0.1f 20% r2 1.0m w 10% c5 1.0f 20% r3 2 10% c6 5 20% r4 3 10% c7 6 c1 1 10% c8 6 c2 4 c3 4 x1 8 table 2: recommended external components recommended external component notes: 1. the rc network formed by r1 and c1 is required between the tx out pin and the input to the modulator. this network, which can form part of any dc level shifting and gain adjustment circuitry, forms an important part of the transmit signal filtering. the ground connection to the capacitor c1 should be positioned to give maximum attenuation of high-frequency noise into the modulator. the component values should be chosen so that the product of the resistance and the capacitance is: for a bt of 0.3 r1c1 = 0.34/bit rate (bps) for a bt of 0.5 r1c1 = 0.22/bit rate (bps)
gmsk modem cmx589a ? 1998 consumer microcircuits limited 7 d/589a/3 data rates (kbps) bt = 0.3 bt = 0.5 r1 c1 r1 c1 4 120k w 680pf 120k w 470pf 4.8 100k w 680pf 100k w 470pf 8 91k w 470pf 120k w 220pf 9.6 91k w 390pf 47k w 470pf 16 47k w 470pf 91k w 150pf 19.2 100k w 180pf 91k w 120pf 32 47k w 220pf 47k w 150pf 38.4 * 47k w 180pf 47k w 120pf 64 * 56k w 100pf 51k w 68pf 80 * 39k w 68pf 128 * 82k w 22pf 144 * 68k w 22pf 160 * 62k w 22pf 176 * 56k w 22pf 192 * 51k w 22pf * v dd 3 4.5v, external clock table 3: data rate vs. bt and selected external component values note : in all cases, the value of r1 should not be less than 20.0k w , and that the calculated value of c1 includes calculated parasitic capacitance. 2. r3, r4 and c6 form the gain components for the rx input signal. r3 should be chosen as required by the signal input level. 3. for bit rate 64kbps, r4 = 100k w . for bit rate > 64kbps, r4 = 10k w . 4. the values chosen for c2 and c3 (including stray capacitance), should be suitable for the applied v dd and the frequency of x1. as a guide: c2 = c3 = 33pf at 1.0mhz falling to 18pf at the maximum frequency. at 3.0v, c2 = c3 = 33pf falling to 18pf at 5.0mhz the equivalent series resistance of x1 should be less than 2.0k w falling to 150 w at the maximum frequency. stray capacitance on the xtal/clock circuit pins must be minimized. 5. for bit rate 64kbps, c6 = 22pf. for bit rate > 64kbps, c6 = w p 10k 2 rate bit 3 1 e.g. for 128kbps, c6 = 41.1pf. 6. c7 and c8 should both be .015 m f for a data rate of 8kbps, and inversely proportional to the data rate for other data rates, e.g. 0.030 m f at 4kbps, 1800pf at 64kbps, 680pf at 192kbps. 7. the tolerance of c9 is not very critical because it primarily serves as a dc blocking capacitor. 8. the cmx589a can operate correctly with the xtal frequencies between 1.0mhz and 16.0mhz (v dd = 5.0v) and 1.0mhz to 5.0mhz (v dd = 3.0v). external clock frequencies up to 25.6mhz (v dd 3 4.5v) are also supported (see table 4 for examples.) for best results, a crystal oscillator design should drive the clock inverter input with signal levels of at least 40% of v dd , peak to peak. tuning fork crystals generally cannot meet this requirement. to obtain crystal oscillator design assistance, consult your crystal manufacturer. operation of this device without a xtal or clock input may cause device damage.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 8 d/589a/3 4 general description 4.1 clock oscillator divider the tx and (nominal) rx data rates are determined by division of the frequency present at the xtaln pin as generated by the on-chip xtal oscillator, with external components, or supplied from an external source. the division ratio is controlled by the logic level inputs on clkdiva and clkdivb pins as shown in table 4, together with an indication of how various standard data rates may be derived from common p xtal frequencies. a/b ) ( clkdiv ratio division fre q uenc y xtal/clk rate data = xtal/clock frequency (mhz) 24.576* 8.192 4.9152 4.096 2.4576 2.048 inputs 12.288/3 12.288/5 6.144/3 clkdiva clkdivb rate data fre q xtal/clk data rate (kbps) 0 0 128 192* 64* 38.4* 32 19.2 16 0 1 256 96* 32 19.2 16 9.6 8 1 0 512 48* 16 9.6 8 4.8 4 1 1 1024 24* 8 4.8 4 * v dd 3 4.5v, external clock table 4: example clock/data rates note : the device operation is not guaranteed above 200kbps or below 4kbps at the relevant supply voltage. figure 4: minimum m controller system connections 4.2 receive 4.2.1 rx signal path description the function of the rx circuitry is to: 1. set the incoming signal to a usable level. 2. clean the signal by filtering. 3. provide dc level thresholds for clock and data extraction. 4. provide clock timing information for data extraction and external circuits. 5. provide rx data in a binary form. 6. assess signal quality and provide signal-to-noise information.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 9 d/589a/3 the output of the radio receiver's frequency discriminator should be fed to the cmx589a's rx filter by a suitable gain and dc level adjusting circuit. this circuit can be built with external components around the on- chip rx input amplifier. the gain should be set so that the signal level at the rx feedback pin is nominally 1v peak to peak (for v dd =5.0v) centered around v bias when receiving a continuous 1111000011110000.. data pattern. positive going signal excursions at rx feedback pin will produce a logic 0 at the rx data output. negative going excursions will produce a logic 1. the received signal is fed through the lowpass rx filter, which has a -3db corner frequency of 0.56 times the data bit-rate, before being applied to the level measure and clock and data extraction blocks. the level measuring block consists of two voltage detectors, one of which measures the amplitude of the positive parts of the received signal. the other measures the amplitude of the negative portions. (positive refers to signal levels higher than v dd /2, and negative to levels lower than v dd /2.) external capacitors are used by these detectors, via the doc1 and doc2 pins, to form voltage hold or integrator circuits. these two levels are then used to establish the optimum dc level decision-thresholds for the clock and data extraction, depending upon the rx signal amplitude and any dc offset. 4.2.2 rx circuit control modes the operating characteristics of the rx level measurement and clock extraction circuits are controlled, as shown in table 6, by logic level inputs applied to the pllacq, rx holdn and rxdcacq pins to suit a particular application, or to cope with changing reception conditions, reference figure 5. in general, a data transmission will begin with a preamble, for example, 1100110011001100, to allow the receive modem to establish timing and level-lock as quickly as possible. after the rx carrier has been detected, and during the time that the preamble is expected, the rxdcacq and pllacq inputs should be switched from a logic 0 to a logic 1 so that the level measuring and clock extraction modes are operated and sequenced as shown. the rx holdn input should normally be held at a logic 1 while data is being received, but may be driven to a logic 0 to freeze the level measuring clock extraction circuits during a fade. if a fade lasts for less than 200 bit periods, normal operation can be resumed by returning the rx holdn input to a logic 1 at the end of the fade. for longer fades, it may be better to reset the level measuring circuits by placing the rxdcacq to a logic 1 for 10 to 20 bit periods. rx holdn has no effect on the level measuring circuits while rxdcacq is at a logic 1, and has no effect on the pll while pllacq is at a logic 1. a logic 0 on rx holdn does not disable the rx clock output, and the rx data extraction and s/n detector circuits will continue to operate. figure 5: rx mode control diagram
gmsk modem cmx589a ? 1998 consumer microcircuits limited 10 d/589a/3 pllacq rx holdn pll action 1 1 acquire sets the pll bandwidth wide enough to allow a lock to the received signal in less than 8 zero crossings. this mode will operate as long as pllacq is a logic 1. 1 to 0 1 medium bandwidth the correction applied to the extracted clock is limited to a maximum of 1/16th bit-period for every two received zero- crossings. the pll operates in this mode for a period of about 30 bits immediately following a 1 to 0 transition of the pllacq input, provided that the rx holdn input is a logic 1. 0 1 narrow bandwidth the correction applied to the extracted clock is limited to a maximum of 1/64th bit-period for every two received zero- crossings. the pll operates in this mode whenever the rx holdn input is a logic 1 and pllacq has been a logic 0 for at least 30 bit periods (after medium bandwidth operation for instance). 0 0 hold the pll feedback loop is broken, allowing the rx clock to freewheel during signal fade periods. table 5: pll action measurement operational modes rxdcacq rx holdn rx level measure action 0 to 1 x clamp operates for one bit-time after a 0 to 1 transition of the rxdcacq input. the external capacitors are rapidly charged towards a voltage mid-way between the received signal input level and v bias , with the charge time-constant being of the order of 0.5 bit-time. 1 x fast peak detect the voltage detectors act as peak-detectors, one capacitor is used to capture the positive-going signal peaks of the rx filter output signal and the other capturing the negative-going peaks. the detectors operate in this mode whenever the rxdcacq input is at a logic 1, except for the initial 1-bit clamp-mode time. 0 1 averaging peak detect provides a slower but more accurate measurement of the signal peak amplitudes. 0 0 hold the capacitor charging circuits are disabled so that the outputs of the voltage detectors remain substantially at the last readings (discharging very slowly [time-constant approx. 2,000 bits] towards v bias ). x = do not care table 6: rx level measurement operational modes 4.2.3 rx clock extraction synchronized by a pll circuit to zero-crossings of the incoming data, the rx clock extraction circuitry controls the rx clock output. the rx clock is also used internally by the data extraction circuitry. the pll parameters can be varied by the rx circuit control inputs pllacq and rx holdn to operate in one of four pll modes as described in table 5 and table 6. 4.2.4 rx data extraction the rx data extraction circuit decides whether each received bit is a 1 or 0 by sampling the received signal, after filtering, and comparing the sample values to an adaptive threshold derived from the level measuring circuit. this threshold is adapted from bit to bit to compensate for intersymbol interference caused by the and limiting of the overall transmission path and the gaussian premodulation filter. extracted data is output from the rx data pin, and should be sampled externally on the rising edge of the rx clk.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 11 d/589a/3 4.2.5 rx s/n detection the rx s/n detector system classifies the incoming zero-crossings as good or bad depending upon the time when each crossing actually occurs with respect to its expected time as determined by the clock extraction pll. this information is then processed to provide a logic level output at the rx s/n pin. a high level indicates a series of good crossings; a low level indicates a bad crossing. by averaging this output, it is possible to derive a measure of the signal-to-noise-ratio and hence the bit-error-rate of the received signal. figure 6: typical bit-error-rate performance at v dd = 5.0v note : figure 6 indicates typical performance, independent of bit rate (although the applied noise bandwidth is considered to match the bit rate used), radio performance (e.g. if filter distortion), supply voltage (higher bit rates require v dd 3 4.5v), and other real world factors.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 12 d/589a/3 4.2.6 rx signal quality the effect of input rx signal quality on the rx s/n output is shown in figure 7. figure 7: typical rx s/n output high time (%) vs. input s/n 4.3 transmit 4.3.1 tx signal path description the binary data applied to the tx data input is retimed within the chip on each rising edge of the tx clock and then converted to a 1-volt peak-to-peak binary signal centred at v bias (for v dd = 5.0v) if the tx enable input is high, then this internal binary signal will be connected to the input of the lowpass tx filter, and the output of the filter connected to the tx out pin. tx enable tx filter input tx out pin 1 data @ 5 v dd v p-p e.g. 1v p-p for v dd =5v filtered tx filter input 0v bias v bias via 500k w a low input to the tx enable will connect the input of the tx filter to v bias , and disconnect the tx out pin from the filter, connecting it instead to v bias through a high resistance (nominally 500k w ). the tx filter has a lowpass frequency response, which is approximately gaussian in shape as shown in figure 9, to minimize amplitude and phase distortion of the binary signal while providing sufficient attenuation of the high frequency-components which would otherwise cause interference into adjacent radio channels. the actual filter bandwidth to be used in any particular application will be determined by the overall system requirements. the attenuation-vs.-frequency response of the transmit filtering provided by the cmx589a has been designed to meet the specifications for most gmsk modem systems that are -3db bandwidth switchable between 0.3 and 0.5 times the data bit-rate (bt). note : an external rc network is required between the tx out pin and the input to the frequency modulator (see figure 2 and figure 3). this network, which can form part of any dc level shifting and gain adjustment circuitry, forms an important part of the transmit signal filtering. the ground connection to capacitor c1 should be positioned to give maximum attenuation of high-frequency noise into the modulator.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 13 d/589a/3 the signal at tx out is centered around v bias , going positive for logic 1 (high) level inputs to the tx data input and negative for logic 0 (low) inputs. when the transmit circuits are put into a powersave mode (by a logic 1 to the tx ps pin) the output voltage of the tx filter will go to high impedance. when power is subsequently restored to the tx filter, its output will take several bit-times to settle. the tx enable input can be used to prevent these abnormal voltages from appearing at the tx out pin. figure 8: rx and tx clock data timings
gmsk modem cmx589a ? 1998 consumer microcircuits limited 14 d/589a/3 figure 9: tx filter response figure 10: typical transmit eye patterns
gmsk modem cmx589a ? 1998 consumer microcircuits limited 15 d/589a/3 figure 11: tx output spectrum (random data) 4.4 data formats the receive section of the cmx589a works best with data which has a reasonably random structure --the data should contain approximately the same number of ones as zeroes with no long sequences (>100 bits) of consecutive ones or zeroes. also, long sequences (>100 bits) of 10101010 ... patterns should be avoided. for this reason, it is recommended that data be made random in some manner before transmission, for example by exclusive-oring it with the output of a binary pseudo-random pattern generator. where data is transmitted in bursts, each burst should be preceded by a preamble designed to allow the receive modem to establish timing and level lock as quickly as possible. this preamble for bt=0.3 should be at least 16 bits long, and should preferably consist of alternating pairs of ones and zeros i.e. 110011001100....; the eye of pattern 10101010 .... has the most gradual slope and will yield poor peak levels for the rx circuits. for bt=0.5 the eye pattern of 10101010... has reduced intersymbol interference and may be used as the preamble (dc acq pin should be held high during preamble). see figure 5. 4.5 acquisition and hold modes the rxdcacq and pllacq inputs must be pulsed high for about 16 bits at the start of reception to ensure that the dc measurement and timing extraction circuits lock-on to the received signal correctly. once lock has been achieved, the above inputs should be taken low again. in most applications, there will be a dc step in the output voltage from the receiver fm discriminator due to carrier frequency offsets as channels are changed or when the remote transmitter is turned on. the cmx589a can tolerate dc offsets in the received signal of at least 10% of v dd with respect to v bias , (measured at the rx feedback pin). however, to ensure that the dc offset compensation circuit operates correctly and with minimum delay, the low to high transition of the rxdcacq and pllacq inputs should occur after the mean input voltage to the cmx589a has settled to within about 0.1v of its final value. note: this can place restrictions on the value of any series signal coupling capacitor.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 16 d/589a/3 as well as using the rx hold input to freeze the level measuring and clock extraction circuits during a signal fade, it may also be used in systems which use a continuously transmitting control channel to freeze the rx circuitry during transmission of a data packet, allowing reception to resume afterwards without losing bit synchronization. to achieve this, the cmx589a xtal clock needs to be accurate enough that the derived rxclock output does not drift by more than about 0.1 bit time from the actual received data-rate during the time that the rxhold input is low. however; the rxdcacq input may need to be pulsed high for 2 bit durations to re-establish the level measurements if the rxhold input is low for more that a few hundred bit-times (exact number depends on system crystal tolerances). the voltages on the doc1 and doc2 pins reflect the average peak positive and negative excursions of the (filtered) receive signal, and could therefore be used to derive a measure of the data signal amplitude. note: these pins are driven from very high-impedance circuits, so that the dc load presented by any external circuitry should exceed 10m w to v bias . 5 application 5.1 radio channel requirements to achieve legal adjacent channel performance at high bit-rates, a radio with an accurate carrier frequency and an accurate modulation index is required. for optimum channel utilization, (e.g. low ber and high data-rates) attention must be paid to the phase and frequency response of both the if and baseband circuitry. 5.1.1 bit rate, bt, and bandwidth the maximum data rate that can be transmitted over a radio channel depends on the following: channel spacing allowable adjacent channel interference tx filter bandwidth peak carrier deviation (modulation index) tx and rx carrier frequency accuracies modulator and demodulator linearity rx if filter frequency and phase characteristics use of error correction techniques acceptable error-rate as a guide to mobitex operation, a raw data-rate of 8kbps at 12.5khz channel spacing may be achievable - depending on local regulatory requirements- using a 2khz maximum deviation, a bt of 0.3, and no more than 1.5khz discrepancy between tx and rx carrier frequencies. forward error correction (fec) could then be used with interleaving to reduce the effect of burst errors. reducing the data-rate to 4.8kbps would allow the bt to be increased to 0.5, improving the error-rate performance. 5.1.2 fm modulator, demodulator and if for optimum performance, the eye pattern of the received signal (when receiving random data) applied to the cmx589a should be as close as possible to the transmit eye pattern examples shown in figure 10. of particular importance are general symmetry, cleanliness of the zero-crossings, and for a bt of 0.3, the relative amplitude of the inner eye opening. to achieve this, attention must be paid to: linearity and frequency/phase response of the tx frequency modulator. unless the transmit data is especially encoded to remove low frequency components, the modulator frequency response should extend down to a few hertz. this is because two-point modulation is necessary for synthesized radios. bandwidth and phase response of the rx if filters. accuracy of the tx and rx carrier frequencies -any difference will shift the received signal towards one of the skirts of the if filter response.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 17 d/589a/3 ideally, the rx demodulator should be dc coupled to the cmx589a rx signal in pin (with a dc bias added to center the signal at the rx feedback pin at v dd /2 [v bias ]). however, ac coupling can be used provided that: the 3db cut-off frequency is 20hz or below (i.e. a 0.1 m f capacitor in series with 100k w ). the data does not contain long sequences of consecutive ones or zeroes. sufficient time is allowed after a step change at the discriminator output (resulting from channel changing or the appearance of a rf carrier) for the voltage into the cmx589a to settle before the rxdcacq line is strobed. 5.1.3 two-point modulation when designing the cmx589a into a radio that uses a frequency synthesizer, a two-point modulation technique is recommended. this is both to prevent the radio's pll circuitry from counteracting the modulation process, and to provide a clean flat modulation response down to dc. figure 12 shows a suggested basic configuration to provide a two-point modulation drive from the cmx589a tx output using mx-com's mx019 digitally controlled quad amplifier array. the mx019 elements provide individual set-up, calibration and dynamic control of modulation levels. level setting control of the amplifiers/attenuators of the mx019 is via an 8-bit data word. note that the mx019 frequency response only supports data rates as high as 8kbps. with reference to figure 12: the buffer amplifier is required to prevent loading of the cmx589a external rc circuit. stage b, with r1/r2, provides suitable signal and dc levels for the vco varactor; c1 is rf decoupling. the drive level should be adjusted (digitally) to provide the desired deviation. stage c, with r3/r4, provides the reference oscillator drive (application dependent). this parameter is set by adjusting for minimum ac signal on the pll control voltage with a low-frequency modulating signal (inside the pll bandwidth) applied. stage d could be used with the components shown if a negative reference drive is required. stage a provides buffering and overall level control. figure 12: an example of two-point modulation drive with individual adjustment using the fx019
gmsk modem cmx589a ? 1998 consumer microcircuits limited 18 d/589a/3 5.2 ac coupling of tx and rx signals in practical applications, it is possible to arrange ac coupling between the cmx589a tx output and the frequency modulator to cut-off at a very low frequency, such as 5.0hz. ac coupling between the receive discriminator and the input of the cmx589a may need a shorter time-constant to avoid problems from voltage steps at the output of the discriminator when changing channels or when the distant transmitter turns on. for these reasons, as well as to maintain reasonable ber, the optimum C3db cut-off frequencies are around 5.0hz in the tx path and 20.0hz in the rx path. figure 13 shows the typical static bit-error-rate performance of the cmx589a operating under nominal conditions for various degrees of ac coupling at the rx input and the tx output. data rate = 8kbps v dd = 5.0v t amb = 25c tx bt = 0.3 figure 13: effect of ac coupling on typical bit-error rate any ac coupling at the receive input will transform any step in the voltage at the discriminator output to a slowly decaying pulse which can confuse the modems level measuring circuits. as illustrated in figure 14, the time for this step to decay to 37% of its original value is rc where: network ) rc the of fre q uenc y cutoff 3db ( the 2 1 rc p = which is 32ms, or 256 bit times at 8kbps, for a 5hz network. figure 14: decay time-ac coupling
gmsk modem cmx589a ? 1998 consumer microcircuits limited 19 d/589a/3 6 performance specifications 6.1 electrical specifications 6.1.1 absolute maximum limits exceeding these maximum ratings can result in damage to the device. general notes min. typ. max. units supply (v dd -v ss ) -0.3 7.0 v voltage on any pin to v ss -0.3 v dd + 0.3 v current v dd -30 30 ma v ss -30 30 ma any other pin -20 20 ma d2 / p4 packages total allowable power dissipation at t amb = 25 c 800 mw derating above 25 c 13 mw/ c operating temperature -40 85 c storage temperature -55 125 c d5 package total allowable power dissipation at t amb = 25 c 550 mw derating above 25 c 9 mw/ c operating temperature -40 85 c storage temperature -55 125 c e2 package total allowable power dissipation at t amb = 25 c 320 mw derating above 25c 5.3 mw/c operating temperature -40 85 c storage temperature -55 125 c table 7: absolute maximum ratings
gmsk modem cmx589a ? 1998 consumer microcircuits limited 20 d/589a/3 6.1.2 operating limits correct operation of the device outside these limits is not implied. notes min. typ. max. units supply (v dd -v ss ) 3.0 3.3/5.0 5.5 v operating temperature -40 85 c rx and tx data rate v dd 3 3.0v 4 32 kbps v dd 3 4.5v 4 200 kbps xtal frequency v dd 3 3.0v 1.0 5.0 mhz v dd 3 4.5v 1.0 16.0 mhz external clock frequency v dd 3 3.0v 1 1.0 5.0 mhz v dd 3 4.5v 1 1.0 25.6 mhz high pulse width 1 15 ns low pulse width 1 15 ns table 8: operating limits operating limits notes 1. timing for an external clock input to the xtal/clock pin.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 21 d/589a/3 6.1.3 operating characteristics for the following conditions unless otherwise specified. v dd = 5.0v @ t amb = 25 c xtal/clock frequency = 4.096mhz, data rate = 8kbps, noise bandwidth = bit rate static values notes min. typ. max. units supply current tx ps rx ps 1 i dd (v dd = 3.0v) 1 1 - 0.5 - ma 0 1 - 1.0 - ma 1 0 - 1.0 - ma 0 0 - 1.5 - ma i dd (v dd = 5.0v) 1 1 - 1.0 - ma 0 1 - 2.0 - ma 1 0 - 3.0 - ma 0 0 - 4.0 - ma input logic level logic 1 input level 3.5 - - v logic 0 input level - - 1.5 v logic input current 2 -5.0 - 5.0 m a output logic level logic 1 output level (i oh = 120 m a) 4.6 - - v logic 0 output level (i ol = -120 m a) - - 0.4 v transmit parameters - tx out pin dc bias shift caused by change from tx enable = 0 to tx enable = 1 while tx psave = 0 at 25 c -85.0 - 85.0 mv tx out, output impedance 3 - 1.0 - k w tx out, level 4, 10 0.8 1.0 1.2 v p-p output dc offset 12 -0.125 - 0.125 v tx data delay bt = 0.3 5 - 2.0 2.5 bit- periods bt = 0.5 5 - 1.5 2.0 bit- periods tx ps to output-stable time 6 - 4.0 - bit- periods receive parameters rx amplifier input impedance 1.0 - - m w output impedance 7 - 10.0 - k w voltage gain - 50.0 - db rx filter signal input level 8, 10 0.7 1.0 1.3 v p-p rx time delay 9 - - 3.0 bit-
gmsk modem cmx589a ? 1998 consumer microcircuits limited 22 d/589a/3 static values notes min. typ. max. units periods on-chip xtal oscillator r in 10.0 - - m w r out 11 - 50.0 - k w voltage gain 11 - 25.0 - db table 9: operating characteristics operating characteristics notes: 1. not including current drawn from the cmx589a pins by external circuitry. see absolute maximum ratings. 2. for v in in the range v ss to v dd . 3. for a load of 10k w or greater. tx ps input at logic 0; tx enable = 1. 4. data pattern of 1111000011110000 5. measured between the rising edge of tx clock and the centre of the corresponding bit at tx out. 6. time between the falling edge of the tx ps and the tx out voltage stabilizing to normal output levels. 7. for a load of 10k w or greater. rx ps input at logic 0. 8. for optimum performance, measured at the rx feedback pin for an 1111000011110000 pattern. 9. measured between the center of bit at rx signal in and corresponding rising edge of the rx clock. 10. levels are proportional to applied v dd 11. small signal measurement at 1.0khz with no load on xtal output. 12. (tx out enabled dc level) C (tx out disabled dc level) when transmitting a repeating 11110000 bit pattern.
gmsk modem cmx589a ? 1998 consumer microcircuits limited 23 d/589a/3 6.2 packages figure 15: 24-pin tssop mechanical outline: order as part no. cmx589ae2 figure 16: 24-pin ssop mechanical outline: order as part no. cmx589ad5
gmsk modem cmx589a handling precautions: this product includes input protection, however, precautions should be taken to prevent device damage from electro-static discharge. cml does not assume any responsibility for the use of any circuitry described. no ipr or circu it patent licences are implied. cml reserves the right at any time without notice to change the said circuitry and this product specification. cml has a policy of testing every product shipped using calibrated test equipment to ensure compliance with thi s product specification. specific testing of all circuit parameters is not necessarily performed. 1 wheaton road witham - essex cm8 3td - england telephone: +44 1376 513833 telefax: +44 1376 518247 e-mail: sales@cmlmicro.co.uk website: http://www.cmlmicro.co.uk figure 17: 24-pin soic mechanical outline: order as part no. CMX589AD2 figure 18: 24-pin pdip mechanical outline: order as part no. cmx589ap4


▲Up To Search▲   

 
Price & Availability of CMX589AD2

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X