Part Number Hot Search : 
UB10803 GRM21BR GRM21B 150CT NAS1835 12N15 VP3030 PM9311
Product Description
Full Text Search
 

To Download CMBT2222 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  continental device india limited data sheet page 1 of 4 silicon planar epitaxial transistors n?p?n silicon transistors marking CMBT2222 = lb CMBT2222a = lp absolute maximum ratings CMBT2222 CMBT2222a collector?base voltage (open ernitter) v cb0 max. 60 75 v collector?emitter voltage (open base) v ce0 max. 30 40 v emitter base voltage (open collector) v eb0 max. 5,0 6,0 v collector current (d.c.) i c max. 600 ma total power dissipation up to t amb = 25 c p tot max. 250 mw d.c. current gain i c = 150ma; v ce = 10v h fe 100 to 300 lc = 500ma; v ce = 10v h fe >30 40 transition frequency at f = 100 mhz i c = 20 ma; v ce = 20 v f t > 250 300 mhz CMBT2222 CMBT2222a package outline details all dimensions in mm pin configuration 1 = base 2 = emitter 3 = collector 3 2 1 sot-23 formed smd package continental device india limited an iso/ts16949 and iso 9001 certified company
continental device india limited data sheet page 2 of 4 ratings (at t a = 25c unless otherwise specified) limiting values CMBT2222 CMBT2222a collector?base voltage (open emitter) v cbo max. 60 75 v collector?emitter voltage (open base) v ceo rnax. 30 40 v emitter?base voltage (open collector) v ebo max. 5,0 6,0 v collector current (d.c,) i c max. 600 ma total power dissipation up to t amb = 25 c p tot max. 250 mw storage temperature range t stg ?55 to +150 c junction temperature t j max. 150 c thermal resistance from junction to ambient r th j?a 500 k/w characteristics t j = 25 c unless otherwise specified CMBT2222 CMBT2222a collector cut?off current i e = 0; v cb = 50 v i cbo < 0,01 m a i e = 0; v cb = 60 v i cbo < ? 0,01 m a i e = 0; v cb = 50 v; t i ? 125 c i cbo <10 ? m a i e = 0; v cb = 60 v; t j = 125 c i cbo 30 40v i c = 100m a; i e = 0 v (br)cbo >60 75v i c = 0; i e = 10m av (br)ebo > 5,0 6,0 v CMBT2222 CMBT2222a
continental device india limited data sheet page 3 of 4 CMBT2222 CMBT2222a d.c. current gain i c = 0,1 ma; v ce = 10v h fe >35 i c = 1 ma; v ce = 10v h fe >50 l c = 10 ma; v ce = 10 v h fe >75 l c = 10 ma; v ce = 10 v; t amb = ?55 c h fe >35 i c = 150ma; v ce = 10v h fe 100 to 300 i c = 150 ma; v ce = 1 v h fe >50 i c = 500 ma; v ce = 10 v h fe >30 40 transition frequency at f = 100 mhz i c = 20 ma; v ce = 20 v f t > 250 300 mhz output capacitance at f = 1 mhz i e = 0; v cb = 10v co < 8,0 pf input capacitance at f = 1 mhz i c = 0; v eb = 0,5v ci < 30 25 pf noise figure at r s = 1 kw i c = 100 m a; v ce = 10v; f = 1 khz f < 4,0 db switching times (between 10% and 90% levels) turn?on time switched to i c = 150 ma delay time t d <10ns rise time t r <25ns turn?off time switched from i c = 150 ma storage time t s < 225 ns fall time t f <60ns small signal current gain v ce = 10v; i c = 1 ma; f = 1 khz h fe >50 < 300 v ce = 10v; i c = 10ma; f = 1 khz h fe >75 < 375 CMBT2222 CMBT2222a
continental device india limited data sheet page 4 of 4 customer notes disclaimer the product information and the selection guides facilitate selection of the cdil's discrete semiconductor device(s) best suite d for application in your product(s) as per your requirement. it is recommended that you completely review our data sheet(s) so a s to confirm that the device(s) meet functionality parameters for your application. the information furnished on the cdil web sit e/ cd are believed to be accurate and reliable. cdil however, does not assume responsibility for inaccuracies or incomplete information. furthermore, cdil does not assume liability whatsoever, arising out of the application or use of any cdil product; neither does it convey any license under its patent rights nor rights of others. these products are not designed for use in lif e saving/support appliances or systems. cdil customers selling these products (either as individual discrete semiconductor devices or incorporated in their end products), in any life saving/support appliances or systems or applications do so at their own risk and cdil will not be responsible for any damages resulting from such sale(s). cdil strives for continuous improvement and reserves the right to change the specifications of its products without prior notic e. cdil is a registered trademark of continental device india limited c-120 naraina industrial area, new delhi 110 028, india. telephone + 91-11-2579 6150, 5141 1112 fax + 91-11-2579 5290, 5141 1119 email@cdil.com www.cdisemi.com


▲Up To Search▲   

 
Price & Availability of CMBT2222

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X