Part Number Hot Search : 
NJU3504 RZ3538A FR101 BH5510KV N33T1G B0515 A3031 AN792
Product Description
Full Text Search
 

To Download BMT1214B325-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  symbol parameters rating units absolute maximum ratings: v cc collector-supply voltage 45 v p diss power dissipation 1250 w i c collector current 25 a t j junction temperature 200 o c t stg storage temperature -65 to 200 o c symbol parameters & conditions unit min. typ. max. v cb = 45 v, i c = 7.22 a, class c silicon microwave power transistor bipolarics inc. part number BMT1214B325-50 features: ? p out = 325 w @ 1.2 - 1.4 ghz ? high gain g pe = 6.4 db @ 1.2 - 1.4 ghz ? high gain bandwidth product f t = 6.5 ghz @ i c = 7.22 a ? high reliability gold metallization nitride passivation ? input/output impedance matching ? ballasted emitter ? hermetic stripline beo package ? common base p 1db power output at 1 db compression: f = 1.2 - 1.4 ghz w 325 collector efficiency class c % 50 h fe forward current transfer ratio: v cb = 45 v, i c = 7.22 a 20 60 100 c ob output capacitance: f = 1 mhz, i e = 0 pf 14.0 p t total power dissipation w 650 performance data: jc thermal resistance 4.5 c/w thermal data: bpt1214b325-50 is a 325 watt npn microwave transistor designed for pulse power amplifier applica- tions in the 1.2 to 1.4 ghz range. avionics application include iff, tacan, and dme. advanced process- ing techniques such as ion implanted junctions, ballast resistors, gold metallized oxide isolation and nitrade passivations assure high performance and reliability. hermetic beo package with gold-tin seal is compat- ible with the most demanding high reliability industrial and military standards. package 50: 0.500" x 0.400" 2 lead flange description:
silicon microwave power transistor bipolarics inc. part number BMT1214B325-50 page 2


▲Up To Search▲   

 
Price & Availability of BMT1214B325-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X