Part Number Hot Search : 
UPD71 VV5430 ABC3821 VIPER1 E2023NL LP2NAC6V AM29L UPD80C49
Product Description
Full Text Search
 

To Download BLM2312 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  BLM2312 pb free product n-channel enhancement mode power mosfet description the BLM2312 uses advanced trench technology to provide excellent r ds(on) , low gate charge and operation with gate voltages as low as 2.5v. this device is suitable for use as a battery protection or in ot her switching application. general features v ds = 20v,i d = 4.5a r ds(on) < 40m ? @ v gs =2.5v r ds(on) < 33m ? @ v gs =4.5v high power and current handing capability lead free product is acquired surface mount package application battery protection load switch power management d g s schematic diagram marking and pin assignment sot-23 top view package marking and ordering information device marking device device package reel size tape width quantity 2312 BLM2312 sot-23 ?180mm 8 mm 3000 units absolute maximum ratings (t a =25 unless otherwise noted) parameter symbol limit unit drain-source voltage v ds 20 v gate-source voltage v gs 12 v t a =25 4.5 continuous drain current t a =70 i d 3.6 a drain current-pulsed (note 1) i dm 13.5 a maximum power dissipation p d 1.25 w operating junction and st orage temperature range t j ,t stg -55 to 150 thermal characteristic thermal resistance,junction-to-ambient (note 2) r ja 100 /w electrical characteristics (t a =25 unless otherwise noted) parameter symbol condition min typ max unit off characteristics drain-source breakdown voltage bv dss v gs =0v i d =250 a 20 22 - v page1 www.belling.com.cn v2.0
pb free product zero gate voltage drain current i dss v ds =20v,v gs =0v - - 1 a gate-body leakage current i gss v gs =12v,v ds =0v - - 100 na on characteristics (note 3) gate threshold voltage v gs(th) v ds =v gs ,i d =250 a 0.5 0.65 1.2 v v gs =2.5v, i d =4.0 a - 33 40 m ? drain-source on-state resistance r ds(on) v gs =4.5v, i d =4.5a - 22 33 m ? forward transconductance g fs v ds =10v,i d =4a - 10 - s dynamic characteristics (note4) input capacitance c lss - 500 - pf output capacitance c oss - 300 - pf reverse transfer capacitance c rss v ds =8v,v gs =0v, f=1.0mhz - 140 - pf switching characteristics (note 4) turn-on delay time t d(on) - 20 40 ns turn-on rise time t r - 18 40 ns turn-off delay time t d(off) - 60 108 ns turn-off fall time t f v dd =10v,i d =1a v gs =4.5v,r gen =6 ? - 28 56 ns total gate charge q g - 10 15 nc gate-source charge q gs - 2.3 - nc gate-drain charge q gd v ds =10v,i d =3a,v gs =4.5v - 2.9 - nc drain-source diode characteristics diode forward voltage (note 3) v sd v gs =0v,i s =1a - - 1.2 v diode forward current (note 2) i s - - 1 a notes: 1. repetitive rating: pulse width limited by maximum junction temperature. 2. surface mounted on fr4 board, t 10 sec. 3. pulse test: pulse width 300 s, duty cycle 2%. 4. guaranteed by design, not subject to production BLM2312 page2 www.belling.com.cn v2.0
pb free product typical electrical and thermal characteristics vgs rgen vin g vdd rl vout s d figure 1:switching test circuit t j -junction temperature( ) figure 3 power dissipation vds drain-source voltage (v) figure 5 output characteristics v in v out 10% 10% 50% 50% pulse width inverted t d(on) 90% t r t on 90% 10% t off t d(off) t f 90% v in v out 10% 10% 50% 50% pulse width inverted t d(on) 90% 90% t r t on 90% 10% t off t d(off) t f 90% figure 2:switching waveforms t j -junction temperature( ) figure 4 drain current i d - drain current (a) figure 6 drain-source on-resistance p d power(w) i d - drain current (a rdson on-resistance(m ) i d - drain current (a) BLM2312 page3 www.belling.com.cn v2.0
pb free product vgs gate-source voltage (v) figure 7 transfer characteristics vgs gate-source voltage (v) figure 9 rdson vs vgs qg gate charge (nc) figure 11 gate charge t j -junction temperature( ) figure 8 drain-source on-resistance vds drain-source voltage (v) figure 10 capacitance vs vds vsd source-drain voltage (v) figure 12 source- drain diode forward i d - drain current (a) rdson on-resistance(m ) vgs gate-source voltage (v) normalized on-resistance c capacitance (pf) i s - reverse drain current (a) BLM2312 page4 www.belling.com.cn v2.0
pb free product vds drain-source voltage (v) figure 13 safe operation area square wave pluse duration(sec) figure 14 normalized maximum transient thermal impedance r(t),normalized effective transient thermal im p edance i d - drain current (a) BLM2312 page5 www.belling.com.cn v2.0
pb free product sot-23 package information dimensions in millimeters symbol min. max. a 0.900 1.150 a1 0.000 0.100 a2 0.900 1.050 b 0.300 0.500 c 0.080 0.150 d 2.800 3.000 e 1.200 1.400 e1 2.250 2.550 e 0.950typ e1 1.800 2.000 l 0.550ref l1 0.300 0.500 0 8 notes 1. all dimensions are in millimeters. 2. tolerance 0.10mm (4 mil) unless otherwise specified 3. package body sizes exclude mold flash and gate burrs. mold flash at the non-lead sides should be less than 5 mils. 4. dimension l is measured in gauge plane. 5. controlling dimension is millimeter, converted inch dimensions are not necessarily exact. BLM2312 page6 www.belling.com.cn v2.0


▲Up To Search▲   

 
Price & Availability of BLM2312

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X