Part Number Hot Search : 
HS18390 0EVKI 16200 ED1003CT DT74ALV LTC17 GCX1217 AT45DB32
Product Description
Full Text Search
 

To Download BB56502V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
   for uhf-tv-tuners  high capacitance ratio  low series inductance  low series resistance  excellent uniformity and matching due to "in-line" matching assembly procedure bb545 bb565/-02v   type package configuration l s (nh) marking bb545 bb565 bb 565-02v sod323 scd80 sc79 single single single 1.8 0.6 0.6 white u cc c maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit diode reverse voltage v r 30 v peak reverse voltage r  5k  v rm 35 forward current i f 20 ma operating temperature range t op -55 ... 150 c storage temperature t stg -55 ... 150 bb545 /bb565... product specification 1 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com t variable capacitance diode y
bb545 /bb565... electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. dc characteristics reverse current v r = 30 v v r = 30 v, t a = 85 c i r - - - - 10 200 na ac characteristics diode capacitance v r = 1 v, f = 1 mhz v r = 2 v, f = 1 mhz v r = 25 v, f = 1 mhz v r = 28 v, f = 1 mhz c t 18.5 13.2 1.85 1.8 20 14.8 2.07 2 21.5 16.4 2.28 2.2 pf capacitance ratio v r = 1 v, v r = 28 v, f = 1 mhz c t1 / c t28 9 10 11 - capacitance ratio v r = 2 v, v r = 25 v, f = 1 mhz c t2 / c t25 6.3 7.2 8.1 capacitance matching 1) v r = 1v to 28v, f = 1 mhz, 7 diodes sequence, bb545 v r = 1v to 28v, f = 1 mhz, 4 diodes sequence, bb565/ -02v v r = 1v to 28v, f = 1 mhz, 7 diodes sequence, bb565/ -02v  c t / c t - - - - 0.5 0.7 2.5 1.5 2 % series resistance v r = 3 v, f = 470 mhz r s - 0.6 -  1 for details please refer to application note 047 product specification 2 of 2 4008-318-123 sales@twtysemi.com http://www.twtysemi.com


▲Up To Search▲   

 
Price & Availability of BB56502V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X