Part Number Hot Search : 
BA2903KN 2N1651 EF100 GV860 13003A CXXXE TC2000 AD10201
Product Description
Full Text Search
 

To Download AZ100LVEL33DR1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  az10lvel33 az100lvel33 ecl/pecl 4 divider 1630 s. stapley dr., suite 125 ? mesa, arizona 85204 ? usa ? (480) 962-5881 ? fax (480) 890-2541 www.azmicrotek.com arizona microtek, inc. features ? operating range of 3.0v to 5.5v ? 470ps propagation delay ? 4.0ghz toggle frequency ? internal input pulldown resistors ? direct replacement for on semiconductor mc10el33, mc100el33 and mc100lvel33 ? transistor count = 91 devices description the az10/100lvel33 is an integrated 4 divider. the reset pin is asynchronous and clears the output (q low, q high) on the rising edge. upon power-up, the internal flip-flop will be in a random logic state; the reset allows for the synchronization of multiple lvel33?s in a system. the lvel33 provides a v bb output for single-end use or a dc bias reference for ac coupling to the device. for single-ended input applications, the v bb reference should be connected to one side of the clk/ clk differential input pair. the input signal is then fed to the other clk/ clk input. the v bb pin can support 1.0ma sink/source current. when used, the v bb pin should be bypassed to ground via a 0.01 f capacitor. note: specifications in the ecl/pecl tables are valid when thermal equilibrium is established. logic diagram and pinout assignment 1 4 3 2 6 5 7 8 r 4 reset clk v bb v cc q v ee clk q package availability package part no. marking mlp 16 az10/100lvel33l azml33 mlp 16 az10/100lvel33lr1 azml33 mlp 16 az10/100lvel33lr2 azml33 soic 8 az10lvel33d azm10lvel33 soic 8 t&r az10lvel33dr1 azm10lvel33 soic 8 t&r az10lvel33dr2 azm10lvel33 soic 8 az100lvel33d azm100lvel33 soic 8 t&r AZ100LVEL33DR1 azm100lvel33 soic 8 t&r az100lvel33dr2 azm100lvel33 tssop 8 az10lvel33t aztlv33 tssop 8 t&r az10lvel33tr1 aztlv33 tssop 8 t&r az10lvel33tr2 aztlv33 tssop 8 az100lvel33t azhlv33 tssop 8 t&r az100lvel33tr1 azhlv33 tssop 8 t&r az100lvel33tr2 azhlv33 pin description pin function clk, clk clock inputs reset asynch reset v bb reference voltage output q, q data outputs v cc positive supply v ee negative supply
az10lvel33 az100lvel33 march 2002 * rev - 1 www.azmicrotek.com 2 absolute maximum ratings are those values beyond which device life may be impaired. symbol characteristic rating unit v cc pecl power supply (v ee = 0v) 0 to +8.0 vdc v i pecl input voltage (v ee = 0v) 0 to +6.0 vdc v ee ecl power supply (v cc = 0v) -8.0 to 0 vdc v i ecl input voltage (v cc = 0v) -6.0 to 0 vdc i out output current --- continuous --- surge 50 100 ma t a operating temperature range -40 to +85 c t stg storage temperature range -65 to +150 c 10k ecl dc characteristics (v ee = -3.0v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1080 -890 -1020 -840 -980 -810 -910 -720 mv v ol output low voltage 1 -1950 -1650 -1950 -1630 -1950 -1630 -1950 -1595 mv v ih input high voltage -1230 -890 -1170 -840 -1130 -810 -1060 -720 mv v il input low voltage -1950 -1500 -1950 -1480 -1950 -1480 -1950 -1445 mv v bb reference voltage -1430 -1300 -1380 -1270 -1350 -1250 -1310 -1190 mv i il input low current -150 -150 -150 -150 a i ih input high current 150 150 150 150 a i ee power supply current 27 33 27 33 27 33 27 33 ma 1. each output is terminated through a 50 ? resistor to v cc ? 2v. 10k lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 2220 2410 2280 2460 2320 2490 2390 2580 mv v ol output low voltage 1,2 1350 1650 1350 1670 1350 1670 1350 1705 mv v ih input high voltage 1 2070 2410 2130 2460 2170 2490 2240 2580 mv v il input low voltage 1 1350 1800 1350 1820 1350 1820 1350 1855 mv v bb reference voltage 1 1870 2000 1920 2030 1950 2050 1990 2110 mv i il input low current -150 -150 -150 -150 a i ih input high current 150 150 150 150 a i ee power supply current 27 33 27 33 27 33 27 33 ma 1. for supply voltages other that 3.3v, use the ecl table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v. 10k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3920 4110 3980 4160 4020 4190 4090 4280 mv v ol output low voltage 1,2 3050 3350 3050 3370 3050 3370 3050 3405 mv v ih input high voltage 1 3770 4110 3830 4160 3870 4190 3940 4280 mv v il input low voltage 1 3050 3500 3050 3520 3050 3520 3050 3555 mv v bb reference voltage 1 3570 3700 3620 3730 3650 3750 3690 3810 mv i il input low current -150 -150 -150 -150 a i ih input high current 150 150 150 150 a i ee power supply current 27 33 27 33 27 33 27 33 ma 1. for supply voltages other that 5.0v, use the ecl table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v.
az10lvel33 az100lvel33 march 2002 * rev - 1 www.azmicrotek.com 3 100k ecl dc characteristics (v ee = -3.0v to -5.5v, v cc = gnd) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit v oh output high voltage 1 -1085 -1005 -880 -1025 -955 -880 -1025 -955 -880 -1025 -955 -880 mv v ol output low voltage 1 -1830 -1695 -1555 -1810 -1705 -1620 -1810 -1705 -1620 -1810 -1705 -1620 mv v ih input high voltage -1165 -880 -1165 -880 -1165 -880 -1165 -880 mv v il input low voltage -1810 -1475 -1810 -1475 -1810 -1475 -1810 -1475 mv v bb reference voltage -1380 -1260 -1380 -1260 -1380 -1260 -1380 -1260 mv i il input low current -150 -150 -150 -150 a i ih input high current 150 150 150 150 a i ee power supply current 27 33 27 33 27 33 31 37 ma 1. each output is terminated through a 50 ? resistor to v cc ? 2v. 100k lvpecl dc characteristics (v ee = gnd, v cc = +3.3v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 2215 2295 2420 2275 2345 2420 2275 2345 2420 2275 2345 2420 mv v ol output low voltage 1,2 1470 1605 1745 1490 1595 1680 1490 1595 1680 1490 1595 1680 mv v ih input high voltage 1 2135 2420 2135 2420 2135 2420 2135 2420 mv v il input low voltage 1 1490 1825 1490 1825 1490 1825 1490 1825 mv v bb reference voltage 1 1920 2040 1920 2040 1920 2040 1920 2040 mv i il input low current -150 -150 -150 -150 a i ih input high current 150 150 150 150 a i ee power supply current 27 33 27 33 27 33 31 37 ma 1. for supply voltages other that 3.3v, use the ecl table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v. 100k pecl dc characteristics (v ee = gnd, v cc = +5.0v) -40 c 0 c 25 c 85 c symbol characteristic min t yp max min t yp max min t yp max min t yp max unit v oh output high voltage 1,2 3915 3995 4120 3975 4045 4120 3975 4045 4120 3975 4045 4120 mv v ol output low voltage 1,2 3170 3305 3445 3190 3295 3380 3190 3295 3380 3190 3295 3380 mv v ih input high voltage 1 3835 4120 3835 4120 3835 4120 3835 4120 mv v il input low voltage 1 3190 3525 3190 3525 3190 3525 3190 3525 mv v bb reference voltage 1 3620 3740 3620 3740 3620 3740 3620 3740 mv i il input low current -150 -150 -150 -150 a i ih input high current 150 150 150 150 a i ee power supply current 27 33 27 33 27 33 31 37 ma 1. for supply voltages other that 5.0v, use the ecl table values and add supply voltage value. 2. each output is terminated through a 50 ? resistor to v cc ? 2v.
az10lvel33 az100lvel33 march 2002 * rev - 1 www.azmicrotek.com 4 ac characteristics (v ee = -3.0v to -5.5v; v cc = gnd or v ee = gnd; v cc = +3.0v to +5.5v) -40 c 0 c 25 c 85 c symbol characteristic min typ max min typ max min typ max min typ max unit f max maximum toggle frequency 3.4 4.0 3.8 4.0 3.8 4.0 3.8 4.0 ghz t plh / t phl propagation delay clk to q reset to q 360 310 450 460 540 610 320 340 460 460 550 580 380 360 470 460 560 560 400 380 490 480 580 580 ps t rr reset recovery 300 300 300 300 ps t skew within-device skew 20 20 20 20 ps v pp (ac) minimum input swing 1 150 150 150 150 mv v cmr common mode range 2 vpp < 500mv vpp 500mv v ee + 1.2 1.4 v cc - 0.4 0.4 v ee + 1.1 1.3 v cc - 0.4 0.4 v ee + 1.1 1.3 v cc - 0.4 0.4 v ee + 1.1 1.3 v cc - 0.4 0.4 v t r / t f output rise/fall times q (20% - 80%) 100 260 100 260 100 260 100 260 ps 1. v pp is the minimum peak-to-peak differential input swing for which ac parameters are guaranteed. 2. the v cmr range is referenced to the most positive side of the differential input signal. no rmal operation is obtained if the high leve l falls within the specified range and peak to peak voltage lies between v pp (min) and 1v. clk reset q figure 1. timing diagram clk reset nc v ee q 4 3 2 1 58 7 6 10 9 12 11 nc clk nc 13 14 15 16 nc nc nc nc 10k 16mlp q v cc v bb
az10lvel33 az100lvel33 march 2002 * rev - 1 www.azmicrotek.com 5 millimeters inches dim min max min max a 1.75 0.069 a 1 0.10 0.25 0.004 0.010 a 2 1.25 1.45 0.049 0.057 a 3 0.25 0.01 b p 0.36 0.49 0.014 0.019 c 0.19 0.25 0.0075 0.0100 d 4.8 5.0 0.19 0.20 e 3.8 4.0 0.15 0.16 e 1.27 0.050 h e 5.80 6.20 0.228 0.244 l 1.05 0.041 l p 0.40 1.00 0.016 0.039 q 0.60 0.70 0.024 0.028 v 0.25 0.01 w 0.25 0.01 y 0.10 0.004 z 0.30 0.70 0.012 0.028 0 o 8 o 0 o 8 o n otes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm. package diagram soic 8
az10lvel33 az100lvel33 march 2002 * rev - 1 www.azmicrotek.com 6 package diagram tssop 8 millimeters dim min max a 1.10 a 1 0.05 0.15 a 2 0.80 0.95 a 3 0.25 b p 0.25 0.45 c 0.15 0.28 d 2.90 3.10 e 2.90 3.10 e 0.65 h e 4.70 5.10 l 0.94 l p 0.40 0.70 v 0.10 w 0.10 y 0.10 z 0.35 0.70 0 o 6 o n otes: 1. dimensions d and e do not include mold protrusion. 2. maximum mold protrusion for d is 0.15mm. 3. maximum mold protrusion for e is 0.25mm.
az10lvel33 az100lvel33 march 2002 * rev - 1 www.azmicrotek.com 7 n otes 1. dimensioning and tolerancing conform to asme t14-1994. 2. the terminal #1 and pad numbering convention shall conform to jesd 95-1 spp-012. 3. dimension b applies to metallized pad and is measured between 0.25 and 0.30mm from pad tip. 4. coplanarity applies to the exposed pad as well as the terminals. millimeters dim min max a 0.80 1.00 a1 0.00 0.05 a3 0.25 ref b 0.18 0.30 d 2.90 3.10 d2 0.25 1.95 e 2.90 3.10 e2 0.25 1.95 e 0.50 bsc l 0.30 0.50 aaa 0.25 bbb 0.10 ccc 0.10 package diagram mlp 16
az10lvel33 az100lvel33 march 2002 * rev - 1 www.azmicrotek.com 8 arizona microtek, inc. reserves the right to change circuitry a nd specifications at any time without prior notice. arizona mic rotek, inc. makes no warranty, representation or guarant ee regarding the suitability of its products for any particular purpose, nor does a rizona microtek, inc. assume any liability arising out of the applica tion or use of any product or ci rcuit and specifically disclaims any and all liability, including without limitation special, consequential or inci dental damages. arizona microtek, inc. does not convey a ny license rights nor the rights of others. arizona microtek, inc. products are not designed, intended or authorized for use as component s in systems intended to support or sustain life, or for any other applicati on in which the failure of the arizona microtek, inc. product cou ld create a situation where personal injury or death may occur. should bu yer purchase or use arizona microtek, inc. products for any such unintended or unauthorized application, buyer shall indemnify a nd hold arizona microtek, inc. a nd its officers, employees, subs idiaries, affiliates, and distributor s harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising ou t of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthori zed use, even if such claim al leges tha t arizona microtek, inc. was negligent regarding the design or manufacture of the part.


▲Up To Search▲   

 
Price & Availability of AZ100LVEL33DR1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X