b-29 rev. 5.21.15 853-016 size #12 diferential twinax pin contact for use with mighty mouse and series 79 micro-crimp size #12 diferential twinax pin contact for multi-gigabit data rate applications these solder terminated #12 twinax pin contacts accept 100 ohm twinax cable. current rating is 1 amp. dwv rating is 500 vac rms sea level, 125 vac at 70,000 feet. contacts are packaged individually and shipped unassembled with instruction sheet. one contact consists of outer contact and center contact. all contacts are gold-plated copper alloy. 5000 megohm insulation resistance at 200vdc. mates with: 853-015. ideally suited for multi-gigabit data rate applications such as 1000 base-t gigabit ethernet. material and finish contact body: copper alloy/gold plated center contact: copper alloy/gold plated electrical parameters diferential impedence: 100-ohms nominal frequency range: dc to 10 ghz vswr: 1.1+(.03* f ghz) insertion loss: 1/3* f ghz dielectric withstanding voltage: 500 vrms insulation resistence: 5000 megohms minimum notes contact is designed to accommodate glenair p/n 963-102-30 cable. for assembly instructions, see ai85014. pin contact shall mate with glenair socket contact p/n 853-015-xx. for use in glenair mighty mouse and series 79 micro-crimp connectors only. pcb tail-equipped contacts also available. consult factory. d e s i g n e d f o r u s e w i t h 8 5 3 - 0 1 6 - 0 1 963-102-30 diferential pair cable alignment key ? .096 (2.44) max ? .182 (4.62) max ? .151 (3.84) max ? .126 (3.20) max .300 (7.62) max .560 (14.2) max .030 (0.76) glenair differential pair cable (ref. only) .040 (1.02) .033 (.084) type glenair part no. military part no. awg wire size cable accommodation impedence frequency range vswr insertion loss pin 853-016-01 n/a 30 963-102-30 100-ohms nominal dc to 10 ghz 1.1 + (.03 * f ghz) 1/3 *f ghz shielded contacts glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 ? 2012 glenair, inc. printed in u.s.a. cage code 06324 www.glenair.com e-mail: sales@glenair.com b
|