Part Number Hot Search : 
SMCJ43 4HCT3 CA14461 RT9228GS 00118 BUW84 00029 10A12
Product Description
Full Text Search
 

To Download 74HC151PW Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation file under integrated circuits, ic06 december 1990 integrated circuits 74hc/hct151 8-input multiplexer for a complete data sheet, please also download: the ic06 74hc/hct/hcu/hcmos logic family specifications the ic06 74hc/hct/hcu/hcmos logic package information the ic06 74hc/hct/hcu/hcmos logic package outlines
december 1990 2 philips semiconductors product speci?cation 8-input multiplexer 74hc/hct151 features true and complement outputs multifunction capability permits multiplexing from n lines to 1 line non-inverting data path see the 251 for the 3-state version output capability: standard i cc category: msi general description the 74hc/hct151 are high-speed si-gate cmos devices and are pin compatible with low power schottky ttl (lsttl). they are specified in compliance with jedec standard no. 7a. quick reference data gnd = 0 v; t amb =25 c; t r =t f = 6 ns notes 1. c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i +? (c l v cc 2 f o ) where: f i = input frequency in mhz f o = output frequency in mhz ? (c l v cc 2 f o ) = sum of outputs c l = output load capacitance in pf v cc = supply voltage in v 2. for hc the condition is v i = gnd to v cc for hct the condition is v i = gnd to v cc - 1.5 v ordering information see 74hc/hct/hcu/hcmos logic package information . symbol parameter conditions typical unit hc hct t phl / t plh propagation delay c l = 15 pf; v cc =5 v i n to y, y 1719ns s n to y, y 1920ns e to y 1213ns e to y 1418ns c i input capacitance 3.5 3.5 pf c pd power dissipation capacitance per package notes 1 and 2 40 40 pf
december 1990 3 philips semiconductors product speci?cation 8-input multiplexer 74hc/hct151 pin description pin no. symbol name and function 4, 3, 2, 1, 15, 14, 13, 12 i 0 to i 7 multiplexer inputs 5 y multiplexer output 6 y complementary multiplexer output 7 e enable input (active low) 8 gnd ground (0 v) 11, 10, 9 s 0 , s 1 , s 2 select inputs 16 v cc positive supply voltage fig.1 pin configuration. fig.2 logic symbol. fig.3 iec logic symbol.
december 1990 4 philips semiconductors product speci?cation 8-input multiplexer 74hc/hct151 function table notes 1. h = high voltage level l = low voltage level x = dont care. inputs outputs es 2 s 1 s 0 i 0 i 1 i 2 i 3 i 4 i 5 i 6 i 7 yy h xxxxxxxxxxxh l l l l l l l l l l l l l l l h h l h x x x x l h x x x x x x x x x x x x x x x x x x x x x x x x h l h l l h l h l l l l l l l l h h h h l l h h x x x x x x x x l h x x x x l h x x x x x x x x x x x x x x x x h l h l l h l h l l l l h h h h l l l l l l h h x x x x x x x x x x x x x x x x l h x x x x l h x x x x x x x x h l h l l h l h l l l l h h h h h h h h l l h h x x x x x x x x x x x x x x x x x x x x x x x x l h x x x x l h h l h l l h l h fig.4 functional diagram. fig.5 logic diagram.
december 1990 5 philips semiconductors product speci?cation 8-input multiplexer 74hc/hct151 dc characteristics for 74hc for the dc characteristics see 74hc/hct/hcu/hcmos logic family specifications . output capability: standard i cc category: msi ac characteristics for 74hc gnd = 0 v; t r =t f = 6 ns; c l = 50 pf symbol parameter t amb ( c) unit test conditions 74hc v cc (v) waveforms + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay i n to y 52 19 15 170 34 29 215 43 37 255 51 43 ns 2.0 4.5 6.0 fig.6 t phl / t plh propagation delay i n to y 58 21 17 185 37 31 230 46 39 280 56 48 ns 2.0 4.5 6.0 fig.6 t phl / t plh propagation delay s n to y 61 22 18 185 37 31 230 46 39 280 56 48 ns 2.0 4.5 6.0 fig.7 t phl / t plh propagation delay s n to y 61 22 18 205 41 35 255 51 43 310 62 53 ns 2.0 4.5 6.0 fig.7 t phl / t plh propagation delay e to y 41 15 12 125 25 21 155 31 26 190 38 32 ns 2.0 4.5 6.0 fig.7 t phl / t plh propagation delay e to y 47 17 14 145 29 25 180 36 31 220 44 38 ns 2.0 4.5 6.0 fig.7 t thl / t tlh output transition time 19 7 6 75 15 13 95 19 16 110 22 19 ns 2.0 4.5 6.0 figs 6 and 7
december 1990 6 philips semiconductors product speci?cation 8-input multiplexer 74hc/hct151 dc characteristics for 74hct for the dc characteristics see 74hc/hct/hcu/hcmos logic family specifications . output capability: standard i cc category: msi note to hct types the value of additional quiescent supply current ( d i cc ) for a unit load of 1 is given in the family specifications. to determine d i cc per input, multiply this value by the unit load coefficient shown in the table below. ac characteristics for 74hct gnd = 0 v; t r =t f = 6 ns; c l = 50 pf input unit load coefficient i n s n e 0.45 1.50 0.30 symbol parameter t amb ( c) unit test conditions 74hct v cc (v) waveforms + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay i n to y 22 38 48 57 ns 4.5 fig.6 t phl / t plh propagation delay i n to y 22 38 48 57 ns 4.5 fig.6 t phl / t plh propagation delay s n to y 23 41 51 62 ns 4.5 fig.7 t phl / t plh propagation delay s n to y 25 43 54 65 ns 4.5 fig.7 t phl / t plh propagation delay e to y 16 29 36 44 ns 4.5 fig.7 t phl / t plh propagation delay e to y 21 36 45 54 ns 4.5 fig.7 t thl / t tlh output transition time 7 15 19 22 ns 4.5 figs 6 and 7
december 1990 7 philips semiconductors product speci?cation 8-input multiplexer 74hc/hct151 ac waveforms package outlines see 74hc/hct/hcu/hcmos logic package outlines . fig.6 waveforms showing the multiplexer input (i n ) to outputs (y and y) propagation delays and the output transition times. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v. fig.7 waveforms showing the select input (s n ) and enable input ( e) to outputs (y and y) propagation delays and the output transition times. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v.


▲Up To Search▲   

 
Price & Availability of 74HC151PW

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X