Part Number Hot Search : 
D2544 AM7438N DC608F CO55C 100302DC 74HC2 MDFB51 TA0702A
Product Description
Full Text Search
 

To Download 1N4148W Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 156 - bav16w / 1N4148W surface mount fast switching diode voltage range 75 volts 400m watts power dissipation features  fast switching speed  surface mount package ideally suited for automatic insertion  for general purpose switching applications  high conductance mechanical data  case: sod-123, molded plastic  terminals: solderable per miil-std-202, method 208  polarity: cathode band  marking: date code and t ype code or date code only type code: t6, t4  weight: 0.01 gram (approx. ) sod-123 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25  ambient temperature unless otherwise specified. maximum ratings type number symbol value units non-repetitive peak reverse voltage vrm 100 v peak repetitive reverse voltage working peak reverse voltage dc blocking voltage vrrm vrwm vr 75 v rms reverse voltage vr(rms) 53 v forward continuous current (note 1) ifm 300 ma average rectifier output current (note 1) io 150 ma non-repetitive peak forward surge current @ t=1.0us @ t=1.0s ifsm 2.0 1.0 a power dissipation (note 1) pd 400 mw thermal resistance junction to ambient air (note 1) r  ja 315 k/w operating and storage temperature range t j , t stg -65 to + 150 o c electrical characteristics type number symbol min max units forward voltage if=1.0ma if= 10ma if = 50ma if=150ma vf - 0.715 0.855 1.0 1.25 v peak reverse current vr=75v vr=75v, tj=150   vr=25v, tj=150   vr=20v ir - 1.0 50 30 25 ua na junction capacitance vr=0, f=1.0mhz cj - 2.0 pf reverse recovery time (note 2) trr - 4.0 ns notes: 1. valid provided that terminals are kept at ambient temperature. 2. reverse recovery test conditions: if=ir=10ma, irr=0.1 x ir, rl=100  0.053(1.35) max. 0.006(0.15) typ. min. 0.010(0.25) min. 0.004(0.10) max. 0.067(1.70) 0.55(1.40) 0.022(0.55) typ. min. 0.152(3.85) 0.140(3.55) 0.112(2.85) 0.100(2.55)
ratings and characteristic curves (bav16w / 1N4148W) fig.1- forward characteristics fig.2- leakage current vs junction temperature i , instantaneous for ward current (ma) f v , instantaneous forward voltage (v) f i , leakage current (na) r t , junction temperature ( c) j o fig.3- admissible power dissipation vs ambient temperature 0 0 0 0 0 ta m b mw pd 100 200 c o 50 100 200 300 400 500 v =20v r 100 200 10 100 1000 10,000 0.01 12 0.1 1.0 10 100 1000 - 157 -


▲Up To Search▲   

 
Price & Availability of 1N4148W

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X