Part Number Hot Search : 
750L05 IRGPC40S IRF540 P4KE24 102M5 DURG38A CCF6054 LTC24
Product Description
Full Text Search
 

To Download ZXMN10A09KTC Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  zxmn10a09k document number ds32045 rev. 7 - 2 1 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k 100v n-channel enhanceme nt mode mosfet product summary v (br)dss r ds(on) i d t a = 25 c 100v 85m ? @ v gs = 10v 7.7a 100m ? @ v gs = 6v 7.1a description and applications this mosfet features low on-resistance, fast switching and a high avalanche withstand capability, maki ng it ideal for high efficiency power management applications. ? dc-dc converters ? power management functions ? disconnect switches ? motor control ? uninterrupted power supply features and benefits ? low input capacitance ? low on-resistance ? fast switching speed ? ?green? component and rohs compliant (note 1) ? qualified to aec-q101 standards for high reliability mechanical data ? case: to252-3l ? case material: molded plastic ?green? molding compound, ul flammability classification rating 94v-0 (note 1) ? moisture sensitivity: level 1 per j-std-020 ? terminal connections: see diagram ? terminals: matte tin finish annealed over copper leadframe. solderable per mil-std-202, method 208 ? weight: 0.33 grams (approximate) ordering information (note 1) product marking reel size (inches) tape width (mm) quantity per reel ZXMN10A09KTC zxmn10a09 13 16 2,500 notes: 1. diodes, inc. defines ?green? products as those whic h are rohs compliant and contain no halogens or antimony compounds ; further information about diodes inc.?s ?green? policy can be found on our website. for packaging details, go to our website. marking information top view pin out ? top view equivalent circuit d s g gs d d to252-3l zxmn 10a09 yyww zxmn = product type marking code, line 1 10a09 = product type marking code, line 2 yyww = date code marking yy = year (ex: 09 = 2009) ww = week (01-52)
zxmn10a09k document number ds32045 rev. 7 - 2 2 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k maximum ratings @t a = 25c unless otherwise specified characteristic symbol value unit drain-source voltage v dss 100 v gate-source voltage v gs 20 v continuous drain current v gs = 10v (note 3) t a = 70 c (note 3) (note 2) i d 7.7 6.2 5.0 a pulsed drain current v gs = 10v (note 4) i dm 27 a continuous source current (body diode) (note 3) i s 11 a pulsed source current (body diode) (note 4) i sm 27 a thermal characteristics @t a = 25c unless otherwise specified characteristic symbol value unit power dissipation linear derating factor (note 2) p d 4.31 34.4 w mw/ c (note 3) 10.1 80.8 (note 6) 2.15 17.2 thermal resistance, junction to ambient (note 2) r ja 29 c/w (note 3) 12.3 (note 6) 58 thermal resistance, junction to lead (note 5) r jl 1.14 c/w operating and storage temperature range t j , t stg -55 to 150 c notes: 2. for a device surface mounted on 50mm x 50mm x 1.6mm fr4 pcb with high coverage of single sided 2oz copper, in still a ir conditions; the device is measured when operating in a steady-state condition. 3. same as note 2, except the device is measured at t 10 sec. 4. same as note 2, except the device is pulsed with d = 0.02 and pulse width 300 s. the pulse current is limited by the maxim um junction temperature. 5. thermal resistance from junction to so lder-point (at the end of the drain lead). 6. for a device surface mounted on 25mm x 25mm x 1.6mm fr4 pcb with the high coverage single sided 1oz copper, in still air con ditions; the device is measured when operating in a steady-state condition.
zxmn10a09k document number ds32045 rev. 7 - 2 3 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k thermal characteristics 100 1m 10m 100m 1 10 100 1k 0 10 20 30 40 50 60 1 10 100 10m 100m 1 10 11 01 0 0 10m 100m 1 10 t amb =25c 25mm x 25mm 1oz fr4 r ds(on) limit 100s 1ms 10ms 100ms 1s dc safe operating area i d drain current (a) v ds drain-source voltage (v) 0 20 40 60 80 100 120 140 160 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 50mm x 50mm 2oz fr4 25mm x 25mm 1oz fr4 derating curve temperature (c) max power dissipation (w) 100 1m 10m 100m 1 10 100 1k 0 5 10 15 20 25 30 t amb =25c 25mm x 25mm 1oz fr4 transient thermal impedance d=0.5 d=0.2 d=0.1 single pulse d=0.05 thermal resistance (c/w) pulse width (s) 100 1m 10m 100m 1 10 100 1k 1 10 100 25mm x 25mm 1oz fr4 50mm x 50mm 2oz fr4 safe operating area single pulse t amb =25c pulse power dissipation pulse width (s) max power dissipation (w) d=0.1 d=0.05 single pulse d=0.2 d=0.5 t amb =25c 50mm x 50mm 2oz fr4 transient thermal impedance pulse width (s) thermal resistance (c/w) t amb =25c 50mm x 50mm 2oz fr4 100s 1ms 10ms 100ms 1s dc r ds(on) limit v ds drain-source voltage (v) i d drain current (a)
zxmn10a09k document number ds32045 rev. 7 - 2 4 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k electrical characteristics @t a = 25c unless otherwise specified characteristic symbol min typ max unit test condition off characteristics drain-source breakdown voltage bv dss 100 ? ? v i d = 250 a, v gs = 0v zero gate voltage drain current i dss ? ? 1 a v ds = 100v, v gs = 0v gate-source leakage i gss ? ? 100 na v gs = 20v, v ds = 0v on characteristics gate threshold voltage v gs(th) 2 ? 4 v i d = 250 a, v ds = v gs static drain-source on-resistance (note 7) r ds (on) ? ? 0.085 ? v gs = 10v, i d = 4.6a 0.100 v gs = 6v, i d = 4.2a forward transconductance (notes 7 & 8) g fs ? 10.7 ? s v ds = 15v, i d = 4.6a diode forward voltage (note 7) v sd ? 0.850 0.950 v i s = 4.7a, v gs = 0v reverse recovery time (note 8) t rr ? 40 ? ns i s = 3.0a, di/dt = 100a/ s reverse recovery charge (note 8) q rr ? 62 ? nc dynamic characteristics (note 8) input capacitance c iss ? 1313 ? pf v ds = 50v, v gs = 0v f = 1mhz output capacitance c oss ? 83 ? pf reverse transfer capacitance c rss ? 56 ? pf total gate charge (note 9) q g ? 17.2 ? nc v gs = 6v v ds = 50v, i d = 4.6a total gate charge (note 9) q g ? 26.0 ? nc v gs = 10v gate-source charge (note 9) q gs ? 5.6 ? nc gate-drain charge (note 9) q gd ? 7.6 ? nc turn-on delay time (note 9) t d(on) ? 6.8 ? ns v dd = 50v, v gs = 10v i d = 1.0a, r g ? 25 turn-on rise time (note 9) t r ? 5.3 ? ns turn-off delay time (note 9) t d(off) ? 27.5 ? ns turn-off fall time (note 9) t f ? 12.3 ? ns notes: 7. measured under pulsed conditions. pulse width 300 s; duty cycle 2% 8. for design aid only, not subject to production testing. 9. switching characteristics are indepe ndent of operating junction temperatures.
zxmn10a09k document number ds32045 rev. 7 - 2 5 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k typical characteristics 0.1 1 10 1 10 0.1 1 10 1 10 345 0.1 1 10 -50 0 50 100 150 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 0.1 1 10 0.1 1 0.2 0.4 0.6 0.8 1.0 1.2 0.01 0.1 1 10 3.5v 10v 5v 4v output characteristics t = 25c 4.5v v gs i d drain current (a) v ds drain-source voltage (v) output characteristics 10v 3v 4.5v 5v 3.5v t = 150c v gs 4v i d drain current (a) v ds drain-source voltage (v) typical transfer characteristics v ds = 10v t = 25c t = 150c i d drain current (a) v gs gate-source voltage (v) normalised curves v temperature r ds(on) v gs = 10v i d = 4.6a v gs( th) v gs = v ds i d = 250ua normalised r ds(on) and v gs(th) tj junction temperature (c) 3.5v 4v 10v 5v 4.5v on-resistance v drain current t = 25c v gs r ds(on) drain-source on-resistance () i d drain current (a) t = 150c t = 25c source-drain diode forward voltage v sd source-drain voltage (v) i sd reverse drain current (a)
zxmn10a09k document number ds32045 rev. 7 - 2 6 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k typical characteristics - continued 0.1 1 10 100 0 500 1000 1500 2000 c rss c oss c iss v gs = 0v f = 1mhz c capacitance (pf) v ds - drain - source voltage (v) 0 5 10 15 20 25 30 0 2 4 6 8 10 v ds = 50v i d = 4.6a gate-source voltage v gate charge capacitance v drain-source voltage q - charge (nc) v gs gate-source voltage (v) test circuits current regulator charge gate charge test circuit switching time test circuit basicgatechargewaveform switching time waveforms d.u.t 50k 12v same as d.u.t v gs v gs v ds v g q gs q gd q g v gs 90% 10% t (on) t (on) t d(on) t r t r t v ds dd v r d r g v ds i d i g d(off)
zxmn10a09k document number ds32045 rev. 7 - 2 7 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k package outline dimensions dim inches millimeters dim inches millimeters min max min max min max min max a 0.086 0.094 2.18 2.39 e 0.090 bsc 2.29 bsc a1 - 0.005 - 0.127 h 0.370 0.410 9.40 10.41 b 0.020 0.035 0.508 0.89 l 0.055 0.070 1.40 1.78 b2 0.030 0.045 0.762 1.14 l1 0.108 ref 2.74 ref b3 0.205 0.215 5.21 5.46 l2 0.020 bsc 0.508 bsc c 0.018 0.024 0.457 0.61 l3 0.035 0.065 0.89 1.65 c2 0.018 0.023 0.457 0.584 l4 0.025 0.040 0.635 1.016 d 0.213 0.245 5.41 6.22 l5 0.045 0.060 1.14 1.52 d1 0.205 - 5.21 - 1 0 10 0 10 e 0.250 0.265 6.35 6.73 ? 0 15 0 15 e1 0.170 - 4.32 - - - - - - suggested pad layout 5.8 0.228 1.6 0.063 6.2 0.244 3.0 0.118 6.17 0.243 2.58 0.101 mm inches
zxmn10a09k document number ds32045 rev. 7 - 2 8 of 8 www.diodes.com january 2010 ? diodes incorporated a product line o f diodes incorporated zxmn10a09k important notice diodes incorporated makes no warranty of any kind, express or implied, with regarding to this document, including, but not limited to, the implied warranties of merchantability and fitness for a particular purpose (and their equivalents under the laws of any jurisdiction). diodes incorporated and its subsidiaries rese rve the right to make modifications, enhanc ements, improvements, corrections or ot her changes without further notice to this document and any product descri bed herein. diodes incorporated does not assume any liability arising out of the application or use of this document or an y product described herein; neither does di odes incorporated convey any license under its patent or trademark rights, nor the rights of others. any customer or us er of this document or products described herein in such applica tions shall assume all risks of such use and will agree to hold diodes incorporated a nd all the companies whose products are represented on diodes incorporated website, harmless against all damages. diodes incorporated does not warrant or accept any liability whatsoever in respect of any products purchased through unauthoriz ed sales channel. should customers purchase or use diodes inco rporated products for any unintended or una uthorized application, customers shall i ndemnify and hold diodes incorporated and its representativ es harmless against all claims, damages, expenses, and attorney fees arising out of, directly or indirectly, any claim of personal injury or death a ssociated with such unintended or unauthorized application. products described herein may be covered by one or more united states, international or foreign patents pending. product names and markings noted herein may also be covered by one or more united states, international or foreign trademarks. life support diodes incorporated products are specifically not authorized for use as critical component s in life support devices or systems without the express written approval of the chief executive offi cer of diodes incorporated. as used herein: a. life support devices or syst ems are devices or systems which: 1. are intended to implant into the body, or 2. support or sustain life and whose failure to perform when proper ly used in accordance with instructions for use provided in the labeling can be reasonably expected to result in significant injury to the user. b. a critical component is any component in a life support dev ice or system whose failure to perform can be reasonably expect ed to cause the failure of the life support device or to affect its safety or effectiveness. customers represent that they have all necessary expertise in the safety and regulatory ramifi cations of their life support dev ices or systems, and acknowledge and agree that they are solely responsible for all legal, regulatory and safety-rel ated requirements concerning the ir products and any use of diodes incorporated products in such safety-critical, life support devices or systems, notwithstanding any devices- or s ystems-related information or support that may be provided by diodes incorporated. further, customers must fully indemnify diodes incorporate d and its representatives against any damages arisi ng out of the use of diodes incorporated pr oducts in such safety-critical, life suppor t devices or systems. copyright ? 2009, diodes incorporated www.diodes.com


▲Up To Search▲   

 
Price & Availability of ZXMN10A09KTC

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X