Part Number Hot Search : 
3B2065 MA4P7101 C2120 3TRG1 RB201 BC846A 3000T ASI10784
Product Description
Full Text Search
 

To Download XB-D-COLOR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cree xb-d color series features a pplications > cree's smallest lighting class led: 2.45 x 2.45 mm > non-directional > 1a maximum drive current > directional > wide viewing angle: 115(white) to 140 (red) > downlight > electrically neutral thermal path > consumer portable flux characteristics @ 85c color dwl (nm) kit used blue 465-485 0z01 green 520-535 0b01 red-orange 610-620 o 901 red 620-630 o 701 characteristics unit minimum typical maximum thermal resistance, junction to solder point - white, royal blue, blue c/w 6.5 thermal resistance, junction to solder point - green c/w 11 thermal resistance, junction to solder point - amber c/w 7 thermal resistance, junction to solder point - red-orange, red c/w 5 viewing angle (fwhm) - white degrees 115 viewing angle (fwhm) - royal blue, blue, green degrees 135 viewing angle (fwhm) - amber, red-orange, red degrees 140 temperature coefficient of voltage - white mv/c -2.5 temperature coefficient of voltage - royal blue, blue, green mv/c -3.3 temperature coefficient of voltage - amber, red-orange, red mv/c -2 esd classification (hbm per mil-std-883d) class 2 dc forward current ma 1000 reverse voltage v -5 forward voltage (@ 350 ma, 85 c) - white v 2.9 3.5 forward voltage (@ 350 ma, 25 c) - royal blue, blue v 3.1 3.7 forward voltage (@ 350 ma, 25 c) - green v 3.3 3.9 forward voltage (@ 350 ma, 25 c) - amber, red-orange, red v 2.25 2.6 led junction temperature c 150 it is highly recommended for the user to review the cree xbd series page for additional and most recent technical data at: http://www.cree.com/led-components-and-modules/products/xlamp/discrete-directional/xlamp-xbd cree xlamp xb-d color leds extend the double lumens-per-dollar performance of the xb package to color leds, delivering up to 40% higher maximum light output than xp-e color leds. the combination of performance and small size of xb-d color leds enable better color mixing and lower system cost. 80.6 67.2 cree xb-d color series on board min.flux (lm) @350ma 35.2 93.9 global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com
hardware (not included) > mount with #4 machine screws. > 16awg maximum wire gauge. > use only with constant current power supplies. pcb fabrication > layer count: 1 > core material: 6061-t6 aluminum > single layer copper weight: 1oz > solder mask: white > finishing plating: pb free hasl * exceeding maximum ratings may damage the led and cause potential safety hazards. * elevated operating temperatures can be expected to negatively impact the service life (lumen output) * all data is related to entire assembly. data reflects statistical mean values. actual data may differ depending on variances in the manufacturing process. * end users need to take into account the lumen depreciation as the temperature rises with various thermal solutions installed. note 1: using continuously under elevated loads (i.e. the application of high temperature/current/voltage or a significant change in temperature, etc.) may cause this product to significantly decrease in reliability even if the operating conditions are within the absolute maximum ratings. note 2: the thermal resistance from the led junction to ambient temperature, rth(j-a), should be kept below 10c/w so that the led is not exposed to a condition beyond the absolute maximum ratings. note 3: the temperature of the led assembly must be measured at the tc-point according to en60598-1 in a thermally constant status with a temperature sensor or a temperature sensitive label. cree xb-d color series on board global headquarters, 3 northway lane north, latham, ny 12110, usa www.marktechopto.com toll free: 1-800-984-5337 ? phone: 518-956-2980 ? fax: 518-785-4725 ? email: info@marktechopto.com


▲Up To Search▲   

 
Price & Availability of XB-D-COLOR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X