Part Number Hot Search : 
31TQFP 74F455 CA3079 SFT1010 30A600V ST6252C TFS65 MAX651
Product Description
Full Text Search
 

To Download TXN625 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  this is information on a product in full production. august 2014 docid7478 rev 9 1/11 tn2540, TXN625, tyn625, tyn825, tyn1225 standard 25 a scrs datasheet - production data features ? on-state rms current, i t(rms) 25 a ? repetitive peak off-state voltage, v drm /v rrm 600 to 1200 v ? triggering gate current, i gt 40 ma ? insulated package to-220ab ins ? insulating voltage 2500 v rms ? ul1557 certified (file ref. e81734) description these standard 25 a scrs are suitable for general purpose applications. using clip assembly technology, they provide a superior performance in surge current capabilities. TXN625rg is packaged in to-220ab ins. a k g d2pak to-220ab to-220ab insulated a a a a a k k k g g g g table 1. device summary order code voltage v drm /v rrm sensitivity i gt package 600 v 800 v 1200 v tn2540-600g-tr y 40 ma d 2 pak tn2540-800g-tr y 40 ma d 2 pak TXN625rg y 40 ma to-220ab ins tyn625rg y 40 ma to-220ab tyn825rg y 40 ma to-220ab tyn1225rg y 40 ma to-220ab www.st.com
characteristics tn2540, TXN625, tyn625, tyn825, tyn1225 2/11 docid7478 rev 9 1 characteristics table 2. absolute ratings (limiting values) symbol parameter value unit i t(rms) on-state rms current (180 conduction angle) to-220ab, d 2 pak t c = 100 c 25 a to-220ab ins t c = 83 c i t(av) average on-state current (180 conduction angle) t c = 100 c 16 a i tsm non repetitive surge peak on-state current t p = 8.3 ms t j = 25 c 314 a t p = 10 ms 300 i 2 ti 2 t value for fusing t p = 10 ms t j = 25 c 450 a 2 s di/dt critical rate of rise of on-state current i g = 2 x i gt , t r 100 ns f = 60 hz t j = 125 c 50 a/s i gm peak gate current t p = 20 s t j = 125 c 4 a p g(av) average gate power dissipation t j = 125 c 1 w t stg t j storage junction temperature range operating junction temperature range - 40 to + 150 - 40 to + 125 c v rgm maximum peak reverse gate voltage 5 v table 3. electrical characteristics (t j = 25 c, unless otherwise specified) symbol test conditions value unit i gt v d = 12 v r l = 33 min. 4 ma max. 40 v gt max. 1.3 v v gd v d = v drm r l = 3.3 k t j = 125 c min. 0.2 v i h i t = 500 ma gate open max. 50 ma i l i g = 1.2 x i gt max. 90 ma dv/dt v d = 67% v drm gate open t j = 125 c min. 1500 v/s v tm i tm = 50 a tp = 380 s t j = 25 c max. 1.6 v v t0 threshold voltage t j = 125 c max. 0.77 v r d dynamic resistance t j = 125 c max. 14 m i drm i rrm v drm = v rrm t j = 25 c max. 5a t j = 125 c 4 ma
docid7478 rev 9 3/11 tn2540, TXN625, tyn625, tyn825, tyn1225 characteristics 11 table 4. thermal resistances symbol parameter value unit r th(j-c) junction to case (dc) d 2 pak, to-220ab 1.0 c/w to-220ab ins 2.0 r th(j-a) junction to ambient (dc) s (1) = 1 cm 2 d 2 pak 45 c/w to-220ab, to-220ab ins 60 1. s = copper surface under tab. figure 1. maximum average power dissipation versus average on-state current figure 2. average and dc on-state current versus case temperature p(w) 0 2 4 6 8 10 12 14 16 18 20 22 0246810121416 i (a) t(av) 360 i(a) t(av) 0 2 4 6 8 10 12 14 16 18 20 22 24 26 28 0 25 50 75 100 125 d 2 pa k to-220ab to-220abins = 180 dc t (c) case figure 3. average and dc on-state current versus ambient temperature figure 4. relative variation of thermal impedance versus pulse duration (d 2 pak, and to-220ab) i(a) t(av) 0,0 0,5 1,0 1,5 2,0 2,5 3,0 3,5 0 25 50 75 100 125 d 2 pa k to-220ab to-220abins dc = 180 t (c) amb 1e-3 1e-2 1e-1 1e+0 1e+1 1e+2 5e+2 0.01 0.10 1.00 k=[z /r th th ] t (s) p z th(j-c) z th(j-a)
characteristics tn2540, TXN625, tyn625, tyn825, tyn1225 4/11 docid7478 rev 9 figure 5. relative variation of thermal impedance versus pulse duration (to-220ab ins) figure 6. relative variation of gate trigger, holding, and latching currents versus junction temperature k=[z /r th th ] 1,0e-02 1,0e-01 1,0e+00 1,0e-03 1,0e-02 1,0e-01 1,0e+00 1,0e+01 1,0e+02 1,0e+03 t (s) p z th(j-c) z th(j-a) -40 -20 0 20 40 60 80 100 120 140 0.0 0.5 1.0 1.5 2.0 2.5 t (c) j i,i,i[t] / gthl j i ,i ,i [t =25c] gthl j i gt i h & i l figure 7. surge peak on-state current versus number of cycles figure 8. non-repetitive surge peak on-state current, and corresponding values of i 2 t i(a) tsm 0 50 100 150 200 250 300 350 1 10 100 1000 non repetitive t j initial=25 c repetitive t c =83c t =10ms p one cycle number of cycles 0.01 0.10 1.00 10.00 100 1000 2000 i (a), i t (a s) tsm 22 sinusoidal pulse width t (ms) p i t 2 i tsm t initial = 25c j di/dt limitation figure 9. on-state characteristics (maximum values) figure 10. thermal resistance junction to ambient versus copper surface under tab (d 2 pak) i (a) tm 1 10 100 1000 0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 t j max : v to = 0.77v r d = 14m ? v (v) tm 0 4 8 1216202428323640 0 10 20 30 40 50 60 70 80 s(cm2) r (c/w) th(j-a) epoxy printed circuit board fr4, copper thickness = 35 m
docid7478 rev 9 5/11 tn2540, TXN625, tyn625, tyn825, tyn1225 ordering information schemes 11 2 ordering information schemes figure 11. tn2540-x00g ordering information scheme figure 12. TXN625rg ordering information scheme figure 13. tynx25rg ordering information scheme tn 25 40 - 600 g -tr standard scr series sensitivity voltage package packing mode current 25 = 25 a 40 = 40 ma 600 = 600 v 800 = 800 v g = d 2 pa k -tr = tape and reel txn 6 25 rg standard scr series in to-220ab ins packing mode voltage current 6 = 600 v 8 = 800 v 25 = 25 a rg = tube tyn 6 25 rg standard scr series in to-220ab packing mode voltage current 6 = 600 v 8 = 800 v 12 =1200 v 25 = 25 a rg = tube
package information tn2540, TXN625, tyn625, tyn825, tyn1225 6/11 docid7478 rev 9 3 package information ? epoxy meets ul94, v0 ? lead-free package ? recommended torque values (to-220ab, and to220ab ins): 0.4 to 0.6 nm in order to meet environmental requirements, st offers these devices in different grades of ecopack ? packages, depending on their level of environmental compliance. ecopack ? specifications, grade definitions and product status are available at: www.st.com . ecopack ? is an st trademark. figure 14. to-220ab (nins. & ins. 20-up) dimension definitions dr aft c b2 c2 f ? i l a a1 a2 b e b1 i4 l3 l2 c1 m
docid7478 rev 9 7/11 tn2540, TXN625, tyn625, tyn825, tyn1225 package information 11 table 5. to-220ab (nins. & ins. 20-up) dimension values ref. dimensions millimeters inches min. typ. max. min. typ. max. a 15.20 15.90 0.598 0.625 a1 3.75 0.147 a2 13.00 14.00 0.511 0.551 b 10.00 10.40 0.393 0.409 b1 0.61 0.88 0.024 0.034 b2 1.23 1.32 0.048 0.051 c 4.40 4.60 0.173 0.181 c1 0.49 0.70 0.019 0.027 c2 2.40 2.70 0.094 0.107 e 2.40 2.70 0.094 0.106 f 6.20 6.60 0.244 0.259 ?i 3.75 3.85 0.147 0.151 i4 15.80 16.40 16.80 0.622 0.646 0.661 l 2.65 2.95 0.104 0.116 i2 1.14 1.70 0.044 0.066 i3 1.14 1.70 0.044 0.066 m 2.60 0.102
package information tn2540, TXN625, tyn625, tyn825, tyn1225 8/11 docid7478 rev 9 figure 15. d 2 pak dimensions definitions g l l3 l2 b b2 b1 e 2mm min. flat zone a c2 d r a2 v2 c a1 e1 e2 d2 d1
docid7478 rev 9 9/11 tn2540, TXN625, tyn625, tyn825, tyn1225 package information 11 figure 16. d 2 pak footprint (dimensions in mm) table 6. d 2 pak dimensions values ref. dimensions millimeters inches min. typ. max. min. typ. max. a 4.30 4.60 0.169 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.70 0.93 0.027 0.037 b1 1.20 1.38 0.047 0.054 b2 1.25 1.40 0.048 0.055 c 0.45 0.60 0.017 0.024 c2 1.21 1.36 0.047 0.054 d 8.95 9.35 0.352 0.368 d1 7.5 8.0 0.295 0.314 d2 1.3 1.7 0.051 0.067 e 10.00 10.28 0.393 0.405 e1 8.3 8.7 0.326 0.342 e2 6.85 7.25 0.269 0.285 g 4.88 5.28 0.192 0.208 l 15.00 15.85 0.590 0.624 l2 1.27 1.40 0.050 0.055 r 0.40 0.016 v2 0 8 0 8 16.90 12.20 9.75 3.50 5.08 1.60 2.54
ordering information tn2540, TXN625, tyn625, tyn825, tyn1225 10/11 docid7478 rev 9 4 ordering information 5 revision history table 7. ordering information order code voltage sensitivity marking package weight base qty delivery mode tn2540-600g-tr 600 v 40 ma tn2540600g d 2 pak 1.5 g 1000 ta pe & reel tn2540-800g-tr 800 v 40 ma tn2540800g d 2 pak 1.5 g 1000 ta pe & reel TXN625rg 600 v 40 ma TXN625 to-220ab ins 2.3 g 50 tube tyn625rg 600 v 40 ma tyn625 to-220ab 2.3 g 50 tube tyn825rg 800 v 40 ma tyn825 to-220ab 2.3 g 50 tube tyn1225rg 1200 v 40 ma tyn1225 to-220ab 2.3 g 50 tube table 8. document revision history date revision changes apr-2002 4a previous update 13-feb-2006 5 to-220ab delivery mode changed from bulk to tube. ecopack statement added. 17-jun-2011 6 added TXN625. 13-sep-2011 7 added ul certification in features . 07-feb-2012 8 added tyn1225. 20-aug-2014 9 updated section 3: package information .
docid7478 rev 9 11/11 tn2540, TXN625, tyn625, tyn825, tyn1225 11 important notice ? please read carefully stmicroelectronics nv and its subsidiaries (?st?) reserve the right to make changes, corrections, enhancements, modifications, and improvements to st products and/or to this document at any time without notice. purchasers should obtain the latest relevant in formation on st products before placing orders. st products are sold pursuant to st?s terms and conditions of sale in place at the time of o rder acknowledgement. purchasers are solely responsible for the choice, selection, and use of st products and st assumes no liability for application assistance or the design of purchasers? products. no license, express or implied, to any intellectual property right is granted by st herein. resale of st products with provisions different from the information set forth herein shall void any warranty granted by st for such product. st and the st logo are trademarks of st. all other product or service names are the property of their respective owners. information in this document supersedes and replaces information previously supplied in any prior versions of this document. ? 2014 stmicroelectronics ? all rights reserved


▲Up To Search▲   

 
Price & Availability of TXN625

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X