Part Number Hot Search : 
AG12A 81007 0ZEG334 PPL2060 TDA4452 DI300 ADM2483 SMBJ36CA
Product Description
Full Text Search
 

To Download TM12864LCBG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specification for lcd module model no. tm12864lc b g prepared by: date: checked by : date: verified by : date: approved by: date: tianma microelectronics co., ltd ver.1.0
1/22 ver.1.0 revision record date ver. ref. page revision no. revision items
2/22 ver.1.0 1. general specifications: 1.1 display type: fstn 1.2 display color*: display color: blue-black background: white 1.3 polarizer mode: transflective/positive 1.4 viewing angle: 6:00 1.5 driving method: 1/65duty 1/9 bias 1.6 with touch panel (the detailed specification see appendix c) 1 . 7 b acklight : e l 1.8 data transfer: parallel 1.9 vdd=2.6~3.0v 1.10 lcd operating voltage: 9.5v 1.11 controller: s6b0724x01-b0cy 1.12 operating temperature: 0----+50 storage temperature: -20----+60 1.13 outline dimensions: refer to outline drawing on next page 1.14 dot matrix: 128 x64 1.15 dot size: 0.36x0.40(mm) 1.16 dot pitch: 0.39x0.43 (mm) 1.17 weight: 20g * color tone is slightly changed by temperature and driving voltage.

4/22 ver.1.0 3 lcd module part numbering system t m 12864 l c b g g:cog backlight type b : t r a n s f l e c t i v e / e l b a c k l i g h t lcd type c: fstn/positive module series module type 5 digits indicating number 128x64 dots t: tianma m: module
5/22 ver.1.0 4 circuit block diagram
6/22 ver.1.0 5 absolute maximum ratings item symbol min. max. unit remark power supply voltage v dd v ss -0.3 6.0 lcd driving voltage v lcd -0.3 12.0 v operating temperature range t op 0 +50 storage temperature range t st -20 +60 no condensation
7/22 ver.1.0 6 electrical specifications and instruction code 6.1 electrical characteristics item symbol min. typ. max. unit supply voltage (logic) v dd v ss 2.6 3.0 3.5 v supply voltage (lcd drive) v lcd - 9.5 - v high v ih v dd =3.0v 0.8v dd - v dd v input signal voltage low v il v dd =3.0v 0 - 0.2 v dd v supply current (logic) (display character) i dd v dd -v ss =3.0v - - 350.0 ua
8/22 ver.1.0 6.2 interface signals pin no. symbol level description 1 nc - no connection 2 nc - no connection 3 v0 9.5v power supply voltage for lcd 4 v4 - power supply voltage for lcd 5 v3 - power supply voltage for lcd 6 v2 - power supply voltage for lcd 7 v1 - power supply voltage for lcd 8 c2- - capacitor pin for voltage converter 9 c2+ - capacitor pin for voltage converter 10 c1+ - capacitor pin for voltage converter 11 c1- - capacitor pin for voltage converter 12 c3+ - capacitor pin for voltage converter 13 vout - dc/dc voltage converter output 14 vss 0v ground 15 vdd 3.0v power supply voltage for logic 16 d7 h/l data bits 7 17 d6 h/l data bits 6 18 d5 h/l data bits 5 19 d4 h/l data bits 4 20 d3 h/l data bits 3 21 d2 h/l data bits 2 22 d1 h/l data bits 1 23 d0 h/l data bits 0 24 rdb h/l read enable signal 25 wrb h/l write enable signal 26 rs h/l register select input pin 27 /res h/l reset input pin 28 cs1 h/l chip select input pin 29 nc - no connection
9/22 ver.1.0 6.3 interface timing chart ac characteristics read / write characteristics (8080-series mpu) t dh80 t od80 t ds80 t acc80 0.9v dd 0.1v dd t pw80(r) , t pw80(w) t cy80 t ah80 t as80 db 0 to db 7 (write) db 0 to db 7 (read) rd b , wr b cs1b (cs2=1) rs figure 30. read / write characteristics (8080-series mpu) (v dd = 2.4 to 3.6v, ta = -40 to +85 c) item signal symbol min. typ . max. unit remark address setup time address hold time rs t as80 t ah80 0 0 - - ns system cycle time rs t cy80 300 - - ns pulse width (wr b ) rw_wrb t pw80(w) 60 - - ns pulse width (rd b ) e_rdb t pw80(r) 60 - - ns data setup time data hold time t ds80 t dh80 40 15 - - ns read access time output disable time db7 to db0 t acc80 t od80 - 10 - 140 100 ns c l = 100 pf
10/22 ver.1.0 6.4 instruction code: instruction description instruction table : don't care instruction rs rw db7 db6 db5 db4 db3 db2 db1 db0 description display on / off 0 0 1 0 1 0 1 1 1 d on turn on/off lcd panel when d on = 0: display off when d on = 1: display on initial display line 0 0 0 1 s t 5 s t 4 s t 3 s t 2 s t 1 s t 0 specify ddram line for com0 set page address 0 0 1 0 1 1 p3 p2 p1 p0 set page address set column address msb 0 0 0 0 0 1 y7 y6 y5 y4 set column address msb set column address lsb 0 0 0 0 0 0 y3 y2 y1 y0 set column address lsb read status 0 1 busy adc on /off res etb 0 0 0 0 read the internal status write display data 1 0 write data write data into ddram read display data 1 1 read data read data from ddram adc select 0 0 1 0 1 0 0 0 0 adc select seg output direction when adc = 0 : normal direction (seg0 ? seg131) when a dc = 1 : reverse direction (seg131 ? seg0) reverse display on / off 0 0 1 0 1 0 0 1 1 rev select normal / reverse display when rev = 0 : normal display when rev = 1 : reverse display entire display on / off 0 0 1 0 1 0 0 1 0 eon select normal/entire display on when eon = 0 : normal display. when eon = 1 : entire display on lcd bias select 0 0 1 0 1 0 0 0 1 bias select lcd bias set modify-read 0 0 1 1 1 0 0 0 0 0 set modify-read mode reset modify-read 0 0 1 1 1 0 1 1 1 0 release modify-read mode reset 0 0 1 1 1 0 0 0 1 0 initialize the internal functions shl select 0 0 1 1 0 0 shl select com output direction when shl = 0 : normal direction (com0 ? com63) when shl = 1: reverse direction (com63 ? com0) power control 0 0 0 0 1 0 1 vc vr vf control power circuit operation regulator resistor select 0 0 0 0 1 0 0 r2 r1 r0 select internal resistance ratio of the regulator resistor set r eference v oltage m ode 0 0 1 0 0 0 0 0 0 1 set r eference v oltage m ode set r eference v oltage r egister 0 0 s v5 s v4 s v3 s v2 s v1 s v0 set r eference v oltage r egister set static indicator mode 0 0 1 0 1 0 1 1 0 sm set static indicator mode set static indicator register 0 0 s1 s0 set static indicator register power s ave - - - - - - - - - - compound instruction of display off and entire display on
11/22 ver.1.0 7 optical characteristics 7.1 optical characteristics ta=25 item symbol condition min. typ. max. unit x y =0 -30 -- 20 viewing angle y c r 2 x =0 -30 -- 30 deg contrast ratio c r x =0 y =0 3.0 - - turn on t on - - 300 response time turn off t off x =0 y =0 - - 300 ms
12/22 ver.1.0 7.2 definition of optical characteristics 7.2.1 definition of viewing angle top top bottom bottom 7.2.2 definition of contrast ratio brightness state selected brightness state unselected = b2/b1 = ratio contrast measuring conditions: 1) ambient temperature: 25 ; 2) frame frequency: 64hz 7.2.3 definition of response time turn on time: t on = t d + t r turn off time: t off = t d + t f measuring condition: 1) operating voltage: 9.5v 2) frame frequency: 64hz
13/22 ver.1.0 8 reliability 8.1 content of reliability test ta=25 no. test item content of test test condition 1 high temperature storage endurance test applying the high storage temperature for a long time 60 96h 2 low temperature storage endurance test applying the low storage temperature for a long time -20 96h 3 high temperature operation endurance test applying the electric stress (voltage current) and the thermal stress to the element for a long time 50 96h 4 low temperature operation endurance test applying the electric stress under low temperature for a long time 0 96h 5 high temperature /humidity storage endurance test applying the high temperature and high humidity storage for a long time 40 90%rh 96h 6 temperature cycle endurance test applying the low and high temperature cycle -20 25 60 25 30min 5min 30min 5min 1 cycle -20 /60 10 cycles 7 vibration test (package state) endurance test applying the vibration during transportation 10hz~150hz, 50m/s 2 , 40min 8 shock test (package state) endurance test applying the shock during transportation half- sine wave, 100m/s 2 , 11ms 9 atmospheric pressure test endurance test applying the atmospheric pressure during transportation by air 40kpa 16h
14/22 ver.1.0 8.2 failure judgment criterion test item no. criterion item 1 2 3 4 5 6 7 8 9 failure judgement criterion basic specification out of the basic specification electrical specification out of the electrical specification mechanical specification out of the mechanical specification optical characteristic out of the optical specification note for test item refer to 8.1 remark basic specification = optical specification + mechanical specification
15/22 ver.1.0 9 quality level inspection examination or test at t a =25 (unless otherwise stated) min. max. unit il aql external visual inspection under normal illumi-nation and eyesight condition, the dis-tance between eyes and lcd is 25cm. see appendix a ii major 1.0 minor 2.5 display defects under normal illumi-nation and eyesight condition, display on inspection. see appendix b ii major 1.0 minor 2.5 note: major defects: open segment or common, short, serious damages, leakage miner defects: others sampling standard conforms to gb2828
16/22 ver.1.0 10 precautions for use of lcd modules 10.1 handling precautions 10.1.1 the display panel is made of glass. do not subject it to a mechanical shock by dropping it from a high place, etc. 10.1.2 if the display panel is damaged and the liquid crystal substance inside it leaks out, be sure not to get any in your mouth, if the substance comes into contact with your skin or clothes, promptly wash it off using soap and water. 10.1.3 do not apply excessive force to the display surface or the adjoining areas since this may cause the color tone to vary. 10.1.4 the polarizer covering the display surface of the lcd module is soft and easily scratched. handle this polarizer carefully. 10.1.5 if the display surface is contaminated, breathe on the surface and gently wipe it with a soft dry cloth. if still not completely clear, moisten cloth with one of the following solvents: isopropyl alcohol ethyl alcohol solvents other than those mentioned above may damage the polarizer. especially, do not use the following: water ketone aromatic solvents 10.1.6 do not attempt to disassemble the lcd module. 10.1.7 if the logic circuit power is off, do not apply the input signals. 10.1.8 to prevent destruction of the elements by static electricity, be careful to maintain an optimum work environment. a. be sure to ground the body when handling the lcd modules. b. tools required for assembly, such as soldering irons, must be properly ground. c. to reduce the amount of static electricity generated, do not conduct assembly and other work under dry conditions. d. the lcd module is coated with a film to protect the display surface. be care when peeling off this protective film since static electricity may be generated.
17/22 ver.1.0 10.2 storage precautions 10.2.1 when storing the lcd modules, avoid exposure to direct sunlight or to the light of fluorescent lamps. 10.2.2 the lcd modules should be stored under the storage temperature range. if the lcd modules will be stored for a long time, the recommend condition is: temperature : 0 40 relatively humidity: 80% 10.2.3 the lcd modules should be stored in the room without acid, alkali and harmful gas. 10.3 the lcd modules should be no falling and violent shocking during transportation, and also should avoid excessive press, water, damp and sunshine.
18/22 ver.1.0 appendix a inspection items and criteria for appearance defects items contents criteria leakage not permitted rainbow according to the limit specimen wrong polarizer attachment not permitted not counted max. 3 defects allowed polarizer bubble between polarizer and glass <0.3mm 0.3mm 0.5mm scratches of polarizer according to the limit specimen not counted max. 3 spots allowed x<0.2mm 0.2mm x 0.5mm black spot (in viewing area) x=(a+b)/2 not counted max. 3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 2.0mm max. 3 spots (lines) allowed progressive cracks not permitted
19/22 ver.1.0 appendix a inspection item and criteria for appearance defects (continued) items contents criteria a b c 3mm w/5 t / 2 cracks on pads 2mm w/5 t/2 20/22 ver.1.0 appendix b inspection items and criteria for display defects items contents critera open segment or open common not permitted short not permitted wrong viewing angle not permitted contrast radio uneven according to the limit specimen crosstalk according to the limit specimen not counted max.3 dots allowed x<0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max.2 dots allowed pin holes and cracks in segment (dot) a<0.1mm 0.1mm a 0.2mm d<0.25mm max.3 dots allowed not counted max.3 spots allowed x<0.1mm 0.1mm x 0.2mm black spot (in viewing area) x=(a+b)/2 not counted max.3 lines allowed black line (in viewing area) a<0.02mm 0.02mm a 0.05mm b 0.5mm max.3 spots (lines) allowed
21/22 ver.1.0 appendix b inspection items and criteria for display defects (continued) items content critera not counted max. 2 defects allowed x 0.1mm 0.1mm x 0.2mm x=(a+b)/2 not counted max. 1 defects allowed a 0.1mm 0.1mm a 0.2mm d>0 max.3 defects allowed transfor- mation of segment max.2 defects allowed 0.8w a 1.2w a=measured value of width w=nominal value of width
22/22 ver.1.0 appendix c general standard specification of touch panel input method finger or stylus pen ito glass t=0.7mm,direction y(glass side):450 ? ~1400 ? (typical 800 ? ) ito film t=0.175mm,direction x(film side):200 ? ~800 ? (typical 300 ? ) operating temperature range 0c~50c storage temperature range -20c~60c surface hardness 3h-pressure 150gf hitting durability 2,000,000 times min. (tip r8.0mm) pen sliding durability 100,000 times min. (tip r0.8mm) insulation impedances dc25v,20m ? light transparency 77%min(typ 79%) linearity 1.5% operating voltage 5v dc operating force 130g less input with stylus pen (r0.8mm) or input with finger (r8.0mm) bouncing <15ms at on and off flexible pattern heat seal peeling strength 200g/cm (peeling upward by 90 deg.) flexible pattern bending resistances bending 3 times by bending radius r1.0mm flexible pattern insert/pull out resistances 5 times at least


▲Up To Search▲   

 
Price & Availability of TM12864LCBG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X