Part Number Hot Search : 
EL2150 E002665 245AD E561UAP CY7C10 KA2990D NCP1654 CAT59C11
Product Description
Full Text Search
 

To Download SK-015A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d v e electrical schematic unit: inch mm xxxx n l e i n l f d n l o a l f ig . b cu st o m er t ra ns fo rm er p ri m ar ie s 12 0v 12 0v f ig . a n g n e i l l f g d n o a l l 1. designed to meet globally accepted iec publication 320 class 1, that allows users to comply with industry standard in power entry requirement. o 2. connector for cold condition, with pin temperature 70 c max. 3. nickel-plated brass pins and soldering terminals.4. screw-on mount from front or rear (with screw type-m3). 5. fuse holder designed for one fuse and one spare fuse (both 5x20mm fuses). safety interlock prevents fuse removal with line plug inserted. 6. adapts to 1 10v or 240v input voltage simply by reversing the voltage selector.7. all part numbers are ul recognized, csa certified except for SK-015A which is ul listed. sk-1000 are demko, approved. sk-1017 is ul, csa approved. sk-1008 ul, csa, vde, ccc approved. sk-1007a ul, csa approved. sk-1007a is patented for new construction (r.o.c. patent no. 54606). SK-015A is ul, csa, vde, somko, ccc. approved 1. rated voltage: 250vac 2. minimum insulation resistance at 500vdc: 10m ohm3. dielectric strength (one minute): 2000vac between pins 4. flammability class: ul 94v-0 s k - 0 1 5 a m o u n t in g c u t o u t (f r o n t m o u n t in g ) 1 .0 8 m a x . 2 7 .5 m a x . 0 . 1 2 1 . 1 2 m a x . 2 8 . 5 m a x . 3 . 0 3 . 0 0 . 1 2 0 . 8 8 2 2 . 3 1 .5 7 5 4 0 .0 1 .1 9 3 0 .3 1 .9 7 m a x . 5 0 .0 m a x . r 0 .2 4 (4 x ) + 0 . 0 4 + 1 . 0 0 .1 3 (2 x ) 3 .3 (2 x ) - 1 2 . 0 0 . 5 - 0 . 4 7 0 . 0 2 r 6 .0 (4 x ) t h d . m 3 3 .5 0 .1 4 2 0 .0 m a x . 0 .7 9 m a x . 4 0 .0 0 .1 1 .5 7 5 0 .0 0 4 r 0 .1 5 7 m a x .( 4 x ) r 4 .0 m a x .( 4 x ) 9-1 + 0 + 0 - 1 1 7 . 0 - 0 . 6 7 0 . 0 4 + 0 . 0 2 + 0 . 5 - 1 5 . 0 0 - 0 . 5 9 0 + 0 . 0 0 8 + 0 . 2 - 2 0 . 0 0 0 . 7 9 - 0 + 0 .0 0 8 + 0 .2 - 2 7 .50 - 1 .0 80 screw mounting specifications type & rated current semko volt age selector fuse holder connector type (at 250v ac) rated current female male vde ul/csa delt a part number _ semko/nemko/seti/demko 10a/250vac _ sev/semko/nemko/demko 10a/250vac sk-1017/sk-1000 1. SK-015A rating remarks: 4. "s" for single fuse holder 3. voltage selector card ra ting _ ul/csa/vde 10a/250vac is a retained design 2. sk-1017 fuse holder single fuse holder on sk-1017 electrical schematic vde ccc csa ul - - - 10a 15a SK-015A sk-1000 fig. a s *4 - 10a 15a front *3 s *4 fig. b sk-1007a 10a 10a s *2 fig. a - 10a 15a sk-1017 type & rated current mechanical construction introductions electrical schematic p o w e r e n t r y m o d u l e s
s k - 1 0 0 0 s k - 1 0 1 7 s k - 1 0 0 7 a 1 .7 7 m a x . 4 5 .0 m a x . 3 6 . 0 m a x . 1 . 4 2 m a x . 3 6 .0 1 .4 1 7 1 . 2 6 3 2 . 0 2 8 .0 1 .1 0 6 .0 ( 3 x ) 0 .2 3 6 ( 3 x ) 2 9 .5 m a x . 1 .1 6 m a x . 0 .0 8 2 .0 0 .1 2 3 .0 2 8 .0 m a x . 1 .1 0 m a x . 3 0 . 0 3 5 . 0 m a x . 1 . 1 8 1 . 3 8 m a x . 2 7 .0 1 .0 6 3 1 .4 1 7 3 6 .0 4 5 .0 m a x . 1 .7 7 m a x . 0 .1 2 .5 0 .1 2 .5 0 . 2 0 6 7 . 0 2 8 .5 m a x . 1 .1 2 2 m a x . 0 .2 7 6 ( 2 x ) 7 .0 ( 2 x ) 1 .0 8 m a x . 2 7 .5 m a x . 3 1 . 5 m a x . 1 . 2 4 m a x . 4 5 .0 m a x . 2 8 .0 1 .1 0 1 .7 7 m a x . 1 .4 1 7 3 6 .0 t d h .m 3 2 7 . 5 1 . 0 8 1 . 2 2 3 4 . 0 m a x . 3 1 . 0 1 . 3 4 m a x . unit: inch mm 9-2 m o u n t in g c u t o u t (f r o n t m o u n t in g ) - 0. 940 - 24 .00 + 0. 02 + 0. 5 r 0. 08 (4 x ) r 2. 0( 4x ) r 0. 08 (4 x ) r 2. 0( 4x ) 3. 3( 2x ) 0. 13 (2 x ) r 0. 1m a x .( 4x ) r 2. 5m a x .( 4x ) 3. 5( 2x ) 0. 13 8( 2x ) - 1. 08 30 - 27 .50 + 0. 00 8 + 0. 2 36 .0 0. 1 1. 41 7 0 .0 04 - 1 . 2 4 0 - 3 1 . 5 0 + 0 . 0 0 8 + 0 . 2 r 0. 08 (4 x ) r 2. 0( 4x ) 3. 3( 2x ) 0. 13 (2 x ) t d h .m 3 m o u n t in g c u t o u t (f r o n t m o u n t in g ) r 0. 1 18 m a x .( 4x ) r 3. 0m a x .( 4x ) 3. 5( 2x ) 0. 13 8( 2x ) - 1. 08 30 - 27 .50 + 0. 00 8 + 0. 2 36 .0 0. 1 1. 41 7 0 .0 04 - 1 . 2 0 - 3 0 . 5 0 + 0 . 0 0 8 + 0 . 2 r 0. 08 (4 x ) r 2. 0( 4x ) 3. 3( 2x ) 0. 13 (2 x ) mechanical construction p o w e r e n t r y m o d u l e s


▲Up To Search▲   

 
Price & Availability of SK-015A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X