Part Number Hot Search : 
TBB512 AM29F016 B1205 P414KW ITA6V1U1 V1N3035C SIT8503 ACHIP
Product Description
Full Text Search
 

To Download SI2301 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  page:p -p1 plastic-encapsulate mosfets mako semiconductor co.,limited features high dense cell design for extremely low r ds(on) rugged and reliable case material: molded plastic. parameter symbol ratings units drain-source voltage vds -20 v gate-source voltage vgs 8 v drain current (continuous) id -2.8- a drain current (pulsed) 1 idm -10 a total power dissipation @ta=25oc pd 1.25 w operating junction and storage temperature range t j, t stg -55 to +150 c thermal resistance junction to ambient (pcb mounted) 2 r ja 100 c/w electrical characteristics (ta=25c, unless otherwise noted) parameter symbol test condition min typ max unit off characteristics drain-source breakdown voltage bv dss v gs = 0v, i d = -250a -20 v zero gate voltage drain current i dss v ds = -20v, v gs = 0v -1 a gate body leakage current, forward i gssf v gs = 8v, v ds = 0v 100 na gate body leakage current, reverse i gssr v gs = -8v, v ds = 0v -100 na on characteristics c gate threshold voltage v gs(th) v gs = v ds , i d = -250a -0.45 v static drain-source on-resistance r ds(on) v gs = -4.5v, i d = -2.8a 80 120 m ? v gs = -2.5v, i d = -2.0a 110 150 m ? forward transconductance g fs v ds = -5v, i d = -2.8a 8 s dynamic characteristics d input capacitance c iss v ds = -6v, v gs = 0v, f = 1.0 mhz 880 pf output capacitance c oss 270 pf reverse transfer capacitance c rss 175 pf switching characteristics d turn-on delay time t d(on) v dd = -6v, i d = -1a, v gs = -4.5v, r gen = 6 ? 11 20 ns turn-on rise time t r 5 10 ns turn-off delay time t d(off) 32 65 ns turn-off fall time t f 23 45 ns p-channel mosfet sot-23 1.gate 2.source 3.drain s g d SI2301 absolute maximum ratings (ta=25 o c, unless otherwise noted) mako semiconductor co.,limited http://www.makosemi.hk/
total gate charge q g v ds = -6v, i d = -2.8a, v gs = -4.5v 11 14.5 nc gate-source charge q gs 1.5 nc gate-drain charge q gd 2.1 nc drain-source diode characteristics and maximun ratings drain-source diode forward current 3 i s -0.75 a drain-source diode forward voltage 4 v sd v gs = 0v, i s = -0.75a -1.2 v 1.repetitive rating : pulse width limited by maximum junction temperatu. 2.surface mounted on fr4 board,t<5 sec. 3.pulse test : pulse width < 300s, duty cycle < 2%. 4.guaranteed by design, not subject to production testing. plastic-encapsulate mosfets -i d , drain current (a) -i d , drain current (a) -v ds , drain-to-source voltage (v) figure 1. output characteristics -v gs , gate-to-source voltage (v) figure 2. transfer characteristics 10 8 6 4 2 0 01 45 32 -v gs =2.5v -v gs =2.0v -v gs =1.5v -v gs =4.5,4,3,v 10 8 6 4 2 0 0.0 1.0 2.0 3.0 0.5 1.5 t j =125 c -55 c 2.5 25 c c, capacitance (pf) c iss c oss c rss 1200 1000 800 600 400 200 0 02 4 6 8 10 r ds(on), normalized r ds(on) , on-resistance(ohms) -v ds , drain-to-source voltage (v) figure 3. capacitance t j , junction temperature( c) figure 4. on-resistance variation with temperature 2.2 1.9 1.6 1.3 1.0 0.7 0.4 v gs =-4.5v i d =-2.8a -100 -50 0 50 100 150 200 page:p -p2 mako semiconductor co.,limited typical characteristics SI2301 mako semiconductor co.,limited http://www.makosemi.hk/
page:p -p plastic-encapsulate mosfets mako semiconductor co.,limited v th , normalized gate-source threshold voltage t j , junction temperature( c) figure 5. gate threshold variation with temperature 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 v ds =v gs i d =-250 a -50 -25 0 25 50 75 100 125 150 -i s , source-drain current (a) -v sd , body diode forward voltage (v) figure 6. body diode forward voltage variation with source current 10 0 10 1 0.2 0.4 0.6 0.8 10 -1 1.2 1.0 v gs =0v -v gs , gate to source voltage (v) qg, total gate charge (nc) figure 7. gate charge -v ds , drain-source voltage (v) figure 8. maximum safe operating area -i d , drain current (a) 10 1 10 0 10 -1 10 1 10 0 10 -1 10 -2 10 2 10 2 5 4 3 2 1 0 0 369 1 2 v ds =-6v i d =-2.8a 1s 100ms 10ms dc 1ms r ds(on) limit single pulse t a =25 c t j =150 c typical characteristics SI2301 mako semiconductor co.,limited http://www.makosemi.hk/


▲Up To Search▲   

 
Price & Availability of SI2301

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X