Part Number Hot Search : 
AD9444 220MC I514RU LA7337 627ER TD6278 MB24S 5801911
Product Description
Full Text Search
 

To Download RAVF168D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  rev date: 07/03/2012 1 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. ravf series convex termination chip resistor array stackpole electronics, inc. resistive product solutions features: ? thick film resistor element ? multiple circuit types available ? ideal smd substitute for leaded networks ? rohs compliant / lead-free ? auto-placement capability ? square corner construction standard ? zero ohm jumper available ? ravf 324d is standard with scalloped corner isolated circuit - 2d isolated circuit - 4d isolated circuit - 8d bussed circuit - n bussed circuit - r 1% 2%, 5% 200 ppm/oc - 1k - 1m 300 ppm/oc - 10 - 1k 500 ppm/oc - 3 - 10 200 ppm/oc 10 - 1m 10 - 1m 300 ppm/oc - 1 - 9.9 200 ppm/oc 10 - 1m 10 - 1m 300 ppm/oc - 1 - 9.9 ravf162d 0.063w 0.125w 50v 100v 200 ppm/oc 10 - 1m 1 - 10m ravf164d 0.063w 0.250w 50v 100v 200 ppm/oc 10 - 1m 1 - 10m 200 ppm/oc 10 - 1m - 250 ppm/oc - 1 - 1m ravf324d 0.125w 0.250w 200v 400v 200 ppm/oc 22 - 1m 10 - 1m ravf328n 0.063w 0.500w 25v 50v 200 ppm/oc - 22 - 1m ravf328r 0.063w 0.500w 25v 50v 200 ppm/oc - 22 - 1m (1) lesser of pr or maximum working voltage. power rating (per element) @ 70oc type / code / # of elements / circuit type maximum overload voltage resistance temperature coefficient maximum working voltage (1) ohmic range ( ? ) and tolerance power rating (entire array) @ 70oc 50v 50v 50v RAVF168D 0.063w 0.500w 25v ravf104d 0.063w 0.250w 25v ravf102d 0.063w 0.125w 25v 25v ravf052d 0.031w 0.063w 12.5v electrical specifications schematics free datasheet http:///
rev date: 07/03/2012 2 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. ravf series convex termination chip resistor array stackpole electronics, inc. resistive product solutions ravf - 2 resistors / 4 terminations (d) ravf - 4 resistors / 8 terminations (d) ravf - 8 resistors / 10 terminations (n/r) terminations load life in moisture 3% temperature cycle 1% load life 3% resistance to soldering heat 1% terminal adhesion 1% short time overload 2% test test results (jis c 5202) 0.031 0.004 0.024 0.004 0.012 0.002 -0.020 0.006 0.014 0.004 0.006 0.002 0.006 0.004 inches 0.80 0.10 0.60 0.10 0.30 0.05 -0.50 0.15 0.35 0.10 0.15 0.05 0.15 0.10 mm 0.039 0.004 0.039 0.004 0.014 0.004 0.026 0.002 0.013 0.002 0.010 0.002 0.006 0.004 inches 1.00 0.10 1.00 0.10 0.35 0.10 0.65 0.05 0.33 0.05 0.25 0.05 0.15 0.10 mm 0.079 0.008 0.039 0.006 0.014 0.006 0.020 0.006 0.012 0.004 0.016 0.004 0.010 0.004 0.008 0.004 inches 2.00 0.20 1.00 0.15 0.35 0.15 0.50 0.15 0.30 0.10 0.40 0.10 0.25 0.10 0.20 0.10 mm 0.063 0.006 0.063 0.006 0.020 0.006 0.031 0.002 0.024 0.006 0.012 0.006 0.012 0.006 inches 1.60 0.15 1.60 0.15 0.50 0.15 0.80 0.05 0.60 0.15 0.30 0.15 0.30 0.15 mm 0.126 0.008 0.063 0.008 0.020 0.004 0.031 0.002 0.020 0.004 0.026 0.004 0.012 0.006 0.012 0.008 inches 3.20 0.20 1.60 0.20 0.50 0.10 0.80 0.05 0.50 0.10 0.65 0.10 0.30 0.15 0.30 0.20 mm 0.157 0.008 0.063 0.006 0.016 0.004 0.020 0.006 0.010 0.004 0.015 0.004 0.012 0.008 0.012 0.008 inches 4.00 0.20 1.60 0.15 0.40 0.10 0.50 0.15 0.25 0.10 0.38 0.10 0.30 0.20 0.30 0.20 mm 0.200 0.008 0.122 0.008 0.022 0.004 0.050 0.004 0.031 0.008 0.012 0.008 0.020 0.008 inches 5.08 0.20 3.10 0.20 0.55 0.10 1.27 0.10 0.80 0.20 0.30 0.20 0.50 0.20 mm 0.126 0.006 0.063 0.006 0.022 0.004 0.025 0.002 0.013 0.006 0.019 0.006 0.010 0.006 0.012 0.008 inches 3.20 0.15 1.60 0.15 0.55 0.10 0.64 0.05 0.34 0.15 0.49 0.15 0.25 0.15 0.30 0.20 mm 0.126 0.006 0.063 0.006 0.022 0.004 0.025 0.002 0.013 0.006 0.019 0.006 0.010 0.006 0.012 0.008 inches 3.20 0.15 1.60 0.15 0.55 0.10 0.64 0.05 0.34 0.15 0.49 0.15 0.25 0.15 0.30 0.20 mm ravf102d - - - - ravf324d - ravf164d r termination width unit ravf328r type / code / # of elements / circuit type ravf052d ravf104d ravf162d ravf328n RAVF168D - d bottom termination a top termination l body length w body width - - h body height p element spacing q termination width mechanical specifications performance characteristics
rev date: 07/03/2012 3 www.seielect.com this specification may be changed at any time without prior notice marketing@seielect.com please confirm technical specificatio ns before you order and/or use. ravf series convex termination chip resistor array stackpole electronics, inc. resistive product solutions power derating curve: 0 percent rated power (%) 100 -55oc 70oc 80 60 40 20 40 60 80 100 -40 -20 0 20 125oc ambient temperature (oc) 120 140 160 180 155oc -60 ravf102d, ravf104d, ravf162d, ravf164d, RAVF168D ravf052d, ravf324d, ravf328n, ravf328r how to order 123456789101112 1314 ravf 1 6 4dj t 1 0k0 size 052d code tol value code quantity 102d f 1% 10,000 104d g 2% 162d j 5% 164d z jumper 4,000 168d 324d 328n 328r d = n = r = convex rohs ravf tolerance(1) e24 0.063w product series power resistance value packaging 5,000 0.031w description size 0.063w 0.063w 10.2 kohm = 10k2 tape and reel t 052d, 102d, 104d 162d, 164d, 168d 10 ohm = 10r0 four characters with the multiplier used as the decimal holder. 328n, 328r 1 mohm = 1m00 zero ohm jumper = 0r00 isolated bussed bussed 0.063w 0.063w 0.125w 0.063w 0.063w note (1): 1% tolerance is available in e24 values only. e96 values are generally not available. contact factory for details. 324d legacy part number (before january 3, 2011): number o f nominal code elements circuit t y pe resistance 16 4 d 10k t y pe description code elements circuit t y pe tolerance v alues sei t y pes pk g qt y description code ravf convex 05 2 d = isolated 1% e24 052d, 102d, 104d 10,000 10 4 n = bussed 2% e24 162d, 164d, 168d, 16 8 r = bussed 5% e24 328n, 328r 32 324d 4,000 5,000 tape and reel r 5% tolerance packaging ravf r sei type


▲Up To Search▲   

 
Price & Availability of RAVF168D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X