Part Number Hot Search : 
SLG55583 SK212 AKD4397 015FT SMF06020 AAT3132A 6SK40 CNX62
Product Description
Full Text Search
 

To Download MAX402CSA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  _______________general description the max402/max403/max438/max439 micropower op amps combine high-speed performance with low-power operation. the max402/max403 are compensated for unity-gain stability, while the max438/max439 are com- pensated for stability in applications with a closed-loop gain (a vcl ) of 5v/v or greater. the max402/max438 require less than 75? of supply current while delivering 2mhz bandwidth with 6v/? slew rate (max402), and 6mhz gain bandwidth with 10v/? slew rate (max438). for applications requiring increased speed, the max403/max439 consume less than 375? of supply current while delivering 10mhz gain bandwidth with 40v/? slew rate (max403), and 25mhz gain bandwidth with 48v/? slew rate (max439). ________________________applications low-power signal processing filters portable instruments remote sensors ____________________________features max402 ? 2mhz unity-gain bandwidth ? 6v/? slew rate ? 75? max supply current max403 ? 10mhz unity-gain bandwidth ? 40v/? slew rate ? 375? max supply current max438 ? 6mhz gain bandwidth (a vcl 3 5v/v) ? 10v/? slew rate ? 75? max supply current max439 ? 25mhz gain bandwidth (a vcl 3 5v/v) ? 48v/? slew rate ? 375? max supply current ______________ordering information ordering information continued at end of data sheet. * dice are specified at t a = +25?, dc parameters only. max402/max403/max438/max439 high-speed, low-voltage, micropower op amps ________________________________________________________________ maxim integrated products 1 n.c. v+ out null v- in+ in- null top view dip/so 1 2 3 4 8 7 6 5 max402 max403 max438 max439 __________________pin configuration max402 max403 20k 20k 1n914 1n914 half-wave rectifier ________typical application circuit call toll free 1-800-998-8800 for free samples or literature. 19-3786; rev 2; 10/94 part max402 cpa MAX402CSA max402c/d 0? to +70? 0? to +70? 0? to +70? temp. range pin-package 8 plastic dip 8 so dice* max402epa max402esa -40? to +85? -40? to +85? 8 plastic dip 8 so
supply voltage (v+ to v-).......................................................12v input voltage range.............................(v+ + 0.3v) to (v- - 0.3v) differential input voltage .................................................v+ to v- short-circuit current duration .......................................indefinite maximum current into any pin............................................50ma continuous power dissipation (t a = +25?) plastic dip ....................................................................375mw so ................................................................................471mw operating temperature ranges max40_ _ c_ _....................................................0? to +70? max40_ _ e_ _ .................................................-40? to +85? storage temperature range .............................-65? to +150? lead temperature (soldering, 10sec) .............................+300? max402/max403/max438/max439 high-speed, low-voltage, micropower op amps 2 _______________________________________________________________________________________ absolute maximum ratings (note 1) electrical characteristics?ax402/max403 (v+ = 5v, v- = -5v, t a = +25?, unless otherwise noted.) stresses beyond those listed under ?bsolute maximum ratings?may cause permanent damage to the device. these are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. note 1: absolute maximum ratings apply to packaged parts only, unless otherwise noted. t a = t min to t max r l = 20k v s = ?.5v to ?.5v 20k | | 20pf load v cm = ?.5v f o = 1000hz f o = 10hz r l = 4k conditions v/? 4.5 6 sr slew rate (note 2) ma 3 i sc short-circuit output current db a vol large-signal gain na ? ? i b input bias current ?/? 25 tcv os mv 0.5 2.0 v os input offset voltage offset voltage tempco ? v os / ? t 68 75 db 56 65 psrr power-supply rejection ratio db 75 95 cmrr common-mode rejection ratio nv h z 26 e n input noise-voltage density v ?.5 ?.8 ivr input voltage range m 90 r in (diff) differential input resistance g 1 r in (cm) common-mode input resistance 43 units max402 min typ max symbol parameter 25 40 5 68 75 ?0 ?5 25 0.5 2.0 80 60 70 66 80 14 ?.5 ?.8 18 1 33 max403 min typ max 200 250 375 710 20k | | 20pf load ? 40 60 75 i q quiescent current mhz 1.4 2 gbw gain bandwidth 0.07 f o = 1000hz f o = 10hz 0.25 pa h z 0.03 i n input noise-current density 0.06 ?.3 ?.6 ?.6 ?.9 r l = 20k r l = 4k v v out output voltage swing ?.6 ?.9
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps _______________________________________________________________________________________ 3 electrical characteristics ?max402c/max403c (v+ = 5v, v- = -5v, t a = 0? to +70?, unless otherwise noted.) electrical characteristics ?max402e/max403e (v+ = 5v, v- = -5v, t a = -40? to +85?, unless otherwise noted.) note 2: ? v in = 2vp-p. ?.5 ?00 5 150 475 6 20 20k | | 20pf load 20k | | 20pf load v cm = ?.5v v s = ?.5v to ?.5v r l = 20k r l = 4k conditions 66 58 56 max403e_a min typ max r l = 20k r l = 4k ?.4 ?.0 ?.4 v v out output voltage swing v ?.5 ivr input voltage range na ?0 i b mw 5 v os input offset voltage input bias current ? 30 95 i q quiescent current mhz 1.2 gbw gain bandwidth v/? 4.0 sr slew rate (note 2) db 68 cmrr common-mode rejection ratio db 52 psrr power-supply rejection ratio 56 db a vol large-signal gain units max402e_a min typ max symbol parameter ?.5 ?0 4 175 450 7 22.5 20k | | 20pf load 20k | | 20pf load v cm = ?.5v v s = ?.5v to ?.5v r l = 20k r l = 4k conditions 66 60 60 max403c_a min typ max r l = 20k r l = 4k ?.5 ?.2 ?.5 v v out output voltage swing v ?.5 ivr input voltage range na ?0 i b mv 4 v os input offset voltage input bias current ? 35 90 i q quiescent current mhz 1.3 gbw gain bandwidth v/? 4.0 sr slew rate (note 2) db 70 cmrr common-mode rejection ratio db 54 psrr power-supply rejection ratio 60 db a vol large-signal gain units max402c_a min typ max symbol parameter
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps 4 _______________________________________________________________________________________ electrical characteristics ?max438/max439 (v+ = 5v, v- = -5v, t a = +25?, unless otherwise noted.) electrical characteristics ?max438c/max439c (v+ = 5v, v- = -5v, t a = 0? to +70?, unless otherwise noted.) 48 5 68 75 ? ?5 25 t a = t min to t max 0.5 2.0 80 60 70 66 80 r l = 20k v s = ?.5v to ?.5v 14 20k | | 20pf load v cm = ?.5v f o = 1000hz f o = 10hz r l = 4k conditions ?.5 ?.8 18 1 33 max439 min typ max 200 250 375 18 25 20k | | 20pf load ? 40 60 75 i q quiescent current mhz 46 gbw gain bandwidth 0.07 f o = 1000hz f o = 10hz 0.25 pa h z 0.03 i n input noise-current density 0.06 ?.3 ?.6 ?.6 ?.9 v/? 10 sr slew rate (note 3) ma 3 i sc short-circuit output current db a vol large-signal gain na ? ? i b input bias current ?/? 25 tcv os mv 0.5 2.0 v os input offset voltage offset voltage tempco ? v os / ? t r l = 20k 68 75 r l = 4k v db 56 65 psrr power-supply rejection ratio db 75 95 cmrr common-mode rejection ratio nv h z 26 e n input noise-voltage density v ?.5 ?.8 ivr input voltage range m 90 r in (diff) differential input resistance g 1 r in (cm) common-mode input resistance 43 v out output voltage swing units max438 min typ max symbol parameter ?.6 ?.9 ? v/v ? a vcl minimum closed-loop gain ?.5 ?0 4 175 450 16.5 40 20k | | 20pf load 20k | | 20pf load v cm = ?.5v v s = ?.5v to ?.5v r l = 20k r l = 4k conditions 66 60 60 max439c_a min typ max r l = 20k r l = 4k ?.5 ?.2 ?.5 v v out output voltage swing v ?.5 ivr input voltage range na ?0 i b mv 4 v os input offset voltage input bias current ? 35 90 i q quiescent current mhz 3.7 gbw gain bandwidth v/? 7 sr slew rate (note 3) db 70 cmrr common-mode rejection ratio db 54 psrr power-supply rejection ratio 60 db a vol large-signal gain units max438c_a min typ max symbol parameter ? v/v ? a vcl minimum closed-loop gain
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps _______________________________________________________________________________________ 5 electrical characteristics ?max438e/max439e (v+ = 5v, v- = -5v, t a = -40? to +85?, unless otherwise noted.) ? v/v ?.5 ?00 5 ? 150 475 15 a vcl 40 minimum closed-loop gain 20k | | 20pf load 20k | | 20pf load v cm = ?.5v v s = ?.5v to ?.5v r l = 20k r l = 4k conditions 66 58 56 max439e_a min typ max r l = 20k r l = 4k ?.4 ?.0 ?.4 v v out output voltage swing v ?.5 ivr input voltage range na ?0 i b mv 5 v os input offset voltage input bias current ? 30 95 i q quiescent current mhz 3.4 gbw gain bandwidth v/? 7 sr slew rate (note 3) db 68 cmrr common-mode rejection ratio db 52 psrr power-supply rejection ratio 56 db a vol large-signal gain units max438e_a min typ max symbol parameter __________________________________________typical operating characteristics (t a = +25?, unless otherwise noted.) 1 m s/div max402 small-signal transient response noninverting, a vcl = +1 v supply = ?v, r l = 10k w || 10pf gnd 100mv/div 1 m s/div max402 large-signal transient response noninverting, a vcl = +1 v supply = ?v, r l = 10k w || 100pf gnd 1v/div note 3: ? v in = 1vp-p.
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps 6 _______________________________________________________________________________________ ____________________________typical operating characteristics (continued) (t a = +25?, unless otherwise noted.) 200ns/div max403 small-signal transient response noninverting, a vcl = +1 v supply = ?v, r l = 2k w || 10pf gnd 100mv/div 500ns/div max438 pulse response noninverting, a vcl = +5v/v, r l = 10k w || 20pf gnd 1v/div 500ns/div max439 pulse response noninverting, a v = +5v/v, r l = 10k w || 20pf gnd 1v/div 200ns/div max403 large-signal transient response noninverting, a vcl = +1 v supply = ?v, r l = 2k w || 100pf gnd 1v/div
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps _______________________________________________________________________________________ 7 1m 100k 10k 1k 10m 100m 100 open-loop gain vs. frequency max402/3,438/9-01 frequency (hz) open-loop gain (db) 100 80 60 40 20 0 -20 max439 max403 max402 max438 v s = ?v r l = 10k w t a = +25? -300 -40 -20 0 20 40 60 80 100 supply current vs. temperature -200 100 max402/3,438/9-02 temperature (?) 0 -100 300 200 no load max402/max438 max402/max438 max403/max439 max403/max439 supply current ( m a) 0.1 1 10 100 max402/max438 output voltage swing vs. load resistance 3 2 4 max402/3,438/9-03 load resistance (k w ) output voltage (v) 1 5 0 v supply = ?v v out + v out - 0.1 1 10 100 max403/max439 output voltage swing vs. load resistance 3 2 4 max402/3,438/9-04 load resistance (k w ) output voltage (v) 1 5 0 v supply = ?v v out + v out - ____________________________typical operating characteristics (continued) (t a = +25?, unless otherwise noted.)
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps 8 _______________________________________________________________________________________ ____________________________typical operating characteristics (continued) (t a = +25?, unless otherwise noted.) 100 100 1k 10k 0.1 1 10 voltage-noise density vs. frequency max402/3,438/9-05 frequency (hz) voltage-noise density (nv/hz) 1000 10 max403/max439 max402/max438 v s = ?v 0.1 100 1k 10k 10 current-noise density vs. frequency max402/3,438/9-06 frequency (hz) current-noise density (pa/hz) 1 0.01 max403/max439 max402/max438 v s = ?v 0 -40 -20 0 20 40 60 80 100 open-loop gain vs. temperature 20 80 max402/3,438/9-07 temperature (?) open-loop gain (db) 60 40 100 v s = ?v max402/max438 load = 20k w max403/max439 load = 4k w -5 -40 -20 0 20 40 60 80 100 max402/max438 output voltage swing vs. temperature -3 3 max402/3,438/9-08 temperature (?) output voltage swing (v) 1 -1 -4 -2 4 5 2 0 v s = ?v load = 20k w || 20pf 0 0.25 0.50 0.75 1 1.25 1.50 1.75 max438/max439 slew rate vs. input voltage 20 -20 40 -40 max402/3,438/9-11 input voltage (v p-p ) slew rate (v/ m s) 60 -60 80 -80 v s = ?v load = 10k w max439 max438 max438 max439 -5 -40 -20 0 20 40 60 80 100 max403/max439 output voltage swing vs. temperature (2k w load) -3 3 max402/3,438/9-09 temperature (?) output voltage swing (v) 1 -1 -4 -2 4 5 2 0 v s = ?v load = 2k w || 100pf -5 -40 -20 0 20 40 60 80 100 max403/max439 output voltage swing vs. temperature (10k w load) -3 3 max402/3,438/9-10 temperature (?) output voltage swing (v) 1 -1 -4 -2 4 5 2 0 v s = ?v load = 10k w || 20pf -60 -40 -20 0 20 40 60 80 100 max402/max403 slew rate vs. temperature -40 20 max402/3,438/9-12 temperature (?) 0 -20 60 40 v s = ?v load = 10k w || 20pf v in = 2v p-p max403 max402 max402 max403 slew rate (v/ m s) -60 -40 -20 0 20 40 60 80 100 max438/max439 slew rate vs. temperature -40 20 max402/3,438/9-13 temperature (?) 0 -20 60 40 v s = ?v load = 10k w || 20pf v in = 1v p-p max439 max438 max438 max439 slew rate (v/ m s)
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps _______________________________________________________________________________________ 9 0 -40 -20 0 20 40 60 80 100 max438/max439 gain bandwidth vs. temperature 5 20 max402/3,438/9-14 temperature (?) 15 10 30 25 v s = ?v load = 10k w || 20pf max439 max438 gain bandwidth (mhz) 60 -40 -20 0 20 40 60 80 100 common-mode rejection ratio vs. temperature 70 100 max402/3,438/9-15 temperature (?) 90 80 120 110 v s = ?v v cm = ?.5v max402/max438 max403/max439 cmrr (db) 40 -40 -20 0 20 40 60 80 100 power-supply rejection ratio vs. temperature 70 max402/3,438/9-16 temperature (?) 60 50 80 v s = ?.5v to ?.5v max402/max438 max403/max439 psrr (db) -5 -40 -20 0 20 40 60 80 100 max402/max438 offset voltage vs. temperature -3 3 max402/3,438/9-17 temperature (?) offset voltage (mv) 1 -1 -4 -2 4 5 2 0 v s = ?v -5 -40 -20 0 20 40 60 80 100 max403/max439 offset voltage vs. temperature -3 3 max402/3,438/9-18 temperature (?) offset voltage (mv) 1 -1 -4 -2 4 5 2 0 v s = ?v ____________________________typical operating characteristics (continued) (t a = +25?, unless otherwise noted.)
__________applications information input offset-voltage adjustment the null pins (1 and 5) can be used to null the input offset voltage. to adjust the amplifier? offset voltage, connect a potentiometer between the two null pins with the wiper connected to v-, as shown in figure 1. use a 10k potentiometer with the max402/max438, and a 2k potentiometer with the max403/max439. offset voltage can be adjusted over a range of approxi- mately 12mv with these trim potentiometers. operating supply voltage the max402/max403/max438/max439 are specified with ?v power supplies, but also operate with dual supplies down to ?v or single supplies ranging from +6v to +10v if the common-mode input voltage is kept between (v- + 1.5v) and (v+ - 1.5v). with a single +6v supply, the common-mode input voltage ranges between +1.5v and +4.5v. layout and bypassing bypass the power-supply inputs with 0.1? ceramic capacitors positioned as close to the power-supply pins as possible. to maximize performance in high-speed applications, use a ground plane. connections to the amplifier? input terminals should be as short and direct as possible with a minimum of inductance and capaci- tance. stray capacitance at the input terminals adds to the amplifier? approximate 3pf input capacitance, and can limit overall bandwidth. also, minimize lead lengths in connections from the power-supply bypass capacitors to ground to further reduce inductance. surface-mount (chip) capacitors are ideal for this application. slew rate vs. input voltage like most high-speed op amps, the slew rate of the max402/max403/max438/max439 depends on the signal level driving the amplifier inputs. slew-rate limit- ing in high-speed circuits becomes more significant as the amplifier? closed-loop gain increases (inadequate gain bandwidth is more likely to limit performance in low-gain circuits). for this reason, the max438/ max439 have been characterized for slew rate vs. input voltage, as shown in the max438/max439 slew rate vs. input voltage graph in the typical operating characteristics. overload conditions the amplifier inputs withstand differential voltages equal to the power-supply rails without requiring external clamp diodes or input current-limiting resistors. schottky diodes, used internally throughout the devices, prevent saturation of the internal transistors and allow the ampli- fiers to recover quickly from overload conditions. many op amps exhibit phase reversal at the output when the input common-mode voltage range is exceeded? potentially serious problem in servo-con- trol systems. phase reversal protection circuitry in the max402/max403/max438/max439 eliminates this problem for any input voltage level. each amplifier? output stage employs a current-limit circuit that prevents amplifier damage in the event of a fault condition. the output may be shorted to either power supply or ground continuously without damage. max402/max403/max438/max439 high-speed, low-voltage, micropower op amps 10 ______________________________________________________________________________________ _____________________pin description amplifier signal output out 6 positive power supply (v cc ) v+ 7 no connect?o internal connection n.c. 8 negative power supply (v ee ) v- 4 noninverting input in+ 3 pin inverting input in- 2 offset-voltage adjustment null 1, 5 function name max402 max403 max438 max439 2 3 1 r v- v+ 6 7 4 5 0.1 m f r = 10k w max402/438 r = 2k w max403/439 0.1 m f figure 1. offset-voltage adjustment
max402/max403/max438/max439 high-speed, low-voltage, micropower op amps ______________________________________________________________________________________ 11 _ordering information (continued) ___________________chip topography in+ v- 0.045" (1.143mm) 0.043" (1.092mm) v+ out in- null null substrate connects to v-. transistor count: 82 * dice are specified at t a = +25?, dc parameters only. max439 cpa max439csa max439c/d 0? to +70? 0? to +70? 0? to +70? 8 plastic dip 8 so dice* max439epa max439esa -40? to +85? -40? to +85? 8 plastic dip 8 so max438 cpa max438csa max438c/d 0? to +70? 0? to +70? 0? to +70? 8 plastic dip 8 so dice* max438epa max438esa -40? to +85? -40? to +85? 8 plastic dip 8 so part max403 cpa max403csa max403c/d 0? to +70? 0? to +70? 0? to +70? temp. range pin-package 8 plastic dip 8 so dice* max403epa max403esa -40? to +85? -40? to +85? 8 plastic dip 8 so
maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 12 __________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 (408) 737-7600 1994 maxim integrated products printed usa is a registered trademark of maxim integrated products. max402/max403/max438/max439 high-speed, low-voltage, micropower op amps maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 12 __________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 (408) 737-7600 1994 maxim integrated products printed usa is a registered trademark of maxim integrated products. maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a maxim product. no circuit patent licenses are implied. maxim reserves the right to change the circuitry and specifications without notice at any time. 12 __________________maxim integrated products, 120 san gabriel drive, sunnyvale, ca 94086 (408) 737-7600 1994 maxim integrated products printed usa is a registered trademark of maxim integrated products. ________________________________________________________package information dim a a1 a2 a3 b b1 c d1 e e1 e ea eb l min ? 0.015 0.125 0.055 0.016 0.045 0.008 0.005 0.300 0.240 0.100 0.300 ? 0.115 max 0.200 ? 0.175 0.080 0.022 0.065 0.012 0.080 0.325 0.310 ? ? 0.400 0.150 min ? 0.38 3.18 1.40 0.41 1.14 0.20 0.13 7.62 6.10 2.54 7.62 ? 2.92 max 5.08 ? 4.45 2.03 0.56 1.65 0.30 2.03 8.26 7.87 ? ? 10.16 3.81 inches millimeters plastic dip plastic dual-in-line package (0.300 in.) dim d d d d d d min 0.348 0.735 0.745 0.885 1.015 1.14 max 0.390 0.765 0.765 0.915 1.045 1.265 min 8.84 18.67 18.92 22.48 25.78 28.96 max 9.91 19.43 19.43 23.24 26.54 32.13 inches millimeters pins 8 14 16 18 20 24 c a a2 e1 d e ea eb a3 b1 b 0?- 15 a1 l d1 e dim a a1 b c e e h l min 0.053 0.004 0.014 0.007 0.150 0.228 0.016 max 0.069 0.010 0.019 0.010 0.157 0.244 0.050 min 1.35 0.10 0.35 0.19 3.80 5.80 0.40 max 1.75 0.25 0.49 0.25 4.00 6.20 1.27 inches millimeters 21-0041a so small outline package (0.150 in.) dim d d d min 0.189 0.337 0.386 max 0.197 0.344 0.394 min 4.80 8.55 9.80 max 5.00 8.75 10.00 inches millimeters pins 8 14 16 1.27 0.050 l 0?8 h e d e a a1 c 0.101mm 0.004in. b


▲Up To Search▲   

 
Price & Availability of MAX402CSA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X