Part Number Hot Search : 
PC28F128 U3280M 37P2HN4 G3U7905A AMS41221 SMD1812 M2N60F 0100D
Product Description
Full Text Search
 

To Download IPD60R1K0CE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mosfet metaloxidesemiconductorfieldeffecttransistor coolmos?ce 600vcoolmos?cepowertransistor ipx60r1k0ce datasheet rev.2.0 final powermanagement&multimarket
2 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet dpak ipak 1description coolmos?isarevolutionarytechnologyforhighvoltagepower mosfets,designedaccordingtothesuperjunction(sj)principleand pioneeredbyinfineontechnologies.coolmos?ceisa price-performanceoptimizedplatformenablingtotargetcostsensitive applicationsinconsumerandlightingmarketsbystillmeetinghighest efficiencystandards.thenewseriesprovidesallbenefitsofafast switchingsuperjunctionmosfetwhilenotsacrificingeaseofuseand offeringthebestcostdownperformanceratioavailableonthemarket. features ?extremelylowlossesduetoverylowfomrdson*qgandeoss ?veryhighcommutationruggedness ?easytouse/drive ?pb-freeplating,halogenfreemoldcompoundexceptpg-to251 ?qualifiedforconsumergradeapplications applications pfcstages,hardswitchingpwmstagesandresonantswitchingstages fore.g.pcsilverbox,adapter,lcd&pdptvandlighting. pleasenote:formosfetparallelingtheuseofferritebeadsonthegate orseparatetotempolesisgenerallyrecommended. table1keyperformanceparameters parameter value unit v ds @ t j,max 650 v r ds(on),max 1000 m w q g.typ 13 nc i d,pulse 12 a e oss @400v 1.3 j body diode di/dt 500 a/s type/orderingcode package marking relatedlinks IPD60R1K0CE pg-to 252 ipu60r1k0ce pg-to 251 6r1k0ce see appendix a tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
3 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet tableofcontents description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2 maximum ratings . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 thermal characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5 electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6 electrical characteristics diagrams . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 test circuits . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12 package outlines . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13 appendix a . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 disclaimer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16 tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
4 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet 2maximumratings at t j =25c,unlessotherwisespecified table2maximumratings values min. typ. max. parameter symbol unit note/testcondition continuous drain current 1) i d - - - - 4.3 2.7 a t c =25c t c =100c pulsed drain current 2) i d,pulse - - 12 a t c =25c avalanche energy, single pulse e as - - 46 mj i d =0.8a; v dd =50v; see table 11 avalanche energy, repetitive e ar - - 0.13 mj i d =0.8a; v dd =50v; see table 11 avalanche current, repetitive i ar - - 0.8 a - mosfet dv/dt ruggedness dv/dt - - 50 v/ns v ds =0...480v gate source voltage (static) v gs -20 - 20 v static; gate source voltage (dynamic) v gs -30 - 30 v ac (f>1 hz) power dissipation to-252, to-251 p tot - - 37 w t c =25c storage temperature t stg -40 - 150 c - operating junction temperature t j -40 - 150 c - continuous diode forward current i s - - 3.8 a t c =25c diode pulse current 2) i s,pulse - - 12 a t c =25c reverse diode dv/dt 3) dv/dt - - 15 v/ns v ds =0...400v, i sd <= i s , t j =25c see table 9 maximum diode commutation speed di f /dt - - 500 a/ m s v ds =0...400v, i sd <= i s , t j =25c see table 9 1) limited by t j max . maximum duty cycle d=0.75 2) pulse width t p limited by t j,max 3) identicallowsideandhighsideswitchwithidentical r g tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
5 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet 3thermalcharacteristics table3thermalcharacteristicsto-251 values min. typ. max. parameter symbol unit note/testcondition thermal resistance, junction - case r thjc - - 3.41 c/w - thermal resistance, junction - ambient r thja - - 62 c/w leaded soldering temperature, wavesoldering only allowed at leads t sold - - 260 c 1.6mm (0.063 in.) from case for 10s table4thermalcharacteristicsto-252 values min. typ. max. parameter symbol unit note/testcondition thermal resistance, junction - case r thjc - - 3.41 c/w - thermal resistance, junction - ambient r thja - - 62 c/w device on pcb, minimal footprint thermal resistance, junction - ambient for smd version r thja - 35 45 c/w device on 40mm*40mm*1.5mm epoxy pcb fr4 with 6cm2 (one layer, 70m thickness) copper area for drain connection and cooling. pcb is vertical without air stream cooling. soldering temperature, wave & reflow soldering allowed t sold - - 260 c reflow msl1 tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
6 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet 4electricalcharacteristics at t j =25c,unlessotherwisespecified table5staticcharacteristics values min. typ. max. parameter symbol unit note/testcondition drain-source breakdown voltage v (br)dss 600 - - v v gs =0v, i d =0.25ma gate threshold voltage v (gs)th 2.5 3.0 3.5 v v ds = v gs , i d =0.13ma zero gate voltage drain current i dss - - - 10 1 - m a v ds =600, v gs =0v, t j =25c v ds =600, v gs =0v, t j =150c gate-source leakage current i gss - - 100 na v gs =20v, v ds =0v drain-source on-state resistance r ds(on) - - 0.86 2.22 1.00 - w v gs =10v, i d =1.5a, t j =25c v gs =10v, i d =1.5a, t j =150c gate resistance r g - 16 - w f =1mhz,opendrain table6dynamiccharacteristics values min. typ. max. parameter symbol unit note/testcondition input capacitance c iss - 280 - pf v gs =0v, v ds =100v, f =1mhz output capacitance c oss - 21 - pf v gs =0v, v ds =100v, f =1mhz effective output capacitance, energy related 1) c o(er) - 14 - pf v gs =0v, v ds =0...480v effective output capacitance, time related 2) c o(tr) - 57 - pf i d =constant, v gs =0v, v ds =0...480v turn-on delay time t d(on) - 10 - ns v dd =400v, v gs =10v, i d =1.9a, r g =12.2 w ;seetable10 rise time t r - 8 - ns v dd =400v, v gs =10v, i d =1.9a, r g =12.2 w ;seetable10 turn-off delay time t d(off) - 60 - ns v dd =400v, v gs =10v, i d =1.9a, r g =12.2 w ;seetable10 fall time t f - 13 - ns v dd =400v, v gs =10v, i d =1.9a, r g =12.2 w ;seetable10 table7gatechargecharacteristics values min. typ. max. parameter symbol unit note/testcondition gate to source charge q gs - 1.5 - nc v dd =480v, i d =1.9a, v gs =0to10v gate to drain charge q gd - 6.5 - nc v dd =480v, i d =1.9a, v gs =0to10v gate charge total q g - 13 - nc v dd =480v, i d =1.9a, v gs =0to10v gate plateau voltage v plateau - 5.4 - v v dd =480v, i d =1.9a, v gs =0to10v 1)  c o(er) isafixedcapacitancethatgivesthesamestoredenergyas c oss while v ds isrisingfrom0to80%v o(br)dss 2)  c o(tr) isafixedcapacitancethatgivesthesamestoredenergyas c oss while v ds isrisingfrom0to80%v o(br)dss tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
7 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet table8reversediodecharacteristics values min. typ. max. parameter symbol unit note/testcondition diode forward voltage v sd - 0.9 - v v gs =0v, i f =1.9a, t j =25c reverse recovery time t rr - 220 - ns v r =400v, i f =1.9a,d i f /d t =100a/s; see table 9 reverse recovery charge q rr - 1.5 - c v r =400v, i f =1.9a,d i f /d t =100a/s; see table 9 peak reverse recovery current i rrm - 12 - a v r =400v, i f =1.9a,d i f /d t =100a/s; see table 9 tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
8 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet 5electricalcharacteristicsdiagrams diagram1:powerdissipation t c [c] p tot [w] 0 25 50 75 100 125 150 0 10 20 30 40 p tot =f( t c ) diagram2:safeoperatingarea v ds [v] i d [a] 10 0 10 1 10 2 10 3 10 -3 10 -2 10 -1 10 0 10 1 10 2 1 s 10 s 100 s 1 ms 10 ms dc i d =f( v ds ); t c =25c; d =0;parameter: t p diagram3:safeoperatingarea v ds [v] i d [a] 10 0 10 1 10 2 10 3 10 -3 10 -2 10 -1 10 0 10 1 10 2 1 s 10 s 100 s 1 ms 10 ms dc i d =f( v ds ); t c =80c; d =0;parameter: t p diagram4:max.transientthermalimpedance t p [s] z thjc [k/w] 10 -5 10 -4 10 -3 10 -2 10 -1 10 -2 10 -1 10 0 10 1 0.5 0.2 0.1 0.05 0.02 0.01 single pulse z thjc =f( t p );parameter: d=t p / t tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
9 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet diagram5:typ.outputcharacteristics v ds [v] i d [a] 0 5 10 15 20 0 1 2 3 4 5 6 7 8 9 10 11 12 20 v 10 v 8 v 7 v 6 v 5.5 v 5 v 4.5 v i d =f( v ds ); t j =25c;parameter: v gs diagram6:typ.outputcharacteristics v ds [v] i d [a] 0 5 10 15 20 0 1 2 3 4 5 6 7 8 20 v 10 v 8 v 7 v 6 v 5.5 v 5 v 4.5 v i d =f( v ds ); t j =125c;parameter: v gs diagram7:typ.drain-sourceon-stateresistance i d [a] r ds(on) [ w ] 0 1 2 3 4 5 6 7 8 9 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5 v 5.5 v 6 v 6.5 v 7 v 10 v r ds(on) =f( i d ); t j =125c;parameter: v gs diagram8:drain-sourceon-stateresistance t j [c] r ds(on)  [ w ] -50 -25 0 25 50 75 100 125 150 0.20 0.40 0.60 0.80 1.00 1.20 1.40 1.60 1.80 2.00 98% typ r ds(on) =f( t j ); i d =1.5a; v gs =10v tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
10 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet diagram9:typ.transfercharacteristics v gs [v] i d [a] 0 2 4 6 8 10 12 0 2 4 6 8 10 12 150 c 25 c i d =f( v gs ); v ds =20v;parameter: t j diagram10:typ.gatecharge q gate [nc] v gs [v] 0 3 6 9 12 15 0 1 2 3 4 5 6 7 8 9 10 120 v 480 v v gs =f( q gate ); i d =1.9apulsed;parameter: v dd diagram11:forwardcharacteristicsofreversediode v sd [v] i f [a] 0.0 0.5 1.0 1.5 2.0 10 -1 10 0 10 1 10 2 25 c 125 c i f =f( v sd );parameter: t j diagram12:avalancheenergy t j [c] e as [mj] 25 50 75 100 125 150 0 10 20 30 40 50 e as =f( t j ); i d =0.8a; v dd =50v tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
11 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet diagram13:drain-sourcebreakdownvoltage t j [c] v br(dss) [v] -75 -50 -25 0 25 50 75 100 125 150 175 520 540 560 580 600 620 640 660 680 700 v br(dss) =f( t j ); i d =0.25ma diagram14:typ.capacitances v ds [v] c [pf] 0 100 200 300 400 500 10 0 10 1 10 2 10 3 10 4 ciss coss crss c =f( v ds ); v gs =0v; f =1mhz diagram15:typ.cossstoredenergy v ds [v] e oss [j] 0 100 200 300 400 500 0.0 0.5 1.0 1.5 2.0 e oss = f (v ds ) tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3
12 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet 6testcircuits table9diodecharacteristics table10switchingtimes table11unclampedinductiveload tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3 test circuit for diode characteristics diode recovery waveform t v , i i rrm i f v ds 10 % i rrm t rr t f t s q f q s di f / dt di rr / dt v ds ( peak ) q rr = q f + q s t rr = t f + t s v ds i f v ds i f r g 1 r g 2 r g 1 = r g 2 switching times test circuit for inductive load switching times waveform v ds v gs t d ( on ) t d ( off ) t r t on t f t off 10 % 90 % v ds v gs unclamped inductive load test circuit unclamped inductive waveform v ds v ( br ) ds i d v ds v ds i d
13 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet 7packageoutlines figure1outlinepg-to252,dimensionsinmm/inches tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3 test circuit for diode characteristics diode recovery waveform t v , i i rrm i f v ds 10 % i rrm t rr t f t s q f q s di f / dt di rr / dt v ds ( peak ) q rr = q f + q s t rr = t f + t s v ds i f v ds i f r g 1 r g 2 r g 1 = r g 2 switching times test circuit for inductive load switching times waveform v ds v gs t d ( on ) t d ( off ) t r t on t f t off 10 % 90 % v ds v gs unclamped inductive load test circuit unclamped inductive waveform v ds v ( br ) ds i d v ds v ds i d
14 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet figure2outlinepg-to251,dimensionsinmm/inches tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3 test circuit for diode characteristics diode recovery waveform t v , i i rrm i f v ds 10 % i rrm t rr t f t s q f q s di f / dt di rr / dt v ds ( peak ) q rr = q f + q s t rr = t f + t s v ds i f v ds i f r g 1 r g 2 r g 1 = r g 2 switching times test circuit for inductive load switching times waveform v ds v gs t d ( on ) t d ( off ) t r t on t f t off 10 % 90 % v ds v gs unclamped inductive load test circuit unclamped inductive waveform v ds v ( br ) ds i d v ds v ds i d
15 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet 8appendixa table12relatedlinks ? ifxcoolmos tm cewebpage:  www.infineon.com ? ifxcoolmos tm ceapplicationnote:  www.infineon.com ? ifxcoolmos tm cesimulationmodel:  www.infineon.com ? ifxdesigntools:  www.infineon.com tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3 test circuit for diode characteristics diode recovery waveform t v , i i rrm i f v ds 10 % i rrm t rr t f t s q f q s di f / dt di rr / dt v ds ( peak ) q rr = q f + q s t rr = t f + t s v ds i f v ds i f r g 1 r g 2 r g 1 = r g 2 switching times test circuit for inductive load switching times waveform v ds v gs t d ( on ) t d ( off ) t r t on t f t off 10 % 90 % v ds v gs unclamped inductive load test circuit unclamped inductive waveform v ds v ( br ) ds i d v ds v ds i d
16 600vcoolmos?cepowertransistor IPD60R1K0CE,ipu60r1k0ce rev.2.0,2014-09-25 final data sheet revisionhistory IPD60R1K0CE, ipu60r1k0ce revision:2014-09-25,rev.2.0 previous revision revision date subjects (major changes since last revision) 2.0 2014-09-25 release of final version welistentoyourcomments anyinformationwithinthisdocumentthatyoufeeliswrong,unclearormissingatall?yourfeedbackwillhelpustocontinuously improvethequalityofthisdocument.pleasesendyourproposal(includingareferencetothisdocument)to: erratum@infineon.com publishedby infineontechnologiesag 81726mnchen,germany ?2014infineontechnologiesag allrightsreserved. legaldisclaimer theinformationgiveninthisdocumentshallinnoeventberegardedasaguaranteeofconditionsorcharacteristics.with respecttoanyexamplesorhintsgivenherein,anytypicalvaluesstatedhereinand/oranyinformationregardingtheapplication ofthedevice,infineontechnologiesherebydisclaimsanyandallwarrantiesandliabilitiesofanykind,includingwithout limitation,warrantiesofnon-infringementofintellectualpropertyrightsofanythirdparty. information forfurtherinformationontechnology,deliverytermsandconditionsandpricespleasecontactyournearestinfineon technologiesoffice( www.infineon.com ). warnings duetotechnicalrequirements,componentsmaycontaindangeroussubstances.forinformationonthetypesinquestion, pleasecontactthenearestinfineontechnologiesoffice. theinfineontechnologiescomponentdescribedinthisdatasheetmaybeusedinlife-supportdevicesorsystemsand/or automotive,aviationandaerospaceapplicationsorsystemsonlywiththeexpresswrittenapprovalofinfineontechnologies,ifa failureofsuchcomponentscanreasonablybeexpectedtocausethefailureofthatlife-support,automotive,aviationand aerospacedeviceorsystemortoaffectthesafetyoreffectivenessofthatdeviceorsystem.lifesupportdevicesorsystemsare intendedtobeimplantedinthehumanbodyortosupportand/ormaintainandsustainand/orprotecthumanlife.iftheyfail,itis reasonabletoassumethatthehealthoftheuserorotherpersonsmaybeendangered. tab 1 2 3 1 2 tab 3 d r a i n p i n 2 , t a b g a t e p i n 1 s o u r c e p i n 3 test circuit for diode characteristics diode recovery waveform t v , i i rrm i f v ds 10 % i rrm t rr t f t s q f q s di f / dt di rr / dt v ds ( peak ) q rr = q f + q s t rr = t f + t s v ds i f v ds i f r g 1 r g 2 r g 1 = r g 2 switching times test circuit for inductive load switching times waveform v ds v gs t d ( on ) t d ( off ) t r t on t f t off 10 % 90 % v ds v gs unclamped inductive load test circuit unclamped inductive waveform v ds v ( br ) ds i d v ds v ds i d


▲Up To Search▲   

 
Price & Availability of IPD60R1K0CE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X