q?v~zy??q?v?_rc]~???qcabdq HFP13N65U bv dss = 650 v r ds(on) typ =0.4
i d =14.0 a ? originative new design ? superior avalanche rugged technology ? robust gate oxide technology ? very low intrinsic capacitances ? excellent switching characteristics ? unrivalled gate charge : 60.0 nc (typ.) ? extended safe operating area ? lower r ds(on) :
(typ.) @v gs =10v ? 100% avalanche tested features absolute maximum ratings t c =25 e unless otherwise specified HFP13N65U 650v n-channel mosfet symbol parameter value units v dss drain-source voltage 650 v i d drain current ? continuous (t c = 25 e ) 14.0 a drain current ? continuous (t c = 100 e ) 8.8 a i dm drain current ? pulsed (note 1) 56.0 a v gs gate-source voltage 30 v e as single pulsed avalanche energy (note 2) 810 mj i ar avalanche current (note 1) 14.0 a e ar repetitive avalanche energy (note 1) 23.0 mj dv/dt peak diode recovery dv/dt (note 3) 4.5 v/ns p d power dissipation (t c = 25 e ) - derate above 25 e 230 w 1.84 w/ e t j , t stg operating and storage temperature range -55 to +150 e t l maximum lead temperature for soldering purposes, 1/8? from case for 5 seconds 300 e 1.gate 2. drain 3. source 2 1 3 to-220 thermal resistance characteristics symbol parameter typ. max. units r jc junction-to-case -- 0.54 e /w r cs case-to-sink 0.5 -- r ja junction-to-ambient -- 62.5 march 2013
q?v~zy??q?v?_rc]~???qcabdq HFP13N65U notes ; 1. repetitive rating : pulse width limited by maximum junction temperature 2. l=7.6mh, i as =14.0a, v dd =50v, r g =25 : , starting t j =25 q c 3. i sd ? $ ,di/dt ? $ v , v dd ? % 9 dss , starting t j =25 q c 4. pulse test : pulse width ? v ' x w \ & |